Part Number Hot Search : 
LB1609 DRP10 TRANS RG4CZ 24121 ISL6251 SEL4925A C2610E
Product Description
Full Text Search
 

To Download VCP35AXT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  80 features ? 3.3v operation ? lv-pecl ? enable/disable ? tape and reel (2,000 pcs. std) all dimensions are in millimeters. options ? -40oc ~ +85oc option ('r' version) output (pin 4, pin 5) active high z active ? enable / disable function 2 (pin 2) open '1' level v ih v dd -1.1v '0' level v il v dd -1.6v vcp3_axt series recommended circuit 100ppm 100ppm 125ppm operating temperature -10 ~ +70 (oc) -40 ~ +85 (oc) -10 ~ +70 (oc) VCP35AXT VCP35AXTr vcp32axt model number 50.000 ~ 600.000 mhz -55oc ~ +125oc 3.3v 5% 120ma 40% ~ 60% 0.55ns 0.55ns 1.7v 2.2v min see recommended circuit 10ms 100ns 10ms 10% 20 khz min -110dbc/hz 5ps rms parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) output symmetry (50% vp-p) rise time (20% ~ 80% vp-p) (t r ) fall time (80% ~ 20% vp-p) (t f ) output voltage (v ol ) (v oh ) output load start-up time (t s ) output disable time output enable time frequency linearity modulation bandwidth phase noise (@ 10khz) phase jitter (12khz ~ 20mhz) ? electrical characteristics max (unless otherwise noted) preliminary 1 inclusive of 25oc tolerance, operating temperature range, input voltage change, load change, aging, shock, vibration and vc = 1.65v 1.5v. 2 an internal pulldown resistor from pin 2 to pin 3 allows active output if pin 2 is left open. note: a 0.01f bypass capacitor should be placed between v dd (pin 6) and gnd (pin 3) to minimize power supply line noise. all specifications subject to change without notice. rev. 3/28/05 ? part number selection learn more - internet required frequency range (mhz) 50.000 ~ 600.000 50.000 ~ 600.000 50.000 ~ 600.000 part number 626-frequency-xxxxx 677-frequency-xxxxx 625-frequency-xxxxx apr 1 learn more about: part marking identification t ape and reel s pecification internet required 3.3v smd lv-pecl oscillator model: vcp3_axt series fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1(239) 693.0099 fax +1 (239) 693.1554 http://www .foxonline.com emea munich, germany +49 0 89.90936870 fax +49 0 89.90936776 | asia hong kong +852.2854.4285 fax +852.2854.4282 ? 2005 fox electronics


▲Up To Search▲   

 
Price & Availability of VCP35AXT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X