www.adata-group.com features > mtbf: 1,000,000 hrs > trim support (requires os support) > ncq support > self-monitoring, analysis and reporting technology (s.m.a.r.t.) support > backwards compatible with sata ii > 3.5? desktop conversion bracket > acronis true image hd, disk migration utility > 3-year warranty > os compatibility: windows 7 / windows xp / windows vista / mac os x / linux adata premier pro SP900 solid state drive sata 6gb/sec specifications > capacities: 64/128/256 gb > nand flash components: 2xnm multi-level cell (mlc) asynchronous nand flash memory > interface: sata 6gb/sec (sata iii) > controller: sandforce 2281 > form factor: 2.5? > dimensions: 100 x 69.85 x 9.5mm (l x w x h) > weight: 76g performance test system: asus sabertooth p67, intel i5 2500k, 8gb ddr3 ram, windows 7 professional version up to 505 up to 550 up to 520 up to 550 up to 530 up to 555 75 145 255 55 95 150 75 140 215 185 210 220 64 gb 128 gb 256 gb capacity write speed atto (mb/sec) read speed atto (mb/sec) sequential write as-ssd (mb/sec) sequential read as-ssd (mb/sec) 4k random write as-ssd (mb/sec) 4k random read as-ssd (mb/sec)
www.adata-group.com adata premier pro SP900 solid state drive sata 6gb/sec > weight: 76g > certifications: ce / fcc / vcci / bsmi environmental parameters ordering information dimensional drawings > power consumption: 0.5w idle > operating temperature: 0~70c > storage temperature: -40~85c > operating humidity: 10% to 90% rh (0 to 40c) > storing humidity: 5% to 90% rh (-10 to 40c) > max operating altitude: 12000m > shock resistance: 1500g > ecc recovery: up to 55 bits correctable per 512-byte sector (bch) *varies depending on exact configuration 9.5 14 14 90.6 90.6 61.71 3 69.85 0.25 100 0.25 0.9w active adata part no. description capacity SP900s3 64gb sf2281 SP900s3 128gb sf2281 SP900s3 256gb sf2281 64 gb 128 gb 256gb aSP900s3-64gm-c aSP900s3-128gm-c aSP900s3-256gm-c ean code 4713435794753 4713435794623 4713435794760
|