Part Number Hot Search : 
FDMS3572 60VIC MT8D132 HT12B 210Y104 K03D2 1N5420 K03D2
Product Description
Full Text Search
 

To Download QL63F5SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  QL63F5SA ingaalp laser diode 2002 overview ql6 3f5 sa is a mocvd grown 6 35 nm band ingaalp laser diode with quantum well structure. it's an attractive light source , with a typical light output power of 10 mw for optoelectronic devices such as optical leveler and m odules. application - optical leveler - optical module - bar code reader features - visible light output: lp = 635 nm (tm mode) - optical power output: 10 mw cw - package type: to-18 (5.6 mmf ) - built - in photo diode for monitoring laser diode electrical connection bottom view pin configuration
absolute maximum rating at tc=25 c items symbols values unit optical output power p 12 mw laser diode reverse voltage v 2 v photo diode reverse voltage v 30 v operating temperature topr - 10 ~ + 50 c storage temperature tstg - 40 ~ + 85 c electrical and optical characteristics at tc=25 c items symbols min. typ. max. unit condition optical output power po - 10 - mw - threshold current ith - 4 0 50 ma - operating current iop - 55 70 ma po = 10 mw operating voltage vop - 2.2 2.7 v po = 10 mw lasing wavelength l p 630 637 645 nm po = 10 mw q 7 8 12 deg po = 10 mw beam divergence q ^ 22 32 40 deg po = 10 mw d q - - 1.5 deg po = 10 mw beam angle d q ^ - - 2.5 deg po = 10 mw monitor current im 0.2 0.4 0.8 ma po = 10 mw optical distance d x, d y, d z - - 60 m m - notice : QL63F5SA to be operate d on apc circuit. the above product specifications are subject to change without notice.
package dimension


▲Up To Search▲   

 
Price & Availability of QL63F5SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X