Part Number Hot Search : 
17101 F06T4 NTE3026 16X5R CM509K R3000 CO55C 30452
Product Description
Full Text Search
 

To Download NTLJS4114NT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 november, 2006 ? rev. 1 1 publication order number: ntljs4114n/d ntljs4114n power mosfet 30 v, 7.8 a,  cool  single n?channel, 2x2 mm wdfn package features ? wdfn package provides exposed drain pad for excellent thermal conduction ? 2x2 mm footprint same as sc?88 ? lowest r ds(on) in 2x2 mm package ? 1.8 v r ds(on) rating for operation at low voltage logic level gate drive ? low profile (< 0.8 mm) for easy fit in thin environments ? this is a pb?free device applications ? dc?dc conversion ? boost circuits for led backlights ? optimized for battery and load management applications in portable equipment such as, cell phones, pda?s, media players, etc. ? low side load switch for noisy environment maximum ratings (t j = 25 c unless otherwise noted) parameter symbol value unit drain?to?source v oltage v dss 30 v gate?to?source v oltage v gs 12 v continuous drain current (note 1) steady state t a = 25 c i d 6.0 a t a = 85 c 4.4 t 5 s t a = 25 c 7.8 power dissipation (note 1) steady state t a = 25 c p d 1.92 w t 5 s 3.3 continuous drain current (note 2) steady state t a = 25 c i d 3.6 a t a = 85 c 2.6 power dissipation (note 2) t a = 25 c p d 0.70 w pulsed drain current t p = 10  s i dm 28 a operating junction and storage temperature t j , t stg ?55 to 150 c source current (body diode) (note 2) i s 3.0 a lead temperature for soldering purposes (1/8 from case for 10 s) t l 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. surface mounted on fr4 board using 1 in sq pad size (cu area = 1.127 in sq [2 oz] including traces). 2. surface mounted on fr4 board using the minimum recommended pad size of 30 mm2, 2 oz cu. http://onsemi.com 30 v 45 m  @ 2.5 v 35 m  @ 4.5 v r ds(on) max 7.8 a i d max (note 1) v (br)dss 55 m  @ 1.8 v g s n?channel mosfet d ja = specific device code m = date code  = pb?free package ja m   1 2 3 6 5 4 wdfn6 case 506ap style 1 marking diagram device package shipping ? ordering information NTLJS4114NT1G wdfn6 (pb?free) 3000/tape & ree l ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. 1 2 3 6 5 4 d d g d d s (top view) pin connections d s s d pin 1 (note: microdot may be in either location)
ntljs4114n http://onsemi.com 2 thermal resistance ratings parameter symbol max unit junction?to?ambient ? steady state (note 3) r  ja 65 c/w junction?to?ambient ? t 5 s (note 3) r  ja 38 junction?to?ambient ? steady state min pad (note 4) r  ja 180 3. surface mounted on fr4 board using 1 in sq pad size (cu area = 1.127 in sq [2 oz] including traces). 4. surface mounted on fr4 board using the minimum recommended pad size (30 mm 2 , 2 oz cu). mosfet electrical characteristics (t j = 25 c unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics drain?to?source breakdown voltage v (br)dss v gs = 0 v, i d = 250  a 30 v drain?to?source breakdown voltage temperature coefficient v (br)dss /t j i d = 250  a, ref to 25 c 20 mv/ c zero gate voltage drain current i dss v ds = 24 v, v gs = 0 v t j = 25 c 1.0  a t j = 85 c 10 gate?to?source leakage current i gss v ds = 0 v, v gs = 12 v 100 na on characteristics (note 5) gate threshold voltage v gs(th) v gs = v ds , i d = 250  a 0.4 0.55 1.0 v negative gate threshold temperature coefficient v gs(th) /t j 3.18 mv/ c drain?to?source on?resistance r ds(on) v gs = 4.5 v, i d = 2.0 a 20.3 35 m  v gs = 2.5 v, i d = 2.0 a 25.8 45 v gs = 1.8 v, i d = 1.8 a 35.2 55 forward transconductance g fs v ds = 16 v, i d = 2.0 a 8 s charges, capacitances and gate resistance input capacitance c iss v gs = 0 v, f = 1.0 mhz, v ds = 15 v 650 pf output capacitance c oss 115.5 reverse transfer capacitance c rss 70 total gate charge q g(tot) v gs = 4.5 v, v ds = 15 v, i d = 2.0 a 8.5 13 nc threshold gate charge q g(th) 0.6 gate?to?source charge q gs 0.9 gate?to?drain charge q gd 2.1 gate resistance r g 3.0  switching characteristics (note 6) turn?on delay time t d(on) v gs = 4.5 v, v dd = 15 v, i d = 2.0 a, r g = 3.0  5 ns rise time t r 9 turn?off delay time t d(off) 20 fall time t f 4 drain?source diode characteristics forward recovery voltage v sd v gs = 0 v, is = 2.0 a t j = 25 c 0.71 1.2 v t j = 85 c 0.58 reverse recovery time t rr v gs = 0 v, d isd /d t = 100 a/  s, i s = 1.0 a 14 35 ns charge time t a 8.0 discharge time t b 6.0 reverse recovery time q rr 5.0 nc 5. pulse test: pulse width  300  s, duty cycle  2%. 6. switching characteristics are independent of operating junction temperatures.
ntljs4114n http://onsemi.com 3 typical performance curves (t j = 25 c unless otherwise noted) 1 0.05 3 2 0.03 0.01 0 46 1.6 1.2 1.4 1.0 0.8 0.6 10000 06 2 1 v ds , drain?to?source voltage (v) i d , drain current (a) 0 v gs , gate?to?source voltage (v) figure 1. on?region characteristics figure 2. transfer characteristics i d , drain current (a) 1.0 0.025 2.0 1.5 0.015 0.01 0.005 3.0 figure 3. on?resistance versus drain current i d , drain current (a) figure 4. on?resistance versus drain current and gate voltage i d , drain current (a) r ds(on) , drain?to?source resistance (  ) r ds(on) , drain?to?source resistance (  ) figure 5. on?resistance variation with temperature t j , junction temperature ( c) figure 6. drain?to?source leakage current versus voltage v ds , drain?to?source voltage (v) r ds(on) , drain?to?source resistance (normalized) i dss , leakage (na) 7 ?50 50 25 0 ?25 75 125 100 1 212 10 4 3 1 2 v ds 10 v t j = 25 c t j = ?55 c t j = 100 c v gs = 1.8 v v gs = 0 v i d = 2 a v gs = 4.5 v 3 0.03 t j = 100 c t j = 150 c 2 0 8 1.5 t j = 25 c 20 v gs = 1.6 v to 8 v 1.5 v 3 4 4 0 4 0.02 0.02 t j = 25 c 150 1000 100000 2.5 1.4 v 1.3 v 1.2 v t j = 25 c v gs = 4.5 v t j = ?55 c t j = 100 c 0.04 v gs = 4.5 v v gs = 2.5 v 6 8 14 16 18 2 0.5 2.5 5 5 6 0.5 5 1.5 2.5 3.5 4.5 5.5 6
ntljs4114n http://onsemi.com 4 typical performance curves (t j = 25 c unless otherwise noted) 5 5 15 20 25 gate?to?source or drain?to?source voltage (v) c, capacitance (pf) figure 7. capacitance variation ?200 v gs v ds 1000 010 c oss c rss 1600 c iss figure 8. gate?to?source and drain?to?source voltage versus total charge figure 9. resistive switching time variation versus gate resistance r g , gate resistance (ohms) 1 10 100 1000 1 t, time (ns) 100 t r t d(off) t d(on) t f 10 v dd = 15 v i d = 3.0 a v gs = 4.5 v 4 0 0.3 v sd , source?to?drain voltage (v) i s , source current (amps) v gs = 0 v figure 10. diode forward voltage versus current 0.8 1 0.6 2 figure 11. maximum rated forward biased safe operating area 0.1 1 100 v ds , drain?to?source voltage (v) 1 100 i d , drain current (amps) r ds(on) limit thermal limit package limit 10 10 single pulse t c = 25 c t j = 150 c 1 ms 100  s 10 ms dc 10  s 30 t j = 25 c 0.1 0.01 v gs , gate?to?source voltage (volts) 0 3 0 q g , total gate charge (nc) 5 4 4 i d = 2 a t j = 25 c v gs q gs q gd qt 2 1 8 8 0 20 12 4 v ds , drain?to?source voltage (volts) v ds 16 3 0.7 0.5 0.4 see note 2 on page 1 400 v ds = 0 v v gs = 0 v t j = 25 c
ntljs4114n http://onsemi.com 5 typical performance curves (t j = 25 c unless otherwise noted) figure 12. thermal response t, time (s) 1 1000 0.1 0.2 0.02 d = 0.5 0.05 0.01 single pulse d curves apply for power pulse train shown read time at t 1 t j(pk) ? t a = p (pk) r  ja (t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 100 1000 10 0.1 0.001 0.0001 0.000001 0.1 100 10 1 0.01 0.00001 effective transient thermal resistance see note 2 on page 1
ntljs4114n http://onsemi.com 6 package dimensions notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.15 and 0.20mm from terminal. 4. coplanarity applies to the exposed pad as well as the terminals. 5. center terminal lead is optional. terminal lead is connected to terminal lead # 4. 6. pins 1, 2, 5 and 6 are tied to the flag. c a seating plane d b e 0.10 c a3 a a1 2x 2x 0.10 c wdfn6 2x2 case 506ap?01 issue b dim a min max millimeters 0.70 0.80 a1 0.00 0.05 a3 0.20 ref b 0.25 0.35 b1 0.65 ref d d2 e e2 0.27 ref e 0.15 ref k l pin one reference 0.08 c 0.10 c 7x a 0.10 c note 3 l e d2 e2 b b 3 6 6x 1 k 4 6x 0.05 c 4x j j1 a 0.10 c b1 b 6x 0.05 c l2 note 5 l2 j j1 0.51 0.61 2.00 bsc 1.00 1.20 2.00 bsc 1.10 1.30 0.65 bsc 0.20 0.30 0.20 0.30 bottom view 2.30 6x pitch 1 1.25 0.60 0.35 0.65 0.66 6x 0.43 dimensions: millimeters 1.10 0.35 0.34 style 1: pin 1. drain 2. drain 3. gate 4. source 5. drain 6. drain *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?t ypicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license un der its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended f or surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in a ny manner. ntljs4114n/d  cool is a trademark of semiconductor components industries, llc (scillc). publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NTLJS4114NT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X