Part Number Hot Search : 
6N60A 48D05 BXMP1038 HR300 48D05 2M10V NFSW757D RDAB2U20
Product Description
Full Text Search
 

To Download NTE704 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NTE704 integrated circuit tv sound, if amp features & applications:  exceptionally high gain: power gain at 4.5hz ? 75db typ.  excellent limiting characteristics: input limiting voltage (knee) = 300 v at 4.5mhz  excellent am rejection: > 50db at 4.5mhz  high audio?voltage recovery: 20mv typ at 4.5mhz, 25khz deviation  wide frequency capability: 100khz to > 20mhz  comprehensive circuit functions: if amplifier am and noise limiter fm detector audio preamplifier absolute maximum ratings : (t a = +25 c unless otherwise specified) maximum input?signal voltage (between pin1 and pin2) 3v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . maximum device dissipation 300mw . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . recommended minimum dc supply voltage (v cc ) 5.5v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . operating temperature range, t opr ?55 to +125 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ?65 to +150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . electrical characteristics : (t a = +25 c unless otherwise specifid) parameter symbol test conditions min typ max unit total device dissipation p t note 1 v cc = 6v 73 90 110 mw v cc = 7.5v 106 120 150 mw v cc = 10v 165 190 230 mw voltage gain a f = 1mc/s, v cc = 6v 60 66 ? db note 2 v cc = 7.5v 65 70 ? db v cc = 10v 65 71 ? db v cc = 7.5v, f = 4.5mc/s 60 67 ? db note 2 f = 10.7mc/s 55 60 ? db note 1. total current drain may be determined by dividing p t by v cc . note 2. recommended minimum dc supply voltage (v cc ) is 5.5v. nominal load current flowing into pin5 is 1.5ma at 7.5v.
electrical characteristics (cont?d) : (t a = +25 c unless otherwise specifid) parameter symbol test conditions min typ max unit parallel input resistance r in f = 4.5mc/s, v cc = 7.5v ? 3 ? k ? parallel input capacitance c in ? 7 ? pf parallel output resistance r out f = 4.5mc/s, v cc = 7.5v ? 31.5 ? k ? parallel output capacitance c out ? 4.2 ? pf noise figure nf f = 4.5mc/s, v cc = 7.5v ? 8.7 ? db input limiting voltage (knee) v i(lim) f = 4.5mc/s, v cc = 7.5v ? 300 400 v recovered af v o(af) f = 4.5mc/s v cc = 6v ? 155 ? mv v cc = 7.5v 135 188 ? mv v cc = 10v ? 220 ? mv amplitude modulation rejection amr f = 4.5mc/s, v cc = 7.5v ? 50 ? db discriminator output resistance r o (dics) f = 4.5mc/s, v cc = 7.5v ? 60 ? ? total harmonic distortion thd f = 4.5mc/s, v cc = 7.5v ? 1.8 ? % pin connection diagram (top view) 10 9 8 5 4 3 2 7 6 1 bypass input 4.5mh z primary discrimin transformer/v cc (+) secondary discrim transformer secondary discrimin transformer primary discrimin transformer tertiary winding gnd input 4.5mh z output 4 .018 (0.45) dia typ .335 (8.52) dia max .115 (2.92) .230 (5.84) dia .260 (6.6) max .500 (12.7) min .370 (9.4) max 1 2 3 4 5 6 7 8 9 10


▲Up To Search▲   

 
Price & Availability of NTE704

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X