Part Number Hot Search : 
ST333C T6302 MAX5422 CSNL361 STPS2L40 00022 2SK2183 2SK3901
Product Description
Full Text Search
 

To Download MC74LVX00-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  quad 2-input nand gate with 5vtolerant inputs the mc74lvx00 is an advanced high speed cmos 2input nand gate. the inputs tolerate voltages up to 7v, allowing the interface of 5v systems to 3v systems. ? high speed: t pd = 4.1ns (typ) at v cc = 3.3v ? low power dissipation: i cc = 2 m a (max) at t a = 25 c ? power down protection provided on inputs ? balanced propagation delays ? low noise: v olp = 0.5v (max) ? pin and function compatible with other standard logic families ? latchup performance exceeds 300ma ? esd performance: hbm > 2000v; machine model > 200v lvx pin names function data inputs outputs pins an, bn on mc74lvx00 lowvoltage cmos d suffix 14lead soic package case 751a03 dt suffix 14lead tssop package case 948g01 m suffix 14lead soic eiaj package case 96501 ? semiconductor components industries, llc, 2001 february, 2001 rev. 1 1 publication order number: mc74lvx00/d
mc74lvx00 http://onsemi.com 2 figure 1. 14lead pinout (top view) 13 14 12 11 10 9 8 2 1 34567 v cc a2 b2 o2 a3 b3 o3 a0 b0 o0 a1 b1 o1 gnd 3 o0 1 a0 figure 2. logic diagram 2 b0 6 o1 4 a1 5 b1 11 o2 13 a2 12 b2 8 o3 10 a3 9 b3 l l h h l h l h inputs outputs an bn h h h l on function table
mc74lvx00 http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? maximum ratings* ???? ???? symbol ??????????????????????? ??????????????????????? parameter ??????? ??????? value ?? ?? unit ???? ???? v cc ??????????????????????? ??????????????????????? dc supply voltage ??????? ??????? 0.5 to + 7.0 ?? ?? v ???? ???? v in ??????????????????????? ??????????????????????? dc input voltage ??????? ??????? 0.5 to + 7.0 ?? ?? v ???? ???? v out ??????????????????????? ??????????????????????? dc output voltage ??????? ??????? 0.5 to v cc + 0.5 ?? ?? v ???? ???? i ik ??????????????????????? ??????????????????????? input diode current ??????? ??????? 20 ?? ?? ma ???? ???? i ok ??????????????????????? ??????????????????????? output diode current ??????? ??????? 20 ?? ?? ma ???? ???? i out ??????????????????????? ??????????????????????? dc output current, per pin ??????? ??????? 25 ?? ?? ma ???? ???? i cc ??????????????????????? ??????????????????????? dc supply current, v cc and gnd pins ??????? ??????? 50 ?? ?? ma ???? ???? p d ??????????????????????? ??????????????????????? power dissipation ??????? ??????? 180 ?? ?? mw ???? ???? t stg ??????????????????????? ??????????????????????? storage temperature ??????? ??????? 65 to + 150 ?? ??  c * absolute maximum continuous ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolutemaximumrated co nditions is not implied. recommended operating conditions ???? ???? symbol ??????????????????????? ??????????????????????? parameter ???? ???? min ???? ???? max ?? ?? unit ???? ???? v cc ??????????????????????? ??????????????????????? dc supply voltage ???? ???? 2.0 ???? ???? 3.6 ?? ?? v ???? ???? v in ??????????????????????? ??????????????????????? dc input voltage ???? ???? 0 ???? ???? 5.5 ?? ?? v ???? ???? v out ??????????????????????? ??????????????????????? dc output voltage ???? ???? 0 ???? ???? v cc ?? ?? v ???? ???? t a ??????????????????????? ??????????????????????? operating temperature, all package types ???? ???? 40 ???? ???? + 85 ?? ??  c ???? ???? d t/ d v ??????????????????????? ??????????????????????? input rise and fall time ???? ???? 0 ???? ???? 100 ?? ?? ns/v ????????????????????????????????? ????????????????????????????????? dc electrical characteristics ???? ???? ??????? ??????? ?????? ?????? ???? ???? v cc ????????? ????????? t a = 25 c ??????? ??????? t a = 40 to 85 c ?? ?? ???? ???? symbol ??????? ??????? parameter ?????? ?????? test conditions ???? ???? v cc v ???? ???? min ??? ??? typ ???? ???? max ???? ???? min ???? ???? max ?? ?? unit ???? ? ?? ? ? ?? ? ???? v ih ??????? ? ????? ? ? ????? ? ??????? highlevel input voltage ?????? ? ???? ? ? ???? ? ?????? ???? ? ?? ? ? ?? ? ???? 2.0 3.0 3.6 ???? ? ?? ? ? ?? ? ???? 1.5 2.0 2.4 ??? ? ? ? ? ? ? ??? ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 1.5 2.0 2.4 ???? ? ?? ? ? ?? ? ???? ?? ?? ?? ?? v ???? ? ?? ? ???? v il ??????? ? ????? ? ??????? lowlevel input voltage ?????? ? ???? ? ?????? ???? ? ?? ? ???? 2.0 3.0 3.6 ???? ? ?? ? ???? ??? ? ? ? ??? ???? ? ?? ? ???? 0.5 0.8 0.8 ???? ? ?? ? ???? ???? ? ?? ? ???? 0.5 0.8 0.8 ?? ?? ?? v ???? ? ?? ? ???? v oh ??????? ? ????? ? ??????? highlevel output voltage (v in = v ih or v il ) ?????? ? ???? ? ?????? i oh = 50 m a i oh = 50 m a i oh = 4ma ???? ? ?? ? ???? 2.0 3.0 3.0 ???? ? ?? ? ???? 1.9 2.9 2.58 ??? ? ? ? ??? 2.0 3.0 ???? ? ?? ? ???? ???? ? ?? ? ???? 1.9 2.9 2.48 ???? ? ?? ? ???? ?? ?? ?? v ???? ? ?? ? ? ?? ? ???? v ol ??????? ? ????? ? ? ????? ? ??????? lowlevel output voltage (v in = v ih or v il ) ?????? ? ???? ? ? ???? ? ?????? i ol = 50 m a i ol = 50 m a i ol = 4ma ???? ? ?? ? ? ?? ? ???? 2.0 3.0 3.0 ???? ? ?? ? ? ?? ? ???? ??? ? ? ? ? ? ? ??? 0.0 0.0 ???? ? ?? ? ? ?? ? ???? 0.1 0.1 0.36 ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 0.1 0.1 0.44 ?? ?? ?? ?? v ???? ???? i in ??????? ??????? input leakage current ?????? ?????? v in = 5.5v or gnd ???? ???? 3.6 ???? ???? ??? ??? ???? ???? 0.1 ???? ???? ???? ???? 1.0 ?? ?? m a ???? ???? i cc ??????? ??????? quiescent supply current ?????? ?????? v in = v cc or gnd ???? ???? 3.6 ???? ???? ??? ??? ???? ???? 2.0 ???? ???? ???? ???? 20.0 ?? ?? m a
mc74lvx00 http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? ac electrical characteristics (input t r = t f = 3.0ns) ???? ???? ????????? ????????? ???????? ???????? ????????? ????????? t a = 25 c ?????? ?????? t a = 40 to 85 c ?? ?? ???? ???? symbol ????????? ????????? parameter ???????? ???????? test conditions ???? ???? min ??? ??? typ ???? ???? max ??? ??? min ???? ???? max ?? ?? unit ???? ? ?? ? ???? t plh , t phl ????????? ? ??????? ? ????????? propagation delay, input to output ???????? ? ?????? ? ???????? v cc = 2.7v c l = 15pf c l = 50pf ???? ? ?? ? ???? ??? ? ? ? ??? 5.4 7.9 ???? ? ?? ? ???? 10.1 13.6 ??? ? ? ? ??? 1.0 1.0 ???? ? ?? ? ???? 12.5 16.0 ?? ?? ?? ns ???? ???? ????????? ????????? ???????? ???????? v cc = 3.3 0.3v c l = 15pf c l = 50pf ???? ???? ??? ??? 4.1 6.6 ???? ???? 6.2 9.7 ??? ??? 1.0 1.0 ???? ???? 7.5 11.0 ?? ?? ???? ? ?? ? ???? t oshl t oslh ????????? ? ??????? ? ????????? outputtooutput skew (note 1.) ???????? ? ?????? ? ???????? v cc = 2.7v c l = 50pf v cc = 3.3 0.3v c l = 50pf ???? ? ?? ? ???? ??? ? ? ? ??? ???? ? ?? ? ???? 1.5 1.5 ??? ? ? ? ??? ???? ? ?? ? ???? 1.5 1.5 ?? ?? ?? ns 1. skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same d evice. the specification applies to any outputs switching in the same direction, either hightolow (t oshl ) or lowtohigh (t oslh ); parameter guaranteed by design. ????????????????????????????????? capacitive characteristics ???? ???? ???????????????? ???????????????? ????????? ????????? t a = 25 c ?????? ?????? t a = 40 to 85 c ?? ?? ???? ???? symbol ???????????????? ???????????????? parameter ???? ???? min ??? ??? typ ???? ???? max ??? ??? min ???? ???? max ?? ?? unit ???? ???? c in ???????????????? ???????????????? input capacitance ???? ???? ??? ??? 4 ???? ???? 10 ??? ??? ???? ???? 10 ?? ?? pf ???? ???? c pd ???????????????? ???????????????? power dissipation capacitance (note 2.) ???? ???? ??? ??? 19 ???? ???? ??? ??? ???? ???? ?? ?? pf 2. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc /4 (per gate). c pd is used to determine the noload dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc . noise characteristics (input t r = t f = 3.0ns, c l = 50pf, v cc = 3.3v, measured in soic package) t a = 25 c symbol characteristic typ max unit v olp quiet output maximum dynamic v ol 0.3 0.5 v v olv quiet output minimum dynamic v ol 0.3 0.5 v v ihd minimum high level dynamic input voltage 2.0 v v ild maximum low level dynamic input voltage 0.8 v figure 3. switching waveforms v cc gnd 50% 50% v cc a or b o t phl t plh *includes all probe and jig capacitance figure 4. test circuit c l * test point device under test output
mc74lvx00 http://onsemi.com 5 outline dimensions d suffix plastic soic package case 751a03 issue f min min max max millimeters inches dim a b c d f g j k m p r 8.55 3.80 1.35 0.35 0.40 0.19 0.10 0 5.80 0.25 8.75 4.00 1.75 0.49 1.25 0.25 0.25 7  6.20 0.50 0.337 0.150 0.054 0.014 0.016 0.008 0.004 0 0.228 0.010 0.344 0.157 0.068 0.019 0.049 0.009 0.009 7  0.244 0.019 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b p 7 pl g c k seating plane d 14 pl m j r x 45 1 7 8 14 0.25 (0.010) t b a m s s b 0.25 (0.010) m m f
mc74lvx00 http://onsemi.com 6 outline dimensions m suffix plastic soic eiaj package case 96501 issue o z d h e e 1 14 8 7 b a 1 a e l dim min max min max inches  2.05  0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035  1.42  0.056 a 1 a b c d e e l m z h e q 1 l e  10  0  10  l e q 1 c m  view p detail p notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004)
mc74lvx00 http://onsemi.com 7 outline dimensions dt suffix plastic tssop package case 948g01 issue o dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l u seating plane 0.10 (0.004) t ??? ??? section nn detail e j j1 k k1 detail e f m w 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t v 14x ref k n n
mc74lvx00 http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74lvx00/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MC74LVX00-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X