Part Number Hot Search : 
TR3E476 KSR2102 74HC14 SDS915F ZMM75 106KA 4GBJ410 AD7520KD
Product Description
Full Text Search
 

To Download MAX5071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max5070/MAX5071 bicmos, high-performance, current-mode pwm controllers have all the features required for wide input voltage range isolated/nonisolated power supplies. these controllers are used for low- and high-power universal input voltage and telecom power supplies. the max5070/MAX5071 contain a fast comparator with only 60ns typical delay from current sense to the output for overcurrent protection. the max5070a/max5070b have an integrated error amplifier with the output at comp. soft-start is achieved by controlling the comp voltage rise using external components. the frequency is adjustable from 20khz to 1mhz with an external resistor and capacitor. the timing capacitor discharge current is trimmed allowing for programma- ble dead time and maximum duty cycle for a given fre- quency. the available saw-toothed waveform at r t c t can be used for slope compensation when needed. the MAX5071a/MAX5071b include a bidirectional syn- chronization circuit allowing for multiple controllers to run at the same frequency to avoid beat frequencies. synchronization is accomplished by simply connecting the sync pins of all devices together. when synchro- nizing with other devices, the MAX5071a/MAX5071b with the highest frequency synchronizes the other devices. alternatively, the MAX5071a/MAX5071b can be synchronized to an external clock with an open- drain output stage running at a higher frequency. the MAX5071c provides a clock output pulse (adv_clk) that leads the driver output (out) by 110ns. the advanced clock signal is used to drive the secondary-side synchronous rectifiers. the max5070/MAX5071 are available in 8-pin ?ax and so packages and operate over the automotive tem- perature range of -40? to +125?. applications universal input ac/dc power supplies isolated telecom power supplies isolated power-supply modules networking systems computer systems/servers industrial power conversion isolated keep-alive circuits features ? pin-for-pin replacement for uc2842 (max5070a) and uc2844 (max5070b) ? 2a drive source and 1a sink capability ? up to 1mhz switching frequency operation ? bidirectional synchronization (MAX5071a/MAX5071b) ? advanced output drive for secondary-side synchronous rectification (MAX5071c) ? fast 60ns cycle-by-cycle current limit ? trimmed oscillator capacitor discharge current sets maximum duty cycle accurately ? accurate 5% start and stop voltage with 6v hysteresis ? low 32a startup current ? 5v regulator output (vref) with 20ma capability ? overtemperature shutdown max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers ________________________________________________________________ maxim integrated products 1 out gnd r t /c t 1 2 8 7 vref v cc fb cs comp max/so top view 3 4 6 5 max5070a max5070b pin configurations ordering information 19-3283; rev 2; 9/04 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ordering information continued at end of data sheet. selector guide appears at end of data sheet. part temp range pin-package max5070 aasa -40? to +125? 8 so max5070aaua -40? to +125? 8 ?ax max5070basa -40? to +125? 8 so max5070baua -40? to +125? 8 ?ax pin configurations continued at end of data sheet. ?ax is a registered trademark of maxim integrated products, inc.
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v cc = +15v, r t = 10k ? , c t = 3.3nf, v vref = open, c vref = 0.1?, comp = open, v fb = 2v, cs = gnd, t a = -40c to +85c , unless otherwise noted.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. v cc (low-impedance source) to gnd ..................-0.3v to +30v v cc (i cc < 30ma).....................................................self limiting out to gnd ...............................................-0.3v to (v cc + 0.3v) out current............................................................. 1a for 10? fb, sync, comp, cs, r t /c t , vref to gnd ...........-0.3v to +6v comp sink current (max5070)..........................................10ma continuous power dissipation (t a = +70?) 8-pin ?ax (derate 4.5mw/? above +70?) .............362mw 8-pin so (derate 5.9mw/? above +70?)...............470.6mw operating temperature range (automotive) ....-40? to +125? maximum junction temperature .....................................+150? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? parameter symbol conditions min typ max units reference output voltage v vref t a = +25?, i vref = 1ma 4.950 5.000 5.050 v line regulation ? v line 12v < v cc < 25v, i vref = 1ma 0.4 4 mv load regulation ? v load 1ma < i vref < 20ma 6 25 mv total output variation v reft 1ma < i vref < 20ma, 12v < v cc < 25v 4.9 5.1 v reference output-noise voltage v noise 10hz < f < 10khz, t a = +25? 50 v reference output short circuit i s_sc v vref = 0v -30 -100 -180 ma oscillator initial accuracy t a = +25? 51 54 57 khz voltage stability 12v < v cc < 25v 0.2 0.5 % temp stability -40? < t a < +85? 0.5 % r t /c t voltage ramp ( p-p )v ramp 1.7 v r t /c t voltage ramp valley v ramp_valley 1.1 v discharge current i dis v rt/ct = 2v, t a = +25? 7.9 8.3 8.7 ma frequency range f osc 20 1000 khz error amplifier (max5070a/max5070b) fb input voltage v fb fb shorted to comp 2.465 2.5 2.535 v fb input bias current i b(fb) -0.01 -0.1 ? open-loop voltage gain a vol 2v v comp 4v 100 db unity-gain bandwidth f gbw 1 mhz power-supply rejection ratio psrr 12v v cc 25v (note 2) 60 80 db comp sink current i sink v fb = 2.7v, v comp = 1.1v 2 6 ma comp source current i source v fb = 2.3v, v comp = 5v -0.5 -1.2 -1.8 ma comp output high voltage v comph v fb = 2.3v, r comp = 15k ? to gnd 5 5.8 v comp output low voltage v compl v fb = 2.7v, r comp = 15k ? to vref 0.1 1.1 v current-sense amplifier gain a cs (notes 3, 4) 2.85 3 3.26 v/v max5070a/b (note 3) 0.95 1 1.05 maximum current-sense signal v cs_max v comp = 5v, MAX5071_ 0.84 0.935 1.03 v
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers _______________________________________________________________________________________ 3 electrical characteristics (continued) (v cc = +15v, r t = 10k ? , c t = 3.3nf, v vref = open, c vref = 0.1?, comp = open, v fb = 2v, cs = gnd, t a = -40c to +85c , unless otherwise noted.) (note 1) parameter symbol conditions min typ max units power-supply rejection ratio psrr 12v v cc 25v 70 db input bias current i cs -1 -2.5 ? delay from cs to out t cs_delay 50mv overdrive 60 ns mosfet driver out low-side on-resistance v rds_onl i sink = 200ma 4.5 10 ? out high-side on-resistance v rds_onh i source = 100ma 3.5 7 ? i source (peak) i source c out = 10nf 2 a i sink (peak) i sink c out = 10nf 1 a rise time t r c out = 1nf 15 ns fall time t f c out = 1nf 22 ns undervoltage lockout/startup startup voltage threshold v cc_start 15.2 16 16.8 v minimum operating voltage after turn-on v cc_min 9.2 10 10.8 v undervoltage-lockout hysteresis uvlo hyst 6v pwm max5070a/MAX5071a 94.5 96 97.5 maximum duty cycle d max max5070b/MAX5071b/MAX5071c 48 49.8 50 % minimum duty cycle d min 0% supply current startup supply current i start 32 65 ? operating supply current i cc v fb = v cs = 0v 3 5 ma zener bias voltage at v cc v z i cc = 25ma 24 26.5 v thermal shutdown thermal shutdown t shdn +150 ? thermal-shutdown hysteresis t hyst 30 ? synchronization (MAX5071a/MAX5071b only) (note 5) sync frequency range f sync 20 1000 khz sync clock input high threshold v syncinh 3.5 v sync clock input low threshold v syncinl 0.8 v sync clock input minimum pulse width t pw_syncin 200 ns sync clock output high level v syncoh 1ma external pulldown 4.0 4.7 v sync clock output low level v syncol r sync = 5k ? 0 0.1 v sync leakage current i sync v sync = 0v 0.01 0.1 ?
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers 4 _______________________________________________________________________________________ electrical characteristics (continued) (v cc = +15v, r t = 10k ? , c t = 3.3nf, v vref = open, c vref = 0.1?, comp = open, v fb = 2v, cs = gnd, t a = -40c to +85c , unless otherwise noted.) (note 1) parameter symbol conditions min typ max units adv_clk (MAX5071c only) adv_clk high voltage v adv_clkh i adv_clk = 10ma source 2.4 3 v adv_clk low voltage v adv_clkl i adv_clk = 10ma sink 0.4 v adv_clk output pulse width t pulse 85 ns adv_clk rising edge to out rising edge t adv_clk 110 ns adv_clk source and sink current i adv_clk 10 ma electrical characteristics (v cc = +15v, r t = 10k ? , c t = 3.3nf, v vref = open, c vref = 0.1?, comp = open, v fb = 2v, cs = gnd, t a = -40c to +125c , unless otherwise noted.) (note 1) parameter symbol conditions min typ max units reference output voltage v vref t a = +25?, i vref = 1ma 4.950 5.000 5.050 v line regulation ? v line 12v < v cc < 25v, i vref = 1ma 0.4 4 mv load regulation ? v load 1ma < i vref < 20ma 6 25 mv total output variation v reft 1ma < i vref < 20ma, 12v < v cc < 25v 4.9 5.1 v reference output noise voltage v noise 10hz < f < 10khz, t a = +25? 50 v reference output short circuit i s_sc v vref = 0v -30 -100 -180 ma oscillator initial accuracy t a = +25? 51 54 57 khz voltage stability 12v < v cc < 25v 0.2 0.5 % temp stability -40 c < t a < +125? 1 % r t /c t voltage ramp ( p-p )v ramp 1.7 v r t /c t voltage ramp valley v ramp_valley 1.1 v discharge current i dis v rt/ct = 2v, t a = +25? 7.9 8.3 8.7 ma frequency range f osc 20 1000 khz error amplifier (max5070a/max5070b) fb input voltage v fb fb shorted to comp 2.465 2.5 2.535 v fb input bias current i b(fb) -0.01 -0.1 ? open-loop voltage gain a vol 2v v comp 4v 100 db unity-gain bandwidth f gbw 1 mhz power-supply rejection ratio psrr 12v v cc 25v (note 2) 60 80 db comp sink current i sink v fb = 2.7v, v comp = 1.1v 2 6 ma comp source current i source v fb = 2.3v, v comp = 5v -0.5 -1.2 -1.8 ma comp output high voltage v comph v fb = 2.3v, r comp =15k ? to gnd 5 5.8 v comp output low voltage v compl v fb = 2.7v, r comp = 15k ? to vref 0.1 1.1 v
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers _______________________________________________________________________________________ 5 electrical characteristics (continued) (v cc = +15v, r t = 10k ? , c t = 3.3nf, v vref = open, c vref = 0.1?, comp = open, v fb = 2v, cs = gnd, t a = -40c to +125c , unless otherwise noted.) (note 1) parameter symbol conditions min typ max units current-sense amplifier gain a cs (notes 3, 4) 2.85 3 3.26 v/v max5070a/b (note 3) 0.95 1 1.05 maximum current-sense signal v cs_max v comp = 5v, MAX5071_ 0.84 0.935 1.03 v power-supply rejection ratio psrr 12v v cc 25v 70 db input bias current i cs -1 -2.5 ? delay from cs to out t cs_delay 50mv overdrive 60 ns mosfet driver out low-side on-resistance v rds_onl i sink = 200ma 4.5 12 ? out high-side on-resistance v rds_onh i source = 100ma 3.5 9 ? i source (peak) i source c out = 10nf 2 a i sink (peak) i sink c out = 10nf 1 a rise time t r c out = 1nf 15 ns fall time t f c out = 1nf 22 ns undervoltage lockout/startup startup voltage threshold v cc_start 15.2 16 16.8 v minimum operating voltage after turn-on v cc_min 9.2 10 10.8 v undervoltage-lockout hysteresis uvlo hyst 6v pwm max5070a/MAX5071a 94.5 96 97.5 maximum duty cycle d max max5070b/MAX5071b/MAX5071c 48 49.8 50 % minimum duty cycle d min 0% supply current startup supply current i start 32 65 ? operating supply current i cc v fb = v cs = 0v 3 5 ma zener bias voltage at v cc v z i cc = 25ma 24 26.5 v thermal shutdown thermal shutdown t shdn +150 ? thermal-shutdown hysteresis t hyst 30 ? synchronization (MAX5071a/MAX5071b only, note 5) sync frequency range f sync 20 1000 khz sync clock input high threshold v syncinh 3.5 v sync clock input low threshold v syncinl 0.8 v sync clock input minimum pulse width t pw_syncin 200 ns sync clock output high level v syncoh 1ma external pulldown 4.0 4.7 v sync clock output low level v syncol r sync = 5k ? 0 0.1 v
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers 6 _______________________________________________________________________________________ electrical characteristics (continued) (v cc = +15v, r t = 10k ? , c t = 3.3nf, v vref = open, c vref = 0.1?, comp = open, v fb = 2v, cs = gnd, t a = -40c to +125c , unless otherwise noted.) (note 1) parameter symbol conditions min typ max units sync leakage current i sync v sync = 0v 0.01 0.1 ? adv_clk (MAX5071c only) adv_clk high voltage v adv_clkh i adv_clk = 10ma source 2.4 3 v adv_clk low voltage v adv_clkl i adv_clk = 10ma sink 0.4 v adv_clk output pulse width t pulse 85 ns adv_clk rising edge to out rising edge t adv_clk 110 ns adv_clk source and sink current i adv_clk 10 ma note 1 :a ll devices are 100% tested at +25?. all limits over temperature are guaranteed by design, not production tested. note 2: guaranteed by design, not production tested. note 3: parameter measured at trip point of latch with v fb = 0v (max5070a/max5070b only). note 4: gain is defined as a = ? v comp / ? v cs , 0 v cs 0.8v. note 5 : output frequency equals oscillator frequency for max5070a/MAX5071a. output frequency is one-half oscillator frequency for max5070b/MAX5071b/MAX5071c. bootstrap uvlo vs. temperature max5070 toc01 temperature ( c) v cc (v) 110 95 65 80 -10 5 20 35 50 -25 6 7 8 9 10 11 12 13 14 15 16 17 5 -40 125 hysteresis v cc falling v cc rising startup current vs. temperature max5070 toc02 temperature ( c) startup current ( a) 110 95 65 80 -10 5 20 35 50 -25 29 30 31 32 33 34 35 36 37 38 39 40 28 -40 125 2.0 2.5 5.5 3.5 3.0 4.0 4.5 5.0 6.0 -40 -10 5 20 -25 35 50 95 80 110 65 125 operating supply current (i cc ) vs. temperature after startup (f osc = f sw = 250khz) max5070 toc03 temperature ( c) supply current (ma) c t = 100pf t ypical operating characteristics (v cc = 15v, t a = +25?, unless otherwise noted.)
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers _______________________________________________________________________________________ 7 reference voltage (vref) vs. temperature max5070 toc04 temperature ( c) v vref (v) 110 95 65 80 -10 5 20 35 50 -25 -40 125 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 4.5 i ref = 20ma i ref = 1ma reference voltage (vref) vs. reference load current max5070 toc05 i ref (ma) v vref (v) 45 30 15 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 4.75 0 reference voltage (vref) vs. v cc voltage max5070 toc06 v cc (v) v vref (v) 24 22 20 18 16 14 12 4.995 5.000 5.005 5.010 4.990 10 26 i ref = 1ma oscillator frequency (f osc ) vs. temperature max5070 toc07 temperature ( c) oscillator frequency (khz) 110 95 65 80 -10 5 20 35 50 -25 -40 125 460 470 480 490 500 510 520 530 540 550 450 r t = 3.01k ? c t = 1nf oscillator r t /c t discharge current vs. temperature max5070 toc08 temperature ( c) r t /c t discharge current (ma) 110 95 65 80 -10 5 20 35 50 -25 8.05 8.10 8.15 8.20 8.25 8.30 8.35 8.40 8.45 8.50 8.55 8.60 8.00 -40 125 v rt/ct = 2v maximum duty cycle vs. temperature max5070 toc09 temperature ( c) duty cycle (%) 110 95 65 80 -10 5 20 35 50 -25 -40 125 10 20 30 40 50 60 70 80 90 100 0 r t = 3.01k ? c t = 1nf max5070a/MAX5071a max5070b/MAX5071b/MAX5071c max5070a/MAX5071a maximum duty cycle vs. frequency max5070 toc10 oscillator frequency (khz) duty cycle (%) 1200 1600 30 20 10 40 50 60 70 80 90 100 0 04 00 800 2000 c t = 100pf c t = 1nf c t = 560pf c t = 220pf current-sense (cs) trip threshold vs. temperature max5070 toc11 temperature ( c) cs threshold (v) 110 95 65 80 -10 5 20 35 50 -25 -40 125 0.92 0.94 0.96 0.98 1.00 1.02 1.04 1.06 1.08 1.10 0.90 t ypical operating characteristics (continued) (v cc = 15v, t a = +25?, unless otherwise noted.)
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers 8 _______________________________________________________________________________________ t ypical operating characteristics (continued) (v cc = 15v, t a = +25?, unless otherwise noted.) timing resistance (r t ) vs. oscillator frequency max5070 toc12 frequency (hz) r t resistance (k ? ) 1m 100k 1 10 100 1000 0.1 10k 10m c t = 10nf c t = 4.7nf c t = 3.3nf c t = 2.2nf c t = 1nf c t = 560pf c t = 220pf c t = 100pf out impedance vs. temperature (r ds_on pmos driver) max5070 toc13 temperature ( c) r ds_on ( ? ) 110 95 65 80 -10 5 20 35 50 -25 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 2.0 -40 125 i source = 100ma out impedance vs. temperature (r ds_on nmos driver) max5070 toc14 temperature ( c) r ds_on ( ? ) 110 95 65 80 -10 5 20 35 50 -25 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 3.0 -40 125 i sink = 200ma propagation delay from current-limit comparator to out vs. temperature max5070 toc15 temperature ( c) propagation delay (ns) 110 95 65 80 -10 5 20 35 50 -25 -40 125 10 20 30 40 50 60 70 80 90 100 0 error-amplifier open-loop gain and phase vs. frequency max5070 toc16 frequency (hz) gain (db) 1m 100k 1k 10k 10 100 1 0 20 40 60 80 100 120 140 -20 0.01 100m 10m -165 -140 -115 -90 -65 -40 -15 10 -190 phase gain phase (degrees) comp voltage level to turn off device vs. temperature max5070 toc17 temperature ( c) v comp (v) 110 95 65 80 -10 5 20 35 50 -25 -40 125 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 1.5 10v < v cc < 18v adv_clk rising edge to out rising edge propagation delay vs. temperature max5070 toc18 temperature ( c) propagation delay (ns) 110 95 65 80 -10 5 20 35 50 -25 92 94 96 98 100 102 104 106 108 110 112 114 90 -40 125 MAX5071c adv_clk and out waveforms max5070 toc19 v cc = 15v MAX5071c out 10v/div 10k ? load adv_clk 5v/div 20ns/div
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers _______________________________________________________________________________________ 9 out source and sink currents max5070 toc20 v cc = 15v i out 2a/div v out 10v/div 20ons/div c out = 10nf 2 4 3 5 8 9 7 6 10 20 220 320 420 520 120 620 720 820 920 1020 supply current (i cc ) vs. oscillator frequency (c t = 100pf) max5070 toc21 frequency (khz) supply current (ma) t a = +125 c t a = +85 c t a = +25 c t a = -40 c max5070a/MAX5071a maximum duty cycle vs. r t max5070 toc22 r t ( ? ) duty cycle (%) 10k 1k 30 40 50 60 70 80 90 100 20 100 100k c t = 1nf c t = 560pf c t = 220pf c t = 100pf t ypical operating characteristics (continued) (v cc = 15v, t a = +25?, unless otherwise noted.) pin descriptions pin name function 1 comp error-amplifier output. comp can be used for soft-start. 2f b error-amplifier inverting input 3cs input to the pwm comparator and overcurrent protection comparator. the current-sense signal is compared to a signal proportional to the error-amplifier output voltage. 4r t /c t timing resistor and capacitor connection. a resistor r t from r t /c t to vref and capacitor c t from r t /c t to gnd set the oscillator frequency. 5 gnd power-supply ground. place the v cc and vref bypass capacitors close to the ic to minimize ground loops. 6 out mosfet driver output. out connects to the gate of the external n-channel mosfet. 7v cc power-supply input for max5070. bypass v cc to gnd with a 0.1? ceramic capacitor or a parallel combination of a 0.1? and a higher value ceramic capacitor. 8 vref 5v reference output. bypass vref to gnd with a 0.1? ceramic capacitor or a parallel combination of a 0.1? and a higher value ceramic capacitor. max5070a/max5070b
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers 10 ______________________________________________________________________________________ pin descriptions (continued) pin MAX5071a/ MAX5071b MAX5071c name function 11 comp comp is level-shifted and connected to the inverting input of the pwm comparator. pull up comp to vref through a resistor and connect an optocoupler from comp to gnd for proper operation. 2 sync bidirectional synchronization input. when synchronizing with other MAX5071a/MAX5071bs, the higher frequency part synchronizes all other devices. ? adv_clk adv_clk is an 85ns clock output pulse preceding the rising edge of out (see figure 4). use the pulse to drive the secondary-side synchronous rectifiers through a pulse transformer or an optocoupler (see figure 8). 33cs input to the pwm comparator and overcurrent protection comparator. the current- sense signal is compared to the voltage at comp. 44r t /c t timing resistor and capacitor connection. a resistor r t from r t /c t to vref and capacitor c t from r t /c t to gnd set the oscillator frequency. 55 gnd power-supply ground. place the v cc and vref bypass capacitors close to the ic to minimize ground loops. 66 out mosfet driver output. out connects to the gate of the external n-channel mosfet. 77v cc power-supply input for MAX5071. bypass v cc to gnd with a 0.1? ceramic capacitor or a parallel combination of a 0.1? and a higher value ceramic capacitor. 88v ref 5v reference output. bypass vref to gnd with a 0.1? ceramic capacitor or a parallel combination of a 0.1? and a higher value ceramic capacitor. MAX5071a/MAX5071b/MAX5071c
detailed description the max5070/MAX5071 current-mode pwm controllers are designed for use as the control and regulation core of flyback or forward topology switching power supplies. these devices incorporate an integrated low-side driver, adjustable oscillator, error amplifier (max5070a/ max5070b only), current-sense amplifier, 5v reference, and external synchronization capability (MAX5071a/ MAX5071b only). an internal +26.5v current-limited v cc clamp prevents overvoltage during startup. five different versions of the max5070/MAX5071 are available. the max5070a/max5070b are the standard versions with a feedback input (fb) and internal error amplifier. the MAX5071a/MAX5071b include bidirection- al synchronization (sync). this enables multiple MAX5071a/MAX5071bs to be connected and synchro- nized to the device with the highest frequency. the MAX5071c includes an adv_clk output, which pre- cedes the MAX5071c? drive output (out) by 110ns. figures 1, 2, and 3 show the internal functional diagrams of the max5070a/max5070b, MAX5071a/MAX5071b, and MAX5071c, respectively. the max5070a/ MAX5071a are capable of 100% maximum duty cycle. the max5070b/MAX5071b/MAX5071c are designed to limit the maximum duty cycle to 50%. max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers ______________________________________________________________________________________ 11 uvlo reference 2.5v preregulator 5v voltage- divider thermal shutdown en-ref bg sns v dd 5v regulator voltage- divider 8 7 26.5v v cc vref 2.5v vp reg_ok delay s r q osc q 4 r t /c t 6 out ilim cpwm 1v en-drv-bar r 2r vea 3 5 2 1 cs gnd fb comp clk max5070a/max5070b vp 2.5v 16v/10v 100% max duty cycle (max5070a) 50% max duty cycle (max5070b) figure 1. max5070a/max5070b functional diagram
max5070/MAX5071 current-mode control loop the advantages of current-mode control over voltage- mode control are twofold. first, there is the feed-forward characteristic brought on by the controller? ability to adjust for variations in the input voltage on a cycle-by- cycle basis. secondly, the stability requirements of the current-mode controller are reduced to that of a single- pole system unlike the double pole in the voltage-mode control scheme. the max5070/MAX5071 use a current-mode control loop where the output of the error amplifier is compared to the current-sense voltage (v cs ). when the current-sense sig- nal is lower than the noninverting input of the pwm com- parator, the output of the cpwm comparator is low and the switch is turned on at each clock pulse. when the current-sense signal is higher than the inverting input of the cpwm, the output of the cpwm comparator is high and the switch is turned off. high-performance, single-ended, current-mode pwm controllers 12 ______________________________________________________________________________________ uvlo reference 2.5v preregulator 5v voltage- divider thermal shutdown en-ref bg sns v dd 5v regulator voltage- divider 8 7 26.5v v cc vref 2.5v vp reg_ok delay s r q osc q 4 r t /c t 6 out ilim cpwm 1v en-drv-bar r 2r 3 5 1 2 cs gnd comp sync clk MAX5071a/MAX5071b vp 2.5v 1v bidirectional sync 100% max duty cycle (MAX5071a) 50% max duty cycle (MAX5071b) 16v/10v figure 2. MAX5071a/MAX5071b functional diagram
v cc and startup in normal operation, v cc is derived from a tertiary wind- ing of the transformer. however, at startup there is no energy delivered through the transformer, thus a resistor must be connected from v cc to the input power source (see r st and c st in figures 5 to 8). during startup, c st charges up through r st . the 5v reference generator, comparator, error amplifier, oscillator, and drive circuit remain off during uvlo to reduce startup current below 65?. when v cc reaches the undervoltage-lockout threshold of 16v, the output driver begins to switch and the tertiary winding will supply power to v cc . v cc has an internal 26.5v current-limited clamp at its input to protect the device from overvoltage during startup. size the startup resistor, r st , to supply both the maxi- mum startup bias (i start ) of the device (65? max) and the charging current for c st . the startup capacitor c st must charge to 16v within the desired time period t st (for example, 500ms). the size of the startup capacitor depends on: 1) ic operating supply current at a programmed oscilla- tor frequency (f osc ). 2) the time required for the bias voltage, derived from a bias winding, to go from 0 to 11v. 3) the mosfet total gate charge. 4) the operating frequency of the converter (f sw ). max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers ______________________________________________________________________________________ 13 uvlo reference 2.5v preregulator 5v voltage- divider thermal shutdown en-ref bg sns v dd 5v regulator voltage- divider 8 7 26.5v v cc vref 2.5v vp reg_ok delay s r q osc q 4 r t /c t 6 out ilim cpwm 1v en-drv-bar r 2r 3 5 1 2 cs gnd comp adv_clk clk MAX5071c vp 2.5v 1v 50% max duty cycle 16v/10v figure 3. MAX5071c functional diagram
max5070/MAX5071 to calculate the capacitance required, use the following formula: where: i g = q g f sw i cc is the max5070/MAX5071s?maximum internal sup- ply current after startup (see the typical operating characteristics to find the i in at a given f osc ). q g is the total gate charge for the mosfet, f sw is the converter switching frequency, v hyst is the bootstrap uvlo hys- teresis (6v), and t ss is the soft-start time, which is set by external circuitry. size the resistor r st according to the desired startup time period, t st , for the calculated c st . use the follow- ing equations to calculate the average charging current (i cst ) and the startup resistor (r st ). where v inmin is the minimum input supply voltage for the application (36v for telecom), v suvr is the boot- strap uvlo wake-up level (16v), and i start is the v in supply current at startup (65?, max). choose a higher value for r st than the one calculated above if longer startup times can be tolerated in order to minimize power loss in r st . the above startup method is applicable to circuits where the tertiary winding has the same phase as the output windings. thus, the voltage on the tertiary winding at any given time is proportional to the output voltage and goes through the same soft-start period as the output voltage. the minimum discharge time of c st from 16v to 10v must be greater than the soft-start time (t ss ). undervoltage lockout (uvlo) the minimum turn-on supply voltage for the max5070/MAX5071 is 16v. once v cc reaches 16v, the reference powers up. there is 6v of hysteresis from the minimum turn-on voltage to the uvlo threshold. once v cc reaches 16v, the max5070/MAX5071 will operate with v cc down to 10v. once v cc goes below 10v the device is in uvlo. when in uvlo, the quiescent sup- ply current into v cc falls back to 37? (typ), and out and vref are pulled low. mosfet driver out drives an external n-channel mosfet and swings from gnd to v cc . ensure that v cc remains below the absolute maximum v gs rating of the external mosfet. out is a push-pull output with the on-resistance of the pmos typically 3.5 ? and the on-resistance of the nmos typically 4.5 ? . the driver can source 2a typically and sink 1a typically. this allows for the max5070/MAX5071 to quickly turn on and off high gate-charge mosfets. bypass v cc with one or more 0.1? ceramic capacitors to gnd, placed close to the max5070/MAX5071. the average current sourced to drive the external mosfet depends on the total gate charge (q g ) and operating frequency of the converter. the power dissipation in the max5070/MAX5071 is a function of the average output drive current (i drive ). use the following equation to cal- culate the power dissipation in the device due to i drive : i drive = q g x f sw pd = (i drive + i cc ) x v cc where i cc is the operating supply current. see the typical operating characteristics for the operating supply current at a given frequency. error amplifier (max5070a/max5070b) the max5070 includes an internal error amplifier. the inverting input is at fb and the noninverting input is inter- nally connected to a 2.5v reference. the internal error amplifier is useful for nonisolated converter design (see figure 6) and isolated design with primary-side regulation through a bias winding (see figure 5). in the case of a nonisolated power supply, the output voltage will be: where r1 and r2 are from figure 6. v r r v out =+ ? ? ? ? ? ? 1 1 2 25 . r v v ii st inmin suvr cst start ? ? ? ? ? ? ? ? + 2 i vc t cst suvr st st = c ii vv r t v st cc g inmin st ss hyst = + ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? () 13 high-performance, single-ended, current-mode pwm controllers 14 ______________________________________________________________________________________
MAX5071a/MAX5071b/MAX5071c feedback the MAX5071a/MAX5071b/MAX5071c are designed to be used with either an external error amplifier when designed into a nonisolated converter or an error ampli- fier and optocoupler when designed into an isolated power supply. the comp input is level-shifted and connected to the inverting terminal of the pwm com- parator (cpwm). connect the comp pin to the output of the external error amplifier for nonisolated design. pull comp high externally to at least 5v (or vref) and connect the optocoupler transistor as shown in figures 7 and 8. comp can be used for soft-start and also as a shutdown. see the typical operating characteristics to find the turn-off comp voltage at different tempera- tures. if the maximum external comp voltage is below 4.9v, it may reduce the pwm current-limit threshold below 1v. use the following equation to calculate mini- mum comp voltage (v comp ) required for a guaranteed peak primary current (i p-p ): v comp = (3 x i p-p x r cs ) + 1.95v where r cs is a current-sense resistor. oscillator the oscillator frequency is adjusted by adding an external capacitor and resistor at r t /c t (see r t and c t in the typical application circuits ). r t is connected from r t /c t to the 5v reference (vref) and c t is con- nected from r t /c t to gnd. vref charges c t through r t until its voltage reaches 2.8v. c t then discharges through an 8.3ma internal current sink until c t ? voltage reaches 1.1v, at which time c t is allowed to charge through r t again. the oscillator? period will be the sum of the charge and discharge times of c t . calculate the charge time as: t c = 0.57 x r t x c t the discharge time is then: the oscillator frequency will then be: for the max5070a/MAX5071a, the converter output switching frequency (f sw ) is the same as the oscillator frequency (f osc ). for the max5070b/MAX5071b/ MAX5071c, the output switching frequency is 1/2 the oscillator frequency. reference output vref is a 5v reference output that can source 20ma. bypass vref to gnd with a 0.1? capacitor. current limit the max5070/MAX5071 include a fast current-limit com- parator to terminate the on cycle during an overload or a fault condition. the current-sense resistor (r cs ), connect- ed between the source of the mosfet and gnd, sets the current limit. the cs input has a voltage trip level (v cs ) of 1v. use the following equation to calculate r cs : i p-p is the peak current in the primary that flows through the mosfet. when the voltage produced by this current (through the current-sense resistor) exceeds the current- limit comparator threshold, the mosfet driver (out) will turn the switch off within 60ns. in most cases, a small rc filter is required to filter out the leading-edge spike on the sense waveform. set the time constant of the rc filter at 50ns. use a current transformer to limit the losses in the current-sense resistor and achieve higher efficiency especially at low input-voltage operation. synchronization (MAX5071a/MAX5071b) sync sync is a bidirectional input/output that outputs a syn- chronizing pulse and accepts a synchronizing pulse from other MAX5071a/MAX5071bs (see figures 7 and 9). as an output, sync is an open-drain p-channel mosfet driven from the internal oscillator and requires an external pulldown resistor (r sync ) from between 500 ? and 5k ? . as an input, sync accepts the output pulses from other MAX5071a/MAX5071bs. synchronize multiple MAX5071a/MAX5071bs by con- necting their sync pins together. all devices connected together will synchronize to the one operating at the highest frequency. the rising edge of sync will precede the rising edge of out by approximately the discharge time (t d ) of the oscillator (see the oscillator section). the pulse width of the sync output is equal to the time required to discharge the stray capacitance at sync through r sync plus the c t discharge time t d . adjust r t /c t such that the minimum discharge time t d is 200ns. r v i cs cs pp = ? f tt osc cd = + 1 t rc r d tt t = ? 10 488 18 10 3 3 .. max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers ______________________________________________________________________________________ 15
max5070/MAX5071 advance clock output (adv_clk) (MAX5071c) adv_clk is an advanced pulse output provided to facilitate the easy implementation of secondary-side synchronous rectification using the MAX5071c. the adv_clk pulse width is 85ns (typically) with its rising edge leading the rising edge of out by 110ns. use this leading pulse to turn off the secondary-side syn- chronous-rectifier mosfet (qs) before the voltage appears on the secondary (see figure 8). turning off the secondary-side synchronous mosfet earlier avoids the shorting of the secondary in the forward converter. the adv_clk pulse can be propagated to the secondary side using a pulse transformer or high- speed optocoupler. the 85ns pulse, with 3v drive volt- age (10ma source), significantly reduces the volt-second requirement of the pulse transformer and the advanced pulse alleviates the need for a high- speed optocoupler. thermal shutdown when the max5070/MAX5071s?die temperature goes above +150 c, the thermal-shutdown circuitry will shut down the 5v reference and pull out low. high-performance, single-ended, current-mode pwm controllers 16 ______________________________________________________________________________________ t adv_clk = 110ns t pulse = 85ns out adv_clk r t /c t figure 4. adv_clk t ypical application circuits r t r1 r2 1 2 4 3 vref v cc gnd out comp fb r t /c t cs 8 7 5 6 max5070a max5070b c t r st v in c st v out n r cs figure 5. max5070a/max5070b typical application circuit (isolated flyback with primary-side regulation)
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers ______________________________________________________________________________________ 17 t ypical application circuits (continued) r t r1 r2 1 2 4 3 vref v cc gnd out comp fb r t /c t cs 8 7 5 6 max5070a max5070b c t r st v in c st r cs v out n figure 6. max5070a/max5070b typical application circuit (non-isolated flyback) r t 1 2 4 3 vref v cc gnd out comp sync r t /c t cs 8 7 5 6 MAX5071a MAX5071b c t r st v in c st v out sync input/output n r sync r cs figure 7. MAX5071a/MAX5071b typical application circuit (isolated flyback)
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers 18 ______________________________________________________________________________________ t ypical application circuits (continued) MAX5071c v cc gnd comp r t /c t vref cs out r t c t v in adv_clk c st r st 0.5v/ s pulse transformer max5078 v d qr n n n qs v out v d r cs figure 8. MAX5071c typical application circuit (isolated forward with secondary-side synchronous rectification)
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers ______________________________________________________________________________________ 19 MAX5071a MAX5071b v cc gnd sync r t /c t vref cs out r t c t v in MAX5071a MAX5071b v cc gnd sync r t /c t vref cs out r t c t v in MAX5071a MAX5071b v cc gnd sync r t /c t vref cs out r t c t v in to other MAX5071a/bs r sync nn n figure 9. synchronization of MAX5071s
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers 20 ______________________________________________________________________________________ chip information transistor count: 1987 process: bicmos ordering information (continued) part temp range pin-package MAX5071 aasa -40? to +125? 8 so MAX5071aaua -40? to +125? 8 ?ax MAX5071basa -40? to +125? 8 so MAX5071baua -40? to +125? 8 ?ax MAX5071casa -40? to +125? 8 so MAX5071caua -40? to +125? 8 ?ax out gnd r t /c t 1 2 8 7 vref v cc sync cs comp max/so top view 3 4 6 5 MAX5071a MAX5071b out gnd r t /c t 1 2 8 7 vref v cc adv_clk cs comp max/so 3 4 6 5 MAX5071c pin configurations (continued) selector guide part feedback/ advanced clock maximum duty cycle (%) pin-package pin compatible max5070aasa feedback 100 8 so uc2842/ucc2842 max5070aaua feedback 100 8 ?ax uc2842/ucc2842 max5070basa feedback 50 8 so uc2844/ucc2844 max5070baua feedback 50 8 ?ax uc2844/ucc2844 MAX5071aasa sync. 100 8 so MAX5071aaua sync. 100 8 ?ax MAX5071basa sync. 50 8 so MAX5071baua sync. 50 8 ?ax MAX5071casa adv_clk 50 8 so MAX5071caua adv_clk 50 8 ?ax
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers ______________________________________________________________________________________ 21 pa c kag e information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) soicn .eps package outline, .150" soic 1 1 21-0041 b rev. document control no. approval proprietary information title: top view front view max 0.010 0.069 0.019 0.157 0.010 inches 0.150 0.007 e c dim 0.014 0.004 b a1 min 0.053 a 0.19 3.80 4.00 0.25 millimeters 0.10 0.35 1.35 min 0.49 0.25 max 1.75 0.050 0.016 l 0.40 1.27 0.394 0.386 d d min dim d inches max 9.80 10.00 millimeters min max 16 ac 0.337 0.344 ab 8.75 8.55 14 0.189 0.197 aa 5.00 4.80 8 n ms012 n side view h 0.244 0.228 5.80 6.20 e 0.050 bsc 1.27 bsc c h e e b a1 a d 0 -8 l 1 variations:
max5070/MAX5071 high-performance, single-ended, current-mode pwm controllers maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 22 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2004 maxim integrated products printed usa is a registered trademark of maxim integrated products. package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) 8lumaxd.eps package outline, 8l umax/usop 1 1 21-0036 j rev. document control no. approval proprietary information title: max 0.043 0.006 0.014 0.120 0.120 0.198 0.026 0.007 0.037 0.0207 bsc 0.0256 bsc a2 a1 c e b a l front view side view e h 0.60.1 0.60.1 ? 0.500.1 1 top view d 8 a2 0.030 bottom view 1 6 s b l h e d e c 0 0.010 0.116 0.116 0.188 0.016 0.005 8 4x s inches - a1 a min 0.002 0.95 0.75 0.5250 bsc 0.25 0.36 2.95 3.05 2.95 3.05 4.78 0.41 0.65 bsc 5.03 0.66 6 0 0.13 0.18 max min millimeters - 1.10 0.05 0.15 dim


▲Up To Search▲   

 
Price & Availability of MAX5071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X