Part Number Hot Search : 
2SDA1 TIP147F BL8558 AN6876 GRM033R AD5025 DC1253 1067183
Product Description
Full Text Search
 

To Download LX1662CN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p roduction d ata s heet t he i nfinite p ower of i nnovation n n o o t t r r e e c c o o m m m m e e n n d d e e d d f f o o r r n n e e w w d d e e s s i i g g n n l in f inity m icroelectronics i nc . 11861 w estern a venue , g arden g rove , ca. 92841, 714-898-8121, f ax : 714-893-2570 1 copyright ? 1999 rev. 1.2a,2005-03-09 lx1662 / 62a, lx1663 /63 a s ingle -c hip p rogrammable pwm c ontrollers with 5-b it dac description the lx1662/62a and lx1663/63a are monolithic switching regulator controller ic?s designed to provide a low cost, high performance adjustable power supply for advanced microprocessors and other applications requiring a very fast transient response and a high degree of accuracy. short-circuit current limiting without expensive current sense resistors. current- sensing mechanism can use pcb trace resistance or the parasitic resistance of the main inductor. the lx1662a and lx1663a have reduced current sense comparator threshold for optimum performance using a pcb tr ace. for applications requiring a high degree of accuracy, a conventional sense resistor can be used to sense current. programmable synchronous rectifier driver for cpu core. the main output is adjustable from 1.3v to 3.5v using a 5-bit code. the ic can read a vid signal set by a dip switch on the motherboard, or hardwired into the processor?s package (as in the case of pentium? pro and pentium ii processors). the 5-bit code adjusts the output voltage between 1.30 and 2.05v in 50mv increments and between 2.0 and 3.5v in 100mv increments, conforming to the intel corporation specification. the device can drive dual mosfet?s resulting in typical efficiencies of 85 - 90% even with loads in excess of 10 amperes. for cost sensitive applications, the bottom mosfet can be replaced with a schottky diode (non-synchronous operation). smallest package size. the lx1662 is available in a narrow body 14-pin surface mount ic package for space sensitive applications. the lx1663 provides the additional functions of over voltage protection (ovp) and power good (pwrgd) output drives for applications requiring output voltage monitoring and protection functions. ultra-fast transient response reduces system cost. the modulated offtime architecture results in the fastest transient response for a given inductor, reducing output capacitor requirements, and reducing the total regulator system cost. over-voltage protection and power good flag. the ovp output in the lx1663 & lx1663a can be used to drive an scr crowbar circuit to protect the load in the event of a short- circuit of the main mosfet. the lx1663 & lx1663a also have a logiclevel power good flag to signal when the output voltage is out of specified limits. important: for the most current data, consult microsemi ?s website: http://www.microsemi.com key features ? 5-bit programmable output for cpu core supply ? no sense resistor required for short-circuit current limiting ? designed to drive either synchronous or non- synchronous output stages ? lowest system cost possible for price- sensitive pentium and pentium ii class applications ? soft-start capability ? modulated, constant off-time architecture for fast transient response and simple system design ? available over-voltage protection (ovp) crowbar driver and power good flag (lx1663 only) ? small, surface-mount packages key features ? socket 7 microprocessor supplies (including intel pentium processor, amdk6tm and cyrix? 6x86tm, gx86tm and m2tm processors) ? pentium ii and deschutes processor & l2-cache supplies ? voltage regulator modules ? general purpose dc:dc converter applications package order info n plastic dip 14-pin n plastic dip 16-pin d plastic soic 14-pin d plastic soic 16-pin t a ( c) rohs compliant / pb-free transition dc:0503 rohs compliant / pb-free transition dc:0440 LX1662CN lx1663cn lx1662cd lx1663cd 0 to 70 lx1662acn lx1663acn lx1662acd lx1663acd note: available in tape & reel. append the letters ?tr? to the part number. (i.e. lx1663cd-tr) product highlight ss tdrv v cc inv v cc_core vid0 vid1 vid2 vid3 vid4 c t bdrv gnd v c1 u1 lx1662 vid3 c 5 1f 12v r 1 v o ut 5v 14-pin, narrow body soic q 1 irl3102 l 1 , 2.5h 6.3v, 1500f x 3** 14 13 12 11 10 9 1 2 3 4 5 6 7 8 c 8 680pf vid2 vid1 vid0 vid4 c 3 0.1f 2.5m supply voltage for cpu core 6.3v 1500f x3 ** three capacitors for pentium four capacitors for pentium ii q 2 irl3303 c 1 c 2 l 2 1h
   

 
         lx1662/62a, lx1663/63a  
     !""" #$%%2a, 11/04 2
         
 (note 1) supply voltage (v c1 ) .................................................................................................... 25v supply voltage (v cc ) .................................................................................................... 15v output drive peak current source (500ns) ............................................................... 1.5a output drive peak current sink (500ns) ................................................................... 1.5a input voltage (ss, inv, v cc_core , c t , vid0-vid4) ........................................... -0.3v to 6v operating junction temperature plastic (n & d packages) ...................................................................................... 150c storage temperature range .................................................................... -65c to +150c lead temperature (soldering, 10 seconds) ............................................................. 300c   
           !    "#$         * + + * ,- " ./ n package ? 14-pin lx1662/1662a (top view) n package: thermal resistance-junction to ambient, ? ? ja 65c/w d package: thermal resistance-junction to ambient, ? ? ja 120c/w junction temperature calculation: t j = t a + (p d x ja ). the ja numbers are guidelines for the thermal performance of the device/pc-board system. all of the above assume no ambient airflow   note 1. exceeding these ratings could cause damage to the device. all voltages are with respect to ground. currents are positive into, negative out of the specified terminal. pin numbers refer to dil packages only.           !    "#$          * + + * ,- " ./ d package ? 14-pin lx1662/1662a (top view)          # %&    "#$          !  , +* *+ ,  .- /" n package ? 16-pin lx1663/1663a (top view)          # %&    "#$          !   , +* *+ ,  .- /" d package ? 16-pin lx1663/1663a (top view)  
 #%' (( )* $ $ %'+',* %
-(
 
./01(*10. #/ .'
'  *&  --
#& 0123(4456- 7  89
-
#& 015:- 7  & #4 --
#& 0123(4456- 7  89
-
#& 015:- 7 peak package solder reflow temp. (40 second max. exposure)..........................................260c (+0, -5) rohs / pb-free 100% matte tin lead finish
   

 
         lx1662/62a, lx1663/63a  
    3  !""" #$%%2a, 11/04
        ( unless otherwise specified, 10.8 < v cc < 13.2, 0c  t a  70c. test conditions: v cc = 12v, t = 25c. use application circuit. ) reference & dac section (see table 1 - next page) parameter symbol test conditions regulation accuracy (see table 1) (less 40mv output adaptive positioning) , v cc = 12v, i load = 6a regulation accuracy 1.8v  v out  2.8v timing section off time initial ot v cc_core = 1.3v, c t = 390pf v cc_core = 3.5v, c t = 390pf off time temp stability v cc_core = 1.3v to 3.5v discharging current i dis v cc_core = 1.3v, v ct = 1.5v ramp peak v p ramp peak-valley v rpp v cc_core = 1.3v v cc_core = 3.5v ramp valley delay to output 10% overdrive input bias current (v cc_core pin) i b 1.3v < v inv = v cc_core < 3.5v pulse by pulse c l lx1662/1663 v clp initial accuracy lx1662a/1663a initial accuracy c s delay to output 10% overdrive error comparator section input bias current i b 1.3v < v ss = v inv < 3.5v input offset voltage v io e c delay to output 10% overdrive output drivers section drive rise time t r v c1 = v cc = 12v, c l = 3000pf drive fall time t f v c1 = v cc = 12v, c l = 3000pf drive high v dh v cc = v cc = 12v, i source = 20ma v cc = v cc = 12v, i sink = 200ma drive low v dl v cc = v cc = 12v, i source = 20ma v cc = v cc = 12v, i sink = 200ma output pull down v pd v cc = v c = 0, i pull up = 2ma uvlo and s.s. section start-up threshold v st hysteresis v hyst ss sink current i sd v c1 = 10.1v ss sat voltage v ol v c1 = 9v, i sd = 200a supply current section dynamic operating current i cd v cc = v c1 = 12v, out freq = 200khz, c l = 0 power good / over-voltage protection section (lx1663 only) lower threshold (v cc_core / dac out ) hysteresis power good voltage low i pwrgd = 5ma over-voltage threshold (v cc_core / v dac ) ovp sourcing current v ov = 5v units -30 30 mv -1 1 % lx1662/1663 (a) min. typ. max. 2s 1s 40 ppm 180 210 240 a 2v 0.9 1 1.1 v 0.37 0.42 0.47 v 100 ns 0.8 2 a 36 41 46 mv 200 ns 27 35 a 85 100 115 mv 50 60 70 mv 200 ns 70 ns 70 ns 11 v 10 v 0.06 0.1 v 0.8 1.2 v 0.8 1.4 v 9.9 10.1 10.4 v 0.31 v 2 5.5 ma 0.15 0.6 v 27 ma 88 90 92 % 1% 0.5 0.7 v 110 117 125 % 30 45 ma current sense section
   

 
         lx1662/62a, lx1663/63a  
     !""" #$%%2a, 11/04 4
        '2)'/ 3('* 
 ',# /   0 0 ;3 (## & < 2(37 0a 5a/div. time - 100s/div. 2.8v 100mv/div. output load 0 to 14a output voltage figure 1 ? output transient response (using 5m  sense resistor and 5h output inductor) note: adaptive transient voltage output in order to improve transient response a 40mv offset is built into the current sense comparator. at high currents, the peak output voltage will be lower than the nominal set point , as shown in figure 1. the actual output voltage will be a function of the sense resistor, output current and output ripple. - %+*; %+-; -- %+"; %+,; -- %**; %*-; --- %*"; %*,; -- %,*; %,-; --- %,"; %,,; --- %*; %-; ---- %"; %,; -- %.*; %.-; --- %."; %.,; --- %/*; %/-; ---- %/"; %/,; --- %"*; %"-; ---- %""; %",; ---- %-*; %--; ----- %-"; %-,;  %-*; %--; - %*; %-; - %*; %-; -- %+*; %+-; - %**; %*-; -- %,*; %,-; -- %*; %-; --- %.*; %.-; - %/*; %/-; -- %"*; %"-; -- +%-*; +%--; --- +%*; +%-; -- +%*; +%-; --- +%+*; +%+-; --- +%**; +%*-; ---- +%,*; +%,-;  !         %(
**
(%* # / 
 ', "#$  -=0&>?=#&5@3( &7 0 
.'# / a * nominal = dac setpoint voltage with no adaptive output voltage positioning.
   

 
         lx1662/62a, lx1663/63a  
    5  !""" #$%%2a, 11/04
        70 75 80 85 90 95 1234567891011121314 i out (a) efficiency (%) __ efficiency at 3.1v efficiency at 2.8v efficiency at 1.8v output set point figure 2 ? efficiency test results: non-synchronous operation, v in = 5v figure 3 ? efficiency test results: synchronous operation, v in = 5v figure 4 ? efficiency test results: synchronous operation, v in = 12v. note: non-synchronous operation not recommended for 12v operation, due to power loss in schottky diode.        
 
   1.8v efficiency 2.8v efficiency 3.3v efficiency    70 75 80 85 90 95 100 1234567891011121314 i out (a) efficiency (%) __ efficiency at 3.1v efficiency at 2.8v efficiency at 1.8v output set point
   

 
         lx1662/62a, lx1663/63a  
     !""" #$%%2a, 11/04 6
         uvlo 10.6/10.1 v cc 2v out 2v ref internal v cc trimmed v reg error comp cs comp 40mv 100mv ** 1 2 3 s pwm latch q rq r dom off-time controller dac 11 c t v cc_core inv ss d out 4 5 vid0 vid1 6 vid2 7 vid3 8 vid4 ov comp uv comp break before make sync en comp 9 pwrgd* 10 ov* 12 v cc 13 bdrv 14 gnd 15 tdrv 16 v c1 ov lx1663/1663a only note: pin numbers are correct for lx1663/1663a, 16-pin package. * not connected on the lx1662/1662a. ** 60mv in lx1662a & lx1663a 0.7v 10k figure 5 ? block diagram
   

 
         lx1662/62a, lx1663/63a  
    7  !""" #$%%2a, 11/04
         ;   ; b ++ ;9- * * ;9 , , ;9   ;9+ . . ;9* / /
9 %% " ; %% -  " ;  -  c9;  + 9  * 9; + , ;  *  soft-start pin, internally connected to the non-inverting input of the error comparator. inverting input of the error comparator. output voltage. connected to non-inverting input of the current-sense comparator. voltage identification pin (lsb) input used to set output voltage. voltage identification pin (2 nd sb) input. voltage identification pin (3 rd sb) input. voltage identification pin (4 th sb) input. voltage identification pin (msb) input. this pin is also the range select pin ? when low (closed), output voltage is set to between 1.30 and 2.05v in 0.05v increments. when high (open), output is adjusted from 2.0 to 3.5v in 0.1v increments. open collector output pulls low when the output voltage is out of limits. scr driver goes high when the processor's supply is over specified voltage limits. the off-time is programmed by connecting a timing capacitor to this pin. this is the (12v) supply to the ic, as well as gate drive to the bottom fet. this is the gate drive to the bottom fet. leave open in non-synchronous operation (when bottom fet is replaced by a schottky diode). both power and signal ground of the device. gate drive for top mosfet. this pin is a separate power supply input for the top drive. can be connected to a charge pump when only 12v is available. pin lx1662 lx1663 name pin # pin # description 

 


   

 
         lx1662/62a, lx1663/63a  
     !""" #$%%2a, 11/04 8
         
ic operation referring to the block diagram and typical application circuit, the output turns on the top mosfet, allowing the inductor current to increase. at the error comparator threshold, the pwm latch is reset, the top mosfet turns off and the synchronous mosfet turns on. the off-time capacitor c t is now allowed to discharge. at the valley voltage, the synchronous mosfet turns off and the top mosfet turns on. a special break-before-make circuit prevents simultaneous conduction of the two mosfets. the v cc_core pin is offset by +40mv to enhance transient response. the inv pin is connected to the positive side of the current sense resistor, so the controller regulates the positive side of the sense resistor. at light loads, the output voltage will be regulated above the nominal setpoint voltage. at heavy loads, the output voltage will drop below the nominal setpoint voltage. to minimize frequency variation with varying output voltage, the off-time is modulated as a function of the voltage at the v cc_core pin. error voltage comparator the error voltage comparator compares the voltage at the positive side of the sense resistor to the set voltage plus 40mv. an external filter is recommended for high-frequency noise. current limit current limiting is done by sensing the inductor current. exceed- ing the current sense threshold turns the output drive off and latches it off until the pwm latch set input goes high again. see current limit section in "using the lx1662/63 devices" later in this data sheet. off-time control timing section the timing capacitor c t allows programming of the off-time. the timing capacitor is quickly charged during the on time of the top mosfet and allowed to discharge when the top mosfet is off. in order to minimize frequency variations while providing differ- ent supply voltages, the discharge current is modulated by the voltage at the v cc_core pin. the off-time is inversely proportional to the v cc_core voltage. under voltage lockout section the purpose of the uvlo is to keep the output drive off until the input voltage reaches the start-up threshold. at voltages below the start-up voltage, the uvlo comparator disables the internal biasing, and turns off the output drives, and the ss (soft-start) pin is pulled low. synchronous control section the synchronous control section incorporates a unique break- before-make function to ensure that the primary switch and the synchronous switch are not turned on at the same time. approxi- mately 100 nanoseconds of deadtime is provided by the break- before-make circuitry to protect the mosfet switches. programming the output voltage the output voltage is set by means of a 5-bit digital voltage identification (vid) word (see table 1). the vid code may be incorporated into the package of the processor or the output voltage can be set by means of a dip switch or jumpers. for a low or '0' signal, connect the vid pin to ground (dip switch on/ closed); for a high or '1' signal, leave the vid pin open (dip switch off/open). the five vid pins on the lx166x series are designed to interface directly with a pentium pro or pentium ii processor. therefore, all inputs are expected to be either ground or floating. any floating input will be pulled high by internal connections. if using a socket 7 processor, or other load, the vid code can be set directly by connecting jumpers or dip switches to the vid[0:4] pins. the vid pins are not designed to take ttl inputs, and should not be connected high. unpredictable output voltages may result. if the lx166x devices are to be connected to a logic circuit, such as bios, for programming of output voltage, they should be buffered using a cmos gate with open-drain, such as a 74hc125 or 74c906. power good signal (lx1663 only) an open collector output is provided which presents high impedance when the output voltage is between 90% and 117% of the programmed vid voltage, measured at the ss pin. outside this window the output presents a low impedance path to ground. the power good function also toggles low during ovp operation. over-voltage protection the controller is inherently protected from an over-voltage condition due to its constant off-time architecture. however, should a failure occur at the power switch, an over-voltage drive pin is provided (on the lx1663 only) which can drive an external scr crowbar (q 3 ), and so blow a fuse (f 1 ). the fault condition must be removed and power recycled for the lx1663 to resume normal operation (see figure 9).
   

 
         lx1662/62a, lx1663/63a  
    9  !""" #$%%2a, 11/04
      

 
figure 6 ? lx1662 in a pentium / pentium ii processor single chip power supply controller solution with loss-less current sensing (synchronous) ss tdrv v cc inv v cc_core vid0 vid1 vid2 vid3 vid4 c t bdrv gnd v c1 u1 lx1662 vid3 c 5 1f 12v r s v ou t 5v 14- p in, narrow bod y soic q 1 irl3102 l 1 , 2.5h 6.3v, 1500f x 3** 14 13 12 11 10 9 1 2 3 4 5 6 7 8 c 8 680pf vid2 vid1 vid0 vid4 c 3 0.1f supply voltage for cpu core 6.3v 1500f x3 ** three capacitors for pentium four capacitors for pentium ii q 2 irl3303 c 1 c 2 c s l 2 1h figure 7 ? lx1662 in a non-synchronous pentium / socket 7 power supply application ss tdrv v cc inv v cc_core vid0 vid1 vid2 vid3 vid4 c t bdrv gnd v c1 u1 lx1662 vid3 c 5 1f 12v r 1 v out 5v 14- p in, narrow bod y soic q 1 irl3102 l 1 , 5h 6.3v, 1500f x 3** 14 13 12 11 10 9 1 2 3 4 5 6 7 8 c 8 680pf vid2 vid1 vid0 vid4 c 3 0.1f 0.005 supply voltag e for cpu core 6.3v 1500f x3 ** three capacitors for pentium four capacitors for pentium ii c 2 c 1 d 1 mbr2535
   

 
         lx1662/62a, lx1663/63a  
     !""" #$%%2a, 11/04 10
      figure 8 ? pentium ii processor application with ovp, power good and loss-less current sensing (synchronous) ss tdrv v cc inv v cc_core vid0 vid1 vid2 vid3 ov c t bdrv gnd v c1 u1 lx1663 vid3 c 5 1f 12v r s v out 5v 16-pin narrow body soic q 1 irl3102 l 1 , 2.5h 6.3v, 1500f x 3** 16 15 14 13 12 11 1 2 3 4 5 6 7 10 c 8 680pf vid2 vid1 vid0 vid4 c 3 0.1f supply voltage for cpu core 6.3v 1500f x3 ** three capacitors for pentium four capacitors for pentium ii q 2 irl3303 vid4 pwrgd 89 ov pwrgd c 2 c 1 f 1 20a c s 

 
figure 9 ? full-featured pentium ii processor supply with 12v power input ss tdrv v cc inv v cc_core vid0 vid1 vid2 vid3 ov c t bdrv gnd v c1 u1 lx1663 vid3 c 9 1f 12v r 1 v out 16-pin narrow body soic q 1 irl3102 l 1 , 2.5h 6.3v, 1500f x 3** 16 15 14 13 12 11 1 2 3 4 5 6 7 10 c 8 , 1200pf vid2 vid1 vid0 vid4 c 3 0.1f 2.5m  supply voltage for cpu core 16v 1500f x3 ** three capacitors for pentium four capacitors for pentium ii q 2 irl3303 vid4 pwrgd 89 pwrgd r 2 10k q 3 scr 2n6504 c 10 0.1f r 7 10 d 3 1n4148 d 2 1n4148 c 2 c 1 c 10 , 1f d 4 1n5817 f 1 20a
   

 
         lx1662/62a, lx1663/63a  
    11  !""" #$%%2a, 11/04
           ,--d@?%+;2((2  ;(&    ,--d@?%+;2((2  ;(& *  / /-@ 9(   + -%d@ 9(   , d@?; 9#(12    ,d@&>02  --"/+c    d@&>02   e  @ +-& #&( &(3#2 )##f0$(3#&  e  @ ++-+& #&( &(3#2 )##f0$(3#&    %,1 ? ? ? ?? ? ? 
' 4 ref description part number / manufacturer qty. 
56' ('* 5#)# 
>02 3 7 
    the lx1662/63 devices are very easy to design with, requiring only a few simple calculations to implement a given design. the following procedures and considerations should provide effec- tive operation for virtually all applications. refer to the appli- cation information section for component reference designa- tors. timing capacitor selection the frequency of operation of the lx166x is a function of duty cycle and off-time. the off-time is proportional to the timing capacitor (which is shown as c 8 in all application schematics in this data sheet), and is modulated to minimize frequency variations with duty cycle. the frequency is constant, during steady-state operation, due to the modulation of the off-time. the timing capacitor (c t ) should be selected using the following equation: c t = where i dis is fixed at 200a and f s is the switching frequency (recommended to be around 200khz for optimal operation and component selection). when using a 5v input voltage, the switching frequency (f s ) can be approximated as follows: c t = 0.621 * choosing a 680pf capacitor will result in an operating frequency of 183khz at v out = 2.8v. when a 12v power input is used, he capacitor value must be changed (the optimal timing capacitor for 12v input will be in the range of 1000-1500pf). l 1 output inductor selection the inductance value chosen determines the ripple current present at the output of the power supply. size the inductance to allow a nominal 10% swing above and below the nominal dc load current, using the equation l = v l * ? ? ? ? (1 - v out /v in ) * i dis f s (1.52 - 0.29 * v out ) i dis f s
   

 
         lx1662/62a, lx1663/63a  
     !""" #$%%2a, 11/04 12
      
    input inductor selection in order to cope with faster transient load changes, a smaller output inductor is needed. however, reducing the size of the output inductor will result in a higher ripple voltage on the input supply. this noise on the 5v rail can affect other loads, such as graphics cards. it is recommended that a smaller input inductor, l 2 (1 - 1.5h), is used on the 5v rail to filter out the ripple. ensure that this inductor has the same current rating as the output inductor. c 1 filter capacitor selection the capacitors on the output of the pwm section are used to filter the output current ripple, as well as help during transient load conditions, and the capacitor bank should be sized to meet ripple and transient performance specifications. when a transient (step) load current change occurs, the output voltage will have a step which equals the product of the effective series resistance (esr) of the capacitor and the current step ( ? esr * (i ripple + ? i) < v ex where v ex is the allowable output voltage excursion in the transient and i ripple is the inductor ripple current. regulators such as the lx166x series, have adaptive output voltage positioning, which adds 40mv to the dc set-point voltage ? v ex is therefore the difference between the low load voltage and the minimum dynamic voltage allowed for the microprocessor. ripple current is a function of the output inductor value (l out ), and can be approximated as follows: i ripple = * where f s is the switching frequency. electrolytic capacitors can be used for the output filter capaci- tor bank, but are less stable with age than tantalum capacitors. as they age, their esr degrades, reducing the system performance and increasing the risk of failure. it is recommended that multiple parallel capacitors are used so that, as esr increases with age, overall performance will still meet the processor's requirements. there is frequently strong pressure to use the least expensive components possible, however, this could lead to degraded long- term reliability, especially in the case of filter capacitors. linfinity's demo boards use sanyo mv-gx filter capacitors, which are c 1 filter capacitor selection (continued) aluminum electrolytic, and have demonstrated reliability. the oscon series from sanyo generally provides the very best performance in terms of long term esr stability and general reliability, but at a substantial cost penalty. the mv-gx series provides excellent esr performance, meeting all intel transient specifications, at a reasonable cost. beware of off-brand, very-low cost filter capacitors, which have been shown to degrade in both esr and general electrolyte characteristics over time. current limit current limiting occurs when a sensed voltage, proportional to load current, exceeds the current-sense comparator threshold value. the current can be sensed either by using a fixed sense resistor in series with the inductor to cause a voltage drop proportional to current, or by using a resistor and capacitor in parallel with the inductor to sense the voltage drop across the parasitic resistance of the inductor. the lx166x family offers two different comparator thresholds. the lx1662 & 1663 have a threshold of 100mv, while the lx1662a and lx1663a have a threshold of 60mv. the 60mv threshold is better suited to higher current loads, such as a pentium ii or deschutes processor. sense resistor the current sense resistor, r 1 , is selected according to the formula: r 1 = v trip / i trip where v trip is the current sense comparator threshold (100mv for lx1662/63 and 60mv for lx1662a/63a) and i trip is the desired current limit. typical choices are shown below. ***
( 
..
' ' 
 (
(
#& 013(44
2#4456- 7 ,1 ? ?? ??? ? ? ? ?? ??? table 2 - current sense resistor selection guide a smaller sense resistor will result in lower heat dissipation (i2r) and also a smaller output voltage droop at higher currents. there are several alternative types of sense resistor. the surface-mount metal ?staple? form of resistor has the advantage of exposure to free air to dissipate heat and its value can be controlled very tightly. its main drawback, however, is cost. an alternative is to construct the sense resistor using a copper pcb trace. although the resistance cannot be controlled as tightly, the pcb trace is very low cost. v in - v out f s * l out v out v in
   

 
         lx1662/62a, lx1663/63a  
    13  !""" #$%%2a, 11/04
      
    current limit (continued) pcb sense resistor a pcb sense resistor should be constructed as shown in figure 10. by attaching directly to the large pads for the capacitor and inductor, heat is dissipated efficiently by the larger copper masses. connect the current sense lines as shown to avoid any errors. 
//( 
//( *(**
( .*
*-7 &,1 1+** ' .. 1* g)  /d1 %,1 ? ??? ? ? ? ?? table 3 - pcb sense resistor selection guide recommended sense resistor sizes are given in the following table: current limit (continued) the current flowing through the inductor is a triangle wave. if the sensor components are selected such that: l/r l = r s * c s the voltage across the capacitor will be equal to the current flowing through the resistor, i.e. v cs = i l r l since v cs reflects the inductor current, by selecting the appropriate r s and c s , v cs can be made to reach the comparator voltage (60mv for lx166xa or 100mv for the lx166x) at the desired trip current. design example (pentium ii circuit, with a maximum static current of 14.2a) the gain of the sensor can be characterized as: loss-less current sensing using resistance of inductor any inductor has a parasitic resistance, r l , which causes a dc voltage drop when current flows through the inductor. figure 11 shows a sensor circuit comprising of a surface mount resistor, r s , and capacitor, c s, in parallel with the inductor, eliminating the current sense resistor. 2.5m  sense resistor 100mil wide, 850mil long 2.5mm x 22mm (2 oz/ft 2 copper) output capacitor pad inductor sense lines figure 10 ? sense resistor construction diagram r l l/r s c s |t(   )|  1/r s c s r l /l figure 12 ? sensor gain figure 11 ? current sense circuit r l l r s c s v cs current sense comparator load r s2 the dc/static tripping current i trip,s satisfies: i trip,s = select l/r s c s i trip,d = general guidelines for selecting r s , c s , and r l r l = select: r s ? c sn = the above equation has taken into account the current-de- pendency of the inductance. the test circuit (figure 6) used the following parameters: r l = 3m ? ? v trip l/(r s c s ) v trip r l v trip i trip,s l n r l r s
   

 
         lx1662/62a, lx1663/63a  
     !""" #$%%2a, 11/04 14
      3  # 8  8 6'70('+) . ? ? ? ? ? ??? ? ??? ? ? ? ?? ? ? ? ? ? ? table 4 - fet selection guide this table gives selection of suitable fets from international rectifier. all devices in to-220 package. for surface mount devices (to-263 / d 2 -pak), add 's' to part number, e.g. irl3103s. 
    current limit (continued) in cases where r l is so large that the trip point current would be lower than the desired short-circuit current limit, a resistor (r s2 ) can be put in parallel with c s , as shown in figure 11. the selection of components is as follows: = c s = = * again, select (r s2 //r s ) < 10k ? fet selection to insure reliable operation, the operating junction temperature of the fet switches must be kept below certain limits. the intel specification states that 115c maximum junction temperature should be maintained with an ambient of 50c. this is achieved by properly derating the part, and by adequate heat sinking. one of the most critical parameters for fet selection is the r ds on resistance. this parameter directly contributes to the power dissipation of the fet devices, and thus impacts heat sink design, mechanical layout, and reliability. in general, the larger the current handling capability of the fet, the lower the r ds on will be, since more die area is available. fet selection (continued) for the irl3102 (13m ? synchronous rectification ? lower mosfet the lower pass element can be either a mosfet or a schottky diode. the use of a mosfet (synchronous rectification) will result in higher efficiency, but at higher cost than using a schottky diode (non-synchronous). power dissipated in the bottom mosfet will be: p d = i 2 * r ds(on) * [1 - duty cycle] = 2.24w [irl3303 or 1.12w for the irl3102] catch diode ? lower mosfet a low-power schottky diode, such as a 1n5817, is recommended to be connected between the gate and source of the lower mosfet when operating from a 12v-power supply (see figure 9). this will help protect the controller ic against latch-up due to the inductor voltage going negative. although latch-up is unlikely, the use of such a catch diode will improve reliability and is highly recommended. non-synchronous operation - schottky diode a typical schottky diode, with a forward drop of 0.6v will dissipate 0.6 * 14 * [1 ? 2.8/5] = 3.7w (compared to the 1.1 to 2.2w dissipated by a mosfet under the same conditions). this power loss becomes much more significant at lower duty cycles ? synchro- nous rectification is recommended especially when a 12v-power input is used. the use of a dual schottky diode in a single to-220 package (e.g. the mbr2535) helps improve thermal dissipation. mosfet gate bias the power mosfets can be biased by one of two methods: charge pump or 12v supply connected to v c1 . 1) charge pump (bootstrap) when 12v is supplied to the drain of the mosfet, as in figure 9, the gate drive needs to be higher than 12v in order to turn the mosfet on. capacitor c 10 and diodes d 2 & d 3 are used as a charge pump voltage doubling circuit to raise the voltage of v c1 so that the tdrv pin always provides a high enough voltage to turn on q 1 . the 12v supply must always be connected to v cc to provide power for the ic itself, as well as gate drive for the bottom mosfet. 2) 12v supply when 5v is supplied to the drain of q 1 , a 12v supply should be connected to both v cc and v c1 . r l (required) r l (actual) r s2 r s2 + r s l r l (actual) * (r s2 // r s ) l r l (actual) r s + r s2 r s2 * r s the recommended solution is to use irl3102 for the high side and irl3303 for the low side fet, for the best combination of cost and performance. alternative fet?s from any manufacturer could be used, provided they meet the same criteria for r ds(on) . heat dissipated in upper mosfet the heat dissipated in the top mosfet will be: p d = (i 2 * r ds(on) * duty cycle) + (0.51 * v in * t sw * f s ) where t sw is switching transition line for body diode (~100ns) and f s is the switching frequency.
   

 
         lx1662/62a, lx1663/63a  
    15  !""" #$%%2a, 11/04
      pentium is a registered trademark of intel corporation. cyrix is a registered trademark and 6x86, gx86 and m2 are trademarks of cyrix corporation. k6 is a trademark of amd. power pc is a trademark of international business machines corporation. alpha is a trademark of digital equipment corporation. 
    layout guidelines - thermal design a great deal of time and effort were spent optimizing the thermal design of the demo boards. any user who intends to implement an embedded motherboard would be well advised to carefully read and follow these guidelines. if the fet switches have been carefully selected, external heatsinking is generally not required. however, this means that copper trace on the pc board must now be used. this is a potential trouble spot; as much copper area as possible must be dedicated to heatsinking the fet switches, and the diode as well if a non-synchronous solution is used. in our vrm module, heatsink area was taken from internal ground and v cc planes which were actually split and connected with vias to the power device tabs. the to-220 and to-263 cases are well suited for this application, and are the preferred packages. remember to remove any conformal coating from all exposed pc traces which are involved in heatsinking. general notes as always, be sure to provide local capacitive decoupling close to the chip. be sure use ground plane construction for all high- frequency work. use low esr capacitors where justified, but be alert for damping and ringing problems. high-frequency designs demand careful routing and layout, and may require several iterations to achieve desired performance levels. power traces to reduce power losses due to ohmic resistance, careful consid- eration should be given to the layout of traces that carry high currents. the main paths to consider are:  input power from 5v supply to drain of top mosfet.  trace between top mosfet and lower mosfet or schottky diode.  trace between lower mosfet or schottky diode and ground.  trace between source of top mosfet and inductor, sense resistor and load. figure 13 ? power traces output input 5v or 12v lx166x all of these traces should be made as wide and thick as possible, in order to minimize resistance and hence power losses. it is also recommended that, whenever possible, the ground, input and output power signals should be on separate planes (pcb layers). see figure 13 ? bold traces are power traces. c 5 input decoupling (v cc ) capacitor ensure that this 1f capacitor is placed as close to the ic as possible to minimize the effects of noise on the device. layout assistance please contact linfinity?s applications engineers for assistance with any layout or component selection issues. a gerber file with layout for the most popular devices is available upon re- quest. evaluation boards are also available upon request. please check linfinity's web site for further application notes. production data - information contained in this document is proprietary to linfinity, and is current as of publication date. t his document may not be modified in any way without the express written consent of linfinity. product processing does not necessarily inclu de testing of all parameters. linfinity reserves the right to change the configuration and performance of the product and to discontinue pro duct at any time.   lx1664/1665 - dual output pwm for processor applications lx1668 - triple output pwm for processor applications lx1553 - pwm for 5v - 3.3v conversion


▲Up To Search▲   

 
Price & Availability of LX1662CN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X