Part Number Hot Search : 
1013B 05NH45 CD4781 SC251 4SLG68M 270251B 16200 LX1736
Product Description
Full Text Search
 

To Download KF13N50P10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010. 8. 16 1/7 semiconductor technical data kf13n50p/f n channel mos field effect transistor revision no : 2 general description this planar stripe mosfet has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. it is mainly suitable for electronic ballast and switching mode power supplies. features h v dss = 500v, i d = 13a h drain-source on resistance : r ds(on) =0.44 ? (max) @v gs = 10v h qg(typ.) = 35nc maximum rating (tc=25 ? ) * : drain current limited by maximum junction temperature. characteristic symbol rating unit kf13n50p kf13n50f drain-source voltage v dss 500 v gate-source voltage v gss ? 30 v drain current @t c =25 ? i d 13 13* a @t c =100 ? 8 8* pulsed (note1) i dp 40 40* single pulsed avalanche energy (note 2) e as 860 mj repetitive avalanche energy (note 1) e ar 19.5 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns drain power dissipation tc=25 ? p d 208 49.8 w derate above 25 ? 1.66 0.4 w/ ? maximum junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? thermal characteristics thermal resistance, junction-to-case r thjc 0.6 2.51 ? /w thermal resistance, junction-to- ambient r thja 62.5 62.5 ? /w kf13n50f kf13n50p equivalent circuit
2010. 8. 16 2/7 kf13n50p/f revision no : 2 electrical characteristics (tc=25 ? ) characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss i d =250  a, v gs =0v 500 - - v breakdown voltage temperature coefficient  bv dss /  t j i d =250  a, referenced to 25 ? - 0.63 - v/ ? drain cut-off current i dss v ds =500v, v gs =0v, - - 10  a gate threshold voltage v th v ds =v gs , i d =250  a 2.5 - 4.5 v gate leakage current i gss v gs = ? 30v, v ds =0v - - ? 100 na drain-source on resistance r ds(on) v gs =10v, i d =6.5a - 0.35 0.44 ? dynamic total gate charge q g v ds =400v, i d =13a v gs =10v (note4,5) - 35 - nc gate-source charge q gs - 9 - gate-drain charge q gd - 13 - turn-on delay time t d(on) v dd =250v i d =13a r g =25 ? (note4,5) - 28 - ns turn-on rise time t r - 45 - turn-off delay time t d(off) - 105 - turn-off fall time t f - 55 - input capacitance c iss v ds =25v, v gs =0v, f=1.0mhz - 1700 - pf output capacitance c oss - 210 - reverse transfer capacitance c rss - 15 - source-drain diode ratings continuous source current i s v gs 2010. 8. 16 3/7 kf13n50p/f revision no : 2
2010. 8. 16 4/7 kf13n50p/f revision no : 2
2010. 8. 16 5/7 kf13n50p/f revision no : 2
2010. 8. 16 6/7 kf13n50p/f revision no : 2
2010. 8. 16 7/7 kf13n50p/f revision no : 2


▲Up To Search▲   

 
Price & Availability of KF13N50P10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X