Part Number Hot Search : 
2Y0A21 17400 SKIC2001 RF3609D VEC2402 60805 SK353 UG06A1
Product Description
Full Text Search
 

To Download IRL540NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irl540n hexfet ? power mosfet pd - 91495a s d g v dss = 100v r ds(on) = 0.044 w i d = 36a t o -22 0 ab 5/13/98 parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 36 i d @ t c = 100c continuous drain current, v gs @ 10v 26 a i dm pulsed drain current ? 120 p d @t c = 25c power dissipation 140 w linear derating factor 0.91 w/c v gs gate-to-source voltage 16 v e as single pulse avalanche energy ? 310 mj i ar avalanche current ? 18 a e ar repetitive avalanche energy ? 14 mj dv/dt peak diode recovery dv/dt ? 5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 srew 10 lbf?in (1.1n?m) absolute maximum ratings parameter typ. max. units r q jc junction-to-case CCC 1.1 r q cs case-to-sink, flat, greased surface 0.50 CCC c/w r q ja junction-to-ambient CCC 62 thermal resistance description fifth generation hexfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry. l logic-level gate drive l advanced process technology l dynamic dv/dt rating l 175c operating temperature l fast switching l fully avalanche rated
irl540n parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 100 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.11 CCC v/c reference to 25c, i d = 1ma CCC CCC 0.044 v gs = 10v, i d = 18a ? CCC CCC 0.053 w v gs = 5.0v, i d = 18a ? CCC CCC 0.063 v gs = 4.0v, i d = 15a ? v gs(th) gate threshold voltage 1.0 CCC 2.0 v v ds = v gs , i d = 250a g fs forward transconductance 14 CCC CCC s v ds = 25v, i d = 18a CCC CCC 25 a v ds = 100v, v gs = 0v CCC CCC 250 v ds = 80v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 na v gs = 16v gate-to-source reverse leakage CCC CCC -100 v gs = -16v q g total gate charge CCC CCC 74 i d = 18a q gs gate-to-source charge CCC CCC 9.4 nc v ds = 5.0v q gd gate-to-drain ("miller") charge CCC CCC 38 v gs = 5.0v, see fig. 6 and 13 ? t d(on) turn-on delay time CCC 11 CCC v dd = 50v t r rise time CCC 81 CCC ns i d = 18a t d(off) turn-off delay time CCC 39 CCC r g = 5.0 w, v gs = 5.0v t f fall time CCC 62 CCC r d = 2.7 w, see fig. 10 ? between lead, 6mm (0.25in.) from package and center of die contact c iss input capacitance CCC 1800 CCC v gs = 0v c oss output capacitance CCC 350 CCC pf v ds = 25v c rss reverse transfer capacitance CCC 170 CCC ? = 1.0mhz, see fig. 5 ? repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) ? starting t j = 25c, l = 1.9mh r g = 25 w , i as = 18a. (see figure 12) . notes: electrical characteristics @ t j = 25c (unless otherwise specified) nh i gss s d g l s internal source inductance CCC 7.5 CCC r ds(on) static drain-to-source on-resistance l d internal drain inductance CCC 4.5 CCC i dss drain-to-source leakage current ? i sd 18a, di/dt 180a/s, v dd v (br)dss , t j 175c ? pulse width 300s; duty cycle 2% s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ?? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 1.3 v t j = 25c, i s = 18a, v gs = 0v ? t rr reverse recovery time CCC 190 290 ns t j = 25c, i f = 18a q rr reverse recoverycharge CCC 1.1 1.7 c di/dt = 100a/s ? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics a 36 120
irl 540n fig 1. typical output characteristics fig 3. typical transfer characteristics fig 2. typical output characteristics fig 4. normalized on-resistance vs. temperature 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source volta g e ( v ) ds a 20 s pulse width t = 25c j vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source volta g e ( v ) ds a 20 s pulse width t = 175c vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v j 1 10 100 1000 246810 t = 25c j gs v , gate-to-source volta g e (v) d i , drain-to-source current (a) t = 175c j a v = 50v 20s pulse width ds 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 30a d
irl540n fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 1000 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 t = 25c j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 1000 v , drain-to-source volta g e ( v ) ds i , drain current (a) operation in this area limited by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c sin g le pulse c j 0 3 6 9 12 15 0 20406080100 q , total gate char g e ( nc ) g v , gate-to-source voltage (v) gs v = 80v v = 50v v = 20v ds ds ds a for test circuit see figure 13 i = 18a d 0 1000 2000 3000 1 10 100 c, capacitance (pf) ds v , drain-to-source volta g e ( v ) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss
irl 540n fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 5.0v + - v dd fig 11. maximum effective transient thermal impedance, junction-to-case 25 50 75 100 125 150 175 0 10 20 30 40 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
irl540n q g q gs q gd v g charge 5.0 v fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current d.u.t. v ds i d i g 3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 w t p d.u.t l v ds + - v dd driver a 15v 10v 0 200 400 600 800 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as a startin g t , junction temperature ( c ) i top 7.3a 13a bottom 18a d
irl 540n p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfets * v gs = 5v for logic level devices peak diode recovery dv/dt test circuit ? ? ? r g v dd dv/dt controlled by r g driver same type as d.u.t. i sd controlled by duty factor "d" d.u.t. - device under test d.u.t circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? *
irl540n part number inte rn at io n al r ec tifie r lo g o example : this is an irf1010 w ith a ss e m bly lo t co de 9b 1m assembly l ot co d e date code (yyw w ) yy = year ww = week 9246 irf1010 9b 1m a part marking information to-220ab package outline to-220ab outline dimensions are shown in millimeters (inches) part number international rectifier lo g o example : this is an irf1010 w it h as se m b ly lo t c o de 9b1m assembly lo t co de date code (yyww) yy = year ww = week 9246 irf1010 9b 1m a lead assignments 1 - gate 2 - drain 3 - sou rc e 4 - drain - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) m in 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 d im e n s io n in g & to l e r a n c ing p e r a n s i y 1 4.5m , 1 9 82. 3 o u t lin e c o n f o r m s to je d e c o u t lin e to -2 20 a b . 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 european headquarters: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 7321 victoria park ave., suite 201, markham, ontario l3r 2z8, tel: (905) 475 1897 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir far east: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 315 outram road, #10-02 tan boon liat building, singapore 0316 tel: 65 221 8371 http://www.irf.com/ data and specifications subject to change without notice. 5/98


▲Up To Search▲   

 
Price & Availability of IRL540NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X