Part Number Hot Search : 
100TS C847B BCP51115 EI4036MS GCJ31 C5622 XC68HC08 M200D
Product Description
Full Text Search
 

To Download HTMS-150-03-S-D-RA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tms?120?60?g?s ideal for board stacking thirteen terminal styles (1,27mm x 2,54mm) .050" x .100" pitch choice of through-hole and right angle. see ftr series for surface mount htms?112?03?g?d?ra htms?108?01?g?s tms?108?02?g?d www.samtec.com 1 row option type strip no. pins per row lead style plating option option ?ra =right angle ??xxx? = polarized position (specify position of omitted pin) ?s = single row ?d = double row ?g = 10" (0,25m) gold on post, gold ? ash on tail ?s = 30" (0,76m) gold on post, matte tin on tail mates with: sms, slm, rsm snm for complete speci cations see www.samtec.com?snm same as htms except: insulator material: black glass filled polyester contact re sis tance: 10 m max lead size accepted: (0,46mm) .018" sq insertion depth: (3,43mm) .135" minimum max pro cess ing temp: not rec om mend ed for ir/vp specify lead style from chart processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead-free solderable: ye s for complete speci cations see www.samtec.com?tms or www.samtec.com?htms insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: au over 50? (1,27?) ni current rating: 1a operating temp range: -55? to +105? with tin; -55? to +125? with gold rohs compliant: ye s important note: style -02 does not mate with sms series. note: some lengths, styles and options are non-standard, non-returnable. (1,27) .050 x no. of positions (2,48) .098 (4,98) .196 (2,54) .100 (1,27) .050 typ 01 50 02 01 100 99 (2,54) .100 (0,51) .020 (0,51) .020 dia (0,46) .018 sq c b a (0,51) .020 dia a c b (2,54) .100 (3,56) .140 (1,52) .060 b (3,56) .140 (1,52) .060 b (0,51) .020 dia right angle through-hole ra lead style ?01 ?02 ?03 b (5,84) .230 (2,54) .100 (3,18) .125 tms = standard htms = high temp micro shunt snm series (2,54) .100 (3,30) .130 (1,27) .050 t/h lead style ?01 ?02 ?21 ?51 ?52 ?53 ?54 ?55 ?56 ?57 ?58 ?59 ?60 a (11,43) .450 (8,13) .320 (12,83) .505 (10,41) .410 (10,80) .425 (12,83) .505 (14,10) .555 (15,49) .610 (15,88) .625 (16,51) .650 (17,91) .705 (19,18) .755 (20,96) .825 b (5,84) .230 (2,54) .100 (5,84) .230 (4,83) .190 (5,21) .205 (7,24) .285 (8,51) .335 (9,91) .390 (10,29) .405 (10,92) .430 (12,32) .485 (13,59) .535 (15,37) .605 c (3,05) .120 (4,45) .175 (3,05) .120 plating tin 10? (0,25?) gold part no. snm?100?bk?t snm?100?bk?g 01 thru 50 tms, htms, snm series (1,27 mm ) .050" header f-209-1 htms ?d body design through t/ h hole www.samtec.com specifications note: other gold plating options available. contact samtec.


▲Up To Search▲   

 
Price & Availability of HTMS-150-03-S-D-RA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X