Part Number Hot Search : 
W0603 C1648X D200ED FTS2015 UL635 2SA743 UL635 157M0
Product Description
Full Text Search
 

To Download HD74LV273A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74LV273A octal d-type flip-flops with clear ade-205-273 (z) 1st edition april 1999 description the HD74LV273A has eight edge trigger d-type flip-flops with clear in a 20-pin package. data on the d input having the specified setup and hold times is transferred to the q output on the low to high transition of the clock input. the clear input when low, sets all outputs to a low state. low-voltage and high-speed operation is suitable for battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life. features v cc = 2.0 v to 5.5 v operation all inputs v ih (max.) = 5.5 v (@v cc = 0 v to 5.5 v) all outputs v o (max.) = 5.5 v (@v cc = 0 v) typical v ol ground bounce < 0.8 v (@v cc = 3.3 v, ta = 25 c) typical v oh undershoot > 2.3 v (@v cc = 3.3 v, ta = 25 c) output current 6 ma (@v cc = 3.0 v to 3.6 v), 16 ma (@v cc = 4.5 v to 5.5 v) function table inputs clr clk d output q l xxl h - hh h - ll h xq 0 note: h: high level l: low level x: immaterial - : low to high transition : high to low transition q 0 : output level before the indicated steady state input conditions were established.
HD74LV273A 2 pin arrangement 17 18 15 16 19 20 11 12 13 14 v cc 8q 8d 7d 7q 6q 1 2 3 4 5 6 7 8 9 10 clr 1q 1d 2d 2q 3q 3d gnd 4d 4q 6d 5d 5q clk (top view)
HD74LV273A 3 absolute maximum ratings item symbol ratings unit conditions supply voltage range v cc ?.5 to 7.0 v input voltage range* 1 v i ?.5 to 7.0 v output voltage range* 1, 2 v o ?.5 to v cc + 0.5 v output: h or l ?.5 to 7.0 v cc : off input clamp current i ik ?0 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 25 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 50 ma maximum power dissipation at ta = 25 c (in still air)* 3 p t 835 mw sop 757 tssop storage temperature tstg ?5 to 150 c notes: the absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. the input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 5.5 v maximum. 3. the maximum package power dissipation was calculated using a junction temperature of 150 c.
HD74LV273A 4 recommended operating conditions item symbol min max unit conditions supply voltage range v cc 2.0 5.5 v input voltage range v i 0 5.5 v output voltage range v o 0v cc v h or l output current i oh ?0 m av cc = 2.0 v 2 mav cc = 2.3 to 2.7 v 6 v cc = 3.0 to 3.6 v ?2 v cc = 4.5 to 5.5 v i ol ?0 m av cc = 2.0 v 2 ma v cc = 2.3 to 2.7 v ? v cc = 3.0 to 3.6 v ?2 v cc = 4.5 to 5.5 v input transition rise or fall rate d t / d v 0 200 ns/v v cc = 2.3 to 2.7 v 0 100 v cc = 3.0 to 3.6 v 020 v cc = 4.5 to 5.5 v operating free-air temperature ta ?0 85 c note: unused or floating inputs must be held high or low. logic diagram 1q 1q 2 3 11 1 1d c1 r to seven other channels 1d clk clr
HD74LV273A 5 dc electrical characteristics ta = ?0 to 85 c item symbol v cc (v)* min typ max unit test conditions input voltage v ih 2.0 1.5 v 2.3 to 2.7 v cc 0.7 3.0 to 3.6 v cc 0.7 4.5 to 5.5 v cc 0.7 v il 2.0 0.5 2.3 to 2.7 v cc 0.3 3.0 to 3.6 v cc 0.3 4.5 to 5.5 v cc 0.3 output voltage v oh min to max v cc ?0.1 v i oh = ?0 m a 2.3 2.0 i oh = ? ma 3.0 2.48 i oh = ? ma 4.5 3.8 i oh = ?2 ma v ol min to max 0.1 i ol = 50 m a 2.3 0.4 i ol = 2 ma 3.0 0.44 i ol = 6 ma 4.5 0.55 i ol = 12 ma input current i in 0 to 5.5 1 m av i = 5.5 v or gnd quiescent supply current i cc 5.5 20 m av i = v cc or gnd, i o = 0 output leakage current i off 0 5 m av i or v o = 0 v to 5.5 v input capacitance c in 3.3 2 pf v i = v cc or gnd note: for conditions shown as min or max, use the appropriate values under recommended operating conditions.
HD74LV273A 6 switching characteristics v cc = 2.5 0.2 v ta = 25 c ta = ?0 to 85 c item symbol min typ max min max unit test conditions from (input) to (output) maxi- mum clock fre- quency fmax 55 95 45 mhz c l = 15 pf 45 75 40 c l = 50 pf propa- gation delay time t phl 10.3 19.0 1.0 21.0 ns c l = 15 pf clr q t plh / t phl 10.4 18.3 1.0 20.5 clk q t phl 13.1 22.8 1.0 25.5 c l = 50 pf clr q t plh / t phl 12.9 22.1 1.0 25.0 clk q setup time t su 8.5 10.5 ns data 4.0 4.0 clr inactive hold time t h 0.5 1.0 ns pulse width t w 6.5 7.0 ns clr l 7.0 8.5 clk h or l
HD74LV273A 7 switching characteristics (cont) v cc = 3.3 0.3 v ta = 25 c ta = ?0 to 85 c item symbol min typ max min max unit test conditions from (input) to (output) maxi- mum clock fre- quency fmax 75 140 65 mhz c l = 15 pf 50 110 45 c l = 50 pf propa- gation delay time t phl 6.9 13.6 1.0 16.0 ns c l = 15 pf clr q t plh / t phl 7.1 13.6 1.0 16.0 clk q t phl 8.7 17.1 1.0 19.5 c l = 50 pf clr q t plh / t phl 9.1 17.1 1.0 19.5 clk q setup time t su 5.5 6.5 ns data 2.5 2.5 clr inactive hold time t h 1.0 1.0 ns pulse width t w 5.0 6.0 ns clr l 5.5 6.5 clk h or l
HD74LV273A 8 switching characteristics (cont) v cc = 5.0 0.5 v ta = 25 c ta = ?0 to 85 c item symbol min typ max min max unit test conditions from (input) to (output) maxi- mum clock fre- quency fmax 120 205 100 mhz c l = 15 pf 80 160 70 c l = 50 pf propa- gation delay time t phl 4.7 8.5 1.0 10.0 ns c l = 15 pf clr q t plh / t phl 4.8 9.0 1.0 10.5 clk q t phl 6.0 10.5 1.0 12.0 c l = 50 pf clr q t plh / t phl 6.2 11.0 1.0 12.5 clk q setup time t su 4.5 4.5 ns data 2.0 2.0 clr inactive hold time t h 1.0 1.0 ns pulse width t w 5.0 5.0 ns clr l 5.0 5.0 clk h or l
HD74LV273A 9 output-skew characteristics ta = 25 c ta = ?0 to 85 c item symbol v cc = (v) min max min max unit output skew t sk (o) 2.3 to 2.7 2.0 2.0 ns 3.0 to 3.6 1.5 1.5 4.5 to 5.5 1.0 1.0 note: skew between any outputs of the same package switching in the same direction. this parameter is warranted but not production tested. operating characteristics c l = 50 pf ta = 25 c item symbol v cc = (v) min typ max unit test conditions power dissipation capacitance c pd 3.3 15.9 pf f = 10 mhz 5.0 17.1 noise characteristics c l = 50 pf ta = 25 c item symbol v cc = (v) min typ max unit test conditions quiet output, maximum dynamic v ol v ol (p) 3.3 0.4 0.8 v quiet output, minimum dynamic v ol v ol (v) 3.3 ?.4 ?.8 quiet output, minimum dynamic v oh v oh (v) 3.3 2.9 high-level dynamic input voltage v ih (d) 3.3 2.31 v low-level dynamic input voltage v il (d) 3.3 0.99
HD74LV273A 10 test circuit l * note: c includes the probe and jig capacitance. measurement point c l
HD74LV273A 11 t plh t phl v oh v ol 0 v v cc v oh v ol t phl t plh 10 % 90 % cc 50 % v cc 50 % v cc 50 % v cc 50 % v cc 50 % v cc 50 % v 10 % 90 % t r t f t su t h 0 v v cc 0 v v cc 0 v v cc t w cc 50 % v cc 50 % v cc 50 % v cc 50 % v 10 % 90 % cc 50 % v cc 50 % v 10 % 90 % t r t f timing input input data input in phase output input out of phase output ? waveform-1 ? waveform-2 1. i nput waveform: prr 1 mhz, zo = 50 w , t r 3 ns, t f 3 ns 2. the output is measured one at a time with one transition per measurement. notes:
HD74LV273A 12 package dimensions 0.42 0.08 0.12 0.15 m 20 10 1 0.22 0.05 0.80 max 11 12.6 5.5 2.20 max 13 max 0 ?8 0.70 0.20 + 0.20 ?0.30 7.80 1.27 0.10 0.10 1.15 hitachi code jedec eiaj weight (reference value) fp-20da conforms 0.31 g 0.40 0.06 0.20 0.04 dimension including the plating thickness base material dimension
HD74LV273A 13 hitachi code jedec eiaj weight (reference value) fp-20db conforms 0.52 g unit: mm *dimension including the plating thickness base material dimension 0.12 0.15 0 ?8 m 20 11 0.20 0.10 1 1.27 10 12.8 13.2 max 7.50 2.65 max *0.27 0.05 *0.42 0.08 + 0.57 ?0.30 0.70 + 0.25 ?0.40 10.40 1.45 0.935 max 0.40 0.06 0.25 0.04
HD74LV273A 14 0.50 0.10 0 ?8 0.17 0.05 6.40 0.20 0.10 1.10 max 0.13 m 0.65 110 20 11 4.40 6.50 6.80 max 0.22 +0.08 ?.07 0.07 +0.03 ?.04 1.0 hitachi code jedec eiaj weight (reference value) ttp-20da 0.07 g 0.65 max 0.20 0.06 0.15 0.04 dimension including the plating thickness base material dimension
HD74LV273A 15 cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as in aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safe devices, so that the equipment incorporating the hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ?hitachi, ltd., 1998. all rights reserved. printed in japan. hitachi asia pte. ltd. 16 collyer quay #20-00 hitachi tower singapore 049318 tel: 535-2100 fax: 535-1533 url northamerica : http:semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia (singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm asia (taiwan) : http://www.hitachi.com.tw/e/product/sicd_frame.htm asia (hongkong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. taipei branch office 3f, hung kuo building. no.167, tun-hwa north road, taipei (105) tel: <886> (2) 2718-3666 fax: <886> (2) 2718-8180 hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road, tsim sha tsui, kowloon, hong kong tel: <852> (2) 735 9218 fax: <852> (2) 730 0281 telex: 40815 hitec hx hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 778322 hitachi europe gmbh electronic components group dornacher stra? 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to:


▲Up To Search▲   

 
Price & Availability of HD74LV273A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X