Part Number Hot Search : 
FS0202BA NC7SZ374 4ALVCH16 AOD4142 DM74A 4405UE 2N5401 37101
Product Description
Full Text Search
 

To Download HD74AC126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.3.00, nov.12.2004, page 1 of 6 HD74AC126/hd74act126 quad buffer/line driver with 3-state output rej03d0247?0300 rev.3.00 nov.12.2004 description the HD74AC126/hd74act126 is an quad buffer and line driver designed to be employed as a memory address driver, clock driver and bus oriented transmitter/r eceiver which provides improved pc board density. features ? 3-state outputs drive bus lines or buffer memory address registers ? outputs source/sink 24 ma ? hd74act126 has ttl-compatible inputs ? ordering information: ex. HD74AC126 part name package type package code package abbreviation taping abbreviation (quantity) HD74AC126fpel sop-14 pin (jeita) fp-14dav fp el (2,000 pcs/reel) HD74AC126rpel sop-14 pin (jedec) fp-14dnv rp el (2,500 pcs/reel) notes: 1. please consult the sales o ffice for the above package availability. 2. the packages with lead-free pins are distinguished fr om the conventional products by adding v at the end of the package code. pin arrangement (top view) e d o e d o gnd v cc e d o e d o 1 2 3 4 5 6 7 14 13 12 11 10 9 8
HD74AC126/hd74act126 rev.3.00, nov.12.2004, page 2 of 6 logic symbol do e pin names d data inputs e 3-state output enable inputs (active high) o outputs truth table inputs e d output h l l h h h l x z h : high voltage level l : low voltage level x : immaterial z : high impedance absolute maximum ratings item symbol ratings unit condition supply voltage v cc ?0.5 to 7 v ?20 ma v i = ?0.5v dc input diode current i ik 20 ma v i = vcc+0.5v dc input voltage v i ?0.5 to vcc+0.5 v ?50 ma v o = ?0.5v dc output diode current i ok 50 ma v o = vcc+0.5v dc output voltage v o ?0.5 to vcc+0.5 v dc output source or sink current i o 50 ma dc v cc or ground current per output pin i cc , i gnd 50 ma storage temperature tstg ?65 to +150 c recommended operating c onditions: HD74AC126 item symbol ratings unit condition supply voltage v cc 2 to 6 v input and output voltage v i , v o 0 to v cc v operating temperature ta ?40 to +85 c v cc = 3.0v v cc = 4.5 v input rise and fall time (except schmitt inputs) v in 30% to 70% v cc tr, tf 8 ns/v v cc = 5.5 v
HD74AC126/hd74act126 rev.3.00, nov.12.2004, page 3 of 6 dc characteristics: HD74AC126 ta = 25 c ta = ?40 to +85 c item sym- bol vcc (v) min. typ. max. min. max. unit condition 3.0 2.1 1.5 ? 2.1 ? 4.5 3.15 2.25 ? 3.15 ? v ih 5.5 3.85 2.75 ? 3.85 ? v out = 0.1 v or v cc ?0.1 v 3.0 ? 1.50 0.9 ? 0.9 4.5 ? 2.25 1.35 ? 1.35 input voltage v il 5.5 ? 2.75 1.65 ? 1.65 v v out = 0.1 v or v cc ?0.1 v 3.0 2.9 2.99 ? 2.9 ? 4.5 4.4 4.49 ? 4.4 ? 5.5 5.4 5.49 ? 5.4 ? v in = v il or v ih i out = ?50 a 3.0 2.58 ? ? 2.48 ? i oh = ?12 ma 4.5 3.94 ? ? 3.80 ? i oh = ?24 ma v oh 5.5 4.94 ? ? 4.80 ? v in = v il or v ih i oh = ?24 ma 3.0 ? 0.002 0.1 ? 0.1 4.5 ? 0.001 0.1 ? 0.1 5.5 ? 0.001 0.1 ? 0.1 v in = v il or v ih i out = 50 a 3.0 ? ? 0.32 ? 0.37 i ol = 12 ma 4.5 ? ? 0.32 ? 0.37 i ol = 24 ma output voltage v ol 5.5 ? ? 0.32 ? 0.37 v v in = v il or v ih i ol = 24 ma input leakage current i in 5.5 ? ? 0.1 ? 1.0 a v in = v cc or gnd 3 state current i oz 5.5 ? ? 0.5 ? 5.0 a v in(oe) = v il , v ih v in = v cc or gnd v out = v cc or gnd i old 5.5 ? ? ? 86 ? ma v old = 1.1 v dynamic output current * i ohd 5.5 ? ? ? ?75 ? ma v ohd = 3.85 v quiescent supply current i cc 5.5 ? ? 8.0 ? 80 a v in = v cc or ground * maximum test duration 2.0 ms, one output loaded at a time. recommended operating c onditions: hd74act126 item symbol ratings unit condition supply voltage v cc 2 to 6 v input and output voltage v i , v o 0 to v cc v operating temperature ta ?40 to +85 c input rise and fall time (except schmitt inputs) v in 0.8 to 2.0 v tr, tf 8 ns/v v cc = 4.5v v cc = 5.5v
HD74AC126/hd74act126 rev.3.00, nov.12.2004, page 4 of 6 dc characteristics : hd74act126 ta = 25 c ta = ?40 to +85 c item sym- bol v cc (v) min. typ. max. min. max. unit condition 4.5 2.0 1.5 ? 2.0 ? v ih 5.5 2.0 1.5 ? 2.0 ? v out = 0.1 v or v cc ?0.1 v 4.5 ? 1.5 0.8 ? 0.8 input voltage v il 5.5 ? 1.5 0.8 ? 0.8 v v out = 0.1 v or v cc ?0.1 v 4.5 4.4 4.49 ? 4.4 ? 5.5 5.4 5.49 ? 5.4 ? v in = v il or v ih i out = ?50 a 4.5 3.94 ? ? 3.80 ? i oh = ?24 ma v oh 5.5 4.94 ? ? 4.80 ? v in = v il i oh = ?24 ma 4.5 ? 0.001 0.1 ? 0.1 5.5 ? 0.001 0.1 ? 0.1 v in = v il or v ih i out = 50 a 4.5 ? ? 0.32 ? 0.37 i ol = 24 ma output voltage v ol 5.5 ? ? 0.32 ? 0.37 v v in = v il i ol = 24 ma input current i in 5.5 ? ? 0.1 ? 1.0 a v in = v cc or gnd 3 state current i oz 5.5 ? ? 0.5 ? 5.0 a v in = v il , v ih v out = v cc or gnd i cc /input current i cct 5.5 ? 0.6 ? ? 1.5 ma v in = v cc ?2.1 v i old 5.5 ? ? ? 86 ? ma v old = 1.1 v dynamic output current * i ohd 5.5 ? ? ? ?75 ? ma v ohd = 3.85 v quiescent supply current i cc 5.5 ? ? 8.0 ? 80 a v in = v cc or ground * maximum test duration 2.0 ms, one output loaded at a time. ac characteristics: HD74AC126 ta = +25c c l = 50 pf ta = ?40c to +85c c l = 50 pf item symbol v cc (v) * 1 min typ max min max unit propagation delay t plh 3.3 1.0 6.5 9. 0 1.0 10.0 ns 5.0 1.0 5.5 7.0 1.0 7.5 propagation delay t phl 3.3 1.0 6.5 9.0 1.0 10.0 5.0 1.0 5.0 7.0 1.0 7.5 enable time t zh 3.3 1.0 6.5 12.5 1.0 13.0 5.0 1.0 5.5 9.0 1.0 9.5 enable time t zl 3.3 1.0 7.0 12.0 1.0 13.0 5.0 1.0 5.5 9.0 1.0 9.5 disable time t hz 3.3 1.0 8.0 12.0 1.0 12.5 5.0 1.0 6.5 10.0 1.0 10.5 disable time t lz 3.3 1.0 7.0 12.5 1.0 13.5 5.0 1.0 6.0 10.0 1.0 10.5 note: 1. voltage range 3.3 is 3.3 v 0.3 v voltage range 5.0 is 5.0 v 0.5 v
HD74AC126/hd74act126 rev.3.00, nov.12.2004, page 5 of 6 ac characteristi cs: hd74act126 ta = +25c c l = 50 pf ta = ?40c to +85c c l = 50 pf item symbol v cc (v) * 1 min typ max min max unit propagation delay t plh 5.0 1.0 6.5 9. 0 1.0 10.0 ns propagation delay t phl 5.0 1.0 7.0 9.0 1.0 10.0 enable time t zh 5.0 1.0 6.0 9.0 1.0 10.0 enable time t zl 5.0 1.0 7.0 10.0 1.0 11.0 disable time t hz 5.0 1.0 8.0 10.5 1.0 11.5 disable time t lz 5.0 1.0 7.0 10.5 1.0 11.5 note: 1. voltage range 5.0 is 5.0 v 0.5 v capacitance item symbol typ unit condition input capacitance c in 4.5 pf v cc = 5.5 v power dissipation capacitance c pd 45.0 pf v cc = 5.0 v
HD74AC126/hd74act126 rev.3.00, nov.12.2004, page 6 of 6 package dimensions package code jedec jeita mass (reference value) fp-14dav ? conforms 0.23 g *ni/pd/au plating *0.20 0.05 *0.40 0.06 0.70 0.20 0.12 0.15 0 ? ? 8 ? m 0.10 0.10 2.20 max 5.5 10.06 1.42 max 14 8 1 7 10.5 max + 0.20 ? 0.30 7.80 1.15 1.27 as of january, 2003 unit: mm package code jedec jeita mass (reference value) fp-14dnv conforms conforms 0.13 g 0 ? ? 8 ? 1.27 14 8 1 7 0.15 0.25 m 1.75 max 3.95 *0.20 0.05 8.65 9.05 max *0.40 0.06 0.14 + 0.11 ? 0.04 0.635 max 6.10 + 0.10 ? 0.30 0.60 + 0.67 ? 0.20 1.08 *ni/pd/au plating as of january, 2003 unit: mm
keep safety first in your circuit designs! 1. renesas technology corp. puts the maximum effort into making semiconductor products better and more reliable, but there is al ways the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating i n the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents in formation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or e rrors. please also pay attention to information published by renesas technology corp. by various means, including the renesas technolo gy corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, an d algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under cir cumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technology corp. is necessary to reprint or reproduce in whole or in part these materia ls. 7. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a lice nse from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is pro hibited. 8. please contact renesas technology corp. for further details on these materials or the products contained therein. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.com refer to " http://www.renesas.com/en/network " for the latest and detailed information. renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500, fax: <1> (408) 382-7501 renesas technology europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k. tel: <44> (1628) 585-100, fax: <44> (1628) 585-900 renesas technology hong kong ltd. 7th floor, north tower, world finance centre, harbour city, 1 canton road, tsimshatsui, kowloon, hong kong tel: <852> 2265-6688, fax: <852> 2730-6071 renesas technology taiwan co., ltd. 10th floor, no.99, fushing north road, taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. unit2607 ruijing building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1 harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas sales offices ? 200 4. re nesas technology corp ., all rights reser v ed. printed in ja pan. colophon .2.0


▲Up To Search▲   

 
Price & Availability of HD74AC126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X