Part Number Hot Search : 
MGF4954A TSH93 MCH6629 FX20KM PT151S81 AD2700 MA786WA C3117
Product Description
Full Text Search
 

To Download HD74AC112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.2.00, jul.16.2004, page 1 of 7 HD74AC112/hd74act112 dual jk negative edge-triggered flip-flop rej03d0244 0200z (previous ade-205-364 (z)) rev.2.00 jul.16.2004 description the HD74AC112/hd74act112 features individual j, k, clock and asynchronous set and clear inputs to each flip- flop. when the clock goes high, the inputs are enabled and data will be accepted. the logic level of the j and k inputs may change when the clock is high and the bistable will perform according to the truth table as long as minimum setup and hold times are observed. input data is transferred to the outputs on the falling edge of the clock pulse. features ? outputs source/sink 24 ma ? hd74act112 has ttl-compatible inputs ? ordering information: ex. HD74AC112 part name package type package code package abbreviation taping abbreviation (quantity) HD74AC112fpel sop-16 pin (jeita) fp-16dav fp el (2,000 pcs/reel) HD74AC112rpel sop-16 pin (jedec) fp-16dnv rp el (2,500 pcs/reel) notes: 1. please consult the sales office for the above package availability. 2. the packages with lead-free pins are distinguished from the conventional products by adding v at the end of the package code. pin arrangement 1 2 3 4 5 6 7 8 cp 1 k 1 j 1 s d1 q 1 q 1 q 2 gnd v cc c d1 c d2 cp 2 k 2 j 2 s d2 q 2 16 15 14 13 12 11 10 9 (top view)
HD74AC112/hd74act112 rev.2.00, jul.16.2004, page 2 of 7 logic symbol 3 j 1 q 1 q 1 k 1 cp 1 c d1 j 2 q 2 q 2 k 2 cp 2 c d2 s d1 s d2 5 410 11 13 12 6 9 7 1 2 15 14 v cc = pin16 gnd = pin8 pin names j 1 , j 2 , k 1 , k 2 data inputs cp 1 , cp 2 clock pulse inputs (active falling edge) c d1 , c d2 direct clear inputs (active low) s d1 , s d2 direct set inputs (active low) q 1 , q 2 , q 1 , q 2 outputs asynchronous inputs: low input to s d sets q to high level low input to c d sets q to low level clear and set are independent of clock simultaneous low on c d and s d makes both q and q high truth table inputs outputs @ t n @ t n + 1 jk q ll qn lh l hl h hh q n t n : bit time before clock pulse. t n + 1 : bit time after clock pulse. h : high voltage level l : low voltage level
HD74AC112/hd74act112 rev.2.00, jul.16.2004, page 3 of 7 logic diagram c d s d cp cp cp cp q q cp # # # # cp cp # cp cp cp cp j k absolute maximum ratings item symbol ratings unit condition supply voltage v cc ?0.5 to 7 v ?20 ma v i = ?0.5v dc input diode current i ik 20 ma v i = vcc+0.5v dc input voltage v i ?0.5 to vcc+0.5 v ?50 ma v o = ?0.5v dc output diode current i ok 50 ma v o = vcc+0.5v dc output voltage v o ?0.5 to vcc+0.5 v dc output source or sink current i o 50 ma dc v cc or ground current per output pin i cc , i gnd 50 ma storage temperature tstg ?65 to +150 c recommended operating conditions: HD74AC112 item symbol ratings unit condition supply voltage v cc 2 to 6 v input and output voltage v i , v o 0 to v cc v operating temperature ta ?40 to +85 c v cc = 3.0v v cc = 4.5 v input rise and fall time (except schmitt inputs) v in 30% to 70% v cc tr, tf 8 ns/v v cc = 5.5 v
HD74AC112/hd74act112 rev.2.00, jul.16.2004, page 4 of 7 dc characteristics: HD74AC112 ta = 25 c ta = ?40 to +85 c item sym- bol vcc (v) min. typ. max. min. max. unit condition 3.0 2.1 1.5 ? 2.1 ? 4.5 3.15 2.25 ? 3.15 ? v ih 5.5 3.85 2.75 ? 3.85 ? v out = 0.1 v or v cc ?0.1 v 3.0 ? 1.50 0.9 ? 0.9 4.5 ? 2.25 1.35 ? 1.35 input voltage v il 5.5 ? 2.75 1.65 ? 1.65 v v out = 0.1 v or v cc ?0.1 v 3.0 2.9 2.99 ? 2.9 ? 4.5 4.4 4.49 ? 4.4 ? 5.5 5.4 5.49 ? 5.4 ? v in = v il or v ih i out = ?50 a 3.0 2.58 ? ? 2.48 ? i oh = ?12 ma 4.5 3.94 ? ? 3.80 ? i oh = ?24 ma v oh 5.5 4.94 ? ? 4.80 ? v in = v il or v ih i oh = ?24 ma 3.0 ? 0.002 0.1 ? 0.1 4.5 ? 0.001 0.1 ? 0.1 5.5 ? 0.001 0.1 ? 0.1 v in = v il or v ih i out = 50 a 3.0 ? ? 0.32 ? 0.37 i ol = 12 ma 4.5 ? ? 0.32 ? 0.37 i ol = 24 ma output voltage v ol 5.5 ? ? 0.32 ? 0.37 v v in = v il or v ih i ol = 24 ma input leakage current i in 5.5 ? ? 0.1 ? 1.0 av in = v cc or gnd i old 5.5???86?mav old = 1.1 v dynamic output current * i ohd 5.5 ? ? ? ?75 ? ma v ohd = 3.85 v quiescent supply current i cc 5.5 ? ? 4.0 ? 40 av in = v cc or ground * maximum test duration 2.0 ms, one output loaded at a time. recommended operating conditions: hd74act112 item symbol ratings unit condition supply voltage v cc 2 to 6 v input and output voltage v i , v o 0 to v cc v operating temperature ta ?40 to +85 c input rise and fall time (except schmitt inputs) v in 0.8 to 2.0 v tr, tf 8 ns/v v cc = 4.5v v cc = 5.5v
HD74AC112/hd74act112 rev.2.00, jul.16.2004, page 5 of 7 dc characteristics: hd74act112 ta = 25 c ta = ?40 to +85 c item sym- bol v cc (v) min. typ. max. min. max. unit condition 4.5 2.0 1.5 ? 2.0 ? v ih 5.5 2.0 1.5 ? 2.0 ? v out = 0.1 v or vcc?0.1 v 4.5 ? 1.5 0.8 ? 0.8 input voltage v il 5.5 ? 1.5 0.8 ? 0.8 v v out = 0.1 v or vcc?0.1 v 4.5 4.4 4.49 ? 4.4 ? 5.5 5.4 5.49 ? 5.4 ? v in = v il or v ih i out = ?50 a 4.5 3.94 ? ? 3.80 ? i oh = ?24 ma v oh 5.5 4.94 ? ? 4.80 ? v in = v il i oh = ?24 ma 4.5 ? 0.001 0.1 ? 0.1 5.5 ? 0.001 0.1 ? 0.1 v in = v il or v ih i out = 50 a 4.5 ? ? 0.32 ? 0.37 i ol = 24 ma output voltage v ol 5.5 ? ? 0.32 ? 0.37 v v in = v il i ol = 24 ma input current i in 5.5 ? ? 0.1 ? 1.0 av in = v cc or gnd i cc /input current i cct 5.5 ? 0.6 ? ? 1.5 ma v in = v cc ?2.1 v i old 5.5 ? ? ? 86 ? ma v old = 1.1 v dynamic output current * i ohd 5.5 ? ? ? ?75 ? ma v ohd = 3.85 v quiescent supply current i cc 5.5 ? ? 4.0 ? 40 av in = v cc or ground * maximum test duration 2.0 ms, one output loaded at a time. ac characteristics: HD74AC112 ta = +25c c l = 50 pf ta = ?40c to +85c c l = 50 pf item symbol v cc (v) * 1 min typ max min max unit maximum clock f max 3.3 125 ? ? 100 ? mhz frequency 5.0 150 ? ? 125 ? propagation delay t plh 3.3 1.0 11.0 14.0 1.0 15.0 ns c p to q or q 5.0 1.0 8.5 11.0 1.0 12.0 propagation delay t phl 3.3 1.0 11.0 14.0 1.0 15.0 c p to q or q 5.0 1.0 8.5 11.0 1.0 12.0 propagation delay t plh 3.3 1.0 9.5 12.5 1.0 13.5 c d , s d to q or q 5.0 1.0 7.0 9.5 1.0 10.5 propagation delay t phl 3.3 1.0 11.5 14.5 1.0 15.5 c d , s d to q or q 5.0 1.0 9.0 11.0 1.0 12.5 note: 1. voltage range 3.3 is 3.3 v 0.3 v voltage range 5.0 is 5.0 v 0.5 v
HD74AC112/hd74act112 rev.2.00, jul.16.2004, page 6 of 7 ac operating requirements: HD74AC112 ta = +25c c l = 50 pf ta = ?40c to +85c c l = 50 pf item symbol v cc (v) * 1 typ guaranteed minimum unit setup time t su 3.3 3.0 5.5 6.0 ns j or k to c p 5.0 2.0 4.5 4.5 hold time t h 3.3 ?1.5 0.0 0.0 c p to j or k 5.0 ?0.5 0.0 0.0 pulse width t w 3.3 2.0 5.5 7.0 c p or c d or s d 5.0 2.0 4.5 5.0 recovery time t rec 3.3 1.5 3.5 3.5 c d or s d to c p 5.0 1.0 3.0 3.0 note: 1. voltage range 3.3 is 3.3 v 0.3 v voltage range 5.0 is 5.0 v 0.5 v ac characteristics: hd74act112 ta = +25c c l = 50 pf ta = ?40c to +85c c l = 50 pf item symbol v cc (v) * 1 min typ max min max unit maximum clock frequency f max 5.0 100 ? ? 80 ? mhz propagation delay c p to q or q t plh 5.0 1.0 10.5 13.0 1.0 14.0 ns propagation delay c p to q or q t phl 5.0 1.0 10.5 13.0 1.0 14.0 propagation delay c d , s d to q or q t plh 5.0 1.0 8.0 10.0 1.0 11.0 propagation delay c d , s d to q or q t phl 5.0 1.0 10.5 12.5 1.0 13.5 note: 1. voltage range 5.0 is 5.0 v 0.5 v ac operating requirements: hd74act112 ta = +25c c l = 50 pf ta = ?40c to +85c c l = 50 pf item symbol v cc (v) * 1 typ guaranteed minimum unit setup time j or k to c p t su 5.0 2.5 7.0 8.0 ns hold time c p to j or k t h 5.0 0.0 1.5 1.5 pulse width c p or c d or s d t w 5.0 4.5 7.0 8.0 recovery time c d , s d to c p t rec 5.0 ?2.5 3.0 3.0 note: 1. voltage range 5.0 is 5.0 v 0.5 v capacitance item symbol typ unit condition input capacitance c in 4.5 pf v cc = 5.5 v power dissipation capacitance c pd 35.0 pf v cc = 5.0 v
HD74AC112/hd74act112 rev.2.00, jul.16.2004, page 7 of 7 package dimensions package code jedec jeita mass (reference value) fp-16dav ? conforms 0.24 g *ni/pd/au plating *0.20 0.05 *0.40 0.06 0.12 0.15 m 2.20 max 5.5 10.06 0.80 max 16 9 1 8 10.5 max + 0.20 ? 0.30 7.80 0.70 0.20 0 ? e 8 ? 0.10 0.10 1.15 1.27 as of january, 2003 unit: mm package code jedec jeita mass (reference value) fp-16dnv conforms conforms 0.15 g *ni/pd/au plating 1.27 16 9 1 8 0.15 0.25 m 1.75 max 3.95 *0.20 0.05 9.9 0 ? e 8 ? 10.3 max + 0.10 e 0.30 6.10 + 0.67 e 0.20 0.60 + 0.11 e 0.04 0.14 *0.40 0.06 0.635 max 1.08 as of january, 2003 unit: mm
keep safety first in your circuit designs! 1. renesas technology corp. puts the maximum effort into making semiconductor products better and more reliable, but there is a lways the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placeme nt of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents i nformation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies o r errors. please also pay attention to information published by renesas technology corp. by various means, including the renesas techn ology corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, a nd algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under ci rcumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technology corp. is necessary to reprint or reproduce in whole or in part these materi als. 7. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a lic ense from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is prohibited. 8. please contact renesas technology corp. for further details on these materials or the products contained therein. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.com renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500 fax: <1> (408) 382-7501 renesas technology europe limited. dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, united kingdom tel: <44> (1628) 585 100, fax: <44> (1628) 585 900 renesas technology europe gmbh dornacher str. 3, d-85622 feldkirchen, germany tel: <49> (89) 380 70 0, fax: <49> (89) 929 30 11 renesas technology hong kong ltd. 7/f., north tower, world finance centre, harbour city, canton road, hong kong tel: <852> 2265-6688, fax: <852> 2375-6836 renesas technology taiwan co., ltd. fl 10, #99, fu-hsing n. rd., taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. 26/f., ruijin building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1, harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas sales offices ? 200 4. re nesas technology corp ., all rights reser v ed. printed in ja pan. colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD74AC112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X