Part Number Hot Search : 
B0403 TFS448 0805H104 SD3004 12S100 07M002 HT82M KBP01M
Product Description
Full Text Search
 

To Download FDD6680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDD6680 FDD6680, rev.b FDD6680 n-channel logic level pwm optimized powertrench? mosfet general description this n-channel logic level mosfet has been designed specifically to improve the overall efficiency of dc/dc converters using either synchronous or conventional switching pwm controllers. the mosfet features faster switching and lower gate charge than other mosfets with comparable r ds(on) specifications. the result is a mosfet that is easier to drive, even at very high frequencies, and dc/dc power supply designs with higher overall efficiency. applications ? dc/dc converter  motor drives july 1999 features  55 a, 30 v. r ds(on) = 0.010 ? @ v gs = 10 v r ds(on) = 0.015 ? @ v gs = 4.5 v.  optimized for use in high frequency dc/dc converters.  low gate charge (19nc typical).  very fast switching. ? 1999 fairchild semiconductor corporation g s d to-252 s d g absolute maximum ratings t c =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage 30 v v gss gate-source voltage 20 v i d maximum drain current -continuous (note 1) 55 (note 1a) 14 maximum drain current -pulsed 100 a maximum power dissipation @ t c = 25 o c (note 1) 60 t a = 25 o c (note 1a) 3.2 p d t a = 25 o c (note 1b) 1.3 w t j , t stg operating and storage junction temperature range -55 to +150 c thermal characteristics r jc thermal resistance, junction-to- case (note 1) 2.1 c/w r ja thermal resistance, junction-to- ambient (note 1a) 40 c/w (note 1b) 96 c/w package marking and ordering information device marking device reel size tape width quantity FDD6680 FDD6680 13 ?? 16mm 2500
FDD6680 FDD6680, rev.b electrical characteristics t a = 25 c unless otherwise noted symbol parameter test conditions min typ max units drain-source avalanche ratings (note 2) w dss single pulse drain-source avalanche energy v dd = 15 v, i l = 55 a 170 mj i ar maximum drain-source avalanche current 55 a off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 30 v ? bv dss ? t j breakdown voltage temperature coefficient i d = 250 a,referenced to 25 c 18 mv/ c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 a i gssf gate-body leakage current, forward v gs = 20v, v ds = 0 v 100 na i gssr gate-body leakage current, reverse v gs = -20 v, v ds = 0 v -100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 12 3 v ? v gs(th) ? t j gate threshold voltage temperature coefficient i d =250 a,referenced to 25 c -5.5 mv/ c r ds(on) static drain-source on-resistance v gs = 10v, i d = 14a v gs = 10v, i d = 14a, t j =125 c v gs = 4.5v, i d = 12 a 0.008 0.013 0.012 0.010 0.017 0.015 ? i d(on) on-state drain current v gs = 10 v, v ds = 5 v 50 a g fs forward transconductance v ds = 5 v, i d = 14 a 38 s dynamic characteristics c iss input capacitance 2070 pf c oss output capacitance 510 pf c rss reverse transfer capacitance v ds = 15 v, v gs = 0 v, f = 1.0 mhz 235 pf switching characteristics (note 2) t d(on) turn-on delay time 15 28 ns t r turn-on rise time 18 33 ns t d(off) turn-off delay time 40 64 ns t f turn-off fall time v dd = 15 v, i d = 1 a, v gs = 10 v, r gen = 6 ? 18 33 ns q g total gate charge 19 27 nc q gs gate-source charge 7 nc q gd gate-drain charge v ds = 15 v, i d = 14a, v gs = 5v, 6nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current 2.3 a v sd drain-source diode forwardvoltage v gs = 0 v, i s = 2.3 a (note 2) 0.75 1.2 v notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the dr ain tab. r jc is guaranteed by design while r ca is determined by the user's board design. scale 1 : 1 on letter size paper 2. pulse test: pulse width 300 s, duty cycle 2.0% a) r ja = 40 o c/w when mounted on a 1in 2 pad of 2oz copper. b) r ja = 96 o c/w on a minimum mounting pad.
FDD6680 FDD6680, rev.b typical characteristics figure 1. on-region characteristics. figure 2. on-resistance variation with drain current and gate voltage. figure 3. on-resistance variation with temperature. figure 4. on-resistance variation with gate-to-source voltage. figure 5. transfer characteristics. figure 6. body diode forward voltage variation with source current and temperature. 0 10 20 30 40 50 60 012345 v ds , drain-source voltage (v) i d , drain-source current (a) v gs = 10v 4.5v 3.5v 4.0v 5v 0.8 1 1.2 1.4 1.6 1.8 2 2.2 0 102030405060 i d , drain current (a) r ds(on) , normalized drain-source on-resistance v gs = 4.0v 10v 5.0v 4.5v 6.0v 0.6 0.8 1 1.2 1.4 1.6 1.8 -50 -25 0 25 50 75 100 125 150 t j , junction temperature ( o c) r ds(on) , normalized drain-source on-resistance i d = 14a v gs = 10v 0 0.01 0.02 0.03 0.04 246810 v gs , gate to source voltage (v) r ds(on) , on-resistance (ohm) i d = 7a t a = 125 o c t a = 25 o c 0 10 20 30 40 50 60 12345 v gs , gate to source voltage (v) i d , drain current (a) t a = -55 o c 25 o c 125 o c v ds =5v 0.0001 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 v sd , body diode voltage (v) i s , reverse drain current (a) t j =125 o c 25 o c - 55 o c v gs =0
FDD6680 FDD6680, rev.b typical characteristics (continued) figure 7. gate-charge characteristics. figure 8. capacitance characteristics. figure 9. maximum safe operating area. figure 10. single pulse maximum power dissipation. figure 11. transient thermal response curve. thermal characterization performed using the conditions described in note 1b. transient themal response will change depending on the circuit board design. 0 20 40 60 0.01 0.1 1 10 100 1000 single pulse time (sec) power (w) single pulse r ja = 96 o c/w t a = 25 o c 0.0001 0.001 0.01 0.1 1 10 100 300 0.0001 0.001 0.01 0.1 1 t , time (sec) transient thermal resistance 1 sin g le pulse d = 0.5 0.1 0.05 0.02 0.01 0.2 r(t), normalized effective duty cycle, d = t / t 1 2 r (t) = r(t) * r r = 96 c/w ja ja ja t - t = p * r (t) ja a j p(pk) t 1 t 2 0 2 4 6 8 10 0 10203040 q g , gate charge (nc) v gs , gate-source voltage (v) i d = 14a v ds = 5v 10v 15v 0 500 1000 1500 2000 2500 0 5 10 15 20 25 30 v ds , drain to source voltage (v) capacitance (pf) c iss c oss c rss f = 1 mhz v gs = 0 v 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-source voltage (v) i d , drain current (a) r ds(on) limit v gs = 10v single pulse r ja = 96 o c/w t a = 25 o c dc 10s 1s 100ms 10ms 1ms 100
trademarks acex? coolfet? crossvolt? e 2 cmos tm fact? fact quiet series? fast ? fastr? gto? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. syncfet? tinylogic? uhc? vcx? isoplanar? microwire? pop? powertrench qfet? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 ? rev. d


▲Up To Search▲   

 
Price & Availability of FDD6680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X