Part Number Hot Search : 
2SC48 P30N20 1941123W SK3890 16C55 BZT52H P30N20 UPD78
Product Description
Full Text Search
 

To Download BSS63R-T6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 pnp silicon planar high voltage transistor issue 2 ? september 95 j complimentary type ? bss64 partmarking detail ? bss63 - t3 bss63r - t6 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -110 v collector-emitter voltage v ceo -100 v emitter-base voltage v ebo -6 v continuous collector current i c -100 ma power dissipation at t amb =25c p tot 330 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c). parameter symbol min. max. unit conditions. collector-base breakdown voltage v (br) -110 v i c =-10 m a collector-emitter breakdown voltage v (br)ceo -100 v i c =-100 m a* emitter-base breakdown voltage v (br)ebo -6 v i e =-10 m a collector cut-off current i ebo -100 -50 na m a v cb =-90v, v cb =-90v,t amb =150 o c emitter cut-off current i ebo -200 na v eb =-6v collector-emitter saturation voltage v ce(sat) -250 mv i c =-25ma, i b =-2.5ma base-emitter saturation voltage v be(sat) -900 mv i c =-25ma, i b =-2.5ma static forward current h fe 30 30 i c =-10ma, v ce =-1v i c =25ma, v ce =1v transition frequency f t 50 typ 85 mhz v ce =-5v, i c =25ma f=35 mhz output capacitance c obo typ. 3pf v cb =-10v, f=1mhz * measured under pulsed conditions. pulse width=300 m s. duty cycle 2% bss63 c b e page number


▲Up To Search▲   

 
Price & Availability of BSS63R-T6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X