Part Number Hot Search : 
2029L100 AD633ARZ C1100 D9288B AT1312C AK5534 BZX84C12 MAX188
Product Description
Full Text Search
 

To Download BFP640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BFP640 mar-01-2004 1 npn silicon germanium rf transistor BFP640e/l6327 and e/l7764 ? high gain low noise rf transistor ? provides outstanding performance for a wide range of wireless applications ? ideal for cdma and wlan applications ? outstanding noise figure f = 0.65 db at 1.8 ghz outstanding noise figure f = 1.3 db at 6 ghz ? high maximum stable gain g ms = 24 db at 1.8 ghz ? gold metallization for extra high reliability ? 70 ghz f t -silicon germanium technology ? l6327 and l7764 are early pb-free vps05605 4 2 1 3 esd : e lectro s tatic d ischarge sensitive device, observe handling precaution! type marking pin configuration package BFP640 r4s 1=b 2=e 3=c 4=e - - sot343 maximum ratings parameter symbol value unit collector-emitter voltage v ceo 4 v collector-emitter voltage v ces 13 collector-base voltage v cbo 13 emitter-base voltage v ebo 1.2 collector current i c 50 ma base current i b 3 total power dissipation 1) t s 90c p tot 200 mw junction temperature t j 150 c ambient temperature t a -65 ... 150 storage temperature t st g -65 ... 150 1 t s is measured on the collector lead at the soldering point to the pcb
BFP640 mar-01-2004 2 thermal resistance parameter symbol value unit junction - soldering point 1) r thjs 300 k/w electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 1 ma, i b = 0 v (br)ceo 4 4.5 - v collector-emitter cutoff current v ce = 13 v, v be = 0 i ces - - 30 a collector-base cutoff current v cb = 5 v, i e = 0 i cbo - - 100 na emitter-base cutoff current v eb = 0.5 v, i c = 0 i ebo - - 3 a dc current gain i c = 30 ma, v ce = 3 v h fe 100 180 320 - 1 for calculation of r thja please refer to application note thermal resistance
BFP640 mar-01-2004 3 electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) transition frequency i c = 30 ma, v ce = 3 v, f = 1 ghz f t 30 40 - ghz collector-base capacitance v cb = 3 v, f = 1 mhz c cb - 0.09 0.2 pf collector emitter capacitance v ce = 3 v, f = 1 mhz c ce - 0.23 - emitter-base capacitance v eb = 0.5 v, f = 1 mhz c eb - 0.5 - noise figure i c = 5 ma, v ce = 3 v, f = 1.8 ghz, z s = z sopt i c = 5 ma, v ce = 3 v, f = 6 ghz, z s = z sopt f - - 0.65 1.3 - - db power gain, maximum stable 1) i c = 30 ma, v ce = 3 v, z s = z sopt , z l = z lopt , f = 1.8 ghz g ms - 24 - db power gain, maximum available 1) i c = 30 ma, v ce = 3 v, z s = z sopt , z l = z lopt , f = 6 ghz g ma - 12.5 - db transducer gain i c = 30 ma, v ce = 3 v, z s = z l = 50 ? , f = 1.8 ghz i c = 30 ma, v ce = 3 v, z s = z l = 50 ? , f = 6 ghz | s 21e | 2 - - 21 10.5 - - db third order intercept point at output 2) v ce = 3 v, i c = 30 ma, f = 1.8 ghz, z s = z l = 50 ? ip 3 - 26.5 - dbm 1db compression point at output i c = 30 ma, v ce = 3 v, z s = z l = 50 ? , f = 1.8 ghz p -1db - 13 - 1 g ma = | s 21e / s 12e | (k-(k2-1) 1/2 ), g ms = | s 21e / s 12e | 2 ip3 value depends on termination of all intermodulation frequency components. termination used for this measurement is 50 ? from 0.1 mhz to 6 ghz
BFP640 mar-01-2004 4 spice parameter (gummel-poon model, berkley-spice 2g.6 syntax): transitor chip data: is = 0.22 fa vaf = 1000 v ne = 2- var = 2v nc = 1.8 - rbm = 2.707 ? cje = 227.6 ff tf = 1.8 ps itf = 0.4 a vjc = 0.6 v tr = 0.2 ns mjs = 0.27 - xti = 3- af = 2 - titf1 -0.0065 - nf = 1.025 - ise = 21 fa nr = 1- isc = 400 fa irb = 1.522 ma rc = 3.061 ? mje = 0.3 - vtf = 1.5 v cjc = 67.43 ff xcjc = 1- vjs = 0.6 v eg = 1.078 ev tnom 298 k bf = 450 - ikf = 0.15 a br = 55 - ikr = 3.8 ma rb = 3.129 ? re = 0.6 - vje = 0.8 v xtf = 10 - ptf = 0 deg mjc = 0.5 - cjs = 93.4 ff xtb = -1.42 - fc = 0.8 kf = 7.291e-11 titf2 1.0e-5 all parameters are ready to use, no scalling is necessary. extracted on behalf of infineon technologies ag by: institut fr mobil- und satellitentechnik (imst) package equivalent circuit:                                   
                                     

                       !   
           "          #  lbc = 120 ph lcc = 120 ph lec = 20 ph lbb = 696.2 ph lcb = 682.4 ph leb = 230.6 ph cbec = 98.4 ff cbcc = 55.9 ff ces = 180 ff cbs = 79 ff ccs = 75 ff cceo = 131.2 ff cbeo = 102.5 ff ccei = 112.6 ff cbei = 180.4 ff rbs = 1200 ? rcs = 1200 ? res = 300 ? for examples and ready to use parameters please contact your local infineon technologies distributor or sales office to obtain a infineon technologies cd-rom or see internet: http//www.infineon.com/silicondiscretes valid up to 6ghz
BFP640 mar-01-2004 5 total power dissipation p tot = ? ( t s ) 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 120 140 160 180 mw 220 p tot permissible pulse load r thjs = ? ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = ? ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 collector-base capacitance c cb = ? ( v cb ) f = 1mhz 0 2 4 6 8 10 v 14 v cb 0 0.05 0.1 0.15 pf 0.25 c cb
BFP640 mar-01-2004 6 third order intercept point ip 3 = ? ( i c ) (output, z s =z l =50 ? ) v ce = parameter, f = 1.8 ghz 0 10 20 30 40 ma 60 i c 0 3 6 9 12 15 18 21 24 dbm 30 i p3 2v 3v 4v transition frequency f t = ? ( i c ) f = 1ghz v ce = parameter 0 10 20 30 40 ma 60 i c 0 5 10 15 20 25 30 35 ghz 45 f t 3v 2v 1v 0.5v power gain g ma , g ms = ? ( i c ) v ce = 3v f = parameter 0 10 20 30 40 ma 60 i c 10 12 14 16 18 20 22 24 26 db 30 g 0.9ghz 1.8ghz 2.4ghz 3ghz 4ghz 5ghz 6ghz power gain g ma , g ms = ? ( f ), | s 21 |2 = f (f) v ce = 3v, i c = 30ma 0 1 2 3 4 ghz 6 f 10 15 20 25 30 35 40 45 db 55 g gms gma |s21|2
BFP640 mar-01-2004 7 power gain g ma , g ms = ? ( v ce ) i c = 30ma f = parameter 0 0.5 1 1.5 2 2.5 3 3.5 4 v 5 v ce 0 5 10 15 20 db 30 g 0.9ghz 1.8ghz 2.4ghz 3ghz 4ghz 5ghz 6ghz noise figure f = ? ( i c ) v ce = 3v, z s = z sopt 0 10 20 30 40 50 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 f [db] i c [ma] f = 5ghz f = 0.9ghz f = 1.8ghz f = 4ghz f = 6ghz f = 2.4ghz f = 3ghz noise figure f = ? ( i c ) v ce = 3v, f = 1.8 ghz 0 10 20 30 40 50 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 i c [ma] f [db] z s = 50 ? z s = z sopt noise figure f = ? ( f ) v ce = 3v, z s = z sopt 0 1 2 3 4 5 6 7 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 f [db] f [ghz] i c = 30ma i c = 5.0ma
BFP640 mar-01-2004 8 source impedance for min. noise figure vs. frequency v ce = 3 v, i c = 5 ma/ 30 ma 1 0.1 0.2 0.3 0.4 0.5 2 1.5 3 4 5 0 5 1 ?5 ?1 10 ?10 0.5 1.5 ?0.5 ?1.5 0.1 ?0.1 0.2 2 ?0.2 ?2 0.3 ?0.3 0.4 3 ?0.4 ?3 4 ?4 3ghz i c = 5.0ma 1.8ghz 6ghz 5ghz 0.9ghz i c = 30ma 4ghz 2.4ghz


▲Up To Search▲   

 
Price & Availability of BFP640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X