Part Number Hot Search : 
P130A 1621B 15N120 SR240 00031 2186K TC0253A TB772
Product Description
Full Text Search
 

To Download APTGT200A60T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGT200A60T APTGT200A60T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 1 - 5 absolute maximum ratings these devices are sensitive to electrostatic discharge. proper handing procedures should be followe d. vbus q1 g1 e1 out nt c2 0/vbu s g2 e2 nt c1 q2 out out ntc2 vbus e1 g2 e2 ntc1 0/vbus g2 e2 g1 s ymbol parameter ma x ratings unit v ces collector - emitter breakdown voltage 600 v t c = 25c 290 i c continuous collector current t c = 80c 200 i cm pulsed collector current t c = 25c 400 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 625 w rbsoa reverse bias safe operating area t j = 150c 400a @ 550v v ces = 600v i c = 200a @ tc = 80c applicatio n ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? trench + field stop igbt ? technology - low voltage drop - low tail current - switching freque nc y up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - avalanche energy rated - rbsoa and scsoa rated ? kelvin emitter for easy drive ? very low stray inductance - symmetrical design - lead frames for power connections ? high level of integration ? internal thermistor for temperature monitoring benefits ? stable temperature behavior ? very rugged ? solderable terminals for easy pcb mounting ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive tc of vcesat ? low profile phase leg trench + field stop igbt ? power modul e
APTGT200A60T APTGT200A60T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 2 - 5 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 600v 250 a t j = 25c 1.5 1.9 v ce(sat) collector emitter saturation voltage v ge =15v i c = 200a t j = 150c 1.7 v v ge(th) gate threshold voltage v ge = v ce , i c = 2 ma 5.0 5.8 6.5 v i ges gate ? emitter leakage current v ge = 20v, v ce = 0v 400 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 12.3 c oes output capacitance 0.8 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 0.4 nf t d(on) turn-on delay time 115 t r rise time 45 t d(off) turn-off delay time 225 t f fall time inductive switching (25c) v ge = 15v v bus = 300v i c = 200a r g = 5 ? 55 ns t d(on) turn-on delay time 130 t r rise time 50 t d(off) turn-off delay time 300 t f fall time 70 ns e on turn on energy 3.5 e off turn off energy inductive switching (150c) v ge = 15v v bus = 300v i c = 200a r g = 5 ? 7 mj reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 600 v t j = 25c 250 i rm maximum reverse leakage current v r =600v t j = 150c 500 a i f(a v) maximum average forward current 50% duty cycle tc = 80c 200 a t j = 25c 1.6 2 v f diode forward voltage i f = 200a v ge = 0v t j = 150c 1.5 v t j = 25c 130 t rr reverse recovery time t j = 150c 225 ns t j = 25c 9 q rr reverse recovery charge i f = 200a v r = 300v di/dt =2200a/s t j = 150c 19 c
APTGT200A60T APTGT200A60T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 3 - 5 temperature sensor ntc (see application note apt0406 on www.advancedpower.com for more information). symbol characteristic min typ max unit r 25 resistance @ 25c 50 k ? b 25/85 t 25 = 298.15 k 3952 k ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? = t t b r r t 1 1 exp 25 85 / 25 25 thermal and package characteristics symbol characteristic min typ max unit igbt 0.24 r thjc junction to case diode 0.4 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j operating junction temperature range -40 175 t stg storage temperature range -40 125 t c operating case temperature -40 100 c torque mounting torque to heatsink m5 1.5 4.7 n.m wt package weight 160 g package outline (dimensions in mm) t: thermistor temperature r t : thermistor value at t
APTGT200A60T APTGT200A60T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 4 - 5 typical performance curve output characteristics (v ge =15v) t j =25c t j =25c t j =125c t j =150c 0 50 100 150 200 250 300 350 400 00.511.522.53 v ce (v) i c (a ) output characteristics v ge =15v v ge =13v v ge =19v v ge =9v 0 50 100 150 200 250 300 350 400 00.511.522.533.5 v ce (v) i c (a) t j = 150c transfert characteristics t j =25c t j =25c t j =125c t j =150c 0 50 100 150 200 250 300 350 400 56789101112 v ge (v) i c (a) energy losses vs collector current eon eon eoff er 0 2 4 6 8 10 12 14 0 50 100 150 200 250 300 350 400 i c (a) e (mj) v ce = 300v v ge = 15v r g = 5 ? t j = 150c eon eon eoff eoff er 0 4 8 12 16 20 24 0 5 10 15 20 25 30 35 gate resistance (ohms) e (mj) v ce = 300v v ge =15v i c = 200a t j = 150c switching energy losses vs gate resistance reverse bias safe operating area 0 100 200 300 400 500 0 100 200 300 400 500 600 700 v ce (v) i c (a) v ge =15v t j =150c r g =5 ? maximum effective transient thermal impedance, junction to pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) igbt
APTGT200A60T APTGT200A60T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 5 - 5 forward characteristic of diode t j =25c t j =125c t j =150c 0 50 100 150 200 250 300 350 400 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i c (a ) hard switching zcs zvs 0 20 40 60 80 100 120 0 50 100 150 200 250 i c (a) fmax, operating frequency (khz) v ce =300v d=50% r g =5 ? t j =150c t c =85c operating frequency vs collector current maximum effective transient thermal impedance, junction to pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) diode apt re s e rves the rig ht to c ha nge , witho ut notice , the s pe cificatio ns and info rma tio n co nta ine d he re in apt's products are covered by one or more of u.s patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. u.s and foreign pa tents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTGT200A60T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X