Part Number Hot Search : 
C1892CT 2N390 2101A E76XB SB102K UPD65022 DP365 AC05P040
Product Description
Full Text Search
 

To Download APTGF50DA120T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGF50DA120T APTGF50DA120T ? rev1 march, 2004 apt website ? htt p :/ / www.advanced p ower.com 1-6 application  ac and dc motor control  switched mode power supplies  power factor correction features  non punch through (npt) fast igbt - low voltage drop - low tail current - switching frequency up to 50 khz - soft recovery parallel diodes - low diode vf - low leakage current - avalanche energy rated - rbsoa and scsoa rated  kelvin emitter for easy drive  very low stray inductance - symmetrical design - lead frames for power connections  internal thermistor for temperature monitoring  high level of integration benefits  outstanding performance at high frequency operation  stable temperature behavior  very rugged  direct mounting to heatsink (isolated package)  low junction to case thermal resistance  solderable terminals both for power and signal for easy pcb mounting  easy paralleling due to positive tc of vcesat  low profile absolute maximum ratings these devices are sensitive to electrostatic discharge. proper handing procedures should be follow ed. cr1 vbus sense ntc2 q2 g2 ntc1 out vbus e2 0/vbu s vbus out out ntc2 ntc1 0/vbus e2 e2 g2 g2 vbus sense symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v t c = 25c 75 i c continuous collector current t c = 80c 50 i cm pulsed collector current t c = 25c 150 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 312 w rbsoa reverse bias safe operating area t j = 150c 150a @ 1200v v ces = 1200v i c = 50a @ tc = 80c boost chopper npt igbt power module
APTGF50DA120T APTGF50DA120T ? rev1 march, 2004 apt website ? htt p :/ / www.advanced p ower.com 2-6 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit bv ces collector - emitter breakdown voltage v ge = 0v, i c = 500 a 1200 v t j = 25c 500 i ces zero gate voltage collector current v ge = 0v v ce = 1200v t j = 125c 2500 a t j = 25c 3.2 3.7 v ce(on) collector emitter on voltage v ge =15v i c = 50a t j = 125c 4.0 v v ge(th) gate threshold voltage v ge = v ce , i c = 1 ma 4.5 6.5 v i ges gate ? emitter leakage current v ge = 20 v, v ce = 0v 100 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 3467 c oes output capacitance 326 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 224 pf q g total gate charge 330 q ge gate ? emitter charge 35 q gc gate ? collector charge v gs = 15v v bus = 600v i c = 50a 200 nc t d(on) turn-on delay time 35 t r rise time 65 t d(off) turn-off delay time 320 t f fall time 30 ns e on turn-on switching energy  5.4 e off turn-off switching energy  inductive switching (25c) v ge = 15v v bus = 600v i c = 50a r g = 5  2.3 mj t d(on) turn-on delay time 35 t r rise time 65 t d(off) turn-off delay time 360 t f fall time 40 ns e on turn-on switching energy  6.9 e off turn-off switching energy  inductive switching (125c) v ge = 15v v bus = 600v i c = 50a r g = 5  3.05 mj reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit i f(av) maximum average forward current 50% duty cycle tc = 70c 60 a i f = 60a 2.0 2.5 i f = 120a 2.3 v f diode forward voltage i f = 60a t j = 125c 1.8 v t j = 25c 400 t rr reverse recovery time i f = 60a v r = 800v di/dt =200a/s t j = 125c 470 ns t j = 25c 1200 q rr reverse recovery charge i f = 60a v r = 800v di/dt =200a/s t j = 125c 4000 nc  e on includes diode reverse recovery  in accordance with jedec standard jesd24-1
APTGF50DA120T APTGF50DA120T ? rev1 march, 2004 apt website ? htt p :/ / www.advanced p ower.com 3-6 thermal and package characteristics symbol characteristic min typ max unit igbt 0.4 r thjc junction to case diode 0.9 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j operating junction temperature range -40 150 t stg storage temperature range -40 125 t c operating case temperature -40 100 c torque mounting torque to heatsink m5 4.7 n.m wt package weight 160 g temperature sensor ntc symbol characteristic min typ max unit r 25 resistance @ 25c 68 k  b 25/85 t 25 = 298.16 k 4080 k         

 t t b r r t 1 1 exp 25 85 / 25 25 package outline t: thermistor temperature r t : thermistor value at t
APTGF50DA120T APTGF50DA120T ? rev1 march, 2004 apt website ? htt p :/ / www.advanced p ower.com 4-6 typical performance curve output characteristics (v ge =15v) t j =25c t j =125c 0 40 80 120 160 200 02468 ic, collector current (a) v ce , collector to emitter voltage (v) 250s pulse test < 0.5% duty cycle output characteristics (v ge =10v) t j =25c t j =125c 0 10 20 30 40 50 01234 ic, collector current (a) v ce , collector to emitter voltage (v) 250s pulse test < 0.5% duty cycle transfer characteristics t j =25c t j =125c 0 50 100 150 200 250 300 0481216 v ge , gate to emitter voltage (v) ic, collector current (a) 250s pulse test < 0.5% duty cycle gate charge v ce =240v v ce =600v v ce =960v 0 2 4 6 8 10 12 14 16 18 0 50 100 150 200 250 300 350 gate charge (nc) v ge , gate to emitter voltage (v) i c = 50a t j = 25c ic=100a ic=50a ic=25a 0 1 2 3 4 5 6 7 8 9 9 10111213141516 v ge , gate to emitter voltage (v) on state voltage vs gate to emitter volt. v ce , collector to emitter voltage (v) t j = 25c 250s pulse test < 0.5% duty cycle ic=100a ic=50a ic=25a 0 1 2 3 4 5 6 -50 -25 0 25 50 75 100 125 t j , junction temperature (c) v ce , collector to emitter voltage (v) on state voltage vs junction temperature 250s pulse test < 0.5% duty cycle v ge = 15v 0.70 0.75 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 -50 -25 0 25 50 75 100 125 t j , junction temperature (c) collector to emitter breakdown voltage (normalized) breakdown voltage vs junction temp. 0 10 20 30 40 50 60 70 80 90 -50-25 0 255075100125150 t c , case temperature (c) ic, dc collector current (a) dc collector current vs case temperature
APTGF50DA120T APTGF50DA120T ? rev1 march, 2004 apt website ? htt p :/ / www.advanced p ower.com 5-6 v ge = 15v 25 30 35 40 45 0 25 50 75 100 125 i ce , collector to emitter current (a) td(on), turn-on delay time (ns) turn-on delay time vs collector current v ce = 600v r g = 5 ? v ge =15v, t j =25c v ge =15v, t j =125c 200 250 300 350 400 0 25 50 75 100 125 i ce , collector to emitter current (a) turn-off delay time vs collector current td(off), turn-off delay time (ns ) v ce = 600v r g = 5 ? v ge =15v 20 60 100 140 180 0 25 50 75 100 125 i ce , collector to emitter current (a) tr, rise time (ns) current rise time vs collector current v ce = 600v r g = 5 ? t j = 25c t j = 125c 20 30 40 50 0 255075100125 i ce , collector to emitter current (a) tf, fall time (ns) current fall time vs collector current v ce = 600v, v ge = 15v, r g = 5 ? t j =25c, v ge =15v t j =125c, v ge =15v 0 4 8 12 16 20 24 28 0 25 50 75 100 125 i ce , collector to emitter current (a) turn-on energy loss vs collector current eon, turn-on energy loss (mj ) v ce = 600v r g = 5 ? t j = 25c t j = 125c 0 2 4 6 8 0 255075100125 i ce , collector to emitter current (a) eoff, turn-off energy loss (mj) turn-off energy loss vs collector current v ce = 600v v ge = 15v r g = 5 ? eon, 50a eoff, 50a eon, 25a eoff, 25a 0 2 4 6 8 10 12 14 16 18 0 1020304050 gate resistance (ohms) switching energy losses (mj) switching energy losses vs gate resistance v ce = 600v v ge = 15v t j = 125c eon, 50a eoff, 50a eon, 25a eoff, 25a 0 2 4 6 8 0 25 50 75 100 125 t j , junction temperature (c) switching energy losses (mj) switching energy losses vs junction temp. v ce = 600v v ge = 15v r g = 5 ?
APTGF50DA120T APTGF50DA120T ? rev1 march, 2004 apt website ? htt p :/ / www.advanced p ower.com 6-6 cies cres coes 100 1000 10000 0 1020304050 c, capacitance (pf) capacitance vs collector to emitter voltage v ce , collector to emitter voltage (v) 0 20 40 60 80 100 120 140 160 0 400 800 1200 i c , collector current (a) minimum switching safe operating area v ce , collector to emitter voltage (v) 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) maximum effective transient thermal impedance, junction to case vs pulse duration 0 10 20 30 40 50 60 70 10 20 30 40 50 60 i c , collector current (a) operating frequency vs collector current fmax, operating frequency (khz) v ce = 600v d = 50% r g = 5 ? t j = 125c apt reserves the right to change, without notice, the specifications and information contained herein apt's products are covered by one or more of u.s patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. u.s and foreign pa tents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTGF50DA120T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X