Part Number Hot Search : 
OD3N50 MP2355DN NTE631 305CMS AD846BN MAX4756A 105K1 RDA5807
Product Description
Full Text Search
 

To Download AKD8126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  as ahi kasei emd corp oration evaluation board for ak8126 AKD8126 description the akd8 1 2 6 is an evalu a tion boa rd fo r sp rea d spe c trum clo ck g ene rato r, ak8126. the r efore, it is po ssi ble to evaluate spe c trum cha r a c t e ri stics and othe r pe rforman c e s . ordering guide AKD8126 block diagram ak81 26 evaluation board akd0548-e-0 0 jan-08 1
AKD8126 the brand nam e of a k e m d?s ic?s functions figure 1. AKD8126 top view 1. po w e r su ppl y pleas e conn ec t the lead li ne t o vdd (3.3v; red) a nd vss (gnd; black). 2. clock in put it is possible to input clock fro m sma-a conn ector. 3. matchin g resist or matchin g resist or is mounta b l e here if imp e d ance match i ng is necess a r y . 4. clock out put clock out put from ak152 6 le ads to this conn ector. spe c trum anal yzer or oscilloscop e is avail abl e to me asure cl ock per formances b y conn ecting h e r e . jan-08 akd0548-e-0 0 2
AKD8126 the brand nam e of a k e m d?s ic?s 5. dipsw 5.1. mode sel e ction (c / d / of f ) modul atio n mo de is sel e cted b y setti ng this s w itc h . l m h t able 5.1. modulatio n mod e setting c / d / of f mode l d o w n sp re a d m spread off h c e n t e r spr ead 5.2. operatio n cloc k frequenc y ra nge se lectio n (f r1 / f r 0) operatio n freq uenc y ra nge is selecte d b y s e tting this s w itch. l h fr1 fr0 t able 5.2. operation cl ock freque nc y s e tting f r 1 f r 0 input frequ enc y ran ge output freque n c y ran ge l l 16-3 2 m h z 16-3 2 mhz(1 x ) l h 32-6 4 m h z 32-6 4 mhz(1 x ) h l 64-1 2 8 m h z 64-1 28mhz(1 x ) h h 16-3 2 m h z 64-1 28mhz(4 x ) note: ak8 126 o u tputs a i nput frequ enc y x 4, w h e n f r 1 / f r 0= ?hh? is selecte d . 5.3. modul atio n rati o selecti on modul atio n rati o is selecte d b y settin g this sw itc h . l h fr1 fr0 l h t able 5.3. modulatio n ratio set t ing s 1 s 0 c e n t e r spr ead c / d / off = ? h ? d o w n sp re ad c / d / off = ? l ? l l 0 . 5 % - 1 . 0 % l h 0.25 % - 0 . 5 % h l 1 . 0 % - 2 . 0 % h h 1 . 5 % - 3 . 0 % 6. quartz oscillat o r foot pattern epson t o yocom (ma-406) or 49 lea d t y p e quartz osci lla tor is mountab l e . jan-08 akd0548-e-0 0 3
AKD8126 the brand nam e of a k e m d?s ic?s example of spectrum measurement 51m hz, cent er spre ad: 1 .0% jan-08 akd0548-e-0 0 4
7 7 6 6 5 5 4 4 3 3 2 2 1 1 e e d d c c b b a a h33 hole10 h31 hole10 h34 hole10 h37 hole10 h32 hole10 h 2 6 h o l e 1 0 hole03 h10 hole03 h9 hole03 h8 hole03 h7 hole03 h6 h 3 8 h o l e 1 0 h 2 9 h o l e 1 0 h30 ckout h10 hole40 h10 hole41 gnd vdd vdd vdd vdd vdd h 2 7 h o l e 1 0 vdd h11 hole10 t itle size document number rev date: sheet of AKD8126_10pin a 1 1wednesday, january 30, 2008 t itle size document number rev date: sheet of AKD8126_10pin a 1 1wednesday, january 30, 2008 t itle size document number rev date: sheet of AKD8126_10pin a 1 1wednesday, january 30, 2008 gnd gnd 1 vdd 2 3 3 2 1 vdd 1 vdd 3 2 con3 1 1 1 1 1 1 1 2 2 2 2 1 1 1 1 1 1 1 2 2 3 3 cdoff fr1 fr0 vd0 ckout xin xout gnd s1 s0 1 2 1 gnd 1 1 1 1 10uf res_pin 0.1uf m a 4 0 6 _ 8 1 2 6 (not mount) (not mount) (not mount) 1 (not mount) (not mount) (not mount) c1 cap_chip c1 cap_chip c5 cap_pin c5 cap_pin c3 cap_pin c3 cap_pin sw4 sw sw4 sw c6 cap_pin c6 cap_pin c2 cap_chip c2 cap_chip sw1 sw sw1 sw r7 res_pin r7 res_pin r8 100 r8 100 ak8126 new_t msop10_8126 ak8126 new_t msop10_8126 1 2 3 4 5 6 7 8 9 10 u3 sma u3 sma 1 ckin g n d 1 g n d 2 g n d 3 g n d 4 u 1 ( n o t m o u n t ) u 1 ( n o t m o u n t ) 1 4 2 3 sw2 sw sw2 sw r2 res_pin r2 res_pin u2 sma u2 sma 1 ckin g n d 1 g n d 2 g n d 3 g n d 4 sw3 sw sw3 sw c7 cap c7 cap sw5 sw sw5 sw


▲Up To Search▲   

 
Price & Availability of AKD8126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X