Part Number Hot Search : 
AN5256 M50754 ILE4270 AN5256 ST730 20M10 2SJ53 LC863
Product Description
Full Text Search
 

To Download UF20012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uf2001 - uf2007 2.0a ultra-fast rectifier features ? diffused junction ? ultra-fast switching for high efficiency ? surge overload rating to 60a peak ? low reverse leakage current ? lead free finish, rohs compliant (note 4) mechanical data ? case: do-15 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? terminals: finish ? tin. solderable per mil-std-202, method 208 ? polarity: cathode band ? marking: type number ? ordering information: see page 3 ? weight: 0.4 grams (approximate) do-15 dim min max a 25.40 ? b 5.50 7.62 c 0.686 0.889 d 2.60 3.60 all dimensions in mm maximum ratings and electrical characteristics @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitive load, derate current by 20%. ds25007 rev. 4 - 2 1 of 3 www.diodes.com uf2001 - uf2007 ? diodes incorporated characteristic symbol uf 2001 uf 2002 uf 2003 uf 2004 uf 2005 uf 2006 uf 2007 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage (note 5) v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 50 c i o 2.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 60 a forward voltage @ i f = 2.0a v fm 1.0 1.3 1.7 v peak reverse current @ t a = 25 c at rated dc blocking voltage (note 5) @ t a = 100 c i rm 5.0 100 a reverse recovery time (note 3) t rr 50 75 ns typical total capacitance (note 2) c t 50 30 pf typical thermal resistance junction to ambient r ja 50 c/w operating and storage temperature range t j, t stg -65 to +150 c notes: 1. valid provided that leads are maintained at am bient temperature at a distanc e of 9.5mm from the case. 2. measured at 1.0mhz and appl ied reverse voltage of 4.0v dc. 3. measured at i f = 0.5a, i r = 1.0a, i rr = 0.25a. see figure 5. 4. rohs revision 13.2.2003. high temperature solder exemption applied, see eu directive annex note 7. 5. short duration pulse test used to minimize self heating effect.
0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 i, i n s t a n t a n e o u s f o r wa r d c u r r e n t (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f uf2001 - uf2003 uf2005 - uf2007 t = 50c j uf2004 0 0.4 0.8 1.2 1.6 2.0 25 50 75 100 125 150 175 200 i, ave r a g e f o r wa r d r e c t i f ied current (a) (av) t , ambient temperature ( c) fig. 1 forward current derating curve a i , peak forward surge current (a) fsm 0 20 40 60 11 0 number of cycles at 60hz fig. 3 peak forward surge current 1 0 0 1 10 100 11 0 1 0 0 c , t o t al c a p a c i t a n c e (pf) t v , dc reverse voltage (v) fig. 4 typical total capacitance r t = 25 c f = 1.0mhz j uf2001 - uf2004 uf2005 - uf2007 ds25007 rev. 4 - 2 2 of 3 www.diodes.com uf2001 - uf2007 ? diodes incorporated
ds25007 rev. 4 - 2 3 of 3 www.diodes.com uf2001 - uf2007 ? diodes incorporated ordering information (note 6) device packaging shipping uf2001-t do-15 4k/tape & reel, 13-inch uf2002-t do-15 4k/tape & reel, 13-inch uf2003-t do-15 4k/tape & reel, 13-inch uf2004-t do-15 4k/tape & reel, 13-inch uf2005-t do-15 4k/tape & reel, 13-inch uf2006-t do-15 4k/tape & reel, 13-inch uf2007-t do-15 4k/tape & reel, 13-inch notes: 6. for packaging details, visit our we bsite at http://www.diodes .com/datasheets/ap02007.pdf. important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of UF20012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X