Part Number Hot Search : 
SAA71 AZ384XGM 2SK213 MA550 E110C 2SK213 HC1GT 2SK213
Product Description
Full Text Search
 

To Download TS2GJF160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t t t s s s 2 2 2 g g g j j j f f f 1 1 1 6 6 6 0 0 0 2gb usb2.0 jetflash ? transcend information inc. 1 description TS2GJF160 is a 2gb usb flash drive with 1 pcs of 2gx8 flash (or 2 pcs of 1gx8) memory assembled on a printed circuit board. outline features ? color: red ? usb 2.0 compatible, true plug and play ? powered directly via the usb port. no external po wer or battery needed ? led indicates the usage status of jetflash? ? jetflash elite software pack includes (windows 2000/xp/vista/windows 7 only): favorites function: store all your favorite website addresses on the jetflash? autologin function: automatically login to websites where you have a password secret-zip function: compress and/or password prote ct saved files using 256-bit aes encryption pc-lock function: makes jetflash? a key to your com puter e-mail function: use your jetflash? to securely sen d, receive and save e-mails databackup function: backup, restore and synchroniz e your data system requirement ? hardware: desktop or notebook computer with usb port ? operating system: windows ? 2000 sp4, windows ? xp sp2 , windows ? vista, windows ? 7 and mac? os 9.0 or later, linux? kernel 2.4.2 or later dimensions side millimeters inches a 61 1.00 2.40 0.04 b 18.6 1.00 0.73 0.04 c 9.8 1.00 0.39 0.04 a c b
t t t s s s 2 2 2 g g g j j j f f f 1 1 1 6 6 6 0 0 0 2gb usb2.0 jetflash ? transcend information inc. 2 block diagram . usb flash drive controller d0~d7 /ce0 /we /re flash memory 2gx8 usb- usb+ d0_0~d0_7 /ce0,/ce2 other /ce2 /ce4,/ce6 flash memory 1gx8 or d0~d7 /ce4 /we /re /ce6 flash memory 1gx8 d0_0~d0_7 4pins connecter
t t t s s s 2 2 2 g g g j j j f f f 1 1 1 6 6 6 0 0 0 2gb usb2.0 jetflash ? transcend information inc. 3 pinouts pin no. pin name 01 vcc 02 usb- 03 usb+ 04 vss pin identification symbol function usb- usb+ usb differential signal: the pairs are used to transmit data/address/command vss ground vcc usb power input specifications storage capacity 2gb data retention 10 years erase cycles >100,000 times connector durability 10,000 times system performance read: 16mb/sec (max.), write: 12mb/sec (max.) power supply dc 5v 10%, max current : 200 ma temperature range operation: 0-70 o c, storage: -20 o c-75 o c weight 10g certificates ce, fcc, bsmi above technical information is based on industry st andard data and tested to be reliable. however, tra nscend makes no warranty, either expressed or implied, as to its ac curacy and assumes no liability in connection with the use of this product. transcend reserves the right to make changes in spe cifications at any time without prior notice.


▲Up To Search▲   

 
Price & Availability of TS2GJF160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X