Part Number Hot Search : 
62081 LG32240 L5257 MR2535L 54054 DR204 AX160 54054
Product Description
Full Text Search
 

To Download TREK-753R-GWBXPA0E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  competence in mobile computing all product specifications are subject to change without notice http://www.advantech-dlog.com regional contact: last updated : 13-jun-2012 features trek-753 ? 7" wvga lcd with 5 programmable adjustable brightness hot keys ? windows ? embedded standard (wes) 2009, wince6.0 and ubuntu linux 10.04 ? supports analog video input & can2.0b with j1939 protocol ? supports cdma/hsdpa/gprs, gps, wlan, bt communications ? 12 v/24 v option: 6 ~ 36 v input range compliant to iso7637-2 & sae j1113 standards ? 48 v option: 18 ~ 58 v input range for specifc applications ? fanless and ruggedized aluminum chassis, able to work under -30 ~ 60 c temperature range 7" mobile data terminal with intel ? atom? z510pt/z520pt processor introduction trek-753 is a new generation, all-in-one 7" mobile data terminal with touchscreen, with a compact design for commercial vehicles. with an intel? atom? z510pt/z520pt processor, the system is high performing with wired connections like gigabit ethernet & can2.0b with j1939 protocol support; users can also connect to network services using easily with cdma/ hsdpa/ gprs/ gps/ wifi/ bt options. focused on the automotive market, trek-753 is designed with vehicle power which is compliant with iso7637-2 & sae j1113, ensuring the system is more stable during engine starts. die casting and a ruggedized chassis not only provide more capabilities in a wide range of temperatures (-30 ~ 60 c), but trek-753 is also suitable for harsh environments subject to shock (100 g, 6 ms) and vibration. specifcations processor os windows? embedded standard (wes) 2009, wince6.0 and ubuntu linux 10.04 cpu onboard intel atom 1.1 ghz / 1.33 ghz (optional) chipset onboard intel le82us15ee watch dog yes rtc yes with one time 200mah li-ion coin battery ram 1 x 200-pin sodimm socket supports a memory module of up to 2 gb storage 1 x external accessible type ll compact flash memory card (bootable device) 1 x sd card with external access for extra capacity (sd function is not available with wince6.0) bus expansion 1 x mini-pcie slot for built-in wlan (b/g/n) module 1 x mini-pcie slot for built-in cdma/hsdpa (usb 2.0 interface) lcd display type 7" 16:9 industrial degree tft color tft lcd, led backlight luminance 400 cd/m2 (average with ts) max. resolution wvga 800 x 480, 10% ~ 100% brightness controlled by two hardware buttons on the front panel and a light sensor touchscreen type 4-wire analog resistive type, continuous resolution, optional support for sunlight readable touchscreen i/o functions com 3 x com ports: ? 1 x full function rs-232 port supports high speed (up to 1mb max.) with 12 v/2.5 a in i/o plate ? 1 x full function rs-232 supports high speed (up to 1 mb max.) port via high density connector ? 1 x rs-485 port via high density connector audio 1 x built-in 2 w speaker on front panel 1 x line-in, 1 x line-out, 1 x microphone input via high density connector function keys 5 x green lit, programmable function keys, 2 x for lcd back light adjustment usb 3 x usb 2.0 ports 1 x rubber door protection at front panel, 1 x type a connector with cable clip, 1 x high density connector video input (rear view monitor) 1 x video input for rear view camera via high density connector lan 1 x 100/1000t gigabit ethernet via rj-45 connector light sensor 1 x light sensor on front cover for auto lcd backlight adjustment di/do 4 x isolated digital input & 4 x isolated digital output ports can bus 1 x can 2.0b with j1939 protocol via high density connector j1708 1 x j1708 via high density connector rf functions gps (optional) built-in 50 channel gps ublox lea-5s with sma connector for external antenna bluetooth (optional) built-in class 2 bluetooth v2.0 + edr module with internal antenna wwan (optional) ? built-in quad-band 900/1800/850/1900mhz gsm/gprs module cinterion mc55i with sma connector for external antenna ? built-in hsdpa module sierrawireless mc8790v with sma connector for external antenna ? built-in cdma module sierrawireless mc5728 with sma connector for external antenna wlan (optional) built-in azurewave aw-ne768 ieee 802.11b/g/n with sma connector for external antenna power supply input voltage ? 12 v/24 v option supports 6 ~ 36 v car power design with iso7637-2 & sae j1113 compliance ? 48 v option supports 18 ~ 58 v input for specifc applications ignition on/off power on delay, default 2 seconds; power off delay, default 5 seconds; hardware power off delay, default 30 seconds. sw confgurable led indicator 1 x yellow led shows system power ready (on front panel) mechanical design material aluminum protection ip54 (except i/o plate), option to support entire system ip54 with additional i/o cover (9668trek37e) weight 2.2 kg (~4.85 lbs) dimensions (w x h x d) 255.7 x 161 x 56 mm (10.04" x 6.30" x 2.20") environmental specifcations operating temperature -30 ~ 60 c relative humidity compliant to 10 ~ 90% @ 40 c (non-condensing) vibration shock mil-std-810g (us highway truck), method 516.5, sae j1455, class 5m3 in accordance with din en 60721-3-5 certifcations fcc class b (include part 22 24e), ul, cul, ce, ccc, cb, e-mark e its/telematics
competence in mobile computing http://www.advantech-dlog.com regional contact: dimensions unit: mm trek-753 fully integrated i/o side view ordering information part number description trek-753r-0a0e trek-753r bare bone with z510 1.1 g cpu trek-753r-1a0e trek-753r bare bone with z520 1.3 g cpu trek-753s-0a0e trek-753r bare bone with 1.1 g cpu/sr t/s* trek-753r-cwbxpa0e trek-753r w/cdma/gps/wlan/bt/1 gb ram/4 g cf/wes trek-753r-hwbxpa0e trek-753r w/hsdpa/gps/wlan/bt/1 gb ram/4 g cf/wes TREK-753R-GWBXPA0E trek-753r w/gprs/gps/wlan/bt/1 gb ram/4 g cf/wes *note: sr t/s stands for sunlight readable touchscreen. trek-753 ctos kit part number description 9668trek30e trek-753r reva0 gps kit 9668trek31e trek-753r reva0 wifi (azurewave) kit 9668trek32e trek-753r reva0 hsdpa kit 9668trek34e trek-753r reva0 gprs kit 9668trek35e trek-753r reva0 ac/dc power kit 9668trek36e trek-753r reva0 bt module kit accessories part number description 1700019307 high density cable (2 meters) 1700019611 cigarette lighter cable for testing purpose (30cm) ram-mount-01 vesa ram mount w/clamp base 1.5" ball ram-mount-06e vesa ram mount w/vesa base, 1.5" ball 9668trek37e ip54 i/o housing cover for trek-753 161 255.70 54 56 30 75 75 4 - m5 gps cf card sim card sd card com1 usb2.0 power button high density connector rj 45 system power


▲Up To Search▲   

 
Price & Availability of TREK-753R-GWBXPA0E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X