Part Number Hot Search : 
FP204 W25X2 SZ5A22 H5N3004P MP6501A SZ5A22 2SD1047 TMP87P
Product Description
Full Text Search
 

To Download TC205406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 microchip technology inc. ds21663c-page 1 tc2054/2055/2186 features ? low supply current (55 a typ.) for longer bat- tery life ? low dropout voltage: 140 mv (typ.) @ 150 ma ? high output voltage accuracy: 0.4% (typ) ? standard or custom output voltages ? power-saving shutdown mode ? error output can be used as a low battery detector or processor reset generator ? fast shutdown reponse time: 60 sec (typ) ? overcurrent and overtemperature protection ? space-saving 5-pin sot-23a package ? pin compatible upgrades for bipolar regulators ? standard output voltage options: - 1.8v, 2.5v, 2.6v, 2.7v, 2.8v, 2.85v, 3.0v, 3.3v, 5.0v applications ? battery operated systems ? portable computers ? medical instruments ? instrumentation ? cellular / gsms / phs phones ? pagers typical application general description the tc2054, tc2055 and tc2186 are high accuracy (typically 0.4%) cmos upgrades for older (bipolar) low dropout regulators. designed specifically for bat- tery-operated systems, the devices? total supply current is typically 55 a at full load (20 to 60 times lower than in bipolar regulators). the devices? key features include low noise operation, low dropout voltage ? typically 45 mv (tc2054); 90 mv (tc2055); and 140 mv (tc2186) at full load - and fast response to step changes in load. an error output (error ) is asserted when the devices are out-of-reg- ulation (due to a low input voltage or excessive output current). supply current is reduced to 0.5 a (max) and both v out and error are disabled when the shut- down input is low. the devic es also incorporate over- current and overtemp erature protection. the tc2054, tc2055 and tc2186 are stable with a low esr ceramic output capacitor of 1 f and have a maximum output current of 50 ma, 100 ma and 150 ma, respectively. this ld o family also features a fast response time (60 s typically) when released from shutdown. package type 1f shutdown control (from power control logic) tc2054 tc2055 tc2186 v in 1 2 34 5 v in v out error shdn gnd 1m v out error 1f tc2054 tc2055 tc2186 1 3 4 5 2 error gnd v out v in shdn 5-pin sot-23a top view 50 ma, 100 ma, and 150 ma cmos ldos with shutdown and error output
tc2054/2055/2186 ds21663c-page 2 ? 2006 microchip technology inc. 1.0 electrical characteristics absolute maximum ratings ? input voltage .........................................................6.5v output voltage................................(-0.3) to (v in + 0.3) operating temperature .................. -40c < t j < 125c storage temperature..........................-65c to +150c maximum voltage on any pin ........v in +0.3v to -0.3v ? notice: stresses above those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods my affect device reliability. electrical specifications electrical specifications: unless otherwise noted, v in = v r + 1v, i l = 100 a, c l = 3.3 f, shdn > v ih , t a = +25c. boldface type specifications apply for juncti on temperature of -40c to +125c. parameter sym min typ max units conditions input operating voltage v in 2.7 ? 6.0 v note 1 maximum output current i out max 50 100 150 ? ? ? ? ? ? ma tc2054 tc2055 tc2186 output voltage v out v r - 2.0% v r 0.4% v r + 2.0% v note 2 v out temperature coefficient tcv out ? ? 20 40 ? ? ppm/c note 3 line regulation v out / v in ?0.05 0.5 %(v r + 1v) < v in < 6v load regulation v out / v out -1.5 -2.5 0.5 0.5 0.5 0.5 % tc2054;tc2055i l = 0.1 ma to i out max tc2186 i l = 0.1 ma to i out max note 4 dropout voltage, note 5 v in ? v out ? ? ? ? 2 45 90 140 ? 70 140 210 mv i l = 100 a i l = 50 ma tc2015; tc2185 i l = 100 ma tc2185 i l = 150 ma note 5 supply current i in ?55 80 a shdn = v ih , i l =0 shutdown supply current i insd ? 0.05 0.5 a shdn = 0v power supply rejection ratio psrr ? 50 ? db f re 100 khz output short circuit current i out sc 160 300 ? ma v out = 0v thermal regulation v out/ p d ?0.04? v/w note 6 thermal shutdown die temperature t sd ? 160 ? c note 1: the minimum v in has to meet two conditions: v in = 2.7v and v in = v r + v dropout . 2: v r is the regulator output voltage setting. for example: v r = 1.8v, 2.7v, 2.8v, 2.85v, 3.0v, 3.3v. 3: tcv out = 4: regulation is measured at a constant junction temperature us ing low duty cycle pulse testing. load regulation is tested over a load range from 1.0ma to the maximum specified output current. changes in output voltage due to heating effects are covered by the t hermal regulation specification. 5: dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value at a 1v differential. 6: thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding load or line regulation effects. spec ifications are for a current pulse equal to i max at v in = 6v for t = 10 ms. 7: the maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction tem- perature and the thermal resistance from junction-to-air (i.e. t a , t j , ja ). 8: hysteresis voltage is referenced by v r . 9: time required for v out to reach 95% of v r (output voltage setting), after v shdn is switched from 0 to v in . v outmax v outmin ? () 10 6 v out t -----------------------------------------------------------------------------------------
? 2006 microchip technology inc. ds21663c-page 3 tc2054/2055/2186 temperature characteristics output noise en ? 600 ? nv / hz i l = i out max , f = 10 khz response time (from shutdown mode) t r ?60?sv in = 4v c in = 1 f, c out = 10 f i l = 0.1 ma, note 9 shdn input shdn input high threshold v ih 60 ??%v in v in = 2.5v to 6.0v shdn input low threshold v il ?? 15 %v in v in = 2.5v to 6.0v error output minimum v in operating voltage v inmin 1.0 ? ? v i ol = 0.1 ma output logic low voltage v ol ? ? 400 mv 1 ma flows to error , i ol = 1 ma, v in = 2v error threshold voltage v th ? 0.95 x v r ? v see figure 4-2 error positive hysteresis v hys ?50?mv note 8 v out to error delay t delay ?2?msv out from v r = 3v to 2.8v resistance from error to gnd r error ? 126 ? v dd = 2.5v, v out = 2.5v electrical specifications (continued) electrical specifications: unless otherwise noted, v in = v r + 1v, i l = 100 a, c l = 3.3 f, shdn > v ih , t a = +25c. boldface type specifications apply for juncti on temperature of -40c to +125c. parameter sym min typ max units conditions note 1: the minimum v in has to meet two conditions: v in = 2.7v and v in = v r + v dropout . 2: v r is the regulator output voltage setting. for example: v r = 1.8v, 2.7v, 2.8v, 2.85v, 3.0v, 3.3v. 3: tcv out = 4: regulation is measured at a constant junction temperature us ing low duty cycle pulse test ing. load regulation is tested over a load range from 1.0ma to the maximum specified output current. changes in output voltage due to heating effects are covered by the t hermal regulation specification. 5: dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value at a 1v differential. 6: thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding load or line regulation effects. spec ifications are for a current pulse equal to i max at v in = 6v for t = 10 ms. 7: the maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction tem- perature and the thermal resistance from junction-to-air (i.e. t a , t j , ja ). 8: hysteresis voltage is referenced by v r . 9: time required for v out to reach 95% of v r (output voltage setting), after v shdn is switched from 0 to v in . v outmax v outmin ? () 10 6 v out t ----------------------------------------------------------------------------------------- electrical specifications: unless otherwise noted, v dd = +2.7v to +6.0v and v ss = gnd. parameters sym min typ max units conditions temperature ranges: extended temperature range t a -40 ? +125 c operating temperature range t a -40 ? +125 c storage temperature range t a -65 ? +150 c thermal package resistances: thermal resistance, 5l-sot-23 ja ? 255 ? c/w
tc2054/2055/2186 ds21663c-page 4 ? 2006 microchip technology inc. 2.0 typical performance curves note: unless otherwise indicated, v in = v r + 1v, i l = 100 a, c out = 3.3 f, shdn > v ih , t a = +25c. figure 2-1: power supply rejection ratio. figure 2-2: power supply rejection ratio. figure 2-3: output noise vs. frequency. figure 2-4: power supply rejection ratio. figure 2-5: power supply rejection ratio. figure 2-6: dropout voltage vs. i load . note: the graphs and tables provided follo wing this note are a statistical summ ary based on a limited number of samples and are provided for informational purposes only. the performance characteristics listed herein are not tested or guaranteed. in so me graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power suppl y range) and therefore outs ide the warranted range. -100 -80 -60 -40 -20 0 10 100 1,000 10,000 100,000 1,000,000 f (hz) psrr (db) v indc = 4v v inac = 100mv p-p v outdc = 3v i out = 100a c out = 1 f ceramic 10 100 1000 10k 100k 1m -100 -80 -60 -40 -20 0 10 100 1,000 10,000 100,000 1,000,000 f (hz) psrr (db) 10 100 1000 10k 1m 100k v indc = 4v v inac = 100 mv p-p v outdc = 3v i out = 150 ma c out = 1 f ceramic 0.001 0.01 0.1 1 10 0.01 0.1 1 10 100 1000 frequency (khz) noise (v/ hz) c out = 1f -100 -80 -60 -40 -20 0 10 100 1,000 10,000 100,000 1,000,000 f (hz) psrr (db) v indc = 4v v inac = 100 mv p-p v outdc = 3v i out = 150 ma c out = 10 f ceramic 10 100 1000 10k 100k 1m -100 -80 -60 -40 -20 0 10 100 1,000 10,000 100,000 1,000,000 f (hz) psrr (db) 10 100 1000 10k 100k 1m v indc = 4v v inac = 100 mv p-p v outdc = 3v i out = 150 ma c out = 10 f tantalum 0.000 0.020 0.040 0.060 0.080 0.100 0.120 0.140 0.160 0 50 100 150 t = 130c t = -45c t = 25c i load (ma) dov (v) v out = 1.8v
? 2006 microchip technology inc. ds21663c-page 5 tc2054/2055/2186 note: unless otherwise indicated, v in = v r + 1v, i l = 100 a, c out = 3.3 f, shdn > v ih , t a = +25c. figure 2-7: i dd vs. temperature. figure 2-8: output voltage vs. temperature. figure 2-9: output voltage vs. temperature. figure 2-10: output voltage vs. output current. figure 2-11: output voltage vs. supply voltage. figure 2-12: dropout voltage vs. supply voltage. v in = 2.8v 65.00 63.00 61.00 59.00 57.00 55.00 53.00 -45 5 55 105 155 temperature (c) i dd (a) v out = 1.8v 2.5 2.55 2.6 2.65 2.7 2.75 2.8 2.85 2.9 -50 -35 -20 -5 10 25 40 55 70 85 100 115 130 145 i out = 0.1ma v out = 2.8v v in = 6.5v v in = 3.8v v in = 6.0v temperature (?c) v out (v) -50 -35 -20 -5 10 25 40 55 70 85 100 115 130 145 tem p erature ( ?c ) v out (v) v in = 6.5v v in = 6.0v v in = 2.8v i out = 0.1ma v out = 1.8v 1.9 1.86 1.84 1.82 1.8 1.78 1.76 1.74 1.72 1.88 1.7 1.7 1.72 1.74 1.76 1.78 1.8 1.82 1.84 1.86 1.88 1.9 0 15 30 45 60 75 90 105 120 135 15 0 v in = 2.8v i load (ma) v out (v) 3.5 4 4.5 5 5.5 6 6.5 7 temp = +130?c temp = -45?c temp = +25?c 2.5 2.55 2.6 2.7 2.75 2.8 2.85 2.9 2.65 i out = 0.1ma v out = 2.8v v out (v) v in (v) 2.7 3.2 3.7 4.2 4.7 5.2 5.7 6.2 6.7 v out (v) v in (v) 1.7 1.72 1.74 1.76 1.78 1.8 1.82 1.84 1.86 1.88 1.9 temp = +130?c temp = -45?c temp = +25?c i out = 0.1ma v out = 1.8v
tc2054/2055/2186 ds21663c-page 6 ? 2006 microchip technology inc. note: unless otherwise indicated, v in = v r + 1v, i l = 100 a, c out = 3.3 f, shdn > v ih , t a = +25c. figure 2-13: load transient response. figure 2-14: load transient response in dropout mode. figure 2-15: line transient response. figure 2-16: load transient response. figure 2-17: shutdown delay. figure 2-18: shutdown wake-up time. v = 3.8v in c = 1 f ceramic out out v = 2.8v c = 1 f ceramic in frequency = 1 khz out v 150ma load 100? load current 100mv/div v in = 3.105v c out = 1f ceramic v out = 3.006v c in = 1f ceramic r load = 20 100 a 150m a v out load transient response in dropout mode 100mv/div 6v 4v c = 470pf byp out v = 2.8v c = 1 f ceramic out i = 100 a out out v input voltage 50mv / div 2v / div v = 3.0v in c = 10f ceramic out out v = 2.8v c = 1f ceramic in frequency = 10khz out v 150ma load 100? load current 100mv / div v = 4.0v in c = 0.01 f byp out v = 3.0v c = 10 f out i = 100a out out v shd n v v = 4.0v in c = 0.01 f byp out v = 3.0v c = 10 f out i = 100a out out v shd n v
? 2006 microchip technology inc. ds21663c-page 7 tc2054/2055/2186 note: unless otherwise indicated, v in = v r + 1v, i l = 100 a, c out = 3.3 f, shdn > v ih , t a = +25c. figure 2-19: v out to error delay. v in 1v/div 1v/div 2v/div v out v error 0v 2.8v 3.42v 3.0v 2.8v r pullup = 100k i out = 0.3ma
tc2054/2055/2186 ds21663c-page 8 ? 2006 microchip technology inc. 3.0 pin descriptions the descriptions of the pins are listed in table 3-1. table 3-1: pin function table 3.1 unregulated supply input (v in ) connect the unregulated input supply to the v in pin. if there is a large distance between the input supply and the ldo regulator, some input capacitance is necessary for proper operation. a 1 f capacitor, connected from v in to ground, is recommended for most applications. 3.2 ground terminal (gnd) connect the unregulated input supply ground return to gnd. also connect one side of the 1 f typical input decoupling capacitor close to this pin and one side of the output capacitor c out to this pin. 3.3 shutdown control input (shdn ) the regulator is fully enabled when a logic-high is applied to shdn . the regulator enters shutdown when a logic-low is applied to this input. during shutdown, the output voltage falls to zero and the supply current is reduced to 0.5 a (max). 3.4 out-of-regulation flag (error ) the open-drain error flag provides indication that the regulator output voltage is not in regulation. the error pin will be low when the output is typically below 5% of its specified value. 3.5 regulated voltage output (v out ) connect the output load to v out of the ldo. also connect one side of the ldo output decoupling capacitor as close as possible to the v out pin. pin number symbol description 1v in unregulated supply input. 2 gnd ground terminal. 3shdn shutdown control input. the regulator is fully enabled when a logic high is applied to this input. the regulator enters shutdown when a logic low is applied to this input. during shutdown, output voltage falls to zero, error is open circuited and supply current is reduced to 0.5a (max). 4 error out-of-regulation flag. (open-drain ou tput). this output goes low when v out is out-of-tolerance by approximately -5%. 5v out regulated voltage output.
? 2006 microchip technology inc. ds21663c-page 9 tc2054/2055/2186 4.0 detailed description the tc2054, tc2055 and tc2186 are precision fixed output voltage regulators. (if an adjustable version is desired, refer to the tc1070/tc1071/tc1187 data sheet (ds21353). unlike bipolar regulators, the tc2054, tc2055 and tc2186 supply current does not increase with load current. in addition, v out remains stable and within regulation over the entire 0 ma to maximum output current operating load range. figure 4-1 shows a typical application circuit. the regulator is enabled any time the shutdown input (shdn ) is at or above v ih , and shutdown (disabled) when shdn is at or below v il . shdn may be con- trolled by a cmos logic gate, or i/o port of a microcon- troller. if the shdn input is not required, it should be connected directly to the input supply. while in shut- down, supply current decreases to 0.05 a (typical), v out falls to zero volts, and error is open-circuited. figure 4-1: typical application circuit. 4.1 error open-drain output error is driven low whenever v out falls out of regulation by more than -5% (typical). this condition may be caused by low input voltage, output current limiting or thermal limiting. the error threshold is 5% below rated v out regardless of the programmed out- put voltage value (e.g. error = v ol at 4.75v (typ.) for a 5.0v regulator and 2.85v (typ.) for a 3.0v regulator). error output operation is shown in figure 4-2. note that error is active when v out falls to v th , and inactive when v out rises above v th by v hys . as shown in figure 4-1, error can be used as a battery low flag or as a processor reset signal (with the addition of timing capacitor c 2 ). r 1 x c 2 should be chosen to maintain error below v ih of the processor reset input for at least 200 m s to allow time for the system to stabilize. pull-up resistor r 1 can be tied to v out , v in or any other voltage less than (v in + 0.3v). the error pin sink current is self-limiting to approximately 18 ma. figure 4-2: error output operation. 4.2 output capacitor a 1 f (min) capacitor from v out to ground is required. the output capacitor should have an effective series resistance of 0.01 . to 5 for v out = 2.5v, and 0.05 . to 5 for v out < 2.5v. ceramic, tantalum and aluminum electrolytic capacitors can be used. (since many aluminum electrolytic capacitors freeze at approximately -30c, solid tantalums are recommended for applications operating below -25c). when operating from source s other than batteries, supply-noise rejection and transient response can be improved by increasing the value of the input and output capacitors and employing passive filtering techniques. 4.3 input capacitor a 1 f capacitor should be connected from v in to gnd if there is more than 10 inches of wire between the regulator and this ac filter capacitor, or if a battery is used as the power source. aluminum electrolytic or tantalum capacitors can be used (since many aluminum electrolytic capa citors freeze at approxi- mately -30c, solid tantalum are recommended for applications operating below -25c). when operating from sources other than batteries, supply-noise rejection and transient response can be improved by increasing the value of t he input and output capacitors and employing passive filtering techniques. 0.2 f c 2 r 1 1m v+ c2 required only if error is used as a processor reset signal (see text) shutdown control (to cmos logic or tie to v in if unused) battlow or reset tc2054 tc2055 tc2186 v in battery v out gnd 1f v out 1f c 1 error shdn v ih v ol error v th v out hysteresis (v hys )
tc2054/2055/2186 ds21663c-page 10 ? 2006 microchip technology inc. 5.0 thermal considerations 5.1 thermal shutdown integrated thermal protection circuitry shuts the regula- tor off when the die temperature exceeds approxi- mately 160c. the regulator remains off until the die temperature cools to approximatley 150c. 5.2 power dissipation the amount of power the regulator dissipates is primarily a function of input and output voltage, and output current. equation 5-1 is used to calculate worst case power dissipation: equation 5-1: the maximum allowable power dissipation (equation 5-2) is a function of the maximum ambient temperature (t a max ), the maximum allowable die temperature (125 c) and the thermal resistance from junction-to-air ( ja ). the 5-pin sot-23a package has a ja of approximately 220c/watt when mounted on a typical two layer fr4 dielectric copper clad pc board. equation 5-2: equation 5-1 can be used in conjunction with equation 5-2 to ensure regulator thermal operation is within limits. for example: actual power dissipation: maximum allowable power dissipation: in this example, the tc2054 dissipates a maximum of only 26.7 mw; far below the allowable limit of 318 mw. in a similar manner, equation 5-1 and equation 5-2 can be used to calculate maximum current and/or input voltage limits. 5.3 layout considerations the primary path of heat conduction out of the package is via the package leads. therefore, layouts having a ground plane, wide traces at the pads, and wide power supply bus lines combine to lower ja and, therefore, increase the maximum allowable power dissipation limit. p d v inmax v outmin ? () i loadmax where: p d = worst-case actual power dissipation v inmax = maximum voltage on v in v outmin = minimum regulator output voltage i loadmax = maximum output (load) current where all terms are previously defined. p dmax t jmax t amax ? ja -------------------------------------- - = given: v inmax = 3.0v +10% v outmin = 2.7v ? 2.5% i loadmax =40ma t amax = +55c find: 1. actual power dissipation 2. maximum allowable dissipation p d v inmax v outmin ? () i loadmax = 3.0 1.1 () 2.7 0.975 () ? [] 40 10 3 ? = 26.7 mw = p dmax t jmax t amax ? ja -------------------------------------- - = 125 55 ? 220 -------------------- - = 318 mw =
? 2006 microchip technology inc. ds21663c-page 11 tc2054/2055/2186 6.0 packaging information 6.1 package marking information 6.2 taping information c & d represents part number code + temperature range and voltage e represents year an d 2-month period code f represents lot id number cdef table 6-1: part number code and temperature range (v) tc2054 tc2055 tc2186 1.8 sa ta va 2.5sbtbvb 2.7sctcvc 2.8sdtdvd 2.85 se te ve 3.0 sf tf vf 5.0 sj tg vg carrier tape, number of components per reel and reel size: package carrier width (w) pitch (p) part per full reel reel size 5-pin sot-23a 8 mm 4 mm 3000 7 in. component taping orientation for 5-pin sot-23a (eiaj sc-74a) devices device marking pin 1 user direction of feed standard reel component orientation for 713 suffix device (mark right side up) w p
tc2054/2055/2186 ds21663c-page 12 ? 2006 microchip technology inc. 5-lead plastic small outline transistor (ct) (sot-23) 1 p d b n e e1 l c a2 a a1 p1 10 5 0 10 5 0 b mold draft angle bottom 10 5 0 10 5 0 a mold draft angle top 0.50 0.43 0.35 .020 .017 .014 b lead width 0.20 0.15 0.09 .008 .006 .004 c lead thickness 10 5 0 10 5 0 f foot angle 0.55 0.45 0.35 .022 .018 .014 l foot length 3.10 2.95 2.80 .122 .116 .110 d overall length 1.75 1.63 1.50 .069 .064 .059 e1 molded package width 3.00 2.80 2.60 .118 .110 .102 e overall width 0.15 0.08 0.00 .006 .003 .000 a1 standoff 1.30 1.10 0.90 .051 .043 .035 a2 molded package thickness 1.45 1.18 0.90 .057 .046 .035 a overall height 1.90 .075 p1 outside lead pitch (basic) 0.95 .038 p pitch 5 5 n number of pins max nom min max nom min dimension limits millimeters inches * units dimensions d and e1 do not include mold flash or protrusions. mo ld flash or protrusions shall not exceed .005" (0.127mm) per s ide. notes: eiaj equivalent: sc-74a drawing no. c04-091 * controlling parameter revised 09-12-05
? 2006 microchip technology inc. ds21663c-page 13 tc2054/2055/2186 appendix a: revision history revision c (may 2006) ? page 1: added overtemperature to bullet for over- current protection in features and general descrip- tion verbiage. ? page 3: added ?thermal shutdown die tempera- ture? to electrical characteristics table. changed codition for ?minimum v in operating voltage? ? page 3: added thermal characteristics table. ? page 5: added new section 5.1 and new ver- biage. ? page 13: updated package outline drawing. revision b (may 2002) ? data sheet converted to microchip standards. revision a (may 2001) ? original release of this document under telcom.
tc2054/2055/2186 ds21663c-page 14 ? 2006 microchip technology inc. notes:
? 2006 microchip technology inc. ds21663c-page 15 tc2054/2055/2186 product identification system to order or obtain information, e.g., on pricing or de livery, refer to the factory or the listed sales office . device: tc2054: 50 ma ldo with shutdown and error output tc2055: 100 ma ldo with shutdown and error output tc2186: 150 ma ldo with shutdown and error output output voltage: xx = 1.8v xx = 2.5v xx = 2.7v xx = 2.8v xx = 2.85v xx = 3.0v xx = 3.3v temperature range: v = -40c to +125c package: cttr = plastic small outline transistor (sot-23), 5-lead, tape and reel part no. -xx x temperature output voltage device examples: a) tc2054-1.8vcttr: 5ld sot-23-a, 1.8v, tape and reel. b) tc2054-2.85vcttr: 5ld sot-23-a, 2.85v, tape and reel. c) tc2054-3.3vcttr: 5ld sot-23-a, 3.3v, tape and reel. a) tc2055-1.8vcttr: 5ld sot-23-a, 1.8v, tape and reel. b) tc2055-2.85vcttr: 5ld sot-23-a, 2.85v, tape and reel. c) tc2055-3.0vcttr: 5ld sot-23-a, 3.0v, tape and reel. a) tc2186-1.8vcttr: 5ld sot-23-a, 1.8v, tape and reel. b) tc2186-2.8vcttr: 5ld sot-23-a, 2.8v, tape and reel. range xxxx package
tc2054/2055/2186 ds21663c-page 16 ? 2006 microchip technology inc. notes:
? 2006 microchip technology inc. ds21663c-page 17 information contained in this publication regarding device applications and the like is prov ided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application me ets with your specifications. microchip makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip devices in life support and/or safe ty applications is entirely at the buyer?s risk, and the buyer agrees to defend, indemnify and hold harmless microchip from any and all damages, claims, suits, or expenses resulting fr om such use. no licenses are conveyed, implicitly or ot herwise, under any microchip intellectual property rights. trademarks the microchip name and logo, the microchip logo, accuron, dspic, k ee l oq , micro id , mplab, pic, picmicro, picstart, pro mate, powersmart, rfpic, and smartshunt are registered trademarks of microchip technology incorporated in the u.s.a. and other countries. amplab, filterlab, migratable memory, mxdev, mxlab, seeval, smartsensor and the embedded control solutions company are registered tradema rks of microchip technology incorporated in the u.s.a. analog-for-the-digital age, a pplication maestro, dspicdem, dspicdem.net, dspicworks, ecan, economonitor, fansense, flexrom, fuzzyl ab, in-circuit serial programming, icsp, icepic, linear active thermistor, mindi, miwi, mpasm, mplib, mplink, pickit, picdem, picdem.net, piclab, pictail, powercal, powerinfo, powermate, powertool, real ice, rflab, rfpicdem, select mode, smart serial, smarttel, total endurance, uni/o, wiperlock and zena are trademarks of microchip technology incorporated in the u.s.a. and other countries. sqtp is a service mark of mi crochip technology incorporated in the u.s.a. all other trademarks mentioned herein are property of their respective companies. ? 2006, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. note the following details of the code protection feature on microchip devices: ? microchip products meet the specification cont ained in their particular microchip data sheet. ? microchip believes that its family of products is one of the mo st secure families of its kind on the market today, when used i n the intended manner and under normal conditions. ? there are dishonest and possibly illegal meth ods used to breach the code protection fe ature. all of these methods, to our knowledge, require using the microchip pr oducts in a manner outside the operating specif ications contained in microchip?s data sheets. most likely, the person doing so is engaged in theft of intellectual property. ? microchip is willing to work with the customer who is concerned about the integrity of their code. ? neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as ?unbreakable.? code protection is constantly evolving. we at microchip are committed to continuously improving the code protection features of our products. attempts to break microchip?s c ode protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your softwa re or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona, gresham, oregon and mountain view, california. the company?s quality system processes and procedures are for its picmicro ? 8-bit mcus, k ee l oq ? code hopping devices, serial eeproms, microperipherals, nonvolatile memory and analog products. in addition, microchip?s quality system for the design and manufacture of development syst ems is iso 9001:2000 certified.
ds21663c-page 18 ? 2006 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://support.microchip.com web address: www.microchip.com atlanta alpharetta, ga tel: 770-640-0034 fax: 770-640-0307 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit farmington hills, mi tel: 248-538-2250 fax: 248-538-2260 kokomo kokomo, in tel: 765-864-8360 fax: 765-864-8387 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 san jose mountain view, ca tel: 650-215-1444 fax: 650-961-0286 toronto mississauga, ontario, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8528-2100 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8676-6200 fax: 86-28-8676-6599 china - fuzhou tel: 86-591-8750-3506 fax: 86-591-8750-3521 china - hong kong sar tel: 852-2401-1200 fax: 852-2401-3431 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8203-2660 fax: 86-755-8203-1760 china - shunde tel: 86-757-2839-5507 fax: 86-757-2839-5571 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xian tel: 86-29-8833-7250 fax: 86-29-8833-7256 asia/pacific india - bangalore tel: 91-80-4182-8400 fax: 91-80-4182-8422 india - new delhi tel: 91-11-5160-8631 fax: 91-11-5160-8632 india - pune tel: 91-20-2566-1512 fax: 91-20-2566-1513 japan - yokohama tel: 81-45-471- 6166 fax: 81-45-471-6122 korea - gumi tel: 82-54-473-4301 fax: 82-54-473-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - penang tel: 60-4-646-8870 fax: 60-4-646-5086 philippines - manila tel: 63-2-634-9065 fax: 63-2-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-572-9526 fax: 886-3-572-6459 taiwan - kaohsiung tel: 886-7-536-4818 fax: 886-7-536-4803 taiwan - taipei tel: 886-2-2500-6610 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - wels tel: 43-7242-2244-399 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 spain - madrid tel: 34-91-708-08-90 fax: 34-91-708-08-91 uk - wokingham tel: 44-118-921-5869 fax: 44-118-921-5820 w orldwide s ales and s ervice 02/16/06


▲Up To Search▲   

 
Price & Availability of TC205406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X