creat by art ? high efficiency, low vf ? high current capavility ? high reliability ? high surge current capability sf100xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol sf 1001g sf 1002g sf 1003g sf 1004g sf 1005g sf 1006g sf 1007g sf 1008g units v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v ua ua trr ns cj pf r jc o c/w t j o c t stg o c v maximum instantaneous forward voltage (note 1) @ 5 a v f 0.975 1.3 a peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 125 a maximum average forward rectified current i f(av) 10 ? green compound with suffix "g" on packing code & prefix "g" on datecode. mechanical data ? weight: 1.82 grams typical thermal resistance type number operating temperature range storage temperature range - 65 to + 150 - 65 to + 150 version:f11 ? low power loss. i r features note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a. note 3: measured at 1 mhz and applied reverse voltage of 4.0 v d.c. note 1: pulse test with pw=300 usec, 1% duty cycle maximum reverse recovery time (note 2) ? for use in low voltage, high frequency inventor, free wheeling, and polarity protection application ? high temperature soldering guaranteed: 260 o c/10 seconds 16".,(4.06mm) from case. sf1001g- sf1008g 10.0amps. glass passivated super fast rectifiers marking diagram to-220ab maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 typical junction capacitance (note 3) dimensions in inches and (millimeters) ? case: to-220ab molded plastic maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage ? polarity: as marked ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? epoxy: ul 94v-0 rate flame retardant 70 50 3.5 1.7 35 10 400 pb rohs compliance rohs compliance
version:f11 ratings and characteristic curves (sf1001g thru sf1008g) fig.1- maximum forward current derating curve 0 2 4 6 8 10 12 0 50 100 150 case temperature ( o c) average forward a current (a) fig. 3- maximum non-repetitive forward surge current per leg 0 30 60 90 120 150 1 10 100 number of cycles at 60 hz peak forward surge a current. (a) 8.3ms single half sine wave jedec method fig. 2- typical reverse characteristics 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current. (ua) ta=25 ta=100 fig. 4- typical junction capacitance per leg 40 50 60 70 80 90 100 1 10 100 1000 reverse voltage. (v) capacitance (pf) ta=25 o sf1001g~sf1004 sf1005g~sf100 fig. 5- typical forward characterisrics per leg 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 forward voltage. (v) instantaneous forward current. (a) ta=25 o c pulse width=300us 1% duty cycle sf1001g~sf1004 sf1005g~sf1006 sf1007g~sf1008
|