Part Number Hot Search : 
SMC24 TPCA8 SSPL6022 MIW1021 HM62V1 ANSR2N7 SMC24 80240
Product Description
Full Text Search
 

To Download PCM-9362DF-S6A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.5" single board computers features embedded security id pcm-9362 intel ? atom? n450/ d510 3.5" sbc, lvds, vga, 2 gbe, mini pcie, 4 com , mio-160 expansion ? embedded intel ? atom? processor n450 single core/ d510 dual core 1.66 ghz + ich8m ? intel gen 3.5 dx9, mpeg2 decode in hw, multiple display: vga, 18-bit lvds ? supports 12 v input power for pcm-9362n/d, 5v input power for pcm-9362nc, supports extended temperature -40 c ~ 85 c ? supports 2 intel giga ethernet ports; rich i/o interfaces with 4 com, 2 sata, 6 usb and gpio ? supports susiaccess and embedded software apis specifcations processor system cpu intel atom processor, n450 single core 1.66 ghz intel atom processor, d510 dual core 1.66 ghz frequency 1.66 ghz l2 cache 512 kb/1 mb system chipset intel n450/d510 + ich8m bios ami 16 mbit flash bios memory technology ddr2 667 mhz max. capacity 2 gb socket 1 x 200-pin sodimm display chipset intel atom n450/d510 1.66 ghz vram optimized shared memory architecture up to 224 mb system memory graphics engine intel gen 3.5 dx9, mpeg2 decode in hw, embedded gen3.5+ gfx core lvds lvds: single channel 18-bit lvds up to wxga 1366 x 768 vga intel atom n450 single core up to 1400 x 1050 (sxga) intel atom d510 dual core up to 2048 x 1536 dual display vga+lvds ethernet speed 10/100/1000 mbps (supports wake on lan) controller gbe1 intel 82567v, gbe2 intel 82583v connector rj-45 on gbe1, gbe2 audio chipset realtek alc886, high de?nition audio(hd),line-in, line out, mic-in watchdog timer output system reset, programmable counter from 1 ~ 255 minutes/ seconds storage compactflash compactflash type i/ii (primary master ide channel) sata 2 x sata ii (max. data transfer rate 300 mb/s) rear i/o serial 1 (com1 supports rs-232) (esd protection for rs-232: air gap 15kv, contact 8kv) ethernet 2 (10/100/1000 mbps) vga 1 usb 2 internal i/o usb 4 x usb 2.0 ports serial 3 x com ports (esd protection for rs-232: air gap 15kv, contact 8kv) com3/com4 supports rs-232 com2 supports rs-232/422/485 (supports rs-485 auto fow control) parallel (lpt) 1 ps/2 kb/mouse 1 gpio 8-bit gpio smbus 1 expansion mini pcie 1 (full-size) mio-160 1 (supported on pcm-9362nf/ncf/df) (smbus, usb2.0x1, lpc, pci, 3 x pciex1, 5v/12v power) power power type at/atx (atx only support on nc/ncf sku) power supply voltage for nc/ncf sku at: 5v5% (12v is optional for lcd inverter and add-on card) atx: 5v5%, 5 vsb5% (12v is optional for lcd inverter and add on card) for d/n/df/nf sku at: 12v10% (no support atx power supply) power consumption (typical) pcm-9362n: 0.87 a @ 12 v (10.44 w) pcm-9362nc: 2.31 a @ 5 v (11.55 w) pcm-9362d: 1.14 a @ 12 v (13.68 w) power consumption (max, test in hct) pcm-9362n: 1.01 a @ 12 v (12.12 w) pcm-9362nc: 2.36 a @ 5 v (11.8 w) pcm-9362d: 1.43 a @ 12 v (17.16 w) power management apm, acpi battery lithium 3 v/210 mah environment operational 0 ~ 60 c (32 ~ 140 f) (operating humidity: 40 c @ 95% rh non-condensing) non-operational -40 c ~ 85 c and 60 c @ 95% rh non-condensing physical characteristics dimensions (l x w) 146 x 102 mm (5.7" x 4") weight 0.64 kg (1.41 lb), weight of total package total height 30.5mm for pcm-9362n/nf/nc/ncf/nz/nz2 34.5mm for pcm-9362d/df backlight on/off watchdog gpio h/w monitor brightness monitoring bios fash smbus cpu speed system throttling sata audio 5v power (pcm-9362nc) lvds vga com1 usb gbe gpio com3/com4 mio expansion (option) ps2 smbus usb lpt com2 12v power (pcm-9362n/d) vxworks ? software apis: utilities: all product specifications are subject to change without notice last updated : 11-jun-2012
www.advantech.com/products online download ordering information model cpu l2 cache memory power expansion vga lvds gbe audio sataii usb 2.0 mini pcie cf rs-232 rs-232/ 422/485 thermal solution operating temperature pcm-9362nc-s6a1e atom n450 512 kb sodimm 5 v - 1 18-bit 2 yes 2 6 full-size 1 3 1 passive 0 ~ 60 c pcm-9362ncf-s6a1e atom n450 512 kb sodimm 5 v mio-160 1 18-bit 2 yes 2 6 full-size 1 3 1 passive 0 ~ 60 c pcm-9362n-s6a1e atom n450 512 kb sodimm 12 v - 1 18-bit 2 yes 2 6 full-size 1 3 1 passive 0 ~ 60 c pcm-9362nf-s6a1e atom n450 512 kb sodimm 12 v mio-160 1 18-bit 2 yes 2 6 full-size 1 3 1 passive 0 ~ 60 c pcm-9362d-s6a1e atom d510 1 mb sodimm 12 v - 1 18-bit 2 yes 2 6 full-size 1 3 1 active 0 ~ 60 c PCM-9362DF-S6A1E atom d510 1 mb sodimm 12 v mio-160 1 18-bit 2 yes 2 6 full-size 1 3 1 active 0 ~ 60 c pcm-9362nz-1gs6a1e atom n450 512 kb 1gb bundle 12 v - 1 18-bit 2 yes 2 6 full-size 1 3 1 passive -20 ~ 80 c pcm-9362nz21gs6a1e atom n450 512 kb 1gb bundle 12 v - 1 18-bit 2 yes 2 6 full-size 1 3 1 passive -40 ~ 85 c note: passive = fanless; active = with fan pcm-9362 packing list part no. description quantity pcm-9362 sbc startup manual utility cd 9689000002 mini jumper pack 1 1700000265 atx power cable (pcm-9362nc series only) 1 1700006291 sata cable 30cm 1 1703060191 ps/2 cable 19cm 1 1701140201 com2 ide d-sub 20 cm cable 1 1703100121 usb 2 x 5p-2.0 12 cm w/bkt cable 2 1703100152 audio cable 20cm 1 1700260250 lpt ide 26p d-sub 25 cm cable 1 1700001795 com3/4 cable 19cm 1 1960050034n001 cpu n450 heatsink (75 x 62 19.9 mm) for pcm-9362n series 1 1960050035n001 cpu d510 cooler (75 x 62 x 24.4 mm) for pcm- 9362d 1 1960024933s00b ich8m heatsink for pcm-9362 series (38.1x33.6x7.5mm) 1 optional accessories part no. description mio-6250-00a1e mio-160 module w/ 3 10/100 ethernet (rtl8139) mio-6260-00a1e mio-160 io module w/2 com, 4 usb mio-6260l-00a1e mio-160 io module w/2 com, 4 usb, 1 10/100 ethernet 1700016161 at power cable, 2 x 6p to 3 x 4p 10 cm 1700016141 at power cable, 2 x 6p to 2 10p 10 cm 1960047470n001 heat spreader(97 x 75 18.5 mm) 1655003865 right angle 12v power connector 2*2p 1655003866 right angle 5v power connector 2*6p 1700018436 inverter 5p to sata power 15p cable 10cm ack-a001e embedded chassis for pcm-9362(12v)/9363 series (system dimension with mounting bracket: 230 x 65 x145 mm) note: mio-160 modules are supported by pcm-9362ncf/nf/df version embedded os/api embedded os/api part no. description win xpe 2070009030 xpe wes2009 v4.0 eng 2070009031 xpe wes2009 v4.0 mui24 wince 2070009693 ce 6.0 pro pcm-9362 v1.3 eng wes 7 2070009835 image wes7e v5.0 eng qnx 6.5 vxwork 6.8 linux ubuntu 10.04 software api 205e362010 susi 3.0 sw api for pcm-9362 b: 20091117 xp rear i/o view sataii x 2 compactflash ide super i/o sch3114 usb 2.0 spi hd codec (alc886) & audio usb 2.0 x 6 bios lpt com1/3/4: rs-232 com2: rs-232/422/485 ps/2 kb/ms watchdog intel atom n450/d510 dmi x 4 (up to 1gb/s) 667 mhz 18 bit lvds vga connector 3 pcie x 1 pci lpc usb x1 smbus mio-160 i/o expansion (support on pcm-9362ncf/nf/df) ddr2 sodimm x 1 intel ich8m lpc lvds smbus gpio ic 8 bit gpio smbus pcie intel 82583v gbe pcie full-size mini pcie max.500ma@+12v max.1a@+5v max.1a@+5vsb intel 82567v gbe glci /pciex1 hd power block diagram


▲Up To Search▲   

 
Price & Availability of PCM-9362DF-S6A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X