Part Number Hot Search : 
SMAJ530 A63L7336 2SK2360 CHP222PT STRFNFCA 10116 HER303 STRFNFCA
Product Description
Full Text Search
 

To Download MTN2N60FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c435fp issued date : 2009.01.19 revised date : page no. : 1/8 MTN2N60FP cystek product specification n-channel enhancement mode power mosfet r ds(on) : 4.7 i d : 2a bv dss : 650v @tj=150 MTN2N60FP description the MTN2N60FP is a n-channel enhancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device de sign, low on-resistance and cost effectiveness. the to-220fp package is universally preferre d for all commercial-industrial applications features ? bv dss =650v typically @ tj=150 ? low on resistance ? simple drive requirement ? low gate charge ? fast switching characteristic ? rohs compliant package applications ? open framed power supply ? adapter ? stb symbol outline MTN2N60FP to-220fp d drain s source g gate g d s
cystech electronics corp. spec. no. : c435fp issued date : 2009.01.19 revised date : page no. : 2/8 MTN2N60FP cystek product specification absolute maximum ratings (t c =25 c) parameter symbol limits unit drain-source voltage v ds 600 v gate-source voltage v gs 30 v continuous drain current i d 2* a continuous drain current @t c =100c i d 1.35* a pulsed drain current @ v gs =10v (note 1) i dm 8* a single pulse avalanche energy (note 2) e as 60 mj avalanche current (note 1) i ar 2 a repetitive avalanche energy (note 1) e ar 2.3 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns maximum temperature for solder ing @ lead at 0.125 in(0.318mm) from case for 10 seconds t l 300 c maximum temperature for soldering @ package body for 10 seconds t pkg 260 c w total power dissipation (t c =25 ) linear derating factor 23 0.18 w/ c operating junction and storage temperature tj, tstg -55~+150 c *drain current limited by maximum junction temperature note : 1 . repetitive rating; pulse width limited by maximum junction temperature. 2 . i as =1.2a, v dd =50v, l=80mh, r g =25 , starting tj=+25 . 3 . i sd 2a, di/dt 100a/ s, v dd bv dss , starting tj=+25 . thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 5.5 c/w thermal resistance, junction-to-ambient, max r th,j-a 62.5 c/w
cystech electronics corp. spec. no. : c435fp issued date : 2009.01.19 revised date : page no. : 3/8 MTN2N60FP cystek product specification characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 600 - - v v gs =0, i d =250 a, tj=25 bv dss - 650 - v v gs =0, i d =250 a, tj=150 ? bv dss / ? tj - 0.6 - v/ c reference to 25c, i d =250 a bv ds - 700 - v v gs =0, i d =1.2a v gs(th) 2.0 - 4.0 v v ds = v gs , i d =250 a *g fs - 5 - s v ds =15v, i d =1a i gss - - 100 na v gs = 30 - - 1 a v ds =600v, v gs =0 i dss - - 10 a v ds =480v, v gs =0, t c =125 c *r ds(on) - - 4.7 v gs =10v, i d =1a dynamic *qg - 8.5 12 *qgs - 1.3 - *qgd - 4.1 - nc i d =2a, v dd =480v, v gs =10v *t d(on) - 9 28 *tr - 25 60 *t d(off) - 24 58 *t f - 28 66 ns v dd =300v, i d =2a, v gs =10v, r g =25 , r d =150 ciss - 180 235 coss - 20 25 crss - 4.3 5.6 pf v gs =0v, v ds =25v, f=1mhz source-drain diode *v sd - - 1.5 v i s =2a, v gs =0v *i s - - 2 *i sm - - 8 a *trr - 230 - ns *qrr - 1 - c v gs =0, i f =2a, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping marking MTN2N60FP to-220fp (rohs compliant) 50 pcs/tube, 20 tubes/box, 4 boxes / carton 2n60
cystech electronics corp. spec. no. : c435fp issued date : 2009.01.19 revised date : page no. : 4/8 MTN2N60FP cystek product specification characteristic curves
cystech electronics corp. spec. no. : c435fp issued date : 2009.01.19 revised date : page no. : 5/8 MTN2N60FP cystek product specification characteristic curves(cont.)
cystech electronics corp. spec. no. : c435fp issued date : 2009.01.19 revised date : page no. : 6/8 MTN2N60FP cystek product specification test circuits and waveforms
cystech electronics corp. spec. no. : c435fp issued date : 2009.01.19 revised date : page no. : 7/8 MTN2N60FP cystek product specification test circuits and waveforms(cont.)
cystech electronics corp. spec. no. : c435fp issued date : 2009.01.19 revised date : page no. : 8/8 MTN2N60FP cystek product specification to-220fp dimension inches millimeters inches millimeters dim style: pin 1.gate 2.drain 3.source 4.drain 3-lead to-220fp plastic package cystek package code: fp marking: 2n60 date code device name min. max. min. max. dim min. max. min. max. a 0.169 0.185 4.300 4.700 d 0.392 0.408 9.960 10.360 a1 0.051 ref 1.300 ref e 0.583 0.598 14.800 15.200 a2 0.110 0.126 2.800 3.200 e 0.100 typ 2.540 typ a3 0.098 0.114 2.500 2.900 f 0.106 ref 2.700 ref b 0.020 0.030 0.500 0.750 0.138 ref 3.500 ref b1 0.043 0.053 1.100 1.350 l 1. 102 1.118 28.000 28.400 b2 0.059 0.069 1.500 1.750 l1 0.067 0.075 1.700 1.900 c 0.020 0.030 0.500 0.750 l2 0.075 0.083 1.900 2.100 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: kfc ; pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTN2N60FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X