Part Number Hot Search : 
26702QTV ELT3021 MB1005 AD1983 EE3700 ATF13786 1N4099 04500
Product Description
Full Text Search
 

To Download MMBT5551M3T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 january, 2009 ? rev. 0 1 publication order number: mmbt5551m3/d MMBT5551M3T5G npn high voltage transistor the MMBT5551M3T5G device is a spin ? off of our popular sot ? 23 three ? leaded device. it is designed for general purpose high voltage applications and is housed in the sot ? 723 surface mount package. this device is ideal for low ? power surface mount applications where board space is at a premium. features ? reduces board space ? this is a halide ? free device ? this is a pb ? free device maximum ratings rating symbol value unit collector ? emitter voltage v ceo 160 vdc collector ? base voltage v cbo 180 vdc emitter ? base voltage v ebo 6.0 vdc collector current ? continuous i c 60 madc thermal characteristics characteristic symbol max unit total device dissipation fr ? 5 board (note 1) t a = 25 c derate above 25 c p d 265 2.1 mw mw/ c thermal resistance, junction ? to ? ambient r  ja 470 c/w total device dissipation alumina substrate, (note 2) t a = 25 c derate above 25 c p d 640 5.1 mw mw/ c thermal resistance, junction ? to ? ambient r  ja 195 c/w junction and storage temperature t j , t stg ? 55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. fr ? 5 = 1.0 0.75 0.062 in. 2. alumina = 0.4 0.3 0.024 in. 99.5% alumina. http://onsemi.com device package shipping ? ordering information MMBT5551M3T5G sot ? 723 (pb ? free) 8000/tape & reel collector 3 1 base 2 emitter ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. sot ? 723 case 631aa style 1 1 2 3 ah m ah = specific device code m = date code marking diagram
MMBT5551M3T5G http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collector ? emitter breakdown voltage (note 3) (i c = 1.0 madc, i b = 0) v (br)ceo 160 ? vdc collector ? base breakdown voltage (i c = 100  adc, i e = 0) v (br)cbo 180 ? vdc emitter ? base breakdown voltage (i e = 10  adc, i c = 0) v (br)ebo 6.0 ? vdc collector cutoff current (v cb = 120 vdc, i e = 0) (v cb = 120 vdc, i e = 0, t a = 100 c) i cbo ? ? 100 100 nadc  adc emitter cutoff current (v eb = 4.0 vdc, i c = 0) i ebo ? 50 nadc on characteristics dc current gain (i c = 1.0 madc, v ce = 5.0 vdc) (i c = 10 madc, v ce = 5.0 vdc) (i c = 50 madc, v ce = 5.0 vdc) h fe 80 80 30 ? 250 ? ? collector ? emitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v ce(sat) ? ? 0.15 0.20 vdc base ? emitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v be(sat) ? ? 1.0 1.0 vdc collector emitter cut ? off (v cb = 10 v) (v cb = 75 v) i ces ? ? 50 100 na 3. pulse test: pulse width = 300  s, duty cycle = 2.0%.
MMBT5551M3T5G http://onsemi.com 3 figure 1. dc current gain i c , collector current (ma) 500 h , dc current gain fe t j = 125 c -55 c 25 c 5.0 10 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 30 20 300 100 50 7.0 v ce = 1.0 v v ce = 5.0 v figure 2. collector saturation region i b , base current (ma) 1.0 i c = 1.0 ma 0 0.3 0.005 0.01 0.2 0.5 1.0 2.0 20 50 0.8 0.5 0.4 0.9 0.7 0.6 0.2 0.02 0.05 0.1 10 v ce , collector-emitter voltage (volts) 0.1 10 ma 30 ma 100 ma 5.0 figure 3. collector cut ? off region v be , base-emitter voltage (volts) 10 1 10 -5 0.4 0.3 0.1 10 0 10 -1 10 -2 10 -3 10 -4 0.2 0 0.1 0.2 0.4 0.3 0.6 0.5 v ce = 30 v t j = 125 c 75 c 25 c i c = i ces , collector current (a) i c reverse forward i c , collector current (ma) 1.0 v, voltage (volts) 1.0 2.0 5.0 10 20 50 100 t j = 25 c v be(sat) @ i c /i b = 10 v ce(sat) @ i c /i b = 10 0.1 0.2 0.5 figure 4. ?on? voltages 0.8 0.6 0.4 0.2 0 3.0 30 0.3
MMBT5551M3T5G http://onsemi.com 4 c, capacitance (pf) v r , reverse voltage (volts) 100 1.0 0.2 0.5 1.0 2.0 5.0 10 20 c ibo 70 50 30 20 10 7.0 5.0 3.0 2.0 0.3 0.7 3.0 7.0 c obo 10.2 v v in 10  s input pulse v bb -8.8 v 100 r b 5.1 k 0.25  f v in 100 1n914 v out r c v cc 30 v 3.0 k t r , t f 10 ns duty cycle = 1.0% values shown are for i c @ 10 ma t j = 25 c i c , collector current (ma) 1000 0.3 1.0 10 20 30 50 0.5 0.2 t, time (ns) 10 20 30 50 100 200 300 500 2.0 100 200 i c /i b = 10 t j = 25 c t r @ v cc = 120 v 3.0 5.0 t r @ v cc = 30 v t d @ v eb(off) = 1.0 v v cc = 120 v i c , collector current (ma) 5000 t, time (ns) 50 100 200 300 500 3000 2000 1000 0.3 1.0 10 20 30 50 0.5 0.2 2.0 100 200 3.0 5.0 i c /i b = 10 t j = 25 c t f @ v cc = 120 v t f @ v cc = 30 v t s @ v cc = 120 v i c , collector current (ma) 2.5  vc for v ce(sat)  vb for v be(sat) figure 5. temperature coefficients t j = - 55 c to +135 c v , temperature coefficient (mv/ c) 2.0 1.5 1.0 0.5 0 - 0.5 - 1.0 - 1.5 - 2.0 - 2.5 1.0 2.0 5.0 10 20 50 100 0.1 0.2 0.5 3.0 30 0.3 figure 6. switching time test circuit figure 7. capacitances figure 8. turn ? on time figure 9. turn ? off time
MMBT5551M3T5G http://onsemi.com 5 package dimensions style 1: pin 1. base 2. emitter 3. collector sot ? 723 case 631aa ? 01 issue c dim min nom max millimeters a 0.45 0.50 0.55 b 0.15 0.21 0.27 b1 0.25 0.31 0.37 c 0.07 0.12 0.17 d 1.15 1.20 1.25 e 0.75 0.80 0.85 e 0.40 bsc h 1.15 1.20 1.25 l 0.15 0.20 0.25 0.018 0.020 0.022 0.0059 0.0083 0.0106 0.010 0.012 0.015 0.0028 0.0047 0.0067 0.045 0.047 0.049 0.03 0.032 0.034 0.016 bsc 0.045 0.047 0.049 0.0059 0.0079 0.0098 min nom max inches e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, protrusions or gate burrs. d b1 e b e a l c h ? y ? ? x ? x 0.08 (0.0032) y 2x e 1 2 3 1.0 0.039  mm inches  scale 20:1 0.40 0.0157 0.40 0.0157 0.40 0.0157 0.40 0.0157 0.40 0.0157 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. mmbt5551m3/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MMBT5551M3T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X