Part Number Hot Search : 
BA7181FS M1010 MUR7040R 12SH3 ATMEGA 2SK389GR T32AP AP1004
Product Description
Full Text Search
 

To Download M54583PFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aug.1999 pin configuration (top view) mitsubishi semiconductor m54583p/fp 8-unit 400ma darlington transistor array description m54583p and m54583fp are eight-circuit collector-current- synchronized darlington transistor arrays. the circuits are made of pnp and npn transistors. both the semiconductor integrated circuits perform high-current driving with ex- tremely low input-current supply. features l high breakdown voltage (bv ceo 3 50v) l high-current driving (ic(max) = 400ma) l active l-level input l with input clamping diodes l wide operating temperature range (ta = C20 to +75 c) application interfaces between microcomputers and high-voltage, high- current drive systems, drives of relays and printers, and mos-bipolar logic ic interfaces function the m54583 is produced by adding pnp transistors to m54523 inputs. eight circuits having active l-level inputs are provided. resistance of 7k w and diode are provided in series between each input and pnp transistor base. the input diode is in- tended to prevent the flow of current from the input to the v cc . without this diode, the current flow from h input to the v cc and the l input circuits is activated, in such case where one of the inputs of the 8 circuits is h and the others are l to save power consumption. the diode is inserted to prevent such misoperation. this device is most suitable for a driver using nmos ic out- put especially for the driver of current sink. collector current is 400ma maximum. collector-emitter sup- ply voltage is 50v. the 54583fp is enclosed in a molded small flat package, enabling space saving design. circuit diagram (each circuit) 1 in1 ? input output in2 ? in3 ? in4 ? in5 ? in6 ? in7 ? v cc v cc ? o8 in8 ? gnd 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 ? o7 ? o6 ? o5 ? o4 ? o3 ? o2 ? o1 outline 18p4g m54583p m54583fp 1 nc input output nc : no connection in1 ? in2 ? in3 ? in4 ? in5 ? in6 ? ? o8 in7 ? in8 ? 2 3 4 5 6 7 8 9 20 19 18 17 16 15 14 13 12 gnd ? 10 11 ? o7 ? o6 ? o5 ? o4 ? o2 ? o3 ? o1 nc outline 20p2n-a 7k 2.7k 7k 7.2k 3k input gnd v cc output the eight circuits share the v cc and gnd. the diode, indicated with the dotted line, is parasitic, and cannot be used. unit : w
aug.1999 ton 50% 50% 50% 50% toff input output pg 50 w c l r l v cc v o input output (1) pulse generator (pg) characteristics : prr = 1khz, tw = 10 m s, tr = 6ns, tf = 6ns, z o = 50 w v i = 0.4 to 4v (2) input-output conditions : r l = 30 w , v o = 10v, v cc = 4v (3) electrostatic capacity c l includes floating capacitance at connections and input capacitance at probes measured device mitsubishi semiconductor m54583p/fp 8-unit 400ma darlington transistor array timing diagram note 1 test circuit 10 C0.5 ~ +50 C0.5 ~ v cc 400 1.79/1.1 C20 ~ +75 C55 ~ +125 v v v ma w c c absolute maximum ratings (unless otherwise noted, ta = C20 ~ +75 c) ratings unit symbol parameter conditions supply voltage collector-emitter voltage input voltage collector current power dissipation operating temperature storage temperature output, h current per circuit output, l ta = 25 c, when mounted on board v cc v ceo v i i c p d t opr t stg ns ns t on t off 130 3200 symbol unit parameter test conditions limits min typ max switching characteristics (unless otherwise noted, ta = 25 c) c l = 15pf (note 1) turn-on time turn-off time v v v 8 v cc v cc C3.6 5 4 v cc C0.7 0 v cc v ih v il collector current per channel recommended operating conditions (unless otherwise noted, ta = C20 ~ +75 c) i c 0 0 ma 350 200 parameter limits symbol unit supply voltage min typ max h input voltage l input voltage v cc = 5v, duty cycle p : no more than 34% fp : no more than 15% v cc = 5v, duty cycle p : no more than 10% fp : no more than 5% v m a ma v (br) ceo i i i cc h fe v v ce (sat) 2.2 1.6 C600 3 i ceo = 100 m a, v cc = 8v v i = v cc C3.6v v cc = 5v, v i = v cc C3.6v v ce = 4v, v cc = 5v, i c = 350ma, ta = 25 c symbol unit parameter test conditions limits min typ + max 50 2000 1.1 0.98 C320 10000 + : the typical values are those measured under ambient temperature (ta) of 25 c. there is no guarantee that these values are obtained under any conditions. collector-emitter breakdown voltage input current supply current (one circuit coming on) dc amplification factor collector-emitter saturation voltage electrical characteristics (unless otherwise noted, ta = C20 ~ +75 c) i c = 350ma i c = 200ma v i = v cc C3.6v
aug.1999 mitsubishi semiconductor m54583p/fp 8-unit 400ma darlington transistor array typical characteristics thermal derating factor characteristics ambient temperature ta ( c) power dissipation pd (w) 0 0 0.5 1.0 1.5 2.0 25 50 75 100 output saturation voltage collector current characteristics output saturation voltage v ce (sat) (v) collector current ic (ma) ta = ?0 c ta = 25 c ta = 75 c v i = 1.4v v cc = 5v ta = ?0 c ta = 25 c ta = 75 c 0 100 200 300 400 500 0 2.0 0.5 1.0 1.5 m54583p m54583fp duty cycle (%) 1 2 3 4 collector current ic (ma) duty-cycle-collector characteristics (m54583p) 0 100 200 300 400 500 0 20406080100 6 5 7 8 duty cycle (%) 1 2 3 4 collector current ic (ma) duty-cycle-collector characteristics (m54583fp) 0 100 200 300 400 500 0 20406080100 6 5 7 8 duty cycle (%) 1 2 3 4 collector current ic (ma) duty-cycle-collector characteristics (m54583p) 0 100 200 300 400 500 0 20406080100 6 5 7 8 ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. duty cycle (%) 1 2 3 4 collector current ic (ma) duty-cycle-collector characteristics (m54583fp) 0 100 200 300 400 500 0 20406080100 6 5 7 8 ?cc =5.0v ?a = 75 c ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ? cc = 5v ?a = 25 c ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ? cc = 5v ?a = 75 c ?he collector current values represent the current per circuit. ?epeated frequency 3 10hz ?he value in the circle represents the value of the simultaneously-operated circuit. ? cc = 5v ?a = 25 c
aug.1999 mitsubishi semiconductor m54583p/fp 8-unit 400ma darlington transistor array dc amplification factor collector current characteristics collector current ic (ma) dc amplification factor h fe 10 1 10 2 3 22 57 10 3 357 10 2 10 3 3 5 7 10 4 3 2 2 5 7 ta = ?0 c ta = 25 c ta = 75 c v cc = 4v v ce = 4v ta = ?0 c ta = 25 c ta = 75 c supply current icc (ma) 0 100 200 300 400 0 supply voltage v cc (v) 1.0 2.0 3.0 4.0 supply current characteristics collector current ic (ma) supply voltage-input voltage v cc v i (v) grounded emitter transfer characteristics ta = ?0 c ta = 25 c ta = 75 c v cc = 4v v ce = 4v ta = ?0 c ta = 25 c ta = 75 c ta = ?0 c ta = 25 c ta = 75 c v i = 0v ta = ?0 c ta = 25 c ta = 75 c 0 1 2 3 4 5 0246810 input characteristics supply voltage-input voltage v cc v i (v) input current i i (ma) ta = ?0 c ta = 25 c ta = 75 c v cc = 5v ta = ?0 c ta = 25 c ta = 75 c 0 ?.2 ?.4 ?.6 ?.8 ?.0 012345


▲Up To Search▲   

 
Price & Availability of M54583PFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X