Part Number Hot Search : 
LXD974A DDC1043 TL062AI 7809A AS2533BP GT25G102 MMBT2 A180Z
Product Description
Full Text Search
 

To Download LTC2220-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LTC2220-1 1 22201f + input s/h correction logic output drivers 12-bit pipelined adc core clock/duty cycle control flexible reference d11 d0 encode input refh refl analog input 22201 ta01 cmos or lvds 0.5v to 3.3v 3.3v v dd ov dd ognd , ltc and lt are registered trademarks of linear technology corporation. all other trademarks are the property of their respective owners. features descriptio u typical applicatio u sample rate: 185msps 67.5db snr up to 140mhz input 80db sfdr up to 170mhz input 775mhz full power bandwidth s/h single 3.3v supply low power dissipation: 910mw lvds, cmos, or demultiplexed cmos outputs selectable input ranges: 0.5v or 1v no missing codes optional clock duty cycle stabilizer shutdown and nap modes data ready output clock pin compatible family 170msps: ltc2220 (12-bit), ltc2230 (10-bit) 135msps: ltc2221 (12-bit), ltc2231 (10-bit) 64-pin 9mm 9mm qfn package wireless and wired broadband communication cable head-end systems power amplifier linearization communications test equipment the ltc 2220-1 is a 185msps, sampling 12-bit a/d converter designed for digitizing high frequency, wide dynamic range signals. the LTC2220-1 is perfect for demanding communications applications with ac perfor- mance that includes 67.5db snr and 80db spurious free dynamic range for signals up to 170mhz. ultralow jitter of 0.15ps rms allows undersampling of if frequencies with excellent noise performance. dc specs include 0.7lsb inl (typ), 0.5lsb dnl (typ) and no missing codes over temperature. the transition noise is a low 0.5lsb rms . the digital outputs can be either differential lvds, or single-ended cmos. there are three format options for the cmos outputs: a single bus running at the full data rate or two demultiplexed buses running at half data rate with either interleaved or simultaneous update. a separate output power supply allows the cmos output swing to range from 0.5v to 3.3v. the enc + and enc inputs may be driven differentially or single ended with a sine wave, pecl, lvds, ttl, or cmos inputs. an optional clock duty cycle stabilizer allows high performance at full speed for a wide range of clock duty cycles. applicatio s u sfdr vs input frequency 0 600 500 400 100 200 300 input frequency (mhz) sfdr (dbfs) 80 90 100 22201 ta01b 70 60 40 50 4th or higher 2nd or 3rd 12-bit,185msps adc
2 LTC2220-1 22201f co verter characteristics u *the temperature grades are identified by a label on the shipping container. consult ltc marketing for parts specified with wider operating temperature ranges. parameter conditions min typ max units resolution (no missing codes) 12 bits integral linearity error differential analog input (note 5) ?.8 0.7 1.8 lsb differential linearity error differential analog input ? 0.5 1.2 lsb integral linearity error single-ended analog input (note 5) 1.5 lsb differential linearity error single-ended analog input 0.5 lsb offset error (note 6) ?5 335 mv gain error external reference ?.5 0.5 2.5 %fs offset drift 10 v/c full-scale drift internal reference 30 ppm/c external reference 15 ppm/c transition noise sense = 1v 0.5 lsb rms supply voltage (v dd ) ................................................. 4v digital output ground voltage (ognd) ....... 0.3v to 1v analog input voltage (note 3) ..... 0.3v to (v dd + 0.3v) digital input voltage .................... 0.3v to (v dd + 0.3v) digital output voltage ............... 0.3v to (ov dd + 0.3v) power dissipation ............................................ 1500mw operating temperature range LTC2220-1c ............................................ 0 c to 70 c LTC2220-1i .........................................40 c to 85 c storage temperature range ..................65 c to 125 c order part number up part marking* t jmax = 125 c, ja = 20 c/w ltc2220up-1 ltc2220cup-1 ltc2220iup-1 absolute axi u rati gs w ww u package/order i for atio uu w ov dd = v dd (notes 1, 2) the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 4) top view up package 64-lead (9mm 9mm) plastic qfn exposed pad is gnd (pin 65), must be soldered to pcb a in + 1 a in + 2 a in 3 a in 4 refha 5 refha 6 reflb 7 reflb 8 refhb 9 refhb 10 refla 11 refla 12 v dd 13 v dd 14 v dd 15 gnd 16 48 d9 + /da6 47 d9 /da5 46 d8 + /da4 45 d8 /da3 44 d7 + /da2 43 d7 /da1 42 ov dd 41 ognd 40 d6 + /da0 39 d6 /clockouta 38 d5 + /clockoutb 37 d5 /ofb 36 clockout + /db11 35 clockout /db10 34 ov dd 33 ognd 64 gnd 63 v dd 62 v dd 61 gnd 60 v cm 59 sense 58 mode 57 lvds 56 of + /ofa 55 of /da11 54 d11 + /da10 53 d11 /da9 52 d10 + /da8 51 d10 /da7 50 ognd 49 ov dd enc + 17 enc 18 shdn 19 oe 20 do /db0 21 do + /db1 22 d1 /db2 23 d1 + /db3 24 ognd 25 ov dd 26 d2 /db4 27 d2 + /db5 28 d3 /db6 29 d3 + /db7 30 d4 /db8 31 d4 + /db9 32 65
LTC2220-1 3 22201f symbol parameter conditions min typ max units v in analog input range (a in + ?a in ) 3.1v < v dd < 3.5v (note 7) 0.5 to 1v v in, cm analog input common mode differential input (note 7) 1 1.6 1.9 v i in analog input leakage current 0 < a in + , a in < v dd ? 1 a i sense sense input leakage 0v < sense < 1v ? 1 a i mode mode pin pull-down current to gnd 10 a i lvds lvds pin pull-down current to gnd 10 a t ap sample and hold acquisition delay time 0 ns t jitter sample and hold acquisition delay time jitter 0.15 ps rms cmrr analog input common mode rejection ratio 80 db full power bandwidth figure 8 test circuit 775 mhz dy a ic accuracy u w the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 4) symbol parameter conditions min typ max units snr signal-to-noise ratio (note 10) 5mhz input (1v range) 62.7 db 5mhz input (2v range) 67.7 db 70mhz input (1v range) 62.7 db 70mhz input (2v range) 65.2 67.6 db 140mhz input (1v range) 62.4 db 140mhz input (2v range) 67.5 db 250mhz input (1v range) 61.8 db 250mhz input (2v range) 66.1 db sfdr spurious free dynamic range 5mhz input (1v range) 80 db 2nd or 3rd harmonic (note 11) 5mhz input (2v range) 80 db 70mhz input (1v range) 80 db 70mhz input (2v range) 69 80 db 140mhz input (1v range) 80 db 140mhz input (2v range) 80 db 250mhz input (1v range) 74 db 250mhz input (2v range) 73 db sfdr spurious free dynamic range 5mhz input (1v range) 85 db 4th harmonic or higher (note 11) 5mhz input (2v range) 85 db 70mhz input (1v range) 85 db 70mhz input (2v range) 74 85 db 140mhz input (1v range) 84 db 140mhz input (2v range) 84 db 250mhz input (1v range) 83 db 250mhz input (2v range) 83 db s/(n+d) signal-to-noise plus 5mhz input (1v range) 62.7 db distortion ratio (note 12) 5mhz input (2v range) 67.5 db 70mhz input (1v range) 62.7 db 70mhz input (2v range) 64.2 67.3 db imd intermodulation distortion f in1 = 138mhz, f in2 = 140mhz 81 dbc a alog i put u u the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. a in = ?dbfs. (note 4)
4 LTC2220-1 22201f parameter conditions min typ max units v cm output voltage i out = 0 1.570 1.600 1.630 v v cm output tempco 25 ppm/c v cm line regulation 3.1v < v dd < 3.5v 3 mv/v v cm output resistance ?ma < i out < 1ma 4 ? digital i puts a d digital outputs uu i ter al refere ce characteristics uu u the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 4) (note 4) symbol parameter conditions min typ max units encode inputs (enc + , enc ) v id differential input voltage 0.2 v v icm common mode input voltage internally set 1.6 v externally set (note 7) 1.1 1.6 2.5 v r in input resistance 6k ? c in input capacitance (note 7) 3 pf logic inputs (oe, shdn) v ih high level input voltage v dd = 3.3v 2v v il low level input voltage v dd = 3.3v 0.8 v i in input current v in = 0v to v dd ?0 10 a c in input capacitance (note 7) 3 pf logic outputs (cmos mode) ov dd = 3.3v c oz hi-z output capacitance oe = high (note 7) 3 pf i source output source current v out = 0v 50 ma i sink output sink current v out = 3.3v 50 ma v oh high level output voltage i o = ?0 a 3.295 v i o = ?00 a 3.1 3.29 v v ol low level output voltage i o = 10 a 0.005 v i o = 1.6ma 0.09 0.4 v ov dd = 2.5v v oh high level output voltage i o = ?00 a 2.49 v v ol low level output voltage i o = 1.6ma 0.09 v ov dd = 1.8v v oh high level output voltage i o = ?00 a 1.79 v v ol low level output voltage i o = 1.6ma 0.09 v logic outputs (lvds mode) v od differential output voltage 100 ? differential load 247 350 454 mv v os output common mode voltage 100 ? differential load 1.125 1.250 1.375 v
LTC2220-1 5 22201f ti i g characteristics w u power require e ts w u the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 4) the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 9) symbol parameter conditions min typ max units v dd analog supply voltage (note 8) 3.1 3.3 3.5 v p shdn shutdown power shdn = high, oe = high, no clk 2 mw p nap nap mode power shdn = high, oe = low, no clk 35 mw lvds output mode ov dd output supply voltage (note 8) 3 3.3 3.6 v i vdd analog supply current 273 300 ma i ovdd output supply current 55 70 ma p diss power dissipation 1080 1221 mw cmos output mode ov dd output supply voltage (note 8) 0.5 3.3 3.6 v i vdd analog supply current 273 300 ma p diss power dissipation 910 mw symbol parameter conditions min typ max units f s sampling frequency (note 8) 1 185 mhz t l enc low time (note 7) duty cycle stabilizer off 2.5 2.7 500 ns duty cycle stabilizer on 2 2.7 500 ns t h enc high time (note 7) duty cycle stabilizer off 2.5 2.7 500 ns duty cycle stabilizer on 2 2.7 500 ns t ap sample-and-hold aperture delay 0 ns t oe output enable delay (note 7) 510 ns lvds output mode t d enc to data delay (note 7) 1.3 2.2 3.5 ns t c enc to clockout delay (note 7) 1.3 2.2 3.5 ns data to clockout skew (t c - t d ) (note 7) ?.6 0 0.6 ns rise time 0.5 ns fall time 0.5 ns pipeline latency 5ns cmos output mode t d enc to data delay (note 7) 1.3 2.1 3.5 ns t c enc to clockout delay (note 7) 1.3 2.1 3.5 ns data to clockout skew (t c - t d ) (note 7) ?.6 0 0.6 ns pipeline latency full rate cmos 5 cycles demuxed interleaved 5 cycles demuxed simultaneous 5 and 6 cycles
6 LTC2220-1 22201f 0 600 500 400 100 200 300 input frequency (mhz) sfdr (dbfs) 80 90 100 2220 g06 70 60 40 50 output code 0 error (lsb) 4096 2220 g01 1024 2048 3072 1.0 0.8 0.6 0.4 0.2 0 0.2 0.4 0.6 0.8 1.0 typical perfor a ce characteristics uw note 1: absolute maximum ratings are those values beyond which the life of a device may be impaired. note 2: all voltage values are with respect to ground with gnd and ognd wired together (unless otherwise noted). note 3: when these pin voltages are taken below gnd or above v dd , they will be clamped by internal diodes. this product can handle input currents of greater than 100ma below gnd or above v dd without latchup. note 4: v dd = 3.3v, f sample = 185mhz, lvds outputs, differential enc + /enc = 2v p-p sine wave, input range = 2v p-p with differential drive, unless otherwise noted. note 5: integral nonlinearity is defined as the deviation of a code from a ?est straight line?fit to the transfer curve. the deviation is measured from the center of the quantization band. note 6: offset error is the offset voltage measured from 0.5 lsb when the output code flickers between 0000 0000 0000 and 1111 1111 1111 in 2? complement output mode. note 7: guaranteed by design, not subject to test. note 8: recommended operating conditions. note 9: v dd = 3.3v, f sample = 185mhz, differential enc + /enc = 2v p-p sine wave, input range = 1v p-p with differential drive, output c load = 5pf. note 10: snr minimum and typical values are for lvds mode. typical values for cmos mode are typically 0.3db lower. note 11: sfdr minimum values are for lvds mode. typical values are for both lvds and cmos modes. note 12: sinad minimum and typical values are for lvds mode. typical values for cmos mode are typically 0.3db lower. electrical characteristics LTC2220-1: inl, 2v range LTC2220-1: dnl, 2v range LTC2220-1: noise histogram (t a = 25 c unless otherwise noted, note 4) LTC2220-1: snr vs input frequency, ?db, 2v range, lvds mode LTC2220-1: sfdr (hd2 and hd3) vs input frequency, ?db, 2v range, lvds mode LTC2220-1: snr vs input frequency, ?db, 1v range, lvds mode 2220 g02 output code 0 error (lsb) 4096 1024 2048 3072 1.0 0.8 0.6 0.4 0.2 0 0.2 0.4 0.6 0.8 1.0 code 2056 229 140 12866 24266 93571 count 100000 80000 60000 40000 20000 ? 2060 2220 g03 2057 2058 2059 input frequency (mhz) 0 snr (dbfs) 70 69 68 67 66 65 64 63 62 61 60 600 500 400 2220 g04 100 200 300 snr (dbfs) 70 69 68 67 66 65 64 63 62 61 60 input frequency (mhz) 0 600 500 400 100 200 300 2220 g05
LTC2220-1 7 22201f LTC2220-1: sfdr (hd2 and hd3) vs input frequency, ?db, 1v range, lvds mode LTC2220-1: sfdr (hd4+) vs input frequency, ?db, 2v range, lvds mode LTC2220-1: sfdr (hd4+) vs input frequency, ?db, 1v range, lvds mode typical perfor a ce characteristics uw LTC2220-1: sfdr and snr vs sample rate, 2v range, f in = 30mhz, ?db, lvds mode LTC2220-1: sfdr and snr vs sample rate, 1v range, f in = 30mhz, ?db, lvds mode LTC2220-1: i vdd vs sample rate, 5mhz sine wave input, ?db LTC2220-1: i ovdd vs sample rate, 5mhz sine wave input, ?db LTC2220-1: sfdr vs input level, f in = 70mhz, 2v range 0 600 500 400 100 200 300 input frequency (mhz) sfdr (dbfs) 80 90 100 2220 g07 70 60 40 50 0 600 500 400 100 200 300 input frequency (mhz) sfdr (dbfs) 80 90 100 2220 g08 70 60 40 50 0 600 500 400 100 200 300 input frequency (mhz) sfdr (dbfs) 80 90 100 2220 g09 70 60 40 50 sfdr and snr (dbfs) 95 90 85 80 75 70 65 60 55 50 sample rate (msps) 2220 g10 040 80 120 160 200 sfdr snr sfdr and snr (dbfs) 95 90 85 80 75 70 65 60 55 50 sample rate (msps) 2220 g11 040 80 120 160 200 sfdr snr 290 280 270 260 250 240 230 220 210 sample rate (msps) 2220 g12 040 80 120 160 200 2v range 1v range i vdd (ma) sample rate (msps) 2220 g13 040 80 120 160 200 i ovdd (ma) 60 50 40 30 20 10 0 lvds outputs, 0v dd = 3.3v cmos outputs, 0v dd = 1.8v input level (dbfs) ?0 sfdr (dbc and dbfs) ?0 ?0 ?0 ?0 2220 g14 ?0 100 90 80 70 60 50 40 30 20 10 0 0 dbfs dbc
8 LTC2220-1 22201f amplitude (db) 0 ?0 ?0 ?0 ?0 ?00 ?20 2220 g15 frequency (mhz) 0204050 90 10 30 60 70 80 amplitude (db) 0 ?0 ?0 ?0 ?0 ?00 ?20 2220 g17 frequency (mhz) 0204050 90 10 30 60 70 80 amplitude (db) 0 ?0 ?0 ?0 ?0 ?00 ?20 2220 g16 frequency (mhz) 0204050 90 10 30 60 70 80 typical perfor a ce characteristics uw LTC2220-1: 8192 point fft, f in = 5mhz, ?db, 2v range, lvds mode LTC2220-1: 8192 point fft, f in = 70mhz, ?db, 2v range, lvds mode LTC2220-1: 8192 point fft, f in = 140mhz, ?db, 2v range, lvds mode LTC2220-1: 8192 point fft, f in = 250mhz, ?db, 2v range, lvds mode LTC2220-1: 8192 point fft, f in = 500mhz, ?db, 1v range, lvds mode amplitude (db) 0 ?0 ?0 ?0 ?0 ?00 ?20 2220 g18 frequency (mhz) 0204050 90 10 30 60 70 80 amplitude (db) 0 ?0 ?0 ?0 ?0 ?00 ?20 2220 g19 frequency (mhz) 0204050 90 10 30 60 70 80
LTC2220-1 9 22201f (cmos mode) a in + (pins 1, 2): positive differential analog input. a in (pins 3, 4): negative differential analog input. refha (pins 5, 6): adc high reference. bypass to pins 7, 8 with 0.1 f ceramic chip capacitor, to pins 11, 12 with a 2.2 f ceramic capacitor and to ground with 1 f ceramic capacitor. reflb (pins 7, 8): adc low reference. bypass to pins 5, 6 with 0.1 f ceramic chip capacitor. do not connect to pins 11, 12. refhb (pins 9, 10): adc high reference. bypass to pins 11, 12 with 0.1 f ceramic chip capacitor. do not connect to pins 5, 6. refla (pins 11, 12): adc low reference. bypass to pins 9, 10 with 0.1 f ceramic chip capacitor, to pins 5, 6 with a 2.2 f ceramic capacitor and to ground with 1 f ceramic capacitor. v dd (pins 13, 14, 15, 62, 63): 3.3v supply. bypass to gnd with 0.1 f ceramic chip capacitors. gnd (pins 16, 61, 64): adc power ground. enc + (pin 17): encode input. conversion starts on the positive edge. enc (pin 18): encode complement input. conversion starts on the negative edge. bypass to ground with 0.1 f ceramic for single-ended encode signal. shdn (pin 19): shutdown mode selection pin. connect- ing shdn to gnd and oe to gnd results in normal operation with the outputs enabled. connecting shdn to gnd and oe to v dd results in normal operation with the outputs at high impedance. connecting shdn to v dd and oe to gnd results in nap mode with the outputs at high impedance. connecting shdn to v dd and oe to v dd results in sleep mode with the outputs at high impedance. oe (pin 20): output enable pin. refer to shdn pin function. db0 - db11 (pins 21, 22, 23, 24, 27, 28, 29, 30, 31, 32, 35, 36): digital outputs, b bus. db11 is the msb. at high impedance in full rate cmos mode. ognd (pins 25, 33, 41, 50): output driver ground. ov dd (pins 26, 34, 42, 49): positive supply for the output drivers. bypass to ground with 0.1 f ceramic chip capacitor. uu u pi fu ctio s ofb (pin 37): over/under flow output for b bus. high when an over or under flow has occurred. at high imped- ance in full rate cmos mode. clkoutb (pin 38): data valid output for b bus. in demux mode with interleaved update, latch b bus data on the falling edge of clkoutb. in demux mode with simulta- neous update, latch b bus data on the rising edge of clkoutb. this pin does not become high impedance in full rate cmos mode. clkouta (pin 39): data valid output for a bus. latch a bus data on the falling edge of clkouta. da0 - da11 (pins 40, 43, 44, 45, 46, 47, 48, 51, 52, 53, 54, 55): digital outputs, a bus. da11 is the msb. ofa (pin 56): over/under flow output for a bus. high when an over or under flow has occurred. lvds (pin 57): output mode selection pin. connecting lvds to 0v selects full rate cmos mode. connecting lvds to 1/3v dd selects demux cmos mode with simulta- neous update. connecting lvds to 2/3v dd selects demux cmos mode with interleaved update. connecting lvds to v dd selects lvds mode. mode (pin 58): output format and clock duty cycle stabilizer selection pin. connecting mode to 0v selects straight binary output format and turns the clock duty cycle stabilizer off. connecting mode to 1/3v dd selects straight binary output format and turns the clock duty cycle stabilizer on. connecting mode to 2/3v dd selects 2? complement output format and turns the clock duty cycle stabilizer on. connecting mode to v dd selects 2? complement output format and turns the clock duty cycle stabilizer off. sense (pin 59): reference programming pin. connecting sense to v cm selects the internal reference and a 0.5v input range. connecting sense to v dd selects the internal reference and a 1v input range. an external reference greater than 0.5v and less than 1v applied to sense selects an input range of v sense . 1v is the largest valid input range. v cm (pin 60): 1.6v output and input common mode bias. bypass to ground with 2.2 f ceramic chip capacitor. gnd (exposed pad): adc power ground. the exposed pad on the bottom of the package needs to be soldered to ground.
10 LTC2220-1 22201f uu u pi fu ctio s (lvds mode) ain + (pins 1, 2): positive differential analog input. ain (pins 3, 4): negative differential analog input. refha (pins 5, 6): adc high reference. bypass to pins 7, 8 with 0.1 f ceramic chip capacitor, to pins 11, 12 with a 2.2 f ceramic capacitor and to ground with 1 f ceramic capacitor. reflb (pins 7, 8): adc low reference. bypass to pins 5, 6 with 0.1 f ceramic chip capacitor. do not connect to pins 11, 12. refhb (pins 9, 10): adc high reference. bypass to pins 11, 12 with 0.1 f ceramic chip capacitor. do not connect to pins 5, 6. refla (pins 11, 12): adc low reference. bypass to pins 9, 10 with 0.1 f ceramic chip capacitor, to pins 5, 6 with a 2.2 f ceramic capacitor and to ground with 1 f ceramic capacitor. v dd (pins 13, 14, 15, 62, 63): 3.3v supply. bypass to gnd with 0.1 f ceramic chip capacitors. gnd (pins 16, 61, 64): adc power ground. enc + (pin 17): encode input. conversion starts on the positive edge. enc (pin 18): encode complement input. conversion starts on the negative edge. bypass to ground with 0.1 f ceramic for single-ended encode signal. shdn (pin 19): shutdown mode selection pin. connect- ing shdn to gnd and oe to gnd results in normal operation with the outputs enabled. connecting shdn to gnd and oe to v dd results in normal operation with the outputs at high impedance. connecting shdn to v dd and oe to gnd results in nap mode with the outputs at high impedance. connecting shdn to v dd and oe to v dd results in sleep mode with the outputs at high impedance. oe (pin 20): output enable pin. refer to shdn pin function. d0 /d0 + to d11 /d11 + (pins 21, 22, 23, 24, 27, 28, 29, 30, 31, 32, 37, 38, 39, 40, 43, 44, 45, 46, 47, 48, 51, 52, 53, 54): lvds digital outputs. all lvds outputs require differential 100 ? termination resistors at the lvds re- ceiver. d11 /d11 + is the msb. ognd (pins 25, 33, 41, 50): output driver ground. ov dd (pins 26, 34, 42, 49): positive supply for the output drivers. bypass to ground with 0.1 f ceramic chip capacitor. clkout /clkout + (pins 35 to 36): lvds data valid output. latch data on rising edge of clkout , falling edge of clkout + . of /of + (pins 55 to 56): lvds over/under flow output. high when an over or under flow has occurred. lvds (pin 57): output mode selection pin. connecting lvds to 0v selects full rate cmos mode. connecting lvds to 1/3v dd selects demux cmos mode with simulta- neous update. connecting lvds to 2/3v dd selects demux cmos mode with interleaved update. connecting lvds to v dd selects lvds mode. mode (pin 58): output format and clock duty cycle stabilizer selection pin. connecting mode to 0v selects straight binary output format and turns the clock duty cycle stabilizer off. connecting mode to 1/3v dd selects straight binary output format and turns the clock duty cycle stabilizer on. connecting mode to 2/3v dd selects 2? complement output format and turns the clock duty cycle stabilizer on. connecting mode to v dd selects 2? complement output format and turns the clock duty cycle stabilizer off. sense (pin 59): reference programming pin. connecting sense to v cm selects the internal reference and a 0.5v input range. connecting sense to v dd selects the internal reference and a 1v input range. an external reference greater than 0.5v and less than 1v applied to sense selects an input range of v sense . 1v is the largest valid input range. v cm (pin 60): 1.6v output and input common mode bias. bypass to ground with 2.2 f ceramic chip capacitor. gnd (exposed pad): adc power ground. the exposed pad on the bottom of the package needs to be soldered to ground.
LTC2220-1 11 22201f fu n ctio n al block diagra uu w diff ref amp ref buf 2.2 f 1 f 0.1 f0.1 f 1 f internal clock signals refh refl differential input low jitter clock driver range select 1.6v reference first pipelined adc stage fifth pipelined adc stage fourth pipelined adc stage second pipelined adc stage enc + refha reflb refla refhb enc shift register and correction oe m0de ognd of ov dd d11 d0 clkout 22201 f01 input s/h sense v cm a in a in + 2.2 f third pipelined adc stage output drivers control logic lvds shdn + + + + v dd gnd figure 1. functional block diagram t h t d t c t l n ?5 n ?4 n ?3 n ?2 n ?1 t ap n + 1 n + 2 n + 4 n + 3 n analog input enc enc + clockout clockout + d0-d11, of 22201 td01 lvds output mode timing all outputs are differential and have lvds levels ti i g diagra s w u w
12 LTC2220-1 22201f t h t d t c t c t d t l n ?5 n ?3 n ?1 n ?6 n ?4 n ?2 enc enc + clockoutb clockouta da0-da11, ofa db0-db11, ofb 22201 td03 t ap n + 1 n + 2 n + 4 n + 3 n analog input t h t d t c t d t l n ?6 n ?4 n ?2 n ?5 n ?3 n ?1 enc enc + clockoutb clockouta da0-da11, ofa db0-db11, ofb 22201 td04 t ap n + 1 n + 2 n + 4 n + 3 n analog input demultiplexed cmos outputs with interleaved update all outputs are single-ended and have cmos levels demultiplexed cmos outputs with simultaneous update all outputs are single-ended and have cmos levels ti i g diagra s w u w t ap n + 1 n + 2 n + 4 n + 3 n analog input t h t d t c t l n ?5 n ?4 n ?3 n ?2 n ?1 enc enc + clockoutb clockouta da0-da11, ofa db0-db11, ofb 22201 td02 high impedance full-rate cmos output mode timing all outputs are single-ended and have cmos levels
LTC2220-1 13 22201f applicatio s i for atio wu u u dynamic performance signal-to-noise plus distortion ratio the signal-to-noise plus distortion ratio [s/(n + d)] is the ratio between the rms amplitude of the fundamental input frequency and the rms amplitude of all other frequency components at the adc output. the output is band limited to frequencies above dc to below half the sampling frequency. signal-to-noise ratio the signal-to-noise ratio (snr) is the ratio between the rms amplitude of the fundamental input frequency and the rms amplitude of all other frequency components except the first five harmonics and dc. total harmonic distortion total harmonic distortion is the ratio of the rms sum of all harmonics of the input signal to the fundamental itself. the out-of-band harmonics alias into the frequency band between dc and half the sampling frequency. thd is expressed as: thd = 20log (v2 2 + v3 2 + v4 2 + . . . vn 2 )/v1 where v1 is the rms amplitude of the fundamental fre- quency and v2 through vn are the amplitudes of the second through nth harmonics. the thd calculated in this data sheet uses all the harmonics up to the fifth. intermodulation distortion if the adc input signal consists of more than one spectral component, the adc transfer function nonlinearity can produce intermodulation distortion (imd) in addition to thd. imd is the change in one sinusoidal input caused by the presence of another sinusoidal input at a different frequency. if two pure sine waves of frequencies fa and fb are applied to the adc input, nonlinearities in the adc transfer func- tion can create distortion products at the sum and differ- ence frequencies of mfa nfb, where m and n = 0, 1, 2, 3, etc. the 3rd order intermodulation products are 2fa + fb, 2fb + fa, 2fa ?fb and 2fb ?fa. the intermodulation distortion is defined as the ratio of the rms value of either input tone to the rms value of the largest 3rd order intermodulation product. spurious free dynamic range (sfdr) spurious free dynamic range is the peak harmonic or spurious noise that is the largest spectral component excluding the input signal and dc. this value is expressed in decibels relative to the rms value of a full scale input signal. full power bandwidth the full power bandwidth is that input frequency at which the amplitude of the reconstructed fundamental is re- duced by 3db for a full scale input signal. aperture delay time the time from when a rising enc + equals the enc voltage to the instant that the input signal is held by the sample and hold circuit. aperture delay jitter the variation in the aperture delay time from conversion to conversion. this random variation will result in noise when sampling an ac input. the signal to noise ratio due to the jitter alone will be: snr jitter = ?0log (2 ) ?f in ?t jitter converter operation as shown in figure 1, the LTC2220-1 is a cmos pipelined multistep converter. the converter has five pipelined adc stages; a sampled analog input will result in a digitized value five cycles later (see the timing diagram section). for optimal ac performance the analog inputs should be driven differentially. for cost sensitive applications, the analog inputs can be driven single-ended with slightly worse harmonic distortion. the encode input is differen- tial for improved common mode noise immunity. the LTC2220-1 has two phases of operation, determined by the state of the differential enc + /enc input pins. for brevity, the text will refer to enc + greater than enc as enc high and enc + less than enc as enc low.
14 LTC2220-1 22201f each pipelined stage shown in figure 1 contains an adc, a reconstruction dac and an interstage residue amplifier. in operation, the adc quantizes the input to the stage and the quantized value is subtracted from the input by the dac to produce a residue. the residue is amplified and output by the residue amplifier. successive stages operate out of phase so that when the odd stages are outputting their residue, the even stages are acquiring that residue and vice versa. when enc is low, the analog input is sampled differentially directly onto the input sample-and-hold capacitors, inside the ?nput s/h?shown in the block diagram. at the instant that enc transitions from low to high, the sampled input is held. while enc is high, the held input voltage is buffered by the s/h amplifier which drives the first pipelined adc stage. the first stage acquires the output of the s/h during this high phase of enc. when enc goes back low, the first stage produces its residue which is acquired by the second stage. at the same time, the input s/h goes back to acquiring the analog input. when enc goes back high, the second stage produces its residue which is acquired by the third stage. an identical process is re- peated for the third and fourth stages, resulting in a fourth stage residue that is sent to the fifth stage adc for final evaluation. each adc stage following the first has additional range to accommodate flash and amplifier offset errors. results from all of the adc stages are digitally synchronized such that the results can be properly combined in the correction logic before being sent to the output buffer. sample/hold operation and input drive sample/hold operation figure 2 shows an equivalent circuit for the LTC2220-1 cmos differential sample-and-hold. the analog inputs are connected to the sampling capacitors (c sample ) through nmos transistors. the capacitors shown attached to each input (c parasitic ) are the summation of all other capaci- tance associated with each input. during the sample phase when enc is low, the transistors connect the analog inputs to the sampling capacitors and they charge to, and track the differential input voltage. when enc transitions from low to high, the sampled input voltage is held on the sampling capacitors. during the hold phase when enc is high, the sampling capacitors are disconnected from the input and the held voltage is passed to the adc core for processing. as enc transitions from high to low, the inputs are reconnected to the sampling capacitors to acquire a new sample. since the sampling capacitors still hold the previous sample, a charging glitch proportional to the change in voltage between samples will be seen at this time. if the change between the last sample and the new sample is small, the charging glitch seen at the input will be small. if the input change is large, such as the change seen with input frequencies near nyquist, then a larger charging glitch will be seen. c sample 1.6pf v dd v dd LTC2220-1 a in + 22201 f02 c sample 1.6pf v dd a in enc enc + 1.6v 6k 1.6v 6k c parasitic 1pf c parasitic 1pf 15 ? 15 ? figure 2. equivalent input circuit single-ended input for cost sensitive applications, the analog inputs can be driven single-ended. with a single-ended input the har- monic distortion and inl will degrade, but the snr and dnl will remain unchanged. for a single-ended input, a in + should be driven with the input signal and a in should be connected to 1.6v or v cm . common mode bias for optimal performance the analog inputs should be driven differentially. each input should swing 0.5v for applicatio s i for atio wu uu
LTC2220-1 15 22201f the 2v range or 0.25v for the 1v range, around a common mode voltage of 1.6v. the v cm output pin (pin 60) may be used to provide the common mode bias level. v cm can be tied directly to the center tap of a transformer to set the dc input level or as a reference level to an op amp differential driver circuit. the v cm pin must be bypassed to ground close to the adc with a 2.2 f or greater capacitor. input drive impedance as with all high performance, high speed adcs, the dynamic performance of the LTC2220-1 can be influenced by the input drive circuitry, particularly the second and third harmonics. source impedance and input reactance can influence sfdr. at the falling edge of enc, the sample- and-hold circuit will connect the 1.6pf sampling capacitor to the input pin and start the sampling period. the sam- pling period ends when enc rises, holding the sampled input on the sampling capacitor. ideally the input circuitry should be fast enough to fully charge the sampling capaci- tor during the sampling period 1/(2f encode ); however, this is not always possible and the incomplete settling may degrade the sfdr. the sampling glitch has been designed to be as linear as possible to minimize the effects of incomplete settling. for the best performance, it is recommended to have a source impedance of 100 ? or less for each input. the source impedance should be matched for the differential inputs. poor matching will result in higher even order harmonics, especially the second. input drive circuits figure 3 shows the LTC2220-1 being driven by an rf transformer with a center tapped secondary. the second- ary center tap is dc biased with v cm , setting the adc input signal at its optimum dc level. figure 3 shows a 1:1 turns ratio transformer. other turns ratios can be used if the source impedance seen by the adc does not exceed 100 ? for each adc input. a disadvantage of using a transformer is the loss of low frequency response. most small rf transformers have poor performance at frequencies be- low 1mhz. figure 4 demonstrates the use of a differential amplifier to convert a single ended input signal into a differential input signal. the advantage of this method is that it provides low frequency input response; however, the limited gain band- width of most op amps will limit the sfdr at high input frequencies. 25 ? 25 ? 25 ? 25 ? 0.1 f a in + a in + a in a in 12pf 2.2 f v cm LTC2220-1 analog input 0.1 ft1 1:1 t1 = ma/com etc1-1t resistors, capacitors are 0402 package size 22201 f03 figure 3. single-ended to differential conversion using a transformer 25 ? 25 ? a in + a in + a in a in 12pf 2.2 f v cm LTC2220-1 22201 f04 + + cm analog input high speed differential amplifier amplifier = ltc6600-20, ad8138, etc. figure 4. differential drive with an amplifier figure 5 shows a single-ended input circuit. the imped- ance seen by the analog inputs should be matched. this circuit is not recommended if low distortion is required. the 25 ? resistors and 12pf capacitor on the analog inputs serve two purposes: isolating the drive circuitry from the sample-and-hold charging glitches and limiting the wideband noise at the converter input. for input frequen- cies higher than 100mhz, the capacitor may need to be decreased to prevent excessive signal loss. applicatio s i for atio wu uu figure 5. single-ended drive 25 ? 0.1 f analog input v cm a in + a in + a in a in 10k 12pf 22201 f05 2.2 f 10k 25 ? 0.1 f LTC2220-1
16 LTC2220-1 22201f the a in + and a in ? inputs each have two pins to reduce package inductance. the two a in + and the two a in pins should be shorted together. for input frequencies above 100mhz the input circuits of figure 6, 7 and 8 are recommended. the balun trans- former gives better high frequency response than a flux coupled center tapped transformer. the coupling capaci- tors allow the analog inputs to be dc biased at 1.6v. in figure 8 the series inductors are impedance matching elements that maximize the adc bandwidth. figure 7. recommended front end circuit for input frequencies between 250mhz and 500mhz reference operation figure 9 shows the LTC2220-1 reference circuitry consist- ing of a 1.6v bandgap reference, a difference amplifier and switching and control circuit. the internal voltage refer- ence can be configured for two pin selectable input ranges of 2v ( 1v differential) or 1v ( 0.5v differential). tying the sense pin to v dd selects the 2v range; typing the sense pin to v cm selects the 1v range. the 1.6v bandgap reference serves two functions: its output provides a dc bias point for setting the common mode voltage of any external input circuitry; additionally, the reference is used with a difference amplifier to gener- ate the differential reference levels needed by the internal adc circuitry. an external bypass capacitor is required for the 1.6v reference output, v cm . this provides a high frequency low impedance path to ground for internal and external circuitry. the difference amplifier generates the high and low refer- ence for the adc. high speed switching circuits are connected to these outputs and they must be externally bypassed. each output has four pins: two each of refha and refhb for the high reference and two each of refla and reflb for the low reference. the multiple output pins are needed to reduce package inductance. bypass capaci- tors must be connected as shown in figure 9. 25 ? 25 ? 0.1 f a in + a in + a in a in 2pf 2.2 f v cm LTC2220-1 analog input 0.1 f 0.1 f t1 t1 = ma/com etc1-1-13 resistors, capacitors are 0402 package size 22201 f08 4.7nh 4.7nh applicatio s i for atio wu uu figure 6. recommended front end circuit for input frequencies between 100mhz and 250mhz 25 ? 25 ? 12 ? 12 ? 0.1 f a in + a in + a in a in 8pf 2.2 f v cm LTC2220-1 analog input 0.1 f 0.1 f t1 t1 = ma/com etc1-1-13 resistors, capacitors are 0402 package size 22201 f06 figure 8. recommended front end circuit for input frequencies above 500mhz 25 ? 25 ? 0.1 f a in + a in + a in a in 2.2 f v cm LTC2220-1 analog input 0.1 f 0.1 f t1 t1 = ma/com etc1-1-13 resistors, capacitors are 0402 package size 22201 f07 v cm refha reflb sense tie to v dd for 2v range; tie to v cm for 1v range; range = 2 ?v sense for 0.5v < v sense < 1v 1.6v refla refhb 2.2 f 2.2 f internal adc high reference buffer 0.1 f 22201 f09 LTC2220-1 4 ? diff amp 1 f 1 f 0.1 f internal adc low reference 1.6v bandgap reference 1v 0.5v range detect and control figure 9. equivalent reference circuit
LTC2220-1 17 22201f other voltage ranges in between the pin selectable ranges can be programmed with two external resistors as shown in figure 10. an external reference can be used by applying its output directly or through a resistor divider to sense. it is not recommended to drive the sense pin with a logic device. the sense pin should be tied to the appropriate level as close to the converter as possible. if the sense pin is driven externally, it should be bypassed to ground as close to the device as possible with a 1 f ceramic capacitor. 2. use as large an amplitude as possible; if transformer coupled use a higher turns ratio to increase the amplitude. 3. if the adc is clocked with a sinusoidal signal, filter the encode signal to reduce wideband noise. 4. balance the capacitance and series resistance at both encode inputs so that any coupled noise will appear at both inputs as common mode noise. the encode inputs have a common mode range of 1.1v to 2.5v. each input may be driven from ground to v dd for single-ended drive. applicatio s i for atio wu uu v dd v dd LTC2220-1 22201 f11 v dd enc enc + 1.6v bias 1.6v bias 1:4 0.1 f clock input 50 ? 6k 6k to internal adc circuits figure 11. transformer driven enc + /enc v cm sense 1.6v 0.8v 2.2 f 12k 1 f 12k 22201 f10 LTC2220-1 figure 10. 1.6v range adc input range the input range can be set based on the application. the 2v input range will provide the best signal-to-noise perfor- mance while maintaining excellent sfdr. the 1v input range will have better sfdr performance, but the snr will degrade by 5db. see the typical performance character- istics section. driving the encode inputs the noise performance of the LTC2220-1 can depend on the encode signal quality as much as on the analog input. the enc + /enc inputs are intended to be driven differen- tially, primarily for noise immunity from common mode noise sources. each input is biased through a 6k resistor to a 1.6v bias. the bias resistors set the dc operating point for transformer coupled drive circuits and can set the logic threshold for single-ended drive circuits. any noise present on the encode signal will result in additional aperture jitter that will be rms summed with the inherent adc aperture jitter. in applications where jitter is critical (high input frequen- cies) take the following into consideration: 1. differential drive should be used. maximum and minimum encode rates the maximum encode rate for the LTC2220-1 is 185msps. for the adc to operate properly, the encode signal should have a 50% ( 5%) duty cycle. each half cycle must have at least 2.5ns for the adc internal circuitry to have enough settling time for proper operation. achieving a precise 50% duty cycle is easy with differential sinusoidal drive using a transformer or using symmetric differential logic such as pecl or lvds. an optional clock duty cycle stabilizer circuit can be used if the input clock has a non 50% duty cycle. this circuit uses the rising edge of the enc + pin to sample the analog input. the falling edge of enc + is ignored and the internal falling edge is generated by a phase-locked loop. the input clock duty cycle can vary from 30% to 70% and the clock duty cycle stabilizer will maintain a constant 50% internal
18 LTC2220-1 22201f duty cycle. if the clock is turned off for a long period of time, the duty cycle stabilizer circuit will require one hundred clock cycles for the pll to lock onto the input clock. to use the clock duty cycle stabilizer, the mode pin should be connected to 1/3v dd or 2/3v dd using external resistors. the lower limit of the LTC2220-1 sample rate is deter- mined by droop of the sample-and-hold circuits. the pipelined architecture of this adc relies on storing analog signals on small valued capacitors. junction leakage will discharge the capacitors. the specified minimum operat- ing frequency for the LTC2220-1 is 1msps. resistor divider can be used to set the 1/3v dd or 2/3v dd logic values. table 1 shows the logic states for the lvds pin. digital output buffers (cmos modes) applicatio s i for atio wu uu LTC2220-1 22201 f13a ov dd v dd v dd 0.1 f 43 ? typical data output ognd ov dd 0.5v to v dd predriver logic data from latch oe figure 13a. digital output buffer in cmos mode figure 13a shows an equivalent circuit for a single output buffer in the cmos output mode. each buffer is powered by ov dd and ognd, which are isolated from the adc power and ground. the additional n-channel transistor in the output driver allows operation down to voltages as low as 0.5v. the internal resistor in series with the output makes the output appear as 50 ? to external circuitry and may eliminate the need for external damping resistors. digital outputs digital output modes the LTC2220-1 can operate in several digital output modes: lvds, cmos running at full speed, and cmos demultiplexed onto two buses, each of which runs at half speed. in the demultiplexed cmos modes the two buses (referred to as bus a and bus b) can either be updated on alternate clock cycles (interleaved mode) or simultaneously (simultaneous mode). for details on the clock timing, refer to the timing diagrams. the lvds pin selects which digital output mode the part uses. this pin has a four-level logic input which should be connected to gnd, 1/3v dd , 2/3v dd or v dd . an external 22201 f12a enc 1.6v v threshold = 1.6v enc + 0.1 f LTC2220-1 22201 f12b enc enc + 130 ? 3.3v 3.3v 130 ? d0 q0 q0 mc100lvelt22 LTC2220-1 83 ? 83 ? figure 12a. single-ended enc drive, not recommended for low jitter figure 12b. enc drive using a cmos to pecl translator table 1. lvds pin function lvds digital output mode gnd full-rate cmos 1/3v dd demultiplexed cmos, simultaneous update 2/3v dd demultiplexed cmos, interleaved update v dd lvds as with all high speed/high resolution converters, the digital output loading can affect the performance. the digital outputs of the LTC2220-1 should drive a minimal capacitive load to avoid possible interaction between the digital outputs and sensitive input circuitry. the output should be buffered with a device such as an alvch16373 cmos latch. for full speed operation the capacitive load should be kept under 10pf. lower ov dd voltages will also help reduce interference from the digital outputs.
LTC2220-1 19 22201f digital output buffers (lvds mode) figure 13b shows an equivalent circuit for a differential output pair in the lvds output mode. a 3.5ma current is steered from out + to out or vice versa which creates a 350mv differential voltage across the 100 ? termination resistor at the lvds receiver. a feedback loop regulates the common mode output voltage to 1.25v. for proper operation each lvds output pair needs an external 100 ? termination resistor, even if the signal is not used (such as of + /of or clkout + /clkout ). to minimize noise the pc board traces for each lvds output pair should be routed close together. to minimize clock skew all lvds pc board traces should have about the same length. applicatio s i for atio wu uu data format the LTC2220-1 parallel digital output can be selected for offset binary or 2? complement format. the format is selected with the mode pin. connecting mode to gnd or 1/3v dd selects straight binary output format. connecting mode to 2/3v dd or v dd selects 2? complement output format. an external resistor divider can be used to set the 1/3v dd or 2/3v dd logic values. table 2 shows the logic states for the mode pin. table 2. mode pin function clock duty mode pin output format cycle stablizer 0 straight binary off 1/3v dd straight binary on 2/3v dd 2? complement on v dd 2? complement off overflow bit an overflow output bit indicates when the converter is overranged or underranged. in cmos mode, a logic high on the ofa pin indicates an overflow or underflow on the a data bus, while a logic high on the ofb pin indicates an overflow or underflow on the b data bus. in lvds mode, a differential logic high on the of + /of pins indicates an overflow or underflow. output clock the adc has a delayed version of the enc + input available as a digital output, clkout. the clkout pin can be used to synchronize the converter data to the digital system. this is necessary when using a sinusoidal encode. in all cmos modes, a bus data will be updated just after clkouta rises and can be latched on the falling edge of clkouta. in demux cmos mode with interleaved update, b bus data will be updated just after clkoutb rises and can be latched on the falling edge of clkoutb. in demux cmos mode with si- multaneous update, b bus data will be updated just after clkoutb falls and can be latched on the rising edge of clkoutb. in lvds mode, data will be updated just after clkout + /clkout rises and can be latched on the falling edge of clkout + /clkout . output driver power separate output power and ground pins allow the output drivers to be isolated from the analog circuitry. the power supply for the digital output buffers, ov dd , should be tied to the same power supply as for the logic being driven. for example if the converter is driving a dsp powered by a 1.8v supply then ov dd should be tied to that same 1.8v supply. in the cmos output mode, ov dd can be powered with any voltage up to the v dd of the part. ognd can be powered with any voltage from gnd up to 1v and must be less than ov dd . the logic outputs will swing between ognd and ov dd . in the lvds output mode, ov dd should be connected to a 3.3v supply and ognd should be connected to gnd. output enable the outputs may be disabled with the output enable pin, oe. in cmos or lvds output modes oe high disables all data outputs including of and clkout. the data access and bus LTC2220-1 22201 f13b ov dd lvds receiver ognd 1.25v d d d d out + out 100 ? + 3.5ma 10k 10k figure 13b. digital output in lvds mode
20 LTC2220-1 22201f applicatio s i for atio wu uu relinquish times are too slow to allow the outputs to be enabled and disabled during full speed operation. the output hi-z state is intended for use during long periods of inactivity. the hi-z state is not a truly open circuit; the output pins that make an lvds output pair have a 20k resistance between them. therefore in the cmos output mode, adjacent data bits will have 20k resistance in between them, even in the hi-z state. sleep and nap modes the converter may be placed in shutdown or nap modes to conserve power. connecting shdn to gnd results in normal operation. connecting shdn to v dd and oe to v dd results in sleep mode, which powers down all circuitry including the reference and typically dissipates 1mw. when exiting sleep mode it will take milliseconds for the output data to become valid because the reference capacitors have to recharge and stabilize. connecting shdn to v dd and oe to gnd results in nap mode, which typically dissipates 35mw. in nap mode, the on-chip reference circuit is kept on, so that recovery from nap mode is faster than that from sleep mode, typically taking 100 clock cycles. in both sleep and nap mode all digital outputs are disabled and enter the hi-z state. grounding and bypassing the LTC2220-1 requires a printed circuit board with a clean unbroken ground plane. a multilayer board with an inter- nal ground plane is recommended. layout for the printed circuit board should ensure that digital and analog signal lines are separated as much as possible. in particular, care should be taken not to run any digital signal alongside an analog signal or underneath the adc. high quality ceramic bypass capacitors should be used at the v dd , ov dd , v cm , refha, refhb, refla and reflb pins as shown in the block diagram on the front page of this data sheet. bypass capacitors must be located as close to the pins as possible. of particular importance are the capaci- tors between refha and reflb and between refhb and refla. these capacitors should be as close to the device as possible (1.5mm or less). size 0402 ceramic capacitors are recommended. the 2.2 f capacitor between refha and refla can be somewhat further away. the traces connect- ing the pins and bypass capacitors must be kept short and should be made as wide as possible. the LTC2220-1 differential inputs should run parallel and close to each other. the input traces should be as short as possible to minimize capacitance and to minimize noise pickup. heat transfer most of the heat generated by the LTC2220-1 is transferred from the die through the bottom-side exposed pad and package leads onto the printed circuit board. for good electrical and thermal performance, the exposed pad should be soldered to a large grounded pad on the pc board. it is critical that all ground pins are connected to a ground plane of sufficient area.
LTC2220-1 21 22201f applicatio s i for atio wu uu a in + a in + a in a in refha refha reflb reflb refhb refhb refla refla v dd v dd v dd v dd v dd enc + enc shdn oel ognd ognd ognd ognd v cm sense gnd gnd gnd mode lvds c16 0.1 f c11 0.1 f c39 0.1 f c34 4.7 f c33 0.1 f c32 0.1 f c30 0.1 f c31 0.1 f c17 1 f c7 12pf c18 1 f c19 2.2 f 1 2 3 4 5 6 7 8 9 10 11 12 62 63 13 14 15 17 18 19 20 25 33 41 50 60 59 16 61 64 58 57 56 55 54 53 52 51 48 47 46 45 44 43 40 39 38 37 36 35 32 31 30 29 28 27 24 23 22 21 49 42 34 26 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 clk clk c29 2.2 f v cm v cm v dd v cm v dd v dd v dd v dd v dd v dd v dd mode r28 1k r29 1k r2 4.99k 1% r3 4.99k 1% r4 4.99k 1% r30 1k 2/3v dd 1/3v dd gnd jp7 jp13 jp14 jp19 jp20 jp21 jp22 c35 0.1 f c21 0.1 f c24 0.1 f c36 4.7 f c12 0.1 f c10 0.1 f c8 0.1 f c9 0.1 f c6 0.1 f c5 0.1 f c4 0.1 f c5 4.7 f c2 0.1 f c1 0.1 f sense ext ref gnd gnd en/12 rin1 rin1 + rin2 + rin2 rin3 rin3 + rin4 + rin4 v cc en rin5 rin5 + rin6 + rin6 rin7 rin7 + rin8 + rin8 en/34 gnd v bb v cc v cc en/78 dout1 dout1 + dout2 + dout2 dout3 dout3 + dout4 + dout4 gnd gnd dout5 dout5 + dout6 + dout6 dout7 dout7 + dout8+ dout8 en/56 v cc v cc r13 100 ? r1 100 ? r26 100 ? r25 100 ? r24 100 ? r23 100 ? r21 100 ? r14 100 ? r15 100 ? r16 100 ? r17 100 ? r20 100 ? r18 100 ? 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 v dd v dd v cc v ss v cc_in v cc v cc v cc opt v cc 3.3v l1 murata blm18bb470sn 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 gnd gnd en/12 rin1 rin1 + rin2 + rin2 rin3 rin3 + rin4 + rin4 v cc en rin5 rin5 + rin6 + rin6 rin7 rin7 + rin8 + rin8 en/34 gnd v bb v cc v cc en/78 dout1 dout1 + dout2 + dout2 dout3 dout3 + dout4+ dout4 gnd gnd dout5 dout5 + dout6 + dout6 dout7 dout7 + dout8 + dout8 en/56 v cc v cc 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 v cc v cc a0 a1 a2 a3 v cc wp scl sda jp4 1 2 3 4 8 7 6 5 scl sda r19 100 ? 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56 58 60 62 64 66 68 70 72 74 76 78 80 82 84 86 88 90 92 94 96 98 100 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 51 53 55 57 59 61 63 65 67 69 71 73 75 77 79 81 83 85 87 89 91 93 95 97 99 pwr gnd gnd v dd v dd 3.3v c3 4.7 f c22 0.1 f c27 0.1 f c23 0.1 f r27 1k r9 24.9k r10 24.9k r12 24.9k r11 24.9k v cm analog input ain + ain + ain ain c20 0.1 f c25 33pf c26 0.1 f r8 100 ? r7 100 ? encode input clk clk t2 etc1-1t t1* etc1-1t edge-con-100 r6 4.7k v ss scl sda v cc_in v cc enable of + /ofa of /da11 d11 + /da10 d11 /da9 d10 + /da8 d10 /da7 d9 + /da6 d9 /da5 d8 + /da4 d8 /da3 d7 + /da2 d7 /da1 d6 + /da0 d6 /clkouta d5 + /clkoutb db5 /ofb clkout + /db11 clkout /db10 d4 + /db9 d4 /db8 d3 + /db7 d3 /db6 d2 + /db5 d2 /db4 d1 + /db3 d1 /db2 d0 + /db1 d0 /db0 ov dd ov dd ov dd ov dd enable LTC2220-1 jp3 jp1 shdn gnd gnd 0e j9 j6 u4 24lco25 * for ain > 100mhz, replace t1 with a etc1-1-13 u3 u1 finii08 u2 finii08
22 LTC2220-1 22201f applicatio s i for atio wu uu silkscreen top
LTC2220-1 23 22201f layer 1 component side applicatio s i for atio wu uu
24 LTC2220-1 22201f layer 2 gnd plane applicatio s i for atio wu uu
LTC2220-1 25 22201f layer 3 power plane applicatio s i for atio wu uu
26 LTC2220-1 22201f applicatio s i for atio wu uu layer 4 bottom side
LTC2220-1 27 22201f 9 .00 0.10 (4 sides) note: 1. drawing conforms to jedec package outline mo-220 variation wnjr-5 2. all dimensions are in millimeters 3. dimensions of exposed pad on bottom of package do not include mold flash. mold flash, if present, shall not exceed 0.20mm on any side, if present 4. exposed pad shall be solder plated 5. shaded area is only a reference for pin 1 location on the top and bottom of package 6. drawing not to scale pin 1 top mark (see note 5) 0.40 0.10 64 63 1 2 bottom view?xposed pad 7.15 0.10 (4-sides) 0.75 0.05 r = 0.115 typ 0.25 0.05 0.50 bsc 0.200 ref 0.00 ?0.05 (up64) qfn 1003 recommended solder pad pitch and dimensions 0.70 0.05 7.15 0.05 (4 sides) 8.10 0.05 9.50 0.05 0.25 0.05 0.50 bsc package outline pin 1 chamfer up package 64-lead plastic qfn (9mm 9mm) (reference ltc dwg # 05-08-1705) package descriptio u information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
28 LTC2220-1 22201f linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax: (408) 434-0507 www.linear.com ? linear technology corporation 2005 lt/tp 0105 1k ? printed in usa related parts part number description comments ltc1741 12-bit, 65msps adc 72db snr, 87db sfdr, 48-pin tssop package ltc1742 14-bit, 65msps adc 76.5db snr, 90db sfdr, 48-pin tssop package ltc1743 12-bit, 50msps adc 72.5db snr, 90db sfdr, 48-pin tssop package ltc1744 14-bit, 50msps adc 77db snr, 90db sfdr, 48-pin tssop package ltc1745 12-bit, 25msps adc 72.2db snr, 380mw sfdr, 48-pin tssop package ltc1746 14-bit, 25msps adc 77.5db snr, 390mw sfdr, 48-pin tssop package ltc1747 12-bit, 80msps adc 72db snr, 87db sfdr, 48-pin tssop package ltc1748 14-bit, 80msps adc 76.3db snr, 90db sfdr, 48-pin tssop package ltc1749 12-bit, 80msps wideband adc up to 500mhz if undersampling, 87db sfdr ltc1750 14-bit, 80msps wideband adc up to 500mhz if undersampling, 90db sfdr ltc2220 12-bit, 170msps adc 890mw, 67.7db snr, 9mm x 9mm qfn package ltc2221 12-bit, 135msps adc 630mw, 67.8db snr, 9mm x 9mm qfn package ltc2222 12-bit, 105msps adc 475mw, 68.4db snr, 7mm x 7mm qfn package ltc2223 12-bit, 80msps adc 366mw, 68.5db snr, 7mm x 7mm qfn package ltc2224 12-bit, 135msps adc 630mw, 67.6db snr, 7mm x 7mm qfn package ltc2225 12-bit, 10msps adc 60mw, 71.3db snr, 5mm x 5mm qfn package ltc2226 12-bit, 25msps adc 75mw, 71.4db snr, 5mm x 5mm qfn package ltc2227 12-bit, 40msps adc 120mw, 71.4db snr, 5mm x 5mm qfn package ltc2228 12-bit, 65msps adc 205mw, 71.3db snr, 5mm x 5mm qfn package ltc2229 12-bit, 80msps adc 211mw, 70.6db snr, 5mm x 5mm qfn package ltc2230 10-bit, 170msps adc 890mw, 61.2db snr, 9mm x 9mm qfn package ltc2231 10-bit, 135msps adc 630mw, 61.2db snr, 9mm x 9mm qfn package ltc2232 10-bit, 105msps adc 475mw, 61.3db snr, 7mm x 7mm qfn package ltc2233 10-bit, 80msps adc 366mw, 61.3db snr, 7mm x 7mm qfn package ltc2234 10-bit, 135msps adc 630mw, 61.2db snr, 7mm x 7mm qfn package ltc2236 10-bit, 25msps adc 75mw, 61.8db snr, 5mm 5mm qfn package ltc2237 10-bit, 40msps adc 120mw, 61.8db snr, 5mm 5mm qfn package ltc2238 10-bit, 65msps adc 205mw, 61.8db snr, 5mm 5mm qfn package ltc2239 10-bit, 80msps adc 211mw, 61.6db snr, 5mm 5mm qfn package ltc2245 14-bit, 10msps adc 60mw, 74.4db snr, 5mm 5mm qfn package ltc2246 14-bit, 25msps adc 75mw, 74.5db snr, 5mm 5mm qfn package ltc2247 14-bit, 40msps adc 120mw, 74.4db snr, 5mm 5mm qfn package ltc2248 14-bit, 65msps adc 205mw, 74.3db snr, 5mm 5mm qfn package ltc2249 14-bit, 80msps adc 222mw, 73db snr, 5mm 5mm qfn package lt5512 dc-3ghz high signal level downconverting mixer dc to 3ghz, 21dbm iip3, integrated lo buffer lt5514 ultralow distortion if amplifier/adc driver 450mhz 1db bw, 47db oip3, digital gain control with digitally controlled gain 10.5db to 33ddb in 1.5db/step lt5515 1.5ghz to 2.5ghz direct conversion quadrature demodulator 20dbm iip3, integrated lo quadrature generator lt5516 0.8ghz to 1.5ghz direct conversion quadrature demodulator 21.5dbm iip3, integrated lo quadrature generator lt5517 40mhz to 900mhz direct conversion quadrature demodulator 21dbm iip3, integrated lo quadrature generator lt5522 600mhz to 2.7ghz high linearity downconverting mixer 4.5v to 5.25v supply, 25dbm iip3 at 900mhz, nf = 12.5db, 50 ? single-ended rf and lo ports


▲Up To Search▲   

 
Price & Availability of LTC2220-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X