Part Number Hot Search : 
1N414 STS3402 MMBD4448 MMBD4448 A1512 05B2228 500EA 118CS
Product Description
Full Text Search
 

To Download DTA143ZCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings @ 25  symbol parameter min typ max unit v cc supply voltage --- -50 --- v v in input voltage -30 --- 5.0 i o i c(max) output current --- -100 -100 --- ma p d power dissipation --- 200 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  electrical characteristics @ 25  symbol parameter min typ max unit v i(off) --- ----0.5 v v i(on) input voltage (v cc =-5v, i o =-100  a) (v o =-0.3v, i o =-5ma) -1.3 --- --- v v o(on) output voltage (i o /i i =-5ma/-0.25ma --- --- -0.3 v i i input current (v i =-5v) --- --- -1.8 ma i o(off) output current (v cc =-50v, v i =0) --- --- -0.5  a g i dc current gain (v o =-5v, i o =-10ma) 80 --- --- r 1 input resistance 3.29 4.7 6.11 k  r 2 /r 1 resistance ratio 8.0 10 12 f t transition frequency (v o =-10v, i o =5ma, f=100mhz) --- 250 --- mhz sot-23 suggested solder pad layout .079 2.000 inches mm .031 .800 .035 .900 .037 .950 .037 .950 *marking: e13 v epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 pnp digital transistor DTA143ZCA 2012-0 willas electronic corp. dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)
2012-0 willas electronic corp. pnp digital transistor DTA143ZCA -0 -4 -8 -12 -16 -20 0 2 4 6 8 10 12 -0.1 -1 -10 -100 1 10 100 1000 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -0.01 -0.1 -1 -10 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 -0.1 -1 -10 -100 -0.1 -1 -10 -100 -0.1 -1 -10 -100 -10 -100 -1000 f=1mhz t a =25 c o ?? v r output capacitance c o (pf) reverse bias voltage v r (v) 30 t a =25 t a =100 v o =-5v 300 3 -3 -0.3 -30 g i ?? i o output current i o (ma) dc current gain g i off characteristics t a =100 t a =25 -3 -0.3 -0.03 v cc =-5v output current i o (ma) input voltage v i(off) (v) DTA143ZCA p d ?? t a power dissipation p d (mw) ambient temperature t a ( ) -30 -3 -0.3 on characteristics t a =25 t a =100 v o =-0.3v -3 -0.3 -30 output current i o (ma) input voltage v i(on) (v) -0.3 -300 -30 -30 -3 v o(on) ?? i o t a =25 t a =100 i o /i i =20 output voltage v 0 (mv) output current i o (ma) typical characteristics


▲Up To Search▲   

 
Price & Availability of DTA143ZCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X