Part Number Hot Search : 
30006 KUS304 LTC3714 PSUH50 NCP5208 MP1495 TM100 09012
Product Description
Full Text Search
 

To Download CP2130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product brief CP2130 dc/dc series high efficiency 1x/1.5x fractiona l charge pump for white led copyright ?2006 chiphomer technology limited 1 overview the CP2130 is optimized for white led supplies in backlit color display applications. the device pr ovides a constant current, set by an external resistor, for each led. the supply voltage ranges from 2.7 v to 5.5 v and is ideally suited for all applications powered by a single li-ion battery cell or three to four nicd, nimh, or alkaline battery cells. the CP2130 provides up to 30 ma pe r led, for a total of 1 50 ma, for input voltages ranging from 3 v to 5.5 v. high efficiency is achieved by utili zing a 1x/1.5x adaptive fractional conversion technique in combination with very lo w dropout current sources. only two external 1f and two 0.47 f capacitors are required to build a complete small and low cost power supply solution. the CP2130 switches at 1 mhz operating fre quency and is available in a small 16-pin qfn package to keep board space to a minimum. features drives up to 5 leds at 30 ma each regulated output current with 0.5% matching over temperature led brightness control th rough pwm control signal 0hz 50khz low input ripple and low emi over-current and over-temperature protected less than 0.1 a quiescent current in shutdown mode rohs compliant and 100% lead (pb)-free pin diagram (top view) 1 2 7 6 3 4 5 8 9 10 11 12 13 14 15 vin gnd en1 en2 iset c2- c1+ vout pgnd d1 d2 d5 d4 c1- c2+ d3 CP2130 16 3mm*3mm qfn 16l -40 85
product brief CP2130 dc/dc series high efficiency 1x/1.5x fractiona l charge pump for white led copyright ?2006 chiphomer technology limited 2 applications cell phone digital camera mp3,pmp,pda typical application CP2130 c2- c1- c1+ c2+ 1 f vin r iset 1 f cout cin d1 d2 d3 d4 vout en1 gnd iset en2 d5 pgnd c2 c1 li-ion battery + - 0.47 f 0.47 f related products cp2133 high efficiency 1x/1.5x fractiona l charge pump for white led cp2131 high efficiency 1x/1.5x fractiona l charge pump for white led chiphomer technology limited add: 4f, building d, 1618 yishan road, shanghai, p.r.c. tel: +86-(0)21-64058488, 64014543 fax: +86-(0)21-64050030 email: sales@chiphomer.com web: www.chiphomer.com shenzhen office: 10d, building 2, dushi yangguang garden chegongmiao, futian district, shenzhen, 518048, p.r.c. tel: (86)755-82046706, 82047789 fax: (86)755-82046709


▲Up To Search▲   

 
Price & Availability of CP2130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X