Part Number Hot Search : 
FR301 FSA1257 S3906 2SC2620 D4536 FSA1256 76561E3 C1367
Product Description
Full Text Search
 

To Download BAV99BRW13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav99brw 200mw 75volt plastic-encapsulate diode features maximum ratings ? operating temperature: -65 c to +150 c ? storage temperature: -65 c to +150 c electrical characteristics @ 25 c unless otherwise specified reverse voltage v r 75v average rectified output current i o 150ma maximum instantaneous forward voltage v f 855mv i fm = 10ma; maximum dc reverse current at rated dc blocking voltage i r typical junction capacitance c j 2.0pf measured at 1.0mhz, v r =0v reverse recovery time t rr 4ns i f =i r =10ma i rr = 0.1*i r r c =100 ?  
 omp onents 20736 marilla street chatsworth       
     mcc www. mccsemi .com revision: b 2013/01/01 1000mv i fm = 50ma; 1250mv i fm = 150ma; 715mv i fm = 1ma; tm micro commercial components power dissipation p tot 200mw 2.5ua v r =75v 0.025ua v r =20v sot-363 j m a c b g h k d l making:kgj dimensions 1 of 3 inches mm dim min max min max note a .006 .014 0.15 0.35 b .045 .053 1.15 1.35 c .085 .096 2.15 2.45 d .026 0.65nominal g .047 .055 1.20 1.40 h .071 .087 1.80 2.20 j --- .004 --- 0.10 k .035 .043 0.90 1.10 l .010 .018 0.26 0.46 m .003 .006 0.08 0.15 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? low current leakage ? low cost ? small outline surface mount package lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information) ? halogen free available upon request by adding suffix "-hf"
mcc www. mccsemi .com revision: b 2013 /01/01 tm micro commercial components 2 of 3 typical characteristics bav99brw
mcc revision: b 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of BAV99BRW13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X