Part Number Hot Search : 
VEC2307 OM5216RT 74F02 PE308N BTB4B ALQ50G48 2SD60 FAIRCHIL
Product Description
Full Text Search
 

To Download 87715-9208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0877159208 status: active overview: description: 1.00mm (.039") pitch, pci express* connector, 98 circuits, nylon 4/6 glass-filled, black housing, phosphor bronze, 0.38m (15") gold (au) plating, with plastic pegs, 2.30mm (.091") soldertail, lead free agency certification csa lr19980 ul e29179 general product family edge card connectors series 87715 comments pci 8 lanes component type edgecard to pcb overview pci_express_card_edge_connector product name pci express* physical circuits (loaded) 98 circuits (maximum) 98 circuits detail all signal durability (mating cycles max) 50 entry angle vertical (top entry) flammability 94v-0 keying to mating part yes material - plating mating gold material - plating termination tin pc tail length (in) 0.091 in pc tail length (mm) 2.30 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm pitch - term. interface (in) 0.039 in pitch - term. interface (mm) 1.00 mm plating min: mating (in) 15 plating min: mating (m) 0.38 polarized to mating part yes temperature range - operating -55c to +85c termination interface: style through hole electrical current - maximum per contact 1.1a voltage - maximum 50v ac (rms)/dc solder process data lead-free process capability wave capable (th only) process temperature max. c 245 material info reference - drawing numbers eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87715 series mates with pci express card
packaging specification pk-87715-207 product specification ps-87715-200 sales drawing sd-87715-207 test summary ts-87715-207 * pci express is a registered trademark of pci-sig? this document was generated on 06/04/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 87715-9208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X