Part Number Hot Search : 
7C09169 R2004 FP402 YD5901 SDS7000 PI74A BPW46L SA103
Product Description
Full Text Search
 

To Download UF200-015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uf200-005 thru uf200-06 page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 20a ultra fast recovery rectifier uf200-005 thru uf200-06 features z dual rectifier construction, positive center tap z plastic package has underwriters laboratory flammability classification 94v-0 z glass passivated chip junctions z super fast recovery times, high voltage z low forward voltage, high current capability z low thermal resistance z low power loss, high efficiency z high temperature soldering guaranteed: 260 c / 0.17? (4.3mm) from case for 10 seconds mechanical data z case: jedec to-3p molded plastic , dimensions in inches and (millimeters) z terminals: plated lead solderable per mil-std- 202, method 208 z polarity: as marked z mounting position: any z weight: 6.4 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol uf200 -005 uf200 -01 uf200 -015 uf200 -02 uf200 -03 uf200 -04 uf200 -05 uf200 -06 units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 420 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current see fig.1 i o 20.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 250 a typical junction capacitance (note 1) c j 65 pf typical thermal resistance (note 2) r jc 2.0 /w storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 150 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol uf200 -005 uf200 -01 uf200 -015 uf200 -02 uf200 -03 uf200 -04 uf200 -05 uf200 -06 units maximum forward voltage at 10a per leg v f 1.0 1.3 1.5 v maximum dc reverse current at ta=25 c i r 10 a maximum dc reverse current at ta=100 c i r 100 a maximum reverse recovery time (note 3) t rr 35 50 ns notes: 1. measured at 1 mhz and applied reverse voltage 0f 4.0 volts 2. thermal resistance junction to case per leg mounted on heat sink 3. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a millimeters min max a b c d e f g h i j k l m n o p - 1.7 5.0 - 14.8 11.7 - - - 1.1 5.25 19.0 4.7 2.8 2.4 0.45 16.2 2.7 6.0 22.0 15.2 12.7 4.5 2.5 3.5 1.4 5.65 - 5.3 3.2 2.8 0.85 pi n 1 pin 2 pin 3 case c g p n h a b f e d k l m o 1 23 3.4
uf200-005 thru uf200-06 page: 2 ratings and characteristic curve uf200-005 thru uf200-06 +0.5a 0 -0.25a -1.0a trr 1c m set time base for 10/20 ns/cm fig. 3 -typical instantaneous forward characteristics 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 instantaneous forward voltage (v) 100 10 1.0 .1 .01 instantaneous forward current (a) uf200-03~06 uf200-005~02 average forward current (a) 20 16 12 8 4 0 25 50 75 100 125 150 175 case temperature ( o c) fig. 2 -typical forward current derating curve single phase half wave 60hz resistive or inductive load fig. 1 -test circuit diagram and reverse recovery time characteristic pulse generator ( note 2 ) (+) 25 v dc (approx) (-) d.u.t. 1 non inductive oscilloscope ( note 1 ) 50 no inductive 10 no inductive (-) (+) note: 1. rise time=7ns max. input impedance=1 mohms 22pf 2. rise time =10 ns max. source impedance=50 ohms fig. 4 -typical reverse characteristics 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) 1000 100 10 1 0.1 t j =25 o c t j =80 o c t j =125 o c instantaneous reverse current (ua) fig. 5 -typical junction capacitance .1 .2 .4 1.0 2 4 10 20 40 100 reverse voltage (v) 200 100 40 20 10 6 4 2 1 junction capacitance (pf) t j =25 o c


▲Up To Search▲   

 
Price & Availability of UF200-015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X