Part Number Hot Search : 
N4210 AT29C020 2N6051E3 2SJ525 EPT7090 D40175 LCE17A 3524AN
Product Description
Full Text Search
 

To Download SY100S31307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 sy100s313 micrel, inc. m9999-042307 hbwhelp@micrel.com or (408) 955-1690  max. propagation delay of 800ps  enable to output max. of 950ps  i ee min. of ?0ma  extended supply voltage option: v ee = ?.2v to ?.5v  voltage and temperature compensation for improved noise immunity  internal 75k ? input pull-down resistors  50% faster than fairchild 300k  function and pinout compatible with fairchild f100k  available in 28-pin plcc package features description the sy100s313 offers four drivers with two or and two nor outputs, designed for use in high-performance ecl systems. the four drivers are controlled by a common enable signal which is buffered to minimize input loading. if the d inputs are not used, the enable signal can be used to drive sixteen 50 ? lines. all inputs have 75k ? pulldown resistors and all outputs are buffered. block diagram quad driver o 2a d a d b d c d d e o 1a o 2a o 1a o 2b o 1b o 2b o 1b o 2c o 1c o 2c o 1c o 2d o 1d o 2d o 1d sy100s313 rev.: i amendment: /0 issue date: april 2007 pin function d a ?d d data inputs (n-1...5) e enable input o na ?o nd data outputs o na ?o nd complementary data outputs v ees v ee substrate v cca v cco for ecl outputs pin names
2 sy100s313 micrel, inc. m9999-042307 hbwhelp@micrel.com or (408) 955-1690 package/ordering information ordering information package operating package lead part number type range marking finish sy100s313jc j28-1 commercial sy100s313jc sn-pb sy100s313jctr (1) j28-1 commercial sy100s313jc sn-pb sy100s313jz (2) j28-1 commercial sy100s313jz with matte-sn pb-free bar-line indicator sy100s313jztr (1, 2) j28-1 commercial sy100s313jz with matte-sn pb-free bar-line indicator notes: 1. tape and reel. 2. pb-free package is recommended for new designs. 28-pin plcc (j28-1) o 2b v cca v cc v cc d a v ee e d b d c v ees 4 3 2 1 2 8 2 7 12 13 14 15 16 17 19 11 20 10 21 9 22 8 23 7 24 6 top view plcc j28-1 o 2c d d 2 6 18 25 5 o 1b o 1a o 2a o a v ees o 2b o 1b o 2a o 1c o 1d v ees o 2d o 1d o 2c o 2d o 1c
3 sy100s313 micrel, inc. m9999-042307 hbwhelp@micrel.com or (408) 955-1690 logic equation o = d + e o = d + e dc electrical characteristics v ee = 4.2v to 5.5v unless otherwise specified, v cc = v cca = gnd symbol parameter min. typ. max. unit condition i ih input high current, all inputs 200 av in = v ih (max.) i ee power supply current 60 43 20 ma inputs open ac electrical characteristics v ee = 4.2v to 5.5v unless otherwise specified, v cc = v cca = gnd t a = 0 ct a = +25 ct a = +85 c symbol parameter min. max. min. max. min. max. unit condition t plh propagation delay 200 800 200 800 200 800 ps t phl data to output t plh propagation delay 300 950 300 950 300 950 ps t phl enable to output t tlh transition time 300 900 300 900 300 900 ps t thl 20% to 80%, 80% to 20% timing diagram propagation delay and transition times 20% 80% output input 50% t plh t phl 50% 20% 80% 50% t phl t plh t tlh t thl true complement 0.7 0.1 ns 0.7 0.1 ns 0.95v 1.69v note: v ee = 4.2v to 5.5v unless otherwise specified, v cc = v cca = gnd
4 sy100s313 micrel, inc. m9999-042307 hbwhelp@micrel.com or (408) 955-1690 28-pin plcc (j28-1) rev. a micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this data sheet is believed to be accurate and reliable. however, no responsibility is a ssumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intend ed for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant inj ury to the user. a purchaser s use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2006 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of SY100S31307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X