Part Number Hot Search : 
LRI2K 10B08 C74VHC1 TA025 93100 DG418 D45C8 MP100
Product Description
Full Text Search
 

To Download SUF4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  50v-1000v 1.0a SUF4001 thru suf4007 1 of 2 web site: www.taychipst.com features e-mail: sales@taychipst.com maximum ratings and electrical characteristics m e c h a n i c a l d a t a high efficient plastic silicon rectifier low power loss high surge capability ultra-fast recovery time for high efficiency high temperature soldering guaranteed 250 c/10sec/0.375lead length at 5 lbs tension terminal:plated axial leads solderable per mil-std 202e, method 208c case:molded with ul-94 class v-0 recognized flame retardant epoxy polarity:color band denotes cathode mounting position:any (single-phase, half -wave, 60hz, resistive or inductive lo ad rating at 25 c, unless otherwise stated) symbol suf 4001 suf 4002 suf 4003 suf 4004 suf 4005 suf 4006 suf 4007 units maximum recurrent peak reverse voltage vrrm 50 100 200 400 600 800 1000 v maximum rms voltage vrms 35 70 140 280 420 560 700 v maximum dc blocking voltage vdc 50 100 200 400 600 800 1000 v maximum average forward rectified current 3/8lead length at ta =55 c if(av) 1.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load ifsm 30.0 a maximum forward voltage at forward current 1a peak vf 1.0 1.4 1.7 v maximum dc reverse current ta =25 c at rated dc blocking voltage ta =100 c ir 10.0 100.0 m a m a maximum reverse recovery time (note 1) trr 50 75 ns typical junction capacitance (note 2) cj 15 12 pf typical thermal resistance (note 3) r(ja) 50 60 c/w storage and operating junction temperature tstg,tj -50 to +125 c note: 1. reverse recovery condition if = 0.5a, ir =1.0a, irr =0.25a 2. measured at 1.0 mhz and applied reverse voltage of 4.0vdc 3. thermal resistance from junction to ambient at 3/8lead len gth, p.c. board mounted
ratings and characteristic curves SUF4001 thru suf4007 2 of 2 e-mail: sales@taychipst.com web site: www.taychipst.com 50v-1000v 1.0a SUF4001 thru suf4007 high efficient plastic silicon rectifier


▲Up To Search▲   

 
Price & Availability of SUF4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X