Part Number Hot Search : 
AZ2280 HP6N1 CAT523WI C1315 57X00 W9412G6 SO445420 91000
Product Description
Full Text Search
 

To Download STP60NE10FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  stp60ne10 STP60NE10FP n - channel 100v - 0.016 w - 60a to-220/to-220fp stripfet ? power mosfet n typical r ds(on) = 0.016 w n exceptional dv/dt capability n 100% avalanche tested n application oriented characterization description this power mosfet is the latest development of stmicroelectronics unique "single feature size ? " strip-based process. the resulting transi- stor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a re- markable manufacturing reproducibility. applications n solenoid and relay drivers n motor control, audio amplifiers n dc-dc converters n automotive environment (injection, abs, air-bag, lampdrivers, etc.) ? internal schematic diagram absolute maximum ratings symbol parameter value unit stp60ne10 STP60NE10FP v ds drain-source voltage (v gs = 0) 100 v v dgr drain- gate voltage (r gs = 20 k w )100v v gs gate-source voltage 20 v i d drain current (continuous) at t c = 25 o c6030a i d drain current (continuous) at t c = 100 o c4221a i dm ( ) drain current (pulsed) 240 120 a p tot total dissipation at t c = 25 o c 160 50 w derating factor 1.06 0.37 w/ o c v iso insulation withstand voltage (dc) ? 2000 v dv/dt peak diode recovery voltage slope 7 v/ns t stg storage temperature -65 to 175 o c t j max. operating junction temperature 175 o c ( ) pulse width limited by safe operating area ( 1 ) i sd 60 a, di/dt 300 a/ m s, v dd v (br)dss , t j t jmax type v dss r ds(on) i d stp60ne10 STP60NE10FP 100 v 100 v < 0.022 w < 0.022 w 60 a 30 a may 1999 to-220 to-220fp 1 2 3 1 2 3 1/9
thermal data to-220 to-220fp r thj-case thermal resistance junction-case max 0.94 2.7 o c/w r thj-amb r thc-sink t l thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 62.5 0.5 300 o c/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 60 a e as single pulse avalanche energy (starting t j = 25 o c, i d = i ar , v dd = 35v) 100 mj electrical characteristics (t case = 25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 m a v gs = 0 100 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating t c = 125 o c 1 10 m a m a i gss gate-body leakage current (v ds = 0) v gs = 20 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 m a234v r ds(on) static drain-source on resistance v gs = 10v i d = 30 a 0.016 0.022 w i d(on) on state drain current v ds > i d(on) x r ds(on)max v gs = 10 v 60 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * ) forward transconductance v ds > i d(on) x r ds(on)max i d =18 a 30 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v f = 1 mhz v gs = 0 5300 640 215 pf pf pf stp60ne10/fp 2/9
electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 50 v i d = 30 a r g = 4.7 w v gs = 10 v (resistive load, see fig. 3) 28 100 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 80 v i d = 60 a v gs = 10 v 142 27 59 185 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off delay time fall time v dd = 50 v i d = 30 a r g = 4.7 w v gs = 10 v (resistive load, see fig. 3) 160 45 ns ns t r(voff) t f t c off-voltage rise time fall time cross-over time v clamp = 80 v i d = 60 a r g = 4.7 w v gs = 10 v (inductive load, see fig. 5) 40 45 85 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ) source-drain current source-drain current (pulsed) 60 240 a a v sd ( * ) forward on voltage i sd = 60 a v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 60 a di/dt = 100 a/ m s v dd = 50 v t j = 150 o c (see test circuit, fig. 5) 170 1.02 12 ns m c a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ) pulse width limited by safe operating area safe operating area for to-220 safe operating area for to-220fp stp60ne10/fp 3/9
thermal impedance for to-220 output characteristics transconductance thermal impedance forto-220fp transfer characteristics static drain-source on resistance stp60ne10/fp 4/9
gate charge vs gate-source voltage normalized gate threshold voltage vs temperature source-drain diode forward characteristics capacitance variations normalized on resistance vs temperature stp60ne10/fp 5/9
fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuits for resistive load fig. 2: unclamped inductive waveform fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times stp60ne10/fp 6/9
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c stp60ne10/fp 7/9
dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 to-220fp mechanical data stp60ne10/fp 8/9
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this pu blication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectron ics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicr oelectronics. the st logo is a trademark of stmicroelectronics ? 1999 stmicroelectronics C printed in italy C all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the neth erlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com . stp60ne10/fp 9/9


▲Up To Search▲   

 
Price & Availability of STP60NE10FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X