Part Number Hot Search : 
LMV331 NM2SOL3R 166TQC LH5499 LTC35 014AR CLA88 180MW
Product Description
Full Text Search
 

To Download PCI-1611U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features www.advantech.com/products online download 4-port rs-422/485 universal pci communication card with isolation & eft surge protection PCI-1611U pci bus specification 2.2 compliant speeds up to 921.6 kbps 4-port rs-422/485 16pci954 uarts with 128-byte fifos standard i/o address automatically assigned by pci plug & play os supported: windows ? 98/me/2000/xp/xp embedded, linux interrupt status register for increased performance space reserved for termination resistors automatic rs-485 data flow control powerful and easy to use utility (icom tools) universal pci (supports 3.3 v or 5 v pci bus signal) 2,500 v dc eft surge protection 2,000 v dc isolation protection ? ? ? ? ? ? ? ? ? ? ? ? ? specifcations general bus type universal pci v 2.2 certifications ce, fcc class a connectors 1 x db37-f dimensions 185 x 100 mm (7.3" x 3.9") power consumption 600 ma @ 5 v communications communication 16pci954 controller data bits 5, 6, 7, 8 data signals rs-422: tx+, tx-, rx+, rx-, rts+, rts-, cts+, cts-, gnd rs-485: data+, data-, gnd fifo 128 bytes flow control rts/cts, xon/xoff irq assigned by plug & play parity none, even, odd speed 50 bps ~ 921.6 kbps stop bits 1, 1.5, 2 protection esd protection 16 kv isolation protection 2,000 v dc eft surge protection 2,500 v dc ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? introduction PCI-1611U is a 4-port rs-422/485 pci communication card that is compatible with the pci 2.2 bus specification. the PCI-1611U provides many functions such as four independent rs-422/485 ports with isolation protection, high transmission speed of 921.6 kbps, and eft surge protection. PCI-1611U also comes with high-performance 16pci954 uarts with a 128-byte fifo to reduce cpu loading. these components make your system more stable and reliable. thus, the PCI-1611U is especially suitable for multitasking environments. to improve the performance of the system, the PCI-1611U allows transmission rates up to 921.6 kbps, and to further increase reliability, the PCI-1611U offers eft surge protectiontechnology, protecting your system from abrupt high voltages up to 2,500 v dc . besides, advantech also provides a convenient utility program, icom tools, to help you test the pci cards performance by analyzing the port status. the easy-to-use graphical user interface of icom tools works like a pc-based data scope that lets you set trigger conditions to capture communication data and monitor a signals status. icom tools is applicable to all series of advantech icom cards. software bundled software icom tools driver support windows 98/me/2000/xp/xp embedded, linux environment operating temperature 0 ~ 65 c (refer to iec 68-2-1, 2), (32 ~ 149 f) humidity (operating) 5 ~ 95 % relative humidity, non-condensing (refer to iec 68-2-3) storage temperature -25 ~ 85 c (-13 ~ 185 f) ordering information PCI-1611U 4-port rs-422/485 universal pci communication card, w/isolation & eft surge protection (30 cm db37 to 4 db25 cable included) PCI-1611U/9 4-port rs-422/485 universal pci communication card, w/isolation & eft surge protection (30 cm db37 to 4 db9 cable included) ? ? ? ? ? ? ?


▲Up To Search▲   

 
Price & Availability of PCI-1611U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X