Part Number Hot Search : 
MJE2955 2SB80 GSX2F M81RB 03600 FP150 D2000 110001
Product Description
Full Text Search
 

To Download NC7SZ04M5X11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  february 2011 ? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 nc7sz04 ? tinylogic ? uhs inverter nc7sz04 tinylogic ? uhs inverter features ? ultra-high speed: t pd 2.4ns (typical) into 50pf at 5v v cc ? high output drive: 24ma at 3v v cc ? broad v cc operating range: 1.65v to 5.5v ? matches performance of lcx when operated at 3.3v v cc ? power down high impedance inputs/outputs ? over-voltage tolerance input s facilitate 5v to 3v translation ? proprietary noise/emi reduction circuitry ? ultra-small micropak? packages ? space-saving sot23 and sc70 packages description the nc7sz04 is a single inverter from fairchild?s ultra- high speed (uhs) series of tinylogic?. the device is fabricated with advanced cmos technology to achieve ultra-high speed with high output drive while maintaining low static power dissi pation over a broad v cc operating range. the device is specifi ed to operate over the 1.65v to 5.5v v cc operating range. the inputs and output are high-impedance when v cc is 0v. inputs tolerate voltages up to 6v, independent of v cc operating voltage. related resources ? ms-503 ? family characteristics tinylogic ? hs/hst and uhs series ordering information part number top mark package packing method nc7sz04m5x 7z04 5-lead sot23, jedec mo -178 1.6mm 3000 units on tape & reel nc7sz04p5x z04 5-lead sc70, eiaj sc-88a, 1.25mm wide 3000 units on tape & reel nc7sz04l6x cc 6-lead micropak?, 1.00mm wide 5000 units on tape & reel nc7sz04fhx cc 6-lead, micropak2?, 1x1mm b ody, .35mm pitch 5000 units on tape & reel
? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 2 nc7sz04 ? tinylogic ? uhs inverter connection diagrams ieec/iec figure 1. logic symbol pin configurations figure 2. sc70 and sot23 (top view) figure 3. micropak? (top through view) pin definitions pin # sc70 / sot23 pin # micropak? name description 1 1,5 nc no connect 2 2 a input 3 3 gnd ground 4 4 y output 5 6 v cc supply voltage function table y= /a inputs output a y l h h l h = high logic level l = low logic level
? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 3 nc7sz04 ? tinylogic ? uhs inverter absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the devic e may not function or be operable above the recommended operating c onditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stre sses above the recommended operating conditi ons may affect device reliability. the absolute maximum ratings are stress ratings only. symbol parameter min. max. unit v cc supply voltage -0.5 6.0 v v in dc input voltage -0.5 6.0 v v out dc output voltage -0.5 6.0 v i ik dc input diode current v in < -0.5v -50 ma v in > 6.0v +20 i ok dc output diode current v out < -0.5v -50 ma v out > 6v, v cc =gnd +20 i out dc output current 50 ma i cc or i gnd dc v cc or ground current 50 ma t stg storage temperature range -65 +150 c t j junction temperature under bias +150 c t l junction lead temperature (sol dering, 10 seconds) +260 c p d power dissipation at +85c sot-23 200 mw sc70-5 150 micropak?-6 130 micropak2?-6 120 esd human body model, jedec:jesd22-a114 4000 v charge device model, jedec:jesd22-c101 2000 recommended operating conditions the recommended operating conditions table defines the conditions for actual device oper ation. recommended operating conditions are specified to ens ure optimal performance to the datasheet specificat ions. fairchild does not recommend exceeding them or designing to absolute maximum ratings. symbol parameter conditions min. max. unit v cc supply voltage oper ating 1.65 5.50 v supply voltage data re tention 1.5 5.5 v in input voltage 0 5.5 v v out output voltage 0 v cc v t a operating temperat ure -40 +85 c t r , t f input rise and fall times v cc at 1.8v, 2.5v 0.2v 0 20 ns/v v cc at 3.3v 0.3v 0 10 v cc at 5.0v 0.5v 0 5 ? ja thermal resistance sot-23 300 c/w sc70-5 425 micropak?-6 500 micropak2?-6 560 note: 1. unused inputs must be held high or low. they may not float.
? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 4 nc7sz04 ? tinylogic ? uhs inverter dc electrical characteristics symbol parameter v cc conditions t a =25c t a =-40 to 85c units min. typ. max. min. max. v ih high level input voltage 1.65 to 1.95 0.75v cc 0.75v cc v 2.30 to 5.50 0.70v cc 0.70v cc v il low level input voltage 1.65 to 1.95 0.25v cc 0.25v cc v 2.30 to 5.50 0.30v cc 0.30v cc v oh high level output voltage 1.65 v in =v il , i oh =-100a 1.55 1.65 v 1.80 1.70 1.80 1.70 2.30 2.20 2.30 2.20 3.00 2.90 3.00 2.90 4.50 4.40 4.50 4.40 1.65 i oh =-4ma 1.29 1.52 1.29 2.30 i oh =-8ma 1.90 2.15 1.90 3.00 i oh =-16ma 2.40 2.80 2.40 3.00 i oh =-24ma 2.30 2.68 2.30 4.50 i oh =-32ma 3.80 4.20 3.80 v ol low level output voltage 1.65 v in =v ih , i ol =100a 0.00 0.10 0.10 v 1.80 0.00 0.10 0.10 2.30 0.00 0.10 0.10 3.00 0.00 0.10 0.10 4.50 0.00 0.10 0.10 1.65 i ol =4ma 0.80 0.24 0.24 2.30 i ol =8ma 0.10 0.30 0.30 3.00 i ol =16ma 0.15 0.40 0.40 3.00 i ol =24ma 0.22 0.55 0.55 4.50 i ol =32ma 0.22 0.55 0.55 i in input leakage current 0 to 5.5 0 ?? v in ?? 5.5v 1 10 a i off power off leakage current 0 v in or v out =5.5v 1 10 a i cc quiescent supply current 1.65 to 5.50 v in =5.5v, gnd 2.0 20 a
? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 5 nc7sz04 ? tinylogic ? uhs inverter ac electrical characteristics symbol parameter v cc conditions t a =25c t a =-40 to 85c units figure min. typ. max. min. max. t plh , t phl propagation delay 1.65 c l =15pf, r l =1m ? 2.0 5.3 11.4 2.0 12.0 ns figure 4 figure 5 1.80 2.0 4.4 9.5 2.0 10.0 2.50 0.20 0.8 2.9 6.5 0.8 7.0 3.30 0.30 0.5 2.1 4.5 0.5 4.7 5.00 0.50 0.5 1.8 3.9 0.5 4.1 3.30 0.30 c l =50pf, r l =500 ? 1.5 2.9 5.0 1.5 5.2 5.00 0.50 0.8 2.4 4.3 0.8 4.5 c in input capacitance 0.00 4 pf c pd power dissipation capacitance (2) 3.30 20 pf figure 6 5.00 26 note: 2. c pd is defined as the value of the internal equivalent capacitance which is deriv ed from dynamic operating current consumption (i ccd ) at no output lading and operat ing at 50% duty cycle. c pd is related to i ccd dynamic operating current by the expression: i ccd =(c pd )(v cc )(f in )+(i cc static). figure 4. ac test circuit figure 5. ac waveforms note: 3. input=ac waveform; t r =t f =1.8ns; prr=10mhz; duty cycle=50%. figure 6. i ccd test circuit
? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 6 nc7sz04 ? tinylogic ? uhs inverter physical dimensions 5 1 4 3 2 land pattern recommendation b a l c 0.10 c 0.20 cab 0.60 ref 0.55 0.35 seating plane 0.25 gage plane 8 0 notes: unless othewise specified a) this package conforms to jedec mo-178, issue b, variation aa, b) all dimensions are in millimeters. 1.45 max 1.30 0.90 0.15 0.05 1.90 0.95 0.50 0.30 3.00 2.60 1.70 1.50 3.00 2.80 symm c 0.95 0.95 2.60 0.70 1.00 see detail a 0.22 0.08 c) ma05brev5 top view (0.30) figure 7. 5-lead sot 23, jedec mo-178 1.6mm package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or date on the drawi ng and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online pack aging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specification please visit fairchild semiconductor?s online packaging area for the most re cent tape and reel specifications: http://www.fairchildsemi.com/packaging/sot23-5l_tr.pdf . package designator tape section cavity number cavity status cover type status m5x leader (start end) 125 (typical) empty sealed carrier 3000 filled sealed trailer (hub end) 75 (typical) empty sealed
? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 7 nc7sz04 ? tinylogic ? uhs inverter physical dimensions figure 8. 5-lead, sc70, eiaj sc-88a, 1.25mm wide package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or date on the drawi ng and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online pack aging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specification please visit fairchild semiconductor?s online packaging area for the most re cent tape and reel specifications: http://www.fairchildsemi.com/products/analog/pdf/sc70-5_tr.pdf . package designator tape section cavity number cavity status cover type status p5x leader (start end) 125 (typical) empty sealed carrier 3000 filled sealed trailer (hub end) 75 (typical) empty sealed
? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 8 nc7sz04 ? tinylogic ? uhs inverter physical dimensions 2. dimensions are in millimeters 1. conforms to jedec standard m0-252 variation uaad 4. filename and revision: mac06arev4 notes: 3. drawing conforms to asme y14.5m-1994 top view recommened land pattern bottom view 1.45 1.00 a b 0.05 c 0.05 c 2x 2x 0.55max 0.05 c (0.49) (1) (0.75) (0.52) (0.30) 6x 1x 6x pin 1 detail a 0.075 x 45 chamfer 0.25 0.15 0.35 0.25 0.40 0.30 0.5 (0.05) 1.0 5x detail a pin 1 terminal 0.40 0.30 0.45 0.35 0.10 0.00 0.10 cba 0.05 c c 0.05 c 0.05 0.00 5x 5x 6x (0.13) 4x 6x pin 1 identifier (0.254) 5. pin one identifier is 2x length of any 5 other line in the mark code layout. figure 9. 6-lead, micropak?, 1.0mm wide package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or date on the drawi ng and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online pack aging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specification please visit fairchild semiconductor?s online packaging area for the most re cent tape and reel specifications: http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf . package designator tape section cavity number cavity status cover type status l6x leader (start end) 125 (typical) empty sealed carrier 5000 filled sealed trailer (hub end) 75 (typical) empty sealed
? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 9 nc7sz04 ? tinylogic ? uhs inverter physical dimensions 1.00 b. dimensions are in millimeters. c. dimensions and tolerances per asme y14.5m, 1994 notes: a. complies to jedec mo-252 standard 0.05 c a b 0.55max 0.05 c c 0.35 0.09 0.19 123 0.35 0.25 5x 6x detail a 0.60 (0.08) 4x (0.05) 6x 0.40 0.30 0.075x45 chamfer 5x 0.40 0.35 1x 0.45 6x 0.19 top view bottom view 0.66 0.10 cba .05 c 0.89 pin 1 0.05 c 2x 2x 1.00 d. landpattern recommendation is based on fsc e. drawing filename and revision: mgf06arev3 0.52 0.73 0.57 0.20 6x 1x 5x recommended land pattern for space cons trained pcb detail a pin 1 lead scale: 2x alternative land pattern for universal application design. 0.90 min 250um 6 54 0.35 (0.08) 4x side view figure 10. 6-lead, micropak2?, 1x1mm body, .35mm pitch package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or date on the drawi ng and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online pack aging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . tape and reel specification please visit fairchild semiconductor?s online packaging area for the most re cent tape and reel specifications: http://www.fairchildsemi.com/packaging/micropak2_6l_tr.pdf . package designator tape section cavity number cavity status cover type status fhx leader (start end) 125 (typical) empty sealed carrier 5000 filled sealed trailer (hub end) 75 (typical) empty sealed
? 1996 fairchild semiconductor corporation www.fairchildsemi.com nc7sz04 ? rev. 1.0.5 10 nc7sz04 ? tinylogic ? uhs inverter


▲Up To Search▲   

 
Price & Availability of NC7SZ04M5X11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X