Part Number Hot Search : 
U2A15 10037402 TDA8574 KWTS90B 02100 LC7462 MAC16CMG CY4602
Product Description
Full Text Search
 

To Download MC100EP221FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
     semiconductor technical data 41 rev 1 ? motorola, inc. 1996 12/94    
 
   the mc100lve111 is a low skew 1-to-9 differential driver, designed with clock distribution in mind. the mc100lve111's function and performance are similar to the popular mc100e111, with the added feature of low voltage operation. it accepts one signal input, which can be either differential or single-ended if the v bb output is used. the signal is fanned out to 9 identical differential outputs. ? 200ps part-to-part skew ? 50ps output-to-output skew ? differential design ? v bb output ? voltage and temperature compensated outputs ? low voltage v ee range of 3.0 to 3.8v ? 75k w input pulldown resistors the lve111 is specifically designed, modeled and produced with low skew as the key goal. optimal design and layout serve to minimize gate to gate skew within a device, and empirical modeling is used to determineprocess control limits that ensure consistent t pd distributions from lot to lot. the net result is a dependable, guaranteed low skew device. to ensure that the tight skew specification is met it is necessary that both sides of the differential output are terminated into 50 w , even if only one side is being used. in most applications, all nine differential pairs will be used and therefore terminated. in the case where fewer than nine pairs are used, it is necessary to terminate at least the output pairs on the same package side as the pair(s) being used on that side, in order to maintain minimum skew. failure to do this will result in small degradations of propagation delay (on the order of 1020ps) of the output(s) being used which, while not being catastrophic to most designs, will mean a loss of skew margin. the mc100lve111, as with most other ecl devices, can be operated from a positive v cc supply in pecl mode. this allows the lve111 to be used for high performance clock distribution in +3.3v systems. designers can take advantage of the lve111's performance to distribute low skew clocks across the backplane or the board. in a pecl environment, series or thevenin line terminations are typically used as they require no additional power supplies. for systems incorporating gtl, parallel termination offers the lowest power by taking advantage of the 1.2v supply as a terminating voltage. for more information on using pecl, designers should refer to motorola application note an1406/d.  
 low-voltage 1:9 differential ecl/pecl clock driver fn suffix plastic package case 776-02
mc100lve111 motorola eclinps and eclinps lite dl140 e rev 3 42 1 56 7891011 25 24 23 22 21 20 19 26 27 28 2 3 4 18 17 16 15 14 13 12 v ee nc in v cc in v bb nc q 3 q 3 q 4 v cco q 4 q 5 q 5 pinout: 28-lead plcc (top view) q 0 q 0 q 1 v cco q 1 q 2 q 2 q 8 q 7 q 6 q 8 v cco q 7 q 6 pin names function differential input pair differential outputs v bb output pins in, in q 0 , q 0 q 8 , q 8 v bb in in logic symbol q 0 q 0 q 1 q 1 q 2 q 2 q 3 q 3 q 4 q 4 q 5 q 5 q 6 q 6 q 7 q 7 q 8 q 8 v bb
mc100lve111 43 motorola eclinps and eclinps lite dl140 e rev 3 ecl dc characteristics 40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1.025 0.955 0.880 1.025 0.955 0.880 1.025 0.955 0.880 1.025 0.955 0.880 v v ol output low voltage 1.810 1.705 1.620 1.810 1.705 1.620 1.810 1.705 1.620 1.810 1.705 1.620 v v ih input high voltage 1.165 0.880 1.165 0.880 1.165 0.880 1.165 0.880 v v il input low voltage 1.810 1.475 1.810 1.475 1.810 1.475 1.810 1.475 v v bb output reference voltage 1.38 1.26 1.38 1.26 1.38 1.26 1.38 1.26 v v ee power supply voltage 3.0 3.8 3.0 3.8 3.0 3.8 3.0 3.8 v i ih input high current 150 150 150 150 m a i ee power supply current 55 66 55 66 55 66 65 78 ma pecl dc characteristics 40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 2.275 2.345 2.420 2.275 2.345 2.420 2.275 2.345 2.420 2.275 2.345 2.420 v v ol output low voltage 1 1.490 1.595 1.680 1.490 1.595 1.680 1.490 1.595 1.680 1.490 1.595 1.680 v v ih input high voltage 1 2.135 2.420 2.135 2.420 2.135 2.420 2.135 2.420 v v il input low voltage 1 1.490 1.825 1.490 1.825 1.490 1.825 1.490 1.825 v v bb output reference volt- age 1 1.92 2.04 1.92 2.04 1.92 2.04 1.92 2.04 v v cc power supply voltage 3.0 3.8 3.0 3.8 3.0 3.8 3.0 3.8 v i ih input high current 150 150 150 150 m a i ee power supply current 55 66 55 66 55 66 65 78 ma 1. these values are for v cc = 3.3v. level specifications will vary 1:1 with v cc . ac characteristics (v ee = v ee (min) to v ee (max); v cc = v cco = gnd) 40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit condition t plh t phl propagation delay to output in (differential) in (single-ended) 400 350 650 700 435 385 625 675 440 390 630 680 445 395 635 685 ps note 1 note 2 t skew within-device skew part-to-part skew (diff) 50 250 50 200 50 200 50 200 ps note 3 v pp minimum input swing 500 500 500 500 mv note 4 v cmr common mode range 1.5 0.4 1.5 0.4 1.5 0.4 1.5 0.4 v note 5 t r /t f output rise/fall time 200 600 200 600 200 600 200 600 ps 20%80% 1. the differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the differential output signals. see definitions and testing of eclinps ac parameters in chapter 1 (page 112) of the motorola high performance ecl data book (dl140/d). 2. the single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal. see definitions and testing of eclinps ac parameters in chapter 1 (page 112) of the motorola high performance ecl data book (d l140/d). 3. the within-device skew is defined as the worst case difference between any two similar delay paths within a single device. 4. v pp (min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. the v pp (min) is ac limited for the e111 as a differential input as low as 50 mv will still produce full ecl levels at the output. 5. v cmr is defined as the range within which the v ih level may vary, with the device still meeting the propagation delay specification. the v il level must be such that the peak to peak voltage is less than 1.0 v and greater than or equal to v pp (min).
mc100lve111 motorola eclinps and eclinps lite dl140 e rev 3 44 outline dimensions fn suffix plastic package case 776-02 issue d g1 a b c e f g h j k r u v w x y z g1 k1 z1 min min max max millimeters inches dim 12.32 12.32 4.20 2.29 0.33 0.66 0.51 0.64 11.43 11.43 1.07 1.07 1.07 e 2 10.42 1.02 2 12.57 12.57 4.57 2.79 0.48 0.81 e e 11.58 11.58 1.21 1.21 1.42 0.50 10 10.92 e 10 0.485 0.485 0.165 0.090 0.013 0.026 0.020 0.025 0.450 0.450 0.042 0.042 0.042 e 2 0.410 0.040 2 0.495 0.495 0.180 0.110 0.019 0.032 e e 0.456 0.456 0.048 0.048 0.056 0.020 10 0.430 e 10 1.27 bsc 0.050 bsc notes: 1. due to space limitation, case 776-02 shall be represented by a general (smaller) case outline drawing rather than showing all 28 leads. 2. datums -l-, -m-, -n-, and -p- determined where top of lead shoulder exit plastic body at mold parting line. 3. dim g1, true position to be measured at datum -t-, seating plane. 4. dim r and u do not include mold protrusion. allowable mold protrusion is 0.25 (0.010) per side. 5. dimensioning and tolerancing per ansi y14.5m, 1982. 6. controlling dimension: inch. 7. 776-01 is obsolete, new standard 776-02. -n- y brk d d w -m- -l- -p- 28 1 v 28 leads actual detail s b u z1 g1 x view d-d h k1 k f detail s g c z a r e 0.10 (0.004) seating plane -t- 0.18 (0.007) m t s n s l p s m s 0.18 (0.007) m t s n s l p s m s s s ss 0.25 (0.010) m tn l p m s s ss 0.18 (0.007) m tl n m p s s ss 0.18 (0.007) m tl n m p s s ss 0.25 (0.010) t l n m p s s ss 0.18 (0.007) m tl n m p s s ss 0.18 (0.007) m tn l p m s s ss s s ss 0.18 (0.007) m tl n m p 0.18 (0.007) m tn l p m j s
mc100lve111 45 motorola eclinps and eclinps lite dl140 e rev 3 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 20912; phoenix, arizona 85036. 18004412447 or 6023035454 3142 tatsumi kotoku, tokyo 135, japan. 038135218315 mfax : rmfax0@email.sps.mot.com t ouchtone 6022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok r oad, tai po, n.t., hong kong. 85226629298 mc100lve111/d  
 ?


▲Up To Search▲   

 
Price & Availability of MC100EP221FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X