Part Number Hot Search : 
HT37A70 39F1G SRC12 D211ERU MAT02 D133D XN6537 4762A
Product Description
Full Text Search
 

To Download MBRB3030CTT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2003 may, 2003 - rev. 4 1 publication order number: mbrb3030ct/d mbrb3030ct preferred device switchmode ? power rectifier using the schottky barrier principle with a proprietary barrier metal. these state-of-the-art devices have the following features: ? guardring for stress protection ? maximum die size ? 150 c operating junction temperature ? short heat sink tab manufactured - not sheared mechanical characteristics: ? case: epoxy, molded, epoxy meets ul94, vo ? weight: 1.7 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? available in 24 mm tape and reel, 800 units per 13o reel by adding a t4o suffix to the part number ? marking: b3030 ? device meets msl1 requirements ? esd ratings: machine model, c (>400 v) human body model, 3b (>8000 v) maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v average rectified forward current (at rated v r , t c = 134 c) per device per leg i f(av) 30 15 a peak repetitive forward current (at rated v r , square wave, 20 khz, t c = +137 c) per leg i frm 30 a non-repetitive peak surge current (surge applied at rated load conditions, halfwave, single phase, 60 hz) i fsm 200 a peak repetitive reverse surge current (2.0  s, 1.0 khz) i rrm 2.0 a storage temperature range t stg -55 to +150 c operating junction temperature t j -55 to +150 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s reverse energy (unclamped inductive surge) (inductance = 3 mh, t c = 25 c) w 100 mj device package shipping ordering information mbrb3030ct d 2 pak d 2 pak case 418b style 3 50/rail 3 4 1 schottky barrier rectifier 30 amperes 30 volts 1 3 4 preferred devices are recommended choices for future use and best overall value. MBRB3030CTT4 d 2 pak 800/tape & reel marking diagram b3030 b3030 = device code http://onsemi.com
mbrb3030ct http://onsemi.com 2 thermal characteristics (per leg) characteristic symbol value unit thermal resistance e junction to case e junction to ambient (note 1.) r q jc r q ja 1.0 50 c/w electrical characteristics (per leg) maximum instantaneous forward voltage (note 2.), per leg (i f = 15 amps, t c = +25 c) (i f = 15 amps, t c = +150 c) (i f = 30 amps, t c = +25 c) (i f = 30 amps, t c = +150 c) v f 0.54 0.47 0.67 0.66 volts maximum instantaneous reverse current (note 2.), per leg (rated dc voltage, t c = +25 c) (reverse voltage = 10 v, t c = +150 c) (rated dc voltage, t c = +150 c) i r 0.6 46 145 ma 1. when mounted using minimum recommended pad size on fr-4 board. 2. pulse test: pulse width = 300 m s, duty cycle 2.0%.
mbrb3030ct http://onsemi.com 3 electrical characteristics v r , reverse voltage (v) 600 10 c, capacitance (pf) 1 typical t j = 25 c maximum 800 1000 3000 5000 0.1 1 10 100 0 10 -6 0.1 1 10 100 i r , reverse current (a) figure 1. maximum forward voltage, per leg figure 2. typical forward voltage, per leg figure 3. maximum reverse current, per leg 1.0 0.01 0.001 10 -4 10 -5 30 25 15 10 figure 4. typical reverse current, per leg 1.0 0.1 0.01 10 -4 10 -5 10 -6 30 25 10 0 i r , reverse current (a) 20 5 20 15 5 i f 0.1 0.001 i f , instantaneous forward current (a) , instantaneous forward current (a) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 v f , instantaneous voltage (volts) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 ?? 25 c v f , instantaneous voltage (v) v r , reverse voltage (v) v r , reverse voltage (v) ??? ??? 100 c ???? t j = 150 c ?? 25 c ?? ?? 100 c ??? t j = 150 c ??? 25 c ??? ??? 100 c ??? ??? t j = 150 c ??? ??? 25 c ?? 100 c ???? ???? t j = 150 c figure 5. capacitance
mbrb3030ct http://onsemi.com 4 typical characteristics i f(av) , average forward current (a) 15 10 5 0 15 p f(av) , average forward power dissipation (w) 20 25 dc 10 10 05 20 t j = 150 c p (resistive load) square wave t a , ambient temperature ( c) i f(av) , average forward current (a) 10 0 150 100 050 square wave p (resistive load) 10 20 dc r q ja = 50 c/w t a , ambient temperature ( c) 5 0 50 i f(av) , average forward current (a) 100 dc 10 20 square wave 150 r q ja = 25 c/w i pk i av = 5.0 (capacitive load) t c , case temperature ( c) 30 20 10 0 140 130 120 i f(av) , average forward current (a) 135 125 150 10 20 dc i pk i av = 5.0 (capacitive load) figure 6. current derating, infinite heatsink figure 7. current derating figure 8. current derating, free air figure 9. forward power dissipation 4 2 155 145 15 10 0 square wave p (resistive load) r q jc = 1 c/w p (resistive load) 8 6 i pk i av = 5.0 (capacitive load) i pk i av = 5.0 (capacitive load) figure 10. thermal response t, time (ms) 1.0 0.1 0.01 100 0.1 r(t), effective transient thermal 10 1.0 1000 single pulse resistance (normalized) p pk p pk t p t 1 time duty cycle, d = t p /t 1 peak power, p pk , is peak of an equivalent square power pulse. d t jl = p pk ? r q jl [d + (1 - d) ? r(t 1 + t p ) + r(t p ) - r(t 1 )] where d t jl = the increase in junction temperature above the lead temperature r(t) = normalized value of transient thermal resistance at time, t, for example, r(t) = r(t 1 + t p ) = normalized value of transient thermal resistance at time, t 1 + t p .
mbrb3030ct http://onsemi.com 5 information for using the d 2 pak surface mount package minimum recommended footprints for surface mounted applications surface mount board layout is a critical portion of the total design. the footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. with the correct pad geometry, the packages will self align when subjected to a solder reflow process. mm inches 0.33 8.38 0.04 1.016 0.67 17.02 0.42 10.66 0.12 3.05 0.24 6.096 d 2 pak power dissipation the power dissipation of the d 2 pak is a function of the drain pad size. this can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. power dissipation for a surface mount device is determined by t j(max) , the maximum rated junction temperature of the die, r q ja , the thermal resistance from the device junction to ambient; and the operating temperature, t a . using the values provided on the data sheet for the d 2 pak package, p d can be calculated as follows: p d = t j(max) - t a r q ja the values for the equation are found in the maximum ratings table on the data sheet. substituting these values into the equation for an ambient temperature t a of 25 c, one can calculate the power dissipation of the device which in this case is 2.5 watts. p d = 150 c - 25 c = 2.5 watts 50 c/w the 50 c/w for the d 2 pak package assumes the recommended drain pad area of 158k mil 2 on fr-4 glass epoxy printed circuit board to achieve a power dissipation of 2.5 watts using the footprint shown. another alternative is to use a ceramic substrate or an aluminum core board such as thermal clad ? . by using an aluminum core board material such as thermal clad, the power dissipation can be doubled using the same footprint. general soldering precautions the melting temperature of solder is higher than the rated temperature of the device. when the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. ? always preheat the device. ? the delta temperature between the preheat and soldering should be 100 c or less.* ? when preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. when using infrared heating with the reflow soldering method, the difference shall be a maximum of 10 c. ? the soldering temperature and time shall not exceed 260 c for more than 5 seconds. ? when shifting from preheating to soldering, the maximum temperature gradient shall be 5 c or less. ? after soldering has been completed, the device should be allowed to cool naturally for at least three minutes. gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. ? mechanical stress or shock should not be applied during cooling * * soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. * * due to shadowing and the inability to set the wave height to incorporate other surface mount components, the d 2 pak is not recommended for wave soldering.
mbrb3030ct http://onsemi.com 6 recommended profile for reflow soldering for any given circuit board, there will be a group of control settings that will give the desired heat pattern. the operator must set temperatures for several heating zones, and a figure for belt speed. taken together, these control settings make up a heating profileo for that particular circuit board. on machines controlled by a computer, the computer remembers these profiles from one operating session to the next. figure 11 shows a typical heating profile for use when soldering the d 2 pak to a printed circuit board. this profile will vary among soldering systems but it is a good starting point. factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. this profile shows temperature versus time. the line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. the two profiles are based on a high density and a low density board. the vitronics smd310 convection/infrared reflow soldering system was used to generate this profile. the type of solder used was 62/36/2 tin lead silver with a melting point between 177-189 c. when this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. the components on the board are then heated by conduction. the circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints. step 1 preheat zone 1 ramp" step 2 vent soak" step 3 heating zones 2 & 5 ramp" step 4 heating zones 3 & 6 soak" step 5 heating zones 4 & 7 spike" step 6 vent step 7 cooling 200 c 150 c 100 c 50 c time (3 to 7 minutes total) t max solder is liquid for 40 to 80 seconds (depending on mass of assembly) 205 to 219 c peak at solder joint desired curve for low mass assemblies desired curve for high mass assemblies 100 c 150 c 160 c 170 c 140 c figure 11. typical solder heating profile
mbrb3030ct http://onsemi.com 7 package dimensions style 3: pin 1. anode 2. cathode 3. anode 4. cathode seating plane s g d -t- m 0.13 (0.005) t 23 1 4 3 pl k j h v e c a dim min max min max millimeters inches a 0.340 0.380 8.64 9.65 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.83 d 0.020 0.035 0.51 0.89 e 0.045 0.055 1.14 1.40 g 0.100 bsc 2.54 bsc h 0.080 0.110 2.03 2.79 j 0.018 0.025 0.46 0.64 k 0.090 0.110 2.29 2.79 s 0.575 0.625 14.60 15.88 v 0.045 0.055 1.14 1.40 -b- m b w w notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 418b-01 thru 418b-03 obsolete, new standard 418b-04. f 0.310 0.350 7.87 8.89 l 0.052 0.072 1.32 1.83 m 0.280 0.320 7.11 8.13 n 0.197 ref 5.00 ref p 0.079 ref 2.00 ref r 0.039 ref 0.99 ref m l f m l f m l f variable configuration zone r n p u view w-w view w-w view w-w 123 d 2 pak case 418b-04 issue h
mbrb3030ct http://onsemi.com 8 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. typicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including typicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 2-9-1 kamimeguro, meguro-ku, tokyo, japan 153-0051 phone : 81-3-5773-3850 on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mbrb3030ct/d switchmode is a trademark of semiconductor components industries, llc. thermal clad is a trademark of the bergquist company. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303-675-2175 or 800-344-3860 toll free usa/canada fax : 303-675-2176 or 800-344-3867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 800-282-9855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MBRB3030CTT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X