Part Number Hot Search : 
AT24C256 BTA412 32CAB FSB502 ON2128 OMS510 BU24591 00393
Product Description
Full Text Search
 

To Download MA10704 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 publication date: august 2001 skh00013aed schottky barrier diodes (sbd) ma2j704 (MA10704) silicon epitaxial planar type for super high speed switching  features ? i f(av) = 200 ma rectification is possible ? small reverse current i r . (about 1/10 of i r of the ordinary products) ? s-mini type 2-pin package  absolute maximum ratings t a = 25 c parameter symbol rating unit reverse voltage (dc) v r 20 v repetitive peak reverse-voltage v rrm 20 v peak forward current i fm 300 ma average forward current i f(av) 200 ma non-repetitive peak forward- i fsm 1a surge-current * junction temperature t j 125 c storage temperature t stg ? 55 to + 125 c marking symbol: 2s parameter symbol conditions min typ max unit reverse current (dc) i r1 v r = 10 v 2 a i r2 v r = 20 v 5 forward voltage (dc) v f i f = 200 ma 0.55 v terminal capacitance c t v r = 0 v, f = 1 mhz 30 pf reverse recovery time * t rr i f = i r = 100 ma 3.0 ns i rr = 10 ma , r l = 100 ?  electrical characteristics t a = 25 c bias application unit n-50bu 90% pulse generator (pg-10n) r s = 50 ? wave form analyzer (sas-8130) r i = 50 ? t p = 2 s t r = 0.35 ns = 0.05 i f = 100 ma i r = 100 ma r l = 100 ? 10% input pulse output pulse i rr = 10 ma t r t p t rr v r i f t t a unit: mm 1 : anode 2 : cathode eiaj : sc-90a smini2-f1 package 5 5 1.25 0.1 0.7 0.1 2.5 0.2 1.7 0.1 0.4 0.1 0 to 0.1 (0.15) 0.16 0.5 0.1 1 2 +0.1 ?0.06 0.35 0.1 0 to 0.1 note) 1. this product is sensitive to electric shock (static electricity, etc.). due attention must be paid on the charge of a hu man body and the leakage of current from the operating equipment. 2. rated input/output frequency: 1 ghz 3. * : t rr measuring instrument note) * : the peak-to-peak value in one cycle of 50 hz sine wave (non-repetitive) note) the part number in the parenthesis shows conventional part number.
2 ma2j704 skh00013aed i f ? v f i r ? v r c t ? v r 10 ? 4 0 0.1 0.2 0.3 0.4 0.5 0.6 10 ? 3 10 ? 2 10 ? 1 1 10 forward voltage v f ( v ) forward current i f ( a ) t a = 125 c 75 c 25 c 10 ? 7 0 5 10 15 20 25 30 10 ? 6 10 ? 5 10 ? 4 10 ? 3 10 ? 2 reverse voltage v r ( v ) reverse current i r ( a ) t a = 125 c 75 c 25 c 0 10 20 30 40 0 5 10 15 20 25 30 reverse voltage v r ( v ) terminal capacitance c t ( pf )
please read the following notes before using the datasheets a. these materials are intended as a reference to assist customers with the selection of panasonic semiconductor products best suited to their applications. due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. b. panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. therefore, panasonic will not assume any liability for any damages arising from any errors etc. that may ap- pear in this material. c. these materials are solely intended for a customer's individual use. therefore, without the prior written approval of panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the internet or in any other way, is prohibited. request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese govern- ment if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative character- istics and applied circuit examples of the products. it does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) the products described in this material are intended to be used for standard applications or gen- eral electronic equipment (such as office equipment, communications equipment, measuring in- struments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. at the final stage of your design, purchas- ing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) when using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) no part of this material may be reprinted or reproduced by any means without written permission from our company. 2001 mar


▲Up To Search▲   

 
Price & Availability of MA10704

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X