Part Number Hot Search : 
RCM2122R SMBJ12A FD1000 B5117 EM6K34 B240010 PC100 GTT3585
Product Description
Full Text Search
 

To Download KTA1276 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2000. 5. 13 1/2 semiconductor technical data KTA1276 epitaxial planar pnp transistor revision no : 1 general purpose application. features  good linearity of h fe .  complementary to ktc3230. maximum rating (ta=25 1 ) dim millimeters 1. base 2. collector (heat sink) 3. emitter to-220ab 10.30 max 15.30 max 0.80 3.60 0.20 3.00 6.70 max 13.60 0.50 5.60 max 0.50 1.50 max 2.54 4.70 max 2.60 a b c d e f g h j k l m n o p a e mm 123 f b g h l c k j o n p d 1.37 max 1.50 max r s q c t q1.50 r 9.50 0.20 s 8.00 0.20 t 2.90 max + _ + _ + _ + _ electrical characteristics (ta=25 1 ) note : h fe (1) classification o:70~140, y:120~240 characteristic symbol rating unit collector-base voltage v cbo -30 v collector-emitter voltage v ceo -30 v emitter-base voltage v ebo -5 v collector current i c -3 a emitter current i e 3 a collector power dissipation (tc=25 1 ) p c 10 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-20v, i e =0 - - -1.0  a emitter cut-off current i ebo v eb =-5v, i c =0 - - -1.0  a collector-emitter breakdown voltage v (br)ceo i c =-10ma, i b =0 -30 - - v emitter base breakdown voltage v (br)ebo i e =-1ma, i c =0 -5 - - v dc current gain h fe (1) (note) v ce =-2v, i c =-0.5a 70 - 240 h fe (2) v ce =-2v, i c =-2.5a 25 - - collector-emitter saturation voltage v ce(sat) i c =-2a, i b =-0.2a - -0.3 -0.8 v base-emitter voltage v be v ce =-2v, i c =-0.5a - -0.75 -1.0 v transition frequency f t v ce =-2v, i c =-0.5a - 100 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 40 - pf
2000. 5. 13 2/2 KTA1276 revision no : 1 ambient temperature ta ( c) total power dissipation p (w) 050 t 2 10 100 150 4 6 8 infi n it e he a t sin k without heat sink collector current i (a) c -0.1 collector-emitter voltage v (v) ce safe operating area -1 -100 -0.1 -1 -3 -10 10 s 1ms 1 0ms dc oper a t i on tc=25 c *single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature i max.(plused) c i max. c (continuous) ce v =-2.0v 100 60 -0.01 h - i c collector current i (a) -0.001 -0.1 -1 -10 30 1 dc current gain h fe 300 1k fe c base saturation voltage v (v) collector current i (a) -0.001 -0.01 -0.1 c -10 -1 be(sat) -0.003 -0.03 -0.1 -0.3 -1 -3 -10 collector saturation voltage v (v) ce(sat) v ce(sat) be(sat) v i /i =10 c b collector current i (a) gain bandwidth product f (mhz) 1 -0.01 3 10 300 100 30 1k -0.03 -0.1 c -0.3 -1 t v =-5.0v ce collector base voltage v (v) f =1.0mhz t output capacitance c (pf) -1 1 10 3 30 100 300 ob -10 -3 cb -30 -60 -6 6 60 collector current i (a) -1.2 -0.4 -0.8 -20 i =-1ma collector emitter volatge v (v) -8 0-4 -4 -12 -5 -6 -16 ce -3 b -2 -1.6 -2.0 c -7 -8 -9 -10 f - i t c p - t c a i - v c ce v - i , v - i ce(sat) c be(sat) c c - v ob cb 3 6 10 -0.001 -0.01 1k 600 -100 -10 -0.01


▲Up To Search▲   

 
Price & Availability of KTA1276

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X