Part Number Hot Search : 
1C681 QS5U13 KIA7427 330M166 00DT1 BR3510 N6121 N79E8221
Product Description
Full Text Search
 

To Download KK74LV373DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data kk74lv373 octal d-type transparent latch; 3-state ordering information kk 74lv373n plastic kk 74lv373dw soic t a = -40 t o 125 c for all packages the kk 74lv373 is a low-voltage si-gate cmos devise and is pin and funct i on com p at i b l e wi t h 74hc t 373. the kk 74lv373 is an octal d-type transparent latch featuring separate d-type inputs for each latch and 3-state outputs for bus oriented appl i cat i ons. a l a t c h enabl e (le) i nput and an out put enabl e (oe) i nput are co m m o n to all in tem a l latch e s. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 1.2 t o 3.6 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices logic diagram oe 01 q 0 02 d 0 03 d 1 04 q 1 05 q 2 06 d 2 07 d 3 08 q 3 09 19 18 17 16 15 14 13 12 11 d 7 d 6 q 6 q 5 d 5 d 4 q 4 le q 7 pin 20=v cc pin 10 = gnd pin assignment 373 oe 01 q 0 02 d 0 03 d 1 04 q 1 05 q 2 06 d 2 07 d 3 08 q 3 09 gnd 10 20 19 18 17 16 15 14 13 12 11 d 7 d 6 q 6 q 5 d 5 d 4 q 4 le v cc q 7 function table input s o u t put o e l e d n q n l h h h l h l l l l x q o h x x z x = don?t care z = hi gh i m pedance off-st at e l = lo w v o ltag e lev e l h= high voltage level 1
kk74lv373 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge -0.5 t o +5.0 v i ik * 1 dc i nput di ode current 20 ma i ok * 2 dc out put di ode current 50 ma io* 3 dc out put source or si nk current -bus dri v er out put s 35 ma i gnd dc v cc or gnd current for ty pes with - bus dri v er out put s 70 ma i cc dc v cc or gnd current for ty pes with - bus dri v er out put s 70 ma p d power di ssi pat i on per paskade, pl ast i c dip+ soic package+ 750 500 mw tst g st orage t e m p erat ure -65 t o +150 c t l lead t e m p erat ure, 1.5 m m from c a se for 10 seconds (plastic dip ), 0.3 m m (soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 12 m w / c from 70 t o 125 c soic package: : - 8 m w / c from 70 t o 125 c *1: v i < -0.5 or v i > v cc +0.5v *2: vo < -0.5 or vo > v cc +0.5v *3: -0.5v < vo < v cc +0.5v recommended operating conditions s y m b o l p a r a m e t e r m i n m a x u n i t v cc dc suppl y vol t a ge 1.2 3.6 v v in , v out dc input vol t a ge, out put vol t a ge 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -40 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) v cc =1.2 v v cc =2.0 v v cc =3.0 v v cc =3.6 v 0 0 0 1000 700 500 400 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
kk74lv373 dc electrical characteristics s y m b o l p a r a m e t e r test conditions v cc , guaranteed limit unit 25 q c -40 q c t 85 q c -40 q c t 125 q c m i n m ax min max min max v ih high l e vel i nput vol t a ge v o = v cc -0.1 1.2 2.0 3.0 3.6 0.9 1.4 2.1 2.5 - - - - 0.9 1.4 2.1 2.5 - - - - 0.9 1.4 2.1 2.5 - - - - v il low l e vel i nput vol t a ge v o =0.1 1 . 2 2.0 3.0 3.6 - - - - 0.3 0.6 0.9 1.1 - - - - 0.3 0.6 0.9 1.1 - - - - 0.3 0.6 0.9 1.1 v oh high level out put vol t a ge; al l out put s v i = v ih or v il i o = -50 ?? 1.2 2.0 3.0 3.6 1.1 1.92 2.92 3.52 - - - - 1.0 1.9 2.9 3.5 - - - - 1.0 1.9 2.9 3.5 - - - - h i g h l e v e l out put vol t a ge; bus dri v er out put s v i = v ih or v il i o = -8.0 ? 3.0 2 .48 - 2 . 3 4 - 2 . 2 0 - b v ol low - l e vel out put v o ltag e ; all out put s v i = v ih or v il i o = 50 ?? 1.2 2.0 3.0 3.6 - - - - 0.09 0.09 0.09 0.09 - - - - 0.1 0.1 0.1 0.1 - - - - 0.1 0.1 0.1 0.1 b l o w - l e vel out put vol t a ge; bus dri v er out put s v i = v ih or v il i o = 8.0 ? 3.0 - 0 . 3 3 - 0.4 - 0 . 5 b i in input l eakage current v i = v cc or gnd 3.6 - r 0.1 - r 1.0 - r 1.0 ?? i oz 3-st at e out put off-state current v i = v il or v ih v o =v cc or gnd 1.2 3.6 - r 0.5 - r 5 - r 10 ?? i cc gui e scent suppl y current; m s i v i =v cc or 0 b i o = 0 ?? 3.6 - 8 . 0 - 80 - 1 6 0 ?? 3
kk74lv373 ac electrical characteristics (c l =50 , t lh = t hl = 6.0 ? , v il =0b, v ih =v cc ) s y m b o l p a r a m e t e r v cc guaranteed limit unit v 25 q c -40 q c t 85 q c -40 q c t 125 q c m i n m a x min max min max t phl, t plh dn qn propagat i on del a y dn to qn 1.2 2.0 3.0 - - - 150 38 23 - - - 190 48 29 - - - 220 58 35 ns t phl, t plh le qn propagat i on del a y le to qn 1.2 2.0 3.0 - - - 180 45 27 - - - 230 56 34 - - - 270 68 41 t phz, t plz oe qn 3-st at e out put enabl e tim e oe to qn 1.2 2.0 3.0 - - - 160 35 23 - - - 200 43 28 - - - 240 45 32 t pzh, t pzl oe qn 3-st at e out put di sabl e t i m e oe to qn 1.2 2.0 3.0 - - - 160 40 24 - - - 200 50 30 - - - 240 60 36 t thl, t tlh ou tp u t tran sitio n tim e 1.2 2.0 3.0 - - - 75 16 10 - - - 100 20 13 - - - 120 24 15 t w le pul se wi dt h hing 1.2 2.0 3.0 250 30 18 - - - 350 34 24 - - - 450 41 24 - - - t su ho ld tim e dn to le 1.2 2.0 3.0 45 15 9 - - - 50 17 10 - - - 100 15 12 - - - t h ho ld tim e dn to le 1.2 2.0 3.0 25 5 5 - - - 25 5 5 - - - 25 5 5 - - - c i input capaci t a nce 3.0 - 7 . 0 - 7 . 0 - 7 . 0 p f typical @25 q c,v cc =3.0 v c pd power di ssi pat i on capacitance per latch 80 pf used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v 2 cc fi + | (c l v 2 cc f 0 ) where: f i = i nput freguercy i n m h z; c l = o u t p u t lo ad cap acity in p f ; f 0 = out put freguercy i n m h z; v cc = suppl y vol t a ge i n v; | (c l v 2 cc f 0 ) = sum of out put s. 4
kk74lv373 0.9 v 1 0.1 0.9 v 1 0.1 0.9 v 1 0.1 0.9 v 1 0.1 t lh t hl t phl t plh t tlh t thl v cc gnd dn v 1 = 0.5v cc qn 0 b 0.9 v 1 0.1 0.9 v 1 0.1 0.9 v 1 0.1 t lh t phl t plh t tlh t thl v cc gnd le v 1 = 0.5v cc qn v 1 0 b v 1 t w fi gure 1. sw i t chi n g waveforms fi gure 2. sw i t chi n g waveforms 0.9 v 1 0.1 0.9 v 1 0.1 t lh t hl v cc gnd oe v 1 0.9 0.1 v 1 t pzh t pzl t phz t plz qn qn v oh 0 b v cc v ol v 1 = 0.5v cc v 1 v cc gnd le v 1 v 1 v 1 v 1 v 1 t su t su t h t h dn v cc gnd v 1 = 0.5v cc fi gure 3. sw i t chi n g waveforms fi gure 4. sw i t chi n g waveforms expanded logic diagram 5
kk74lv373 n s u f f i x p l as t i c d i p (m s - 0 0 1 a d) sy m b o l m i n m a x a 24. 8 9 26. 92 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 3 a c) sy m b o l m i n m a x a 12. 6 1 3 b 7. 4 7 . 6 c 2. 35 2. 65 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h no t e s : j 0 8 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r pr o t r u s i on . k 0. 1 0 . 3 2. m a x i m u m m o l d fl a s h o r p r o t ru s i o n 0 . 1 5 m m (0 . 0 0 6 ) p e r s i d e m 0. 23 0. 32 f o r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . p 10 10. 65 r 0. 25 0. 75 d i me n s i o n , mm 1. 27 9. 53 d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0.2 5 ( 0 . 0 1 0 ) m t -t - 1 20 10 11 l h m j a b f g d se a t i n g pl an e n k 0.2 5 ( 0 . 010) m t -t - c 1 20 10 11 6


▲Up To Search▲   

 
Price & Availability of KK74LV373DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X