Part Number Hot Search : 
PD200 D45C3 33287 E220K SK231 30001 02201 P6KE11A
Product Description
Full Text Search
 

To Download KC5032C-C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmos/ 1.8v/ 5.0 3.2mm clock oscillators surface mount type KC5032C-C1 series (k30-1c series) rohs compliant features ? miniature ceramic package ? highly reliable with seam welding ? cmos output ? supply voltage v cc = 1.8v lower voltage available ? 25 10 - 6 , 20 10 - 6 available table 1 freq. tol. operating temperature range ( c) note code 10 - 6 0 50 - 10 to + 70 standard specifications s 30 with only certain frequencies u 25 w 20 f 100 - 40 to + 85 g 50 how to order kc5032c 25.0000 c 1 0 e 00 type (5.0 3.2mm smd) output frequency output type (cmos) supply voltage (1.8v) frequency tolerance (see table 1)  symmetry/ inh function (45/ 55%, stand-by)  customer special model suffix (std specification is 00)  packaging (tape & reel 1000 pcs./ reel) specifications item symbol conditions min. max. units output frequency range fo 1.8 39.99 mhz frequency tolerance f _tol initial tolerance, operating temperature range, rated power supply voltage change, load change, aging (1 year @25 c), shock and vibration op. temp.: - 40 to + 85 c - 100 + 100 10 - 6 op. temp.: - 10 to + 70 c/ - 40 to + 85 c - 50 + 50 op. temp.: - 10 to + 70 c - 30 + 30 op. temp.: - 10 to + 70 c - 25 + 25 op. temp.: - 10 to + 70 c - 20 + 20 storage temperature range t _stg - 55 + 125 c operating temperature range t _use standard specifications - 10 + 70 c extend (option) - 40 + 85 max. supply voltage - 0.5 + 3.6 v supply voltage v cc freq. tol.code: 0, s, f + 1.71 + 1.89 v freq. tol.code: u, g, w + 1.75 + 1.85 current consumption (maximum loaded) i cc 1.8 fo 25mhz 3 ma 25 < fo 39.99mhz 4 stand-by current i _std 10 a symmetry sym @50% v cc 45 55 % rise/ fall time (10% v cc to 90% v cc maximum loaded) tr/ tf 9 ns low level output voltage v ol i ol = 2.8ma 10% v cc v high level output voltage v oh i oh =- 2.8ma 90% v cc v cmos load l_cmos cmos output 15 pf input voltage range v in 0 v cc v low level input voltage v il 30% v cc v high level input voltage v ih 70% v cc v disable time t _dis 150 ns enable time t _ena 5 ms start-up time t _str @minimum operating voltage to be 0 sec. 10 ms 1 sigma jitter j sigma measured with wavecrest dts-2079 visi 6.3.1 8 ps peak to peak jitter j pk-pk 80 ps note: all electrical characteristics are defined at the maximum load and operating temperature range. please contact us for inquiry about operating temperature range, available frequencies and other conditions. dimensions (unit: mm) recommended land pattern (unit: mm) 5.0 3.2 2.9 1.2 1.0 0.8 1.2 0.7 2.5 plating: ni +au tolerance: 0.2 pad connections #1 inh #2 case gnd #3 output  #4 v cc inh function pad1 pad3 (output) open active "h" level active "l" level high z (no-oscillation) #1 #2 #3 #4 note: a capacitor of value 0.01 f between v cc and gnd is recommended. 2.5 1.4 2.2 1.6


▲Up To Search▲   

 
Price & Availability of KC5032C-C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X