Part Number Hot Search : 
UF2JA BLF20 70PFT 00M16 OSY5PA 0C102 MM74HC STF3060C
Product Description
Full Text Search
 

To Download IR2121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? gate drive supply range from 12 to 18v ? undervoltage lockout ? current detection and limiting loop to limit driven power transistor current ? error lead indicates fault conditions and programs shutdown time ? output in phase with input ? 2.5v, 5v and 15v input logic compatible description the IR2121 is a high speed power mosfet and igbt driver with over-current limiting protection cir- cuitry. latch immune cmos technology enables rug- gedized monolithic construction. logic inputs are compatible with standard cmos or lsttl outputs, down to 2.5v logic. the output driver features a high pulse current buffer stage designed for mini- mum cross-conduction. the protection circuitry de- tects over-current in the driven power transistor and limits the gate drive voltage. cycle-by-cycle shut- down is programmed by an external capacitor which directly controls the time interval between detection data sheet no. pd60018 - l current limiting low side driver product summary v offset 5v max. i o +/- 1a / 2a v out 12 - 18v v csth 230 mv t on/off (typ.) 150 & 150 ns package typical connection 8-lead pdip v cc v cc cs out v s com in err to load v cc in IR2121 www.irf.com 1 (refer to lead assignments for correct pin configuration). this/these diagram(s) show electrical connections only. please refer to our application notes and designtips for proper circuit board layout. of the over-current limiting condition and latched shutdown. the output can be used to drive an n-channel power mosfet or igbt in the low side configuration.
IR2121 2 www.irf.com parameter value symbol definition min. max. units v cc fixed supply v oltage -0.3 25 v s gate drive return voltage v cc - 25 v cc + 0.3 v o output voltage v s - 0.3 v cc + 0.3 v in logic input voltage -0.3 v cc + 0.3 v err error signal voltage -0.3 v cc + 0.3 v cs current sense voltage v s - 0.3 v cc + 0.3 p d package power dissipation @ t a +25 c ? 1.0 w rth ja thermal resistance, junction to ambient ? 125 c/w t j junction temperature ? 150 t s storage temperature -55 150 c t l lead temperature (soldering, 10 seconds) ? 300 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage param- eters are absolute voltages referenced to com. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. parameter value symbol definition min. max. units v cc fixed supply voltage v s + 12 v s + 18 v s gate drive return voltage -5 5 v o output voltage v s v cc v in logic input voltage 0 v cc v err error signal voltage 0 v cc v cs current sense signal voltage v s v cc t a ambient temperature -40 125 c recommended operating conditions the input/output logic timing diagram is shown in figure 1. for proper operation the device should be used within the recommended conditions. the v s offset rating is tested with all supplies biased at 15v differential. v v
IR2121 www.irf.com 3 parameter value symbol definition figure min. typ. max. units test conditions t on turn-on propagation delay 7 ? 150 200 t off turn-off propagation delay 8 ? 200 250 t sd err shutdown propagation delay 9 ? 1.7 2.2 s t r turn-on rise time 10 ? 43 60 t f turn-off fall time 11 ? 26 35 t cs cs shutdown propagation delay 12 ? 0.7 1.2 t err cs to err pull-up propagation delay 13 ? 9.0 12 c err = 270 pf dynamic electrical characteristics v bias (v cc ) = 15v, c l = 3300 pf and t a = 25 c unless otherwise specified. the dynamic electrical characteristics are defined in figures 2 through 5. parameter value symbol definition figure min. typ. max. units test conditions v ih logic ?1? input voltage 14 2.2 ? ? v il logic ?0? input voltage 15 ? ? 0.8 v csth+ cs input positive going threshold 16 150 230 320 v csth- cs input negative going threshold 17 130 210 300 v oh high level output voltage, v bias - v o 18 ? ? 100 i o = 0a v ol low level output voltage, v o 19 ? ? 100 i o = 0a i qcc quiescent v cc supply current 20 ? 1.1 2.2 ma v in = v cs = 0v or 5v i in+ logic ?1? input bias current 21 ? 4.5 10 v in = 5v i in- logic ?0? input bias current 22 ? ? 1.0 v in = 0v i cs+ ?high? cs bias current 23 ? 4.5 10 v cs = 3v or 5v i cs- ?low? cs bias current 24 ? ? 1.0 v cs = 0v v ccuv+ v cc supply undervoltage positive going 25 8.3 8.9 9.6 threshold v ccuv- v cc supply undervoltage negative going 26 7.3 8.0 8.7 threshold i err err timing charge current 27 65 100 130 v in = 5v, v cs = 3v err < v err+ i err+ err pull-up current 28 8.0 15 ? v in = 5v, v cs = 3v err > v err+ i err- err pull-down current 29 16 30 ? v in = 0v i o+ output high short circuit pulsed current 30 1.0 1.6 ? v o = 0v, v in = 5v pw 10 s i o- output low short circuit pulsed current 31 2.0 3.3 ? v o = 15v, v in = 0v pw 10 s static electrical characteristics v bias (v cc ) = 15v and t a = 25 c unless otherwise specified. the v in , v th and i in parameters are referenced to com. the v o and i o parameters are referenced to v s . ns ns s v a ma a v a mv v in = 0 & 5v
IR2121 4 www.irf.com lead definitions lead symbol description v cc logic and gate drive supply in logic input for gate driver output (out), in phase with out err serves multiple functions; status reporting, linear mode timing and cycle by cycle logic shutdown com logic ground out gate drive output v s gate drive supply return cs current sense input to current sense comparator functional block diagram lead assignments 8 lead pdip v cc in err com 1.8v uv detect error timing pre driver 500 ns blank v cc out v s cs 1.8v amplifer - + 0.23v buffer comparator
IR2121 www.irf.com 5 figure 3. switching time waveform definitions figure 4. err shutdown waveform definitions figure 1. input/output timing diagram figure 2. switching time test circuit figure 5. cs shutdown waveform definitions figure 6. cs to err waveform definitions err cs in out in t r t on t f t off out 50% 50% 90% 90% 10% 10% cs t cs out 50% 90% cs t cs ho 50% 90% dt c dv i c 1.8v 100 ua err = = cs t err err 50% 50% 1.8v dt
IR2121 6 www.irf.com figure 8a. turn-off time vs. temperature figure 8b. turn-off time vs. voltage figure 7a. turn-on time vs. temperature figure 7b. turn-on time vs. voltage figure 9b. err to output shutdown vs. voltage figure 9a. err to output shutdown vs. temperature 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 temperature (c) turn-on delay time (ns) max. typ. 0 100 200 300 400 500 10 12 14 16 18 20 v bias supply voltage (v) turn-on time (ns) max. typ. 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 temperature (c) turn-off delay time (ns) max. typ. 0 100 200 300 400 500 10 12 14 16 18 20 v bias supply voltage (v) turn-off time (ns) max. typ. 0.00 1.00 2.00 3.00 4.00 5.00 -50 -25 0 25 50 75 100 125 temperature (c) err to output shutdown delay time (s) max. typ. 0.00 1.00 2.00 3.00 4.00 5.00 10 12 14 16 18 20 v bias supply voltage (v) err to output shutdown delay time (s) max. typ.
IR2121 www.irf.com 7 figure 11a. turn-off fall time vs. temperature figure 11b. turn-off fall time vs. voltage figure 10a. turn-on rise time vs. temperature figure 10b. turn-on rise time vs. voltage figure 12a. cs to output shutdown vs. temperature figure 12b. cs to output shutdown vs. voltage 0 20 40 60 80 100 -50 -25 0 25 50 75 100 125 temperature (c) turn-on rise time (ns) max. typ. 0 20 40 60 80 100 10 12 14 16 18 20 v bias supply voltage (v) turn-on rise time (ns) max. typ. 0 20 40 60 80 100 -50 -25 0 25 50 75 100 125 temperature (c) turn-off fall time (ns) max. typ. 0 20 40 60 80 100 10 12 14 16 18 20 v bias supply voltage (v) turn-off fall time (ns) max. typ. 0.00 0.40 0.80 1.20 1.60 2.00 -50 -25 0 25 50 75 100 125 temperature (c) cs to output shutdown delay time (s) max. typ. 0.00 0.40 0.80 1.20 1.60 2.00 10 12 14 16 18 20 v bias supply voltage (v) cs to output shutdown delay time (s) max. typ.
IR2121 8 www.irf.com figure 14a. logic ?1? input threshold vs. temperature figure 14b. logic ?1? input threshold vs. voltage figure 13b. cs to err pull-up vs. voltage figure 13a. cs to err pull-up vs. temperature figure 15a. logic ?0? input threshold vs. temperature figure 15b. logic ?0? input threshold vs. voltage 0.00 1.00 2.00 3.00 4.00 5.00 -50 -25 0 25 50 75 100 125 temperature (c) logic "1" input threshold (v) min. 0.00 1.00 2.00 3.00 4.00 5.00 10 12 14 16 18 20 v cc logic supply voltage (v) logic "1" input threshold (v) min. 0.00 1.00 2.00 3.00 4.00 5.00 -50 -25 0 25 50 75 100 125 temperature (c) logic "0" input threshold (v) max. 0.00 1.00 2.00 3.00 4.00 5.00 10 12 14 16 18 20 v cc logic supply voltage (v) logic "0" input threshold (v) max. 0.0 4.0 8.0 12.0 16.0 20.0 10 12 14 16 18 20 v bias supply voltage (v) cs to err pull-up delay time (s) max. typ. 0.0 4.0 8.0 12.0 16.0 20.0 -50 -25 0 25 50 75 100 125 temperature (c) cs to err pull-up delay time (s) max. typ.
IR2121 www.irf.com 9 figure 17a. cs input threshold (-) vs. temperature figure 17b. cs input threshold (-) vs. voltage figure 16a. cs input threshold (+) vs. temperature figure 16b. cs input threshold (+) vs. voltage figure 18a. high level output vs. temperature figure 18b. high level output vs. voltage 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 temperature (c) cs input positive going threshold (mv) min. typ. max. 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 temperature (c) cs input negative going threshold (mv) max. typ. min. 0 100 200 300 400 500 10 12 14 16 18 20 v bs floating supply voltage (v) cs input negative going threshold (mv) min. typ. max. 0.00 0.20 0.40 0.60 0.80 1.00 -50 -25 0 25 50 75 100 125 temperature (c) high level output voltage (v) max. 0.00 0.20 0.40 0.60 0.80 1.00 10 12 14 16 18 20 v bs floating supply voltage (v) high level output voltage (v) max. 0 100 200 300 400 500 10 12 14 16 18 20 v bs floating supply voltage (v) cs input positive going threshold (mv) min. typ. max.
IR2121 10 www.irf.com figure 19a. low level output vs. temperature figure 19b. low level output vs. voltage figure 21a. logic ?1? input current vs. temperature figure 21b. logic ?1? input current vs. voltage figure 20a. v cc supply current vs. temperature figure 20b. v cc supply current vs. voltage 0.00 0.20 0.40 0.60 0.80 1.00 -50 -25 0 25 50 75 100 125 temperature (c) low level output voltage (v) max. 0.00 0.20 0.40 0.60 0.80 1.00 10 12 14 16 18 20 v bs floating supply voltage (v) low level output voltage (v) max. 0.00 1.00 2.00 3.00 4.00 5.00 10 12 14 16 18 20 v cc supply voltage (v) v cc supply current (ma) max. typ. 0.00 1.00 2.00 3.00 4.00 5.00 -50 -25 0 25 50 75 100 125 temperature (c) v cc supply current (ma) max. typ. 0 5 10 15 20 25 10 12 14 16 18 20 v cc logic supply voltage (v) logic "1" input bias current (a) max. typ. 0 5 10 15 20 25 -50 -25 0 25 50 75 100 125 temperature (c) logic "1" input bias current (a) max. typ.
IR2121 www.irf.com 11 figure 22a. logic ?0? input current vs. temperature figure 22b. logic ?0? input current vs. voltage figure 24a. ?low? cs bias current vs. temperature figure 24b. ?low? cs bias current vs. voltage figure 23a. ?high? cs bias current vs. temperature figure 23b. ?high? cs bias current vs. voltage 0.00 1.00 2.00 3.00 4.00 5.00 -50 -25 0 25 50 75 100 125 temperature (c) logic "0" input bias current (a) max. 0.00 1.00 2.00 3.00 4.00 5.00 10 12 14 16 18 20 v cc logic supply voltage (v) logic "0" input bias current (a) max. 0.0 5.0 10.0 15.0 20.0 25.0 -50 -25 0 25 50 75 100 125 temperature (c) "high" cs bias current (a) max. typ. 0.0 5.0 10.0 15.0 20.0 25.0 10 12 14 16 18 20 v bs floating supply voltage (v) "high" cs bias current (a) max. typ. 0.00 1.00 2.00 3.00 4.00 5.00 10 12 14 16 18 20 v bs floating supply voltage (v) "low" cs bias current (a) max. 0.00 1.00 2.00 3.00 4.00 5.00 -50 -25 0 25 50 75 100 125 temperature (c) "low" cs bias current (a) max.
IR2121 12 www.irf.com figure 27a. err timing charge current vs. temperature figure 27b. err timing charge current vs. voltage figure 25. v cc undervoltage (+) vs. temperature figure 26. v cc undervoltage (-) vs. temperature figure 28a. err pull-up current vs. temperature figure 28b. err pull-up current vs. voltage 0.0 5.0 10.0 15.0 20.0 25.0 -50 -25 0 25 50 75 100 125 temperature (c) err pull-up current (ma) ty p. min. 0.0 5.0 10.0 15.0 20.0 25.0 10 12 14 16 18 20 v cc logic supply voltage (v) err pull-up current (ma) min. typ. 6.0 7.0 8.0 9.0 10.0 11.0 -50 -25 0 25 50 75 100 125 temperature (c) v cc undervoltage lockout + (v) max. typ. min. 6.0 7.0 8.0 9.0 10.0 11.0 -50 -25 0 25 50 75 100 125 temperature (c) v cc undervoltage lockout - (v) max. typ. min. 0 50 100 150 200 250 10 12 14 16 18 20 v cc logic supply voltage (v) err timing charge current (a) min. typ. max. 0 50 100 150 200 250 -50 -25 0 25 50 75 100 125 temperature (c) err timing charge current (a) max. typ. min.
IR2121 www.irf.com 13 0 10 20 30 40 50 -50-25 0 25 50 75100125 temperature (c) err pull-down current (ma) ty p. min. figure 30a. output source current vs.temperature figure 30b. output source current vs. voltage figure 29a. err pull-down current vs.temperature figure 31a. output sink current vs.temperature figure 31b. output sink current vs. voltage 0 10 20 30 40 50 10 12 14 16 18 20 v cc logic supply voltage (v) err pull-down current (ma) max. ty p. figure 29b. err pull-down current vs. voltage 0.00 0.50 1.00 1.50 2.00 2.50 -50 -25 0 25 50 75 100 125 temperature (c) output source current (a) typ. min. 0.00 1.00 2.00 3.00 4.00 5.00 10 12 14 16 18 20 v bs floating supply voltage (v) output sink current (a) min. typ. 0.00 1.00 2.00 3.00 4.00 5.00 -50 -25 0 25 50 75 100 125 temperature (c) output sink current (a) typ. min. 0.00 0.50 1.00 1.50 2.00 2.50 10 12 14 16 18 20 v bs floating supply voltage (v) output source current (a) min. typ.
IR2121 14 www.irf.com figure 32a. turn-on time vs. input voltage figure 32b. turn-off time vs. input voltage figure 33. maximum v s negative offset vs. supply voltage -15.00 -12.00 -9.00 -6.00 -3.00 0.00 10 12 14 16 18 20 v bs floating supply voltage (v) v s offset supply voltage (v) typ. 0 50 100 150 200 250 300 02468101214161820 input voltage (v) turn-on delay time (ns) 0 50 100 150 200 250 300 0 2 4 6 8 10121416182 0 max . t yp . input voltage (v) turn-off delay time (ns)
IR2121 www.irf.com 15 ir world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 data and specifications subject to change without notice. 10/6/2003 01-6014 01-3003 01 (ms-001ab) 8-lead pdip case outline


▲Up To Search▲   

 
Price & Availability of IR2121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X