Part Number Hot Search : 
IH5151 M075F 50178 5KP100CA T321010 XO54BE59 TA123 H8863
Product Description
Full Text Search
 

To Download IDT74LVC125APY8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74lvc125a 3.3v cmos quadruple bus buffer gate with 3-state outputs 1 may 2004 industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. ?2004 integrated device technology, inc. dsc-4557/2 features: ? 0.5 micron cmos technology ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ?v cc = 3.3v 0.3v, normal range ?v cc = 2.7v to 3.6v, extended range ? cmos power levels (0.4 w typ. static) ? rail-to-rail output swing for increased noise margin ? all inputs, outputs, and i/os are 5v tolerant ? supports hot insertion ? available in soic and tssop packages functional block diagram drive features: ? high output drivers: 24ma ? reduced system switching noise applications: ? 5v and 3.3v mixed voltage systems ? data communication and telecommunication systems idt74lvc125a description: the lvc125a quadruple bus buffer gate is built using advanced dual metal cmos technology. the lvc125a features independent line drivers with 3-state outputs. each output is disabled when the associated output- enable ( oe ) input is high. to ensure the high impedance state during power up or power down, oe should be tied to vcc through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. inputs can be driven from either 3.3v or 5v devices. this feature allows the use of this device as a translator in a mixed 3.3v/5v system environment. the lvc125a has been designed with a 24ma output driver. this driver is capable of driving a moderate to heavy load while maintaining speed performance. 3.3v cmos quadruple bus buffer gate with 3-state outputs and 5 volt tolerant i/o 1 a 2 oe 1 2 4 5 3 6 1 y 2 a 2 y 3 a 4 oe 10 9 13 12 8 11 3 y 4 a 4 y 1 oe 3 oe
industrial temperature range 2 idt74lvc125a 3.3v cmos quadruple bus buffer gate with 3-state outputs note: 1. as applicable to the device type. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 4.5 6 pf c out output capacitance v out = 0v 5.5 8 pf c i/o i/o port capacitance v in = 0v 6.5 8 pf capacitance (t a = +25c, f = 1.0mhz) symbol description max unit v term terminal voltage with respect to gnd ?0.5 to +6.5 v t stg storage temperature ?65 to +150 c i out dc output current ?50 to +50 ma i ik continuous clamp current, ?50 ma i ok v i < 0 or v o < 0 i cc continuous current through each 100 ma i ss v cc or gnd absolute maximum ratings (1) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. pin configuration pin description pin names description x oe output-enable inputs (active low) x a data inputs x y 3-state outputs soic/ tssop top view function table (each buffer) (1) note: 1. h = high voltage level l = low voltage level x = don't care z = high-impedance inputs outputs x oe xa xy lhh lll hxz 1 oe 1 a 1 y 2 oe 2 a 2 y gnd 2 3 4 5 6 7 8 9 10 11 12 13 14 1 v cc 4 a 3 a 3 y 4 y 4 oe 3 oe
industrial temperature range idt74lvc125a 3.3v cmos quadruple bus buffer gate with 3-state outputs 3 symbol parameter test conditions min. typ. (1) max. unit v ih input high voltage level v cc = 2.3v to 2.7v 1.7 ? ? v v cc = 2.7v to 3.6v 2 ? ? v il input low voltage level v cc = 2.3v to 2.7v ? ? 0.7 v v cc = 2.7v to 3.6v ? ? 0.8 i ih input leakage current v cc = 3.6v v i = 0 to 5.5v ? ? 5a i il i ozh high impedance output current v cc = 3.6v v o = 0 to 5.5v ? ? 10 a i ozl (3-state output pins) i off input/output power off leakage v cc = 0v, v in or v o 5.5v ? ? 50 a v ik clamp diode voltage v cc = 2.3v, i in = ?18ma ? ?0.7 ?1.2 v v h input hysteresis v cc = 3.3v ? 100 ? mv i ccl quiescent power supply current v cc = 3.6v, v in = gnd or v cc ?? 10a i cch i ccz ? i cc quiescent power supply current one input at v cc - 0.6v, other inputs at v cc or gnd ? ? 500 a variation dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating condition: t a = ?40c to +85c note: 1. typical values are at v cc = 3.3v, +25c ambient. note: 1. v ih and v il must be within the min. or max. range shown in the dc electrical characteristics over operating range table for the appropriat e v cc range. t a = ? 40c to + 85c. output drive characteristics symbol parameter test conditions (1) min. max. unit v oh output high voltage v cc = 2.3v to 3.6v i oh = ? 0.1ma v cc ? 0.2 ? v v cc = 2.3v i oh = ? 6ma 2 ? v cc = 2.3v i oh = ? 12ma 1.7 ? v cc = 2.7v 2.2 ? v cc = 3v 2.4 ? v cc = 3v i oh = ? 24ma 2.2 ? v ol output low voltage v cc = 2.3v to 3.6v i ol = 0.1ma ? 0.2 v v cc = 2.3v i ol = 6ma ? 0.4 i ol = 12ma ? 0.7 v cc = 2.7v i ol = 12ma ? 0.4 v cc = 3v i ol = 24ma ? 0.55
industrial temperature range 4 idt74lvc125a 3.3v cmos quadruple bus buffer gate with 3-state outputs operating characteristics, t a = 25c v cc = 2.5v0.2v v cc = 3.3v0.3v symbol parameter test conditions typical typical unit c pd power dissipation capacitance per gate c l = 0pf, f = 10mhz 11.3 15 pf switching characteristics (1) v cc = 2.5v 0.2v v cc = 2.7v v cc = 3.3v 0.3v symbol parameter min. max. min. max. min. max. unit t plh propagation delay 1 6.3 ? 5.5 1 4.8 ns t phl xa to xy t pzh output enable time 1 7.4 ? 6.6 1 5.4 ns t pzl x oe to xy t phz output disable time 1 5.6 ? 5 1 4.6 ns t plz x oe to xy t sk (o) output skew (2) ?????1ns notes: 1. see test circuits and waveforms. t a = ? 40c to + 85c. 2 skew between any two outputs of the same package and switching in the same direction.
industrial temperature range idt74lvc125a 3.3v cmos quadruple bus buffer gate with 3-state outputs 5 open v load gnd v cc pulse generator d.u.t. 500 ? 500 ? c l r t v in v out (1, 2) lvc quad link input v ih 0v v oh v ol t plh1 t sk (x) output 1 output 2 t phl1 t sk (x) t plh2 t phl2 v t v t v oh v t v ol t sk (x) = t plh2 - t plh1 or t phl2 - t phl1 lvc quad link data input 0v 0v 0v 0v t rem timing input asynchronous control synchronous control t su t h t su t h v ih v t v ih v t v ih v t v ih v t low-high-low pulse high-low-high pulse v t t w same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v t v ih v t v t v ih v t control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v hz lvc quad link lvc quad link lvc quad link lvc quad link test circuits and waveforms propagation delay test circuit for all outputs set-up, hold, and release times notes: 1. for t sk (o) output1 and output2 are any two outputs. 2. for t sk (b) output1 and output2 are in the same bank. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. pulse generator for all pulses: rate 10mhz; t f 2ns; t r 2ns. 2. pulse generator for all pulses: rate 10mhz; t f 2.5ns; t r 2.5ns. output skew - t sk ( x ) pulse width symbol v cc (1) = 2.5v0.2v v cc (2) = 3.3v0.3v & 2.7v unit v load 2 x vcc 6 v v ih vcc 2.7 v v t vcc / 2 1.5 v v lz 150 300 mv v hz 150 300 mv c l 30 50 pf test conditions switch position test switch open drain disable low v load enable low disable high gnd enable high all other tests open note: 1. diagram shown for input control enable-low and input control disable-high. enable and disable times
industrial temperature range 6 idt74lvc125a 3.3v cmos quadruple bus buffer gate with 3-state outputs ordering information corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 logichelp@idt.com santa clara, ca 95054 fax: 408-492-8674 (408) 654-6459 www.idt.com idt xx lvc xxxx xx package device type temp. range dc pg 74 small outline ic thin shrink small outline package quaduple bus buffer gate with 3-state outputs, 24ma ?40c to +85c 125a


▲Up To Search▲   

 
Price & Availability of IDT74LVC125APY8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X