Part Number Hot Search : 
KBJ10005 AD557 CS842 GC032 DDZX9705 8109B EPB5208G GLU82N10
Product Description
Full Text Search
 

To Download GMB-H61 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all product specifications are subject to change without notice last updated : 27-aug-2012 features ? supports intel ? celeron desktop cpu-g540 with h61 express chipset ? intel ? lga 1155 socket support. ? two 204-pin sodimm sockets support up to 16gb ddr3 1333/1066 sdram ? intel ? hd graphic support directx 10.1 and open gl 3.0 ? multiple display i/o supports versatile dual display functions: vga, lvds, dvi ? realtek alc892 support 5.1channel hd audio ? 1 pci-e x4 gen.2, 1 mini pci-e ? 8 usb 2.0 , 6 com, 3 sataii, dual lan GMB-H61 intel ? h61 mini-itx motherboard introduction the GMB-H61 is a intel ? embedded platform. with mini-itx form factor, GMB-H61 supports dual displays for fexible output combinations. it also reserved one mini pcie slot and one pcie x4 slot to provide for fexible applications. a full feature set of i/o and coms (8x usb 2.0, 6x com port, dual lan, 3 sata ii) makes an ideal replacement for your existing solution. specifcations processor system apu intel ? celeron g540 processor core number 2 max .speed 2.5 ghz l3 cache 2 mb power consumption 65 w package lga 1155 fusion controller hub intel h61 system memory technology ddr3 1066 (non-ecc support) socket 2x sodimm 204 pin/single channel max. capacity 16 gb expansion slot pcie x4 slot (gen2) 1 slot mini pci Ce 1 slot integrated 2d/3d display integrated graphic controller intel ? hd graphics dual display vga+lvds, vga+dvi, lvds+dvi vga onboard, supports up to 2048 x 1536 (@ 75 hz) dvi onboard, dvi-d , supports up to 1920 x 1200 lvds onboard, 24-bit lvds, supports up to 1920 x 1200 lvds backlight yes, through internal lvds backlight connector i/o mio 4com rs-232 (internal) , 2 com rs-232(rear) , 3 sata ii, 1 dvi, 1 vga ,1 lvds, 1 lvds backlight, 1ps/2 keyboard & mouse usb 8 usb 2.0 (6rear, 2 internal) gpio 8-bit general purpose i/o for 4-bit di and 4-bit do gigabit ethernet lan1 realtek rtl8111e gigabit ethernet lan2 realtek rtl8111e gigabit ethernet bios bios ami efi 32mb spi rom audio audio codec realtek acl892, 5.1 channel hd audio audio interface line-out, mic-in, front audio header other functions super i/o chipset nuvoton nct6776f h/w status monitor monitoring temperature, voltage and cooling fan status, auto throttling control when cpu overheats power state s1, s3, s4, s5 watchdog timer reset: 1~255 sec/min per step wake up on lan or ring lan (wol, pxe) power power type atx (support at mode) power requirement +3.3 v +5 v +12 v -12 v 5 vsb 4.5 a 10 a 21 a 0.3 a 2 a power connector 1 24-pin atx power connector 1 4-pin atx 12v power connector environment dimension 170 x 170 mm (6.69" x 6.69") operating temperature 0 ~ 60 c (32 ~ 140 f) operating humidity 0% to 90% relative humidity, non-condensing weight 0.88 lbs (0.4 kg)
www.advantech.com/products online download block diagram GMB-H61 design & manufacturing services odm products are designed for customers it consistent order and specic design reuirements odm products are suect to minimum annual order uantities and engineering carges valuation units are availale itout suc restrictions dvantec as a dedicated proect team to serve odm customers for sales inuiries and furter information please contact gamingadvanteccomt i/o ear i/o ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? kb/mouse line-out vga 2 lan 2 usb 2 com dvi-d 4 usb mic-in intel lga 1155 celeron g540 processor intel h61 pci-e x 4 slot audio dvi-d lvds realtek alc892 ddr3 1066 mhz pci-e hd audio vga rgb asmedia asm1442 ddpc sata ii 3 ports sata ii spi rom 4 rs-232 ports fintek f81216ad lpt header nuvoton nct6776f 1 rs-232 ports, fan control, h/w monitors 8-bit gpio 1 lpt port spi lpc ps/2 chrontel ch7511b ddpd fdi dmi 20gb/s channel a ddr3 1066 mhz channel a lan1 (realtek 8111e) pci-e x 1 mini pci-e usb 2.0 usb 2 ports usb 2.0 usb 4 ports usb 2.0 lan2 (realtek 8111e) pci-e x 1 nxp cbtl0204abq pci-e x 1 usb 2 ports 1 ps/2 kb/ms usb 2.0


▲Up To Search▲   

 
Price & Availability of GMB-H61

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X