Part Number Hot Search : 
OP4008B CY14B 408RT4FI IBAADS 1N387907 TP3D227 TDA1386 TA7698
Product Description
Full Text Search
 

To Download GMB-A75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all product specifications are subject to change without notice last updated : 24-aug-2012 features ? amd r-series dual/quad core platform ? max. 6 display with micro-atx single board ? integrated amd radeon? hd 7000 series gpu for 4 display ? built-in sm 750 gpu to support extension 2 display ? extended up to 2 pciex16 slot ? system memory up to 16 gb (ddr3) ? comprehensive i/o: 2 x rj45, 10 x usb (2.0/3.0), 8 x com, 3 x vga, 3 x dvi-d, cf card, and audio GMB-A75 amd ? r-series micro-atx motherboard introduction the GMB-A75 is a complete amd embedded platform. the 35w apu is integrated radeon? hd 7000 series gpu and support dual/quad core processor. with micro-atx form factor, GMB-A75 supports 6 displays for fexible output combinations. we also provide 2 pciex16 slot to meet vary extension display requirements. a full feature set of i/o and coms (maximum 10x usb 2.0/3.0, 8x com port, and 1x cf slot) is an ideal replacement of your existing solution. GMB-A75 is your best choice of multiple display applications in gaming, amusement, signage, advertisement, kiosk, retail and surveillance markets. specifcations processor system apu r-464l 2.3 ghz r-460h 1.9 ghz r-272f 2.7 ghz r-268d 2.5 ghz core number 4 4 2 2 l2 cache 2 mb x2 2mb x2 1mb 1mb power consumption tdp 35 w package fs1r2 (pga) fusion controller hub amd a75 system memory technology ddr3 1066/1333/1600 (non-ecc support) socket 2 x udimm 240 pin/dual channel max. capacity 16 gb (8 gb/per dimm) expansion slot pci 1 slot pcie x1 (gen2)* 1 slot (through pcie x16 slot) pcie x8 (gen2)* 1 slot (through pcie x16 slot) integrated 2d/3d display integrated graphic controller amd radeon? gpus (radeon? hd 7000 series), support dx11, uvd3 hw decoder h.264, vc-1, mpeg-2, divx 3d feature direct x ? 11, open cl? 1.1, opengl 4.2 dvi-d x 3, supports up to 1920 x 1200 @ 60 hz vga x 1, supports up to 1920 x 1200 @ 60 hz dual display extend and clone mode extension 2d display (optional) integrated graphic controller silicon motion sm750 2d feature 128-bit 2d graphic engine vga x 2, from pin header type supports up to 1920 x 1440 @ 60 hz dual display extend and clone mode gigabit ethernet chip realtek rtl8111e (lan1 and lan2) gigabit ethernet controller interface rj-45 x 2 boot from lan yes bios bios core ami 4mb spi security hdd password yes (optional) real i/o dvi-d 3 x 24-pin female d-sub connector vga 1 x 15pin dsub connector usb 2 x type-a connectors with usb2.0 2 x type-a connectors with usb3.0 /usb2.0 lan 2 x rj-45 audio triple stack hd audio jack internal i/o com 8 port, 2 x 10 pin header (2.0 mm) usb 6 port, 5 x 2 pin header (2.54 mm) , usb 2.0 support sata 2 x sata connector (support satadom power pin with jumper) 1 x sata pwr connector (1 x 5pin; 12 v/5 v/3.3 v) pci-express 2 pcie x16 slot pci 1 pci slot compact flash 1 cf card connector amd embedded solutions r - series apu
www.advantech.com/products online download usb 2.0/3.0 usb 2.0 GMB-A75 design & manufacturing services odm products are designed for customers with consistent order and specifc design requirements. odm products are subject to minimum annual order quantities and engineering charges. evaluation units are available without such restrictions. advantech has a dedicated project team to serve odm customers. for sales inquiries and further information, please contact: gaming@advantech.com.tw ordering information part number chipset memory extension display dvi-d vga usb com gbe lan a75 non-ecc smi 750 3 3 10 8 2 a75 non-ecc w/o smi 750 3 1 10 8 2 packing list part number description quantity com port cable 4 vga cable 1 1703150102 sata power cable 1 sata cable 2 i/o port bracket 1 startup manual 1 optional accessories part number description 1700002204 dual port usb cable (27 cm) with bracket 1960055684n00 35w cpu cooler block diagram up ga 722p 35x35 m m realtek giga lan rtl8111e conn. rj45 usb3.0 x2 conn. vga dvi-d conn conn. rj45 usb2.0 x2 realtek giga lan rtl8111e header usb x2 header vga header vga header usb x2 header usb x2 b ga 656p 24. 5x24. 5 m m fch h uds on- d 3 a 75 gfx x8 ddriii channel a ddriii channel b a md a p u f s 1r2 soc ke t dvi-d pcie gfx x8 pcie gfx x8 sw sw gfx (12~15) dp dvi-d x4 umi-link usb 3. 0 x 2 usb2. 0 x 8 pci hda spi h e adpho n e ou t li n e_ o u t mic o ut sata serial p o rt serial p o rt serial p o rt usb 2. 0 x 2 sata sata lpc pcie hdmi gfx x8 pcie mdi mdi hd audio codec alc886/892 co-lay tpm lpc to uart f81216 sio controller w83627uhg flash rom udimm slot a ddr3 udimm slot b ddr3 explore ep94z1e sm750 sata conn sata conn pci slot cf card marvell 88sa8052ai fan header com3~4 header com1~2 header com5~6 header com7~8 specifcations cont. power power requirement (max.) +12 v +5 v +3.3 v 5 vsb 12 a 10.5 a 12.5 a 1 a power type atx (supports at mode) power connector 1 x 24-pin atx power connector 1 x 4-pin atx 12v power connector environment dimension 244 x 244 mm operating temperature 0 ~ 60 c storage temperature -20 ~ 80 c *GMB-A75 could support two pcie x8 with jumper setting but there will only 3 display output available (2 dvi-d + 1 vga)


▲Up To Search▲   

 
Price & Availability of GMB-A75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X